Part Number Hot Search : 
5KP24 F6501 ATMEGA88 AD7581KN 6ESK7 C1005 2SA1943 TDA8929
Product Description
Full Text Search
 

To Download CD4053BMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4051BMS, CD4052BMS CD4053BMS
December 1992
CMOS Analog Multiplexers/Demultiplexers*
Description
CD4051BMS, CD4052BMS and CD4053BMS analog multiplexers/demultiplexers are digitally controlled analog switches having low ON impedance and very low OFF leakage current. Control of analog signals up to 20V peak-topeak can be achieved by digital signal amplitudes of 4.5V to 20V (if VDD-VSS = 3V, a VDD-VEE of up to 13V can be controlled; for VDD-VEE level differences above 13V, a VDDVSS of at least 4.5V is required). For example, if VDD = +4.5V, VSS = 0, and VEE = -13.5V, analog signals from 13.5V to +4.5V can be controlled by digital inputs of 0 to 5V. These multiplexer circuits dissipate extremely low quiescent power over the full VDD-VSS and VDD-VEE supply voltage ranges, independent of the logic state of the control signals. When a logic "1" is present at the inhibit input terminal all channels are off. The CD4051BMS is a single 8 channel multiplexer having three binary control inputs, A, B, and C, and an inhibit input. The three binary signals select 1 of 8 channels to be turned on, and connect one of the 8 inputs to the output. The CD4052BMS is a differential 4 channel multiplexer having two binary control inputs, A and B, and an inhibit input. The two binary input signals select 1 of 4 pairs of channels to be turned on and connect the analog inputs to the outputs. The CD4053BMS is a triple 2 channel multiplexer having three separate digital control inputs, A, B, and C, and an inhibit input. Each control input selects one of a pair of channels which are connected in a single pole double-throw configuration. The CD4051BMS, CD4052BMS and CD4053BMS are supplied in these 16 lead outline packages: Braze Seal DIP Frit Seal DIP Ceramic Flatpack *CD4051B Only *H4X H1E H6W CD4052B, CD4053 Only H4T
Features
* Logic Level Conversion * High-Voltage Types (20V Rating) * CD4051BMS Signal 8-Channel * CD4052BMS Differential 4-Channel * CD4053BMS Triple 2-Channel * Wide Range of Digital and Analog Signal Levels: - Digital 3V to 20V - Analog to 20Vp-p * Low ON Resistance: 125 (typ) Over 15Vp-p Signal Input Range for VDD - VEE = 15V * High OFF Resistance: Channel Leakage of 100pA (typ) at VDD - VEE = 18V * Logic Level Conversion: - Digital Addressing Signals of 3V to 20V (VDD - VSS = 3V to 20V) - Switch Analog Signals to 20Vp-p (VDD - VEE = 20V); See Introductory Text * Matched Switch Characteristics: RON = 5 (typ) for VDD - VEE = 15V * Very Low Quiescent Power Dissipation Under All Digital Control Input and Supply Conditions: 0.2W (typ) at VDD - VSS = VDD - VEE = 10V * Binary Address Decoding on Chip * 5V, 10V and 15V Parametric Ratings * 100% Tested for Quiescent Current at 20V * Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC * Break-Before-Making Switching Eliminates Channel Overlap
Applications
* Analog and Digital Multiplexing and Demultiplexing * A/D and D/A Conversion * Signal Gating
* When these devices are used as demultiplexers the "CHANNEL IN/OUT" terminals are the outputs and the "COMMON OUT/IN" terminals are the inputs.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3316
7-937
CD4051BMS, CD4052BMS, CD4053BMS Pinouts
CD4051BM TOP VIEW
CHANNELS IN/OUT 4 6 1 2 16 VDD 15 2 14 1 13 0 12 3 11 A 10 B 9C CHANNELS IN/OUT Y CHANNELS IN/OUT 0 2 1 2
CD4052BMS TOP VIEW
16 VDD 15 2 14 1 X CHANNELS IN/OUT
COM OUT/IN 3 CHANNELS IN/OUT 7 5 4 5
COMMON "Y" OUT/IN 3 Y CHANNELS IN/OUT 3 1 4 5
13 COMMON "X" OUT/IN 12 0 11 3 10 A 9B X CHANNELS IN/OUT
INH 6 VEE 7 VSS 8
INH 6 VEE 7 VSS 8
CD4053BMS TOP VIEW
by IN/OUT bx cy OUT/IN CX or CY IN/OUT CX 1 2 3 4 5 16 VDD 15 OUT/IN bx or by 14 OUT/IN ax or ay 13 ay IN/OUT 12 ax 11 A 10 B 9C INH 6 VEE 7 VSS 8
Functional Diagrams
CHANNEL IN/OUT 7 16 VDD 4 6 2 5 5 4 1 3 12 2 15 1 14 0 13 TG
*
A 11
TG
TG
*
B 10
LOGIC LEVEL CONVERSION
*
C 9
BINARY TO 1 OF 8 DECODER WITH INHIBIT
TG 3 TG COMMON OUT/IN
TG
*
INH 6
TG
TG VDD 8 VSS 7 VEE * ALL INPUTS PROTECTED BY STANDARD CMOS PROTECTION NETWORK VSS
CD4051BMS
7-938
CD4051BMS, CD4052BMS, CD4053BMS Functional Diagrams
(Continued)
X CHANNELS IN/OUT 3 11 2 15 1 14 0 12
TG 16 VDD
TG
TG
COMMON X OUT/IN 13
*
A 10 LOGIC LEVEL CONVERSION BINARY TO 1 OF 4 DECODER WITH INHIBIT
TG
TG
3 COMMON Y OUT/IN
*
B 9
TG
*
INH 6
TG
TG 1 0 8 VSS 7 VEE 5 1 2 2 4 3
Y CHANNELS IN/OUT
CD4052BMS
VDD * ALL INPUTS PROTECTED BY STANDARD CMOS PROTECTION NETWORK VSS BINARY TO 1 OF 2 DECODERS WITH INHIBIT 16 VDD IN/OUT cy 3 cx 5 by 1 bx 2 ay 13 ax 12 OUT/IN ax or ay 14 TG OUT/IN bx or by 15 TG
LOGIC LEVEL CONVERSION
TG
*
A 11
*
B 10
TG
*
C 9 TG
OUT/IN cx or cy 4
*
INH 6
TG
8
VSS
7
VEE
CD4053BMS
7-939
Specifications CD4051BMS, CD4052BMS, CD4053BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W o Maximum Package Power Dissipation (PD) at +125 C For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K) . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20 VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20 VDD = 18V On-State Resistance RL = 10K Returned to VDD - VSS/2 RON VDD = 5V VIS = VSS to VDD 3 1 2 3 1 2 3 1 2 3 VDD = 10V VIS = VSS to VDD 1 2 3 VDD = 15V VIS = VSS to VDD 1 2 3 N Threshold Voltage P Threshold Voltage Functional (Note 4) VNTH VPTH F VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Input Voltage Low (Note 2) Input Voltage High (Note 2) Input Voltage Low (Note 2) Input Voltage High (Note 2) Off Channel Leakage Any Channel OFF Or All Channels Off (Common Out/In) VIL VIH VIL VIH IOZL VDD = 5V = VIS thru 1k, VEE = VSS RL = 1k to VSS, |IIS| < 2A OFF Channels VDD = 15V = VIS thru 1K VEE = VSS RL = 1K to VSS, |ISS|, <2A On All OFF Channels VIN = VDD or GND VOUT = 0V VDD = 20V VDD = 18V IOZH VIN = VDD or GND VOUT = VDD VDD = 20V VDD = 18V NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs. 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1 2 3 1 2 3 LIMITS TEMPERATURE +25oC +125 C -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC +25oC +25oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +125oC -55oC +25oC +125oC -55oC 3.5 11 -0.1 -1.0 -0.1 1.5 4 0.1 1.0 0.1 V V V V A A A A A A
o
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
MIN -100 -1000 -100 -2.8 0.7
MAX 10 1000 10 100 1000 100 1050 1300 800 400 550 310 240 320 220 -0.7 2.8
UNITS A A A nA nA nA nA nA nA V V V
VOH > VOL < VDD/2 VDD/2
3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max. 4. VDD = 2.8V/3.0V, RL = 200k to VDD VDD = 20V/18V, RL = 10k to VDD
7-940
Specifications CD4051BMS, CD4052BMS, CD4053BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 +25oC +125oC, -55oC LIMITS MIN MAX 720 972 UNITS ns ns
PARAMETER Propagation Delay (Note 1) Address to Signal Out Channels On or Off Propagation Delay (Note 1) Inhibit to Signal Out (Channel Turning On) Propagation Delay (Note 1) Inhibit to Signal Out (Channel Turning Off) NOTES:
SYMBOL TPHL TPLH
CONDITIONS (Notes 1, 2) VDD = 5V, VIN = VDD or GND VEE = VSS = 0V
TPZH TPZL
VDD = 5V, VIN = VDD or GND VEE = VSS = 0V
9 10, 11
+25oC +125oC, -55oC
-
720 972
ns ns
TPHZ TPLZ
VDD = 5V, VIN = VDD or GND VEE = VSS = 0V
9 10, 11
+25oC +125oC, -55oC
-
450 608
ns ns
1. -55oC and +125oC limits guaranteed, 100% testing being implemented. 2. CL = 50pF, RL = 10K, Input TR, TF < 20ns. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55oC, +25oC +125oC VDD = 10V, VIN = VDD or GND 1, 2 -55 C, +25 C +125oC VDD = 15V, VIN = VDD or GND 1, 2 -55oC, +25oC +125oC Input Voltage Low Input Voltage High Propagation Delay Address to Signal Out (Channels On or Off) VIL VIH TPHL TPLH VDD = VIS = 10V, VEE = VSS RL = 1K to VSS |IIS|, 2A On/Off Channel 1, 2 1, 2 1, 2, 3 1, 2, 3 1, 2, 3 VEE = VSS = 0V 1, 2, 3 1, 2, 3 1, 2, 3 VEE = VSS = 0V 1, 2, 3 1, 2, 3 1, 2, 3 1, 2 +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +25oC +25
oC o o
MIN +7 -
MAX 5 150 10 300 10 600 3 320 240 450 320 240 400 210 160 300 7.5
UNITS A A A A A A V V ns ns ns ns ns ns ns ns ns pF
VDD = 10V VDD = 15V VDD = 5V VEE = -5V
VEE = VSS = 0V
Propagation Delay Inhibit to Signal Out (Channel Turning On)
TPZH TPZL
VDD = 10V VDD = 15V VDD = 5V VEE = -10V
+25oC +25oC +25oC +25oC +25oC +25oC +25oC
Propagation Delay Inhibit to Signal Out (Channel Turning Off)
TPHZ TPLZ
VDD = 10V VDD = 15V VDD = 5V VEE = -15V
Input Capacitance NOTES:
CIN
Any Address or Inhibit Input
1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 10K, Input TR, TF < 20ns.
7-941
Specifications CD4051BMS, CD4052BMS, CD4053BMS
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC MIN -2.8 0.2 VOH > VDD/2 MAX 25 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit UNITS A V V V V V
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC PARAMETER Supply Current - MSI-2 ON Resistance SYMBOL IDD RONDEL10 1.0A 20% x Pre-Test Reading DELTA LIMIT
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 IDD, IOL5, IOH5A, RONDEL10 READ AND RECORD IDD, IOL5, IOH5A, RONDEL10 IDD, IOL5, IOH5A, RONDEL10 IDD, IOL5, IOH5A, RONDEL10
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION OPEN GROUND VDD 9V -0.5V 50kHz 25kHz
PART NUMBER CD4051BMS
7-942
Specifications CD4051BMS, CD4052BMS, CD4053BMS
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 OPEN 3 3 3 GROUND 1, 2, 4 - 6, 7, 8, 9 - 15 7, 8 4 - 6, 7, 8, 9, 12, 14 7, 8 VDD 16 1, 2, 4 - 6, 9 - 16 1, 2, 13, 15, 16 1, 2, 4 - 6, 9 - 16 3 11 10 9V -0.5V 50kHz 25kHz
PART NUMBER CD4052BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 3, 13 3, 13 3, 13 1, 2, 4 - 6, 7, 8, 9 - 12, 14, 15 7, 8 4 - 6, 7, 8, 12, 15 7, 8 16 1, 2, 4 - 6, 9 - 12, 14 - 16 1, 2, 11, 14, 16 1, 2, 4 - 6, 9 - 12, 14 - 16 3, 13 10 9
PART NUMBER CD4053BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 NOTE: 1. Each pin except pin 7 VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except pin 7 VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V 4, 14, 15 4, 14, 15 4, 14, 15 1 - 3, 5 - 8, 9 - 13 7, 8 1, 5 - 8, 12 7, 8 16 1 - 3, 5, 6, 9 - 13, 16 2, 3, 13, 16 1 - 3, 5, 6, 9 - 13, 16 4, 14, 15 9 - 11
Typical Performance Characteristics
SUPPLY VOLTAGE (VDD - VEE) = 5V CHANNEL ON RESISTANCE (RON) () CHANNEL ON RESISTANCE (RON) () 600 500 400 300 200 100 0 -4 -3 -2 -1 0 1 2 3 4 INPUT SIGNAL VOLTAGE (VIS) (V) +25oC -55oC AMBIENT TEMPERATURE (TA) = +125oC 300 250 200 150 100 50 0 -10.0 -7.5 +25oC -55oC AMBIENT TEMPERATURE (TA) = +125oC SUPPLY VOLTAGE (VDD - VEE) = 10V
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
FIGURE 1. TYPICAL CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
FIGURE 2. TYPICAL CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
7-943
CD4051BMS, CD4052BMS, CD4053BMS Typical Performance Characteristics
AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD - VEE) = 5V
(Continued)
CHANNEL ON RESISTANCE (RON) ()
CHANNEL ON RESISTANCE (RON) ()
SUPPLY VOLTAGE (VDD - VEE) = 15V 300 250 200 150 100 50 0
600 500 400 300 200
AMBIENT TEMPERATURE (TA) = +125oC
+25oC -55oC
10V 100 0 -10.0 -7.5 -5.0 -2.5 0 2.5 5.0 7.5 10.0 INPUT SIGNAL VOLTAGE (VIS) (V) 15V
-10.0 -7.5
-5.0
-2.5
0
2.5
5.0
7.5
10.0
INPUT SIGNAL VOLTAGE (VIS) (V)
FIGURE 3. TYPICAL CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLATGE (ALL TYPES)
6 OUTPUT SIGNAL VOLTAGE (VOS) (V) SUPPLY VOLTAGE (VDD) = 5V VSS = 0V VEE = -5V AMBIENT TEMPERATURE (TA) = +25 2
oC
FIGURE 4. TYPICAL CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES)
105 POWER DISSIPATION/PACKAGE (PD) (W) AMBIENT TEMPERATURE (TA) = +25oC ALTERNATING "O" AND "I" PATTERN LOAD CAPICATANCE (CL) = 50pF SUPPLY VOLTAGE (VDD) (15V) TEST CIRCUIT VDD f VDD 100 B/D CD4029
LOAD RESISTANCE (RL) = 100k, 10k 1k 1500 100
4
104
ABC 11 10 9
0
103
-2
10V 102 5V CL = 15pF 10 10V
-4
13 14 15 CD4051 12 1 5 2 48 7 6 100 CL
3
-6 -6 -4 -2 0 2 4 INPUT SIGNAL VOLTAGE (VIS) (V) 6
1
10
103 104 102 SWITCHING FREQUENCY (f) (kHz)
105
FIGURE 5. TYPICAL ON CHARACTERISTICS FOR 1 OF 8 CHANNELS (CD4051BMS)
105 POWER DISSIPATION/PACKAGE (PD) (W) AMBIENT TEMPERATURE (TA) = +25oC ALTERNATING "O" AND "I" PATTERN LOAD CAPICATANCE (CL) = 50pF SUPPLY VOLTAGE (VDD) (15V) TEST CIRCUIT VDD f VDD CD4029 B/D
FIGURE 6. TYPICAL DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4051BMS)
105 POWER DISSIPATION/PACKAGE (PD) (W) AMBIENT TEMPERATURE (TA) = +25oC ALTERNATING "O" AND "I" PATTERN LOAD CAPICATANCE (CL) = 50pF SUPPLY VOLTAGE (VDD) (15V)
TEST CIRCUIT VDD f 100 100 9 3 5 CD4051 10 11 6 7 8 105 4 CL 12 13 2 1 15 14
104
104
AB 100 10 9
103
10V 102 5V CL = 15pF 10 1 10 10V
100
1 5 12 2 4 CD4051 14 1 15 6 11 7 8
3 CL 13
103
10V 102 5V CL = 15pF 10 10V
103 104 102 SWITCHING FREQUENCY (f) (kHz)
105
1
10
103 104 102 SWITCHING FREQUENCY (f) (kHz)
FIGURE 7. TYPICAL DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4052BMS)
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION vs SWITCHING FREQUENCY (CD4053BMS)
7-944
CD4051BMS, CD4052BMS, CD4053BMS
VDD = +15V
VDD = +7.5V
VDD = +5V
VDD = +5V
16 7.5V
16
5V
16
5V
16
VSS = 0V VSS = 0V VEE = 0V 7 8 VSS = 0V VEE = -7.5V 7 8 VEE = -10V 7 8
VSS = 0V
7 VEE = -5V 8
(a)
(b)
(c)
(d)
The ADDRESS (digital-control inputs) and INHIBIT logic levels are: "0" = VSS and "1" = VDD. The analog signal (through the TG) may swing from VEE to VDD
FIGURE 9. TYPICAL BIAS VOLTAGES
7-945
CD4051BMS, CD4052BMS, CD4053BMS
TRUTH TABLE INPUT STATES CD4051BMS INHIBIT 0 0 0 0 0 0 0 0 1 CD4052BMS INHIBIT 0 0 0 0 1 CD4053BMS INHIBIT 0 0 1 X = Don't Care
VDD OUTPUT 1 VDD 2 3 4 5 VEE 6 7 8 VSS VSS 16 15 14 13 12 11 10 9 VDD VSS CLOCK IN VSS VSS VEE VEE VEE RL CL CL RL VDD
"ON" CHANNEL(S) B 0 0 1 1 0 0 1 1 X A 0 1 0 1 0 1 0 1 X A 0 1 0 1 x 0x, 0y 1x, 1y 2x, 2y 3x, 3y NONE
10%
tr = 20ns 90% 90% 50%
tf = 20ns
C 0 0 0 0 1 1 1 1 X B 0 0 1 1 x
50% 10%
10% TURN-ON TIME
0 1 2 3 4 5 6 7 NONE
tPZL 90% 50%
10% TURN-OFF TIME
10% tPLZ
FIGURE 10. WAVEFORM, CHANNEL BEING TURNED ON, OFF (RL = 1k)
tr = 20ns 90% 50% 90% 50% 10% tf = 20ns
90% 10% TURN-OFF TIME TURN-ON TIME tPZH
A OR B OR C 0 1 X ax or bx or cx ay or by or cy NONE
tPHZ
FIGURE 11. WAVEFORM, CHANNEL BEING TURNED OFF, ON (RL = 1k)
OUTPUT 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD VSS CLOCK IN VDD
CD4051
VDD OUTPUT 1 2 3 4 5 VEE 6 7 8 VSS VSS 16 15 14 13 12 11 10 9 VSS CLOCK IN VDD VEE RL CL
CD4052
CD4053 FIGURE 12. PROPAGATION DELAY - ADDRESS INPUT TO SIGNAL OUTPUT
7-946
CD4051BMS, CD4052BMS, CD4053BMS
VDD OUTPUT 1 RL 50pF 2 3 VEE 4 5 VDD VDD VSS CLOCK IN VEE 8 VSS VSS tPHL AND tPLH tPHL AND tPLH 9 6 7 16 15 14 13 12 11 10 VDD VSS CLOCK IN VEE 8 VSS VSS 9 VDD RL 50pF VDD OUTPUT 1 2 3 VEE 4 5 6 7 16 15 14 13 12 11 10
CD4051
CD4052
OUTPUT 1 RL 50pF 2 3 VEE 4 5 VDD VDD VSS CLOCK IN VEE 8 VSS VSS tPHL AND tPLH 9 6 7 16 15 14 13 12 11 10 VDD
CD4053 FIGURE 13. PROPAGATION DELAY - INHIBIT INPUT TO SIGNAL OUTPUT
DIFFERENTIAL SIGNALS CD4052 CD4052
COMMUNICATIONS LINK
DIFF AMPLIFIER/ LINE DRIVER
DIFF RECEIVER
DIFF MULTIPLEXING
DEMULTIPLEXING
FIGURE 14. TYPICAL TIME-DIVISION APPLICATION OF THE CD4052BMS
7-947
CD4051BMS, CD4052BMS, CD4053BMS Chip Dimensions and Pad Layouts
CD4051BMSH
CD4052BMSH
CD4053BMSH Dimensions in parentheses are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION: PASSIVATION:
Thickness: 11kA - 14kA,
AL.
10.4kA - 15.6kA, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN DIE THICKNESS: 0.0198 inches - 0.0218 inches All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
948


▲Up To Search▲   

 
Price & Availability of CD4053BMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X