Part Number Hot Search : 
LM3844AD 1N527 ZVN0535A MLL5231B A324506 5962F 100505 2N7002K
Product Description
Full Text Search
 

To Download CD40147BMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD40147BMS
December 1992
10 Line to 4 Line BCD Priority Encoder
Pinout
CD40147BMS TOP VIEW
Features
* High Voltage Type (20V Rating) * Encodes 10 Line to 4 Line BCD * Active Low Inputs and Outputs * 100% Tested for Quiescent Current at 20V * 5V, 10V and 15V Parametric Ratings * Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC * Noise Margin (Over Full Package/Temperature Range) - 1V at VDD = 5V - 2V at VDD = 10V - 2.5V at VDD = 15V * Standardized Symmetrical Output Characteristics * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of `B' Series CMOS Devices"
41 52 63 74 85 C6 B7 VSS 8
16 VDD 15 0 14 D 13 3 12 2 11 1 10 9 9A
Functional Diagram
Applications
* Keyboard Encoding * 10 Line to BCD Encoding * Range Selection
9 0 PRIORITY SELECT BCD ENCODER D C B A 23 22 21 20
Description
CD40147BMS CMOS encoder features priority encoding of the inputs to ensure that only the highest order data line is encoded. Ten data input lines (0-9) are encoded to four line (8, 4, 2, 1) BCD. The highest priority line is line 9. All four output lines are logic 1 (VSS) when all input lines are logic 0. All inputs and outputs are buffered, and each output can drive one TTL low power Schottky load. The CD40147BMS is functionally similar to the TTL 54/74147 if pin 15 is tied low. The CD40147BMS is supplied in these 16-lead outline packages: Braze Seal DIP Frit Seal DIP Ceramic Flatpack H4T H1E H6W
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3357
7-71
Specifications CD40147BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W Maximum Package Power Dissipation (PD) at +125oC For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K). . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20 3 1 2 VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20 3 1 2 VDD = 18V Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) N Threshold Voltage P Threshold Voltage Functional VOL15 VOH15 IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VNTH VPTH F VDD = 15V, No Load VDD = 15V, No Load (Note 3) VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD = 15V, VOUT = 13.5V VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Input Voltage Low (Note 2) Input Voltage High (Note 2) Input Voltage Low (Note 2) Input Voltage High (Note 2) VIL VIH VIL VIH VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V 3 1, 2, 3 1, 2, 3 1 1 1 1 1 1 1 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 +25oC, +25oC, LIMITS TEMPERATURE +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +125oC, +125oC, +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC 3.5 11 1.5 4 V V V V -55oC -55oC MIN -100 -1000 -100 14.95 0.53 1.4 3.5 -2.8 0.7 MAX 2 200 2 100 1000 100 50 -0.53 -1.8 -1.4 -3.5 -0.7 2.8 UNITS A A A nA nA nA nA nA nA mV V mA mA mA mA mA mA mA V V V
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
VOH > VOL < VDD/2 VDD/2
NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max.
7-72
Specifications CD40147BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 +25oC +125oC, -55oC LIMITS MIN MAX 900 1215 200 270 UNITS ns ns ns ns
PARAMETER Propagation Delay In Phase Output Transition Time
SYMBOL TPHL1 TPLH1 TTHL TTLH
CONDITIONS (NOTE 1, 2) VDD = 5V, VIN = VDD or GND
+25oC +125oC, -55oC
NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55oC, +25oC +125oC VDD = 10V, VIN = VDD or GND 1, 2 -55oC, +25oC MIN 4.95 9.95 0.36 0.64 0.9 1.6 2.4 4.2 +7 MAX 1 30 2 60 2 120 50 50 -0.36 -0.64 -1.15 -2.0 -0.9 -1.6 -2.4 -4.2 3 UNITS A A A A A A mV mV V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA V V
+125oC VDD = 15V, VIN = VDD or GND 1, 2 -55oC, +25oC +125oC Output Voltage Output Voltage Output Voltage Output Voltage Output Current (Sink) VOL VOL VOH VOH IOL5 VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V 1, 2 1, 2 1, 2 1, 2 1, 2 +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +125oC -55oC Output Current (Sink) IOL10 VDD = 10V, VOUT = 0.5V 1, 2 +125oC -55oC Output Current (Sink) IOL15 VDD = 15V, VOUT = 1.5V 1, 2 +125oC -55oC Output Current (Source) IOH5A VDD = 5V, VOUT = 4.6V 1, 2 +125oC -55oC Output Current (Source) IOH5B VDD = 5V, VOUT = 2.5V 1, 2 +125oC -55oC Output Current (Source) IOH10 VDD = 10V, VOUT = 9.5V 1, 2 +125oC -55oC Output Current (Source) IOH15 VDD =15V, VOUT = 13.5V 1, 2 +125oC -55oC Input Voltage Low Input Voltage High VIL VIH VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V, VOH > 9V, VOL < 1V 1, 2 1, 2 +25oC, +125oC, -55oC +25oC, +125oC, -55oC
7-73
Specifications CD40147BMS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Propagation Delay In Phase Output Propagation Delay Out of Phase Output SYMBOL TPHL TPLH TPHL TPLH CONDITIONS VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Transition Time TTLH VDD = 10V VDD = 15V Input Capacitance NOTES: 1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. CIN Any Input NOTES 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2 TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC MIN MAX 400 300 850 350 250 100 80 7.5 UNITS ns ns ns ns ns ns ns pF
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC MIN -2.8 0.2 VOH > VDD/2 MAX 7.5 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit UNITS A V V V V V
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC PARAMETER Supply Current - MSI-1 Output Current (Sink) Output Current (Source) SYMBOL IDD IOL5 IOH5A 0.2A 20% x Pre-Test Reading 20% x Pre-Test Reading DELTA LIMIT
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 READ AND RECORD IDD, IOL5, IOH5A IDD, IOL5, IOH5A IDD, IOL5, IOH5A
7-74
Specifications CD40147BMS
TABLE 6. APPLICABLE SUBGROUPS (Continued) CONFORMANCE GROUP PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 IDD, IOL5, IOH5A READ AND RECORD
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 NOTE: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V OPEN 6, 7, 9, 14 6, 7, 9, 14 6, 7, 9, 14 GROUND 1-5, 8, 10-13, 15 8 8 8 VDD 16 1-5, 10-13, 15, 16 16 1-5, 10-13, 15, 16 6, 7, 9, 14 1, 3, 11, 13 2, 4, 5, 10, 12, 15 9V -0.5V 50kHz 25kHz
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
75
CD40147BMS Logic Diagram
FUNCTIONAL GATING 8 0* 15 0 9 6 7 1* 11 1 4 5 2* 12 2 2 3* 13 3 2 3 9A
1 4 5
4* 1
4 4
6 7 8 9 7B
2 5* 2 5 5 6* 3 6 6 7* 4 7 7 8* 5 8 8 9* 10 9 9 8 0 1 2 3 4 5 6 7 8 9 3 4 5 6 7
6C
14 D
VDD
*
ALL INPUTS ARE PROTECTED BY CMOS PROTECTION NETWORK
VSS
FIGURE 1. TRUTH TABLE (Negative Logic) INPUTS 0 0 1 X X X X X X X X X 0 = High level 1 0 0 1 X X X X X X X X 2 0 0 0 1 X X X X X X X 3 0 0 0 0 1 X X X X X X 4 0 0 0 0 0 1 X X X X X 5 0 0 0 0 0 0 1 X X X X 6 0 0 0 0 0 0 0 1 X X X 7 0 0 0 0 0 0 0 0 1 X X 8 0 0 0 0 0 0 0 0 0 1 X 9 0 0 0 0 0 0 0 0 0 0 1 D 1 0 0 0 0 0 0 0 0 1 1 OUTPUTS C 1 0 0 0 0 1 1 1 1 0 0 B 1 0 0 1 1 0 0 1 1 0 0 A 1 0 1 0 1 0 1 0 1 0 1
1 = Low level X = Don't care
7-76
CD40147BMS Typical Performance Characteristics
OUTPUT LOW (SINK) CURRENT (IOL) (mA) OUTPUT LOW (SINK) CURRENT (IOL) (mA) AMBIENT TEMPERATURE (TA) = +25oC AMBIENT TEMPERATURE (TA) = +25oC
30 25 20 15 10 5
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
15.0 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 12.5 10.0 7.5 5.0 2.5 10V
10V
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V -5
0
0 -5 -10 -15
0
0 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA)
-10V
-20 -25
-10V
-10
-15V
-30
-15V
-15
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25oC TRANSITION TIME (tTHL, tTLH) (ns)
PROPAGATION DELAY TIME (tPLH, tPHL) (ns)
875 750 625
AMBIENT TEMPERATURE (TA) = +25oC IN-PHASE OUTPUTS
200 SUPPLY VOLTAGE (VDD) = 5V
150
SUPPLY VOLTAGE (VDD) = 5V 500 375 10V 250 125 0 0 15V
100 10V 50 15V
0 0
20
40 60 80 100 LOAD CAPACITANCE (CL) (pF)
10
20 40 50 70 80 30 60 LOAD CAPACITANCE (CL) (pF)
90
100
FIGURE 6. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE
FIGURE 7. PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE
7-77
CD40147BMS Typical Performance Characteristics
105
(Continued)
8 AMBIENT TEMPERATURE (T ) = +25oC A 6 4 2
POWER DISSIPATION (PD) (W)
SUPPLY VOLTAGE (VDD) = 15V
104
8 6 4 2
5V
103 8
6 4 2
10V
102
8 6 4 2
LOAD CAPACITANCE CL = 50pF CL = 15pF
2 4 68
10 1
10 102 103 104 INPUT FREQUENCY (fIN) (kHz)
2
4 68
2
4 68
2
4 68
2
4 68
105
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION AS A FUNCTION OF INPUT FREQUENCY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch).
METALLIZATION: PASSIVATION:
Thickness: 11kA - 14kA,
AL.
10.4kA - 15.6kA, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN DIE THICKNESS: 0.0198 inches - 0.0218 inches
7-78


▲Up To Search▲   

 
Price & Availability of CD40147BMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X