Part Number Hot Search : 
CPT40060 FN1553 2BA32 XXXSD MAX1606 MRF897RD AS7C3 PR1000R
Product Description
Full Text Search
 

To Download CAT25040S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT25010/20/40
1K/2K/4K SPI Serial CMOS EEPROM FEATURES
s 10 MHz SPI compatible s 1.8 to 6.0 volt operation s Hardware and software protection s Low power CMOS technology s SPI modes (0,0 & 1,1)* s Commercial, industrial, automotive and extended s 1,000,000 program/erase cycles s 100 year data retention s Self-timed write cycle
H
GEN FR ALO
EE
LE
A D F R E ETM
s 8-Pin DIP/SOIC, 8-Pin TSSOP and 8-Pin MSOP s 16-byte page write buffer s Block write protection
temperature ranges
- Protect 1/4, 1/2 or all of EEPROM array
DESCRIPTION
The CAT25010/20/40 is a 1K/2K/4K Bit SPI Serial CMOS EEPROM internally organized as 128x8/256x8/ 512x8 bits. Catalyst's advanced CMOS Technology substantially reduces device power requirements. The CAT25010/20/40 features a 16-byte page write buffer. The device operates via the SPI bus serial interface and is enabled though a Chip Select (CS). In addition to the
Chip Select, the clock input (SCK), data in (SI) and data out (SO) are required to access the device. The HOLD pin may be used to suspend any serial communication without resetting the serial sequence. The CAT25010/ 20/40 is designed with software and hardware write protection features including Block Write protection. The device is available in 8-pin DIP, 8-pin SOIC, 8-pin MSOP and 8-pin TSSOP packages.
PIN CONFIGURATION
SOIC Package (S, V)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
BLOCK DIAGRAM
MSOP Package (R, Z)*
CS SO WP VSS
1 2 3 4
8 7 6 5
VCC
HOLD SCK
SENSE AMPS SHIFT REGISTERS
SI
*CAT 25010/20 only
DIP Package (P, L)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
TSSOP Package (U, Y)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
WORD ADDRESS BUFFERS
COLUMN DECODERS
SO SI CS WP HOLD SCK
I/O CONTROL SPI CONTROL LOGIC BLOCK PROTECT LOGIC
CONTROL LOGIC
XDEC
E2PROM ARRAY
PIN FUNCTIONS Pin Name
SO SCK WP VCC VSS CS SI HOLD NC
Function
Serial Data Output Serial Clock Write Protect +1.8V to +6.0V Power Supply Ground Chip Select Serial Data Input Suspends Serial Input No Connect
DATA IN STORAGE HIGH VOLTAGE/ TIMING CONTROL STATUS REGISTER
25C128 F02
* Other SPI modes available on request.
Doc. No. 1006, Rev. L
(c) 2004 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
CAT25010/20/40
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on any Pin with Respect to VSS(1) .................. -2.0V to +VCC +2.0V VCC with Respect to VSS ................................ -2.0V to +7.0V Package Power Dissipation Capability (Ta = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100 mA RELIABILITY CHARACTERISTICS Symbol NEND
(3)
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Min. 1,000,000 100 2000 100
Max.
Units Cycles/Byte Years Volts mA
Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
TDR(3) VZAP
(3)
ILTH(3)(4)
D.C. OPERATING CHARACTERISTICS VCC = +1.8V to +6.0V, unless otherwise specified. Limits Symbol ICC1 ICC2 ISB(6) ILI ILO VIL(5) VIH(5) VOL1 VOH1 VOL2 VOH2 Parameter Power Supply Current (Operating Write) Power Supply Current (Operating Read) Power Supply Current (Standby) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output Low Voltage Output High Voltage VCC-0.2 VCC - 0.8 0.2 -1 VCC x 0.7 Min. Typ. Max. 5 3 1 2 3 VCC x 0.3 VCC + 0.5 0.4 Units mA mA A A A V V V V V V 2.7VVCC<5.5V IOL = 3.0mA IOH = -1.6mA 1.8VVCC<2.7V IOL = 150A IOH = -100A Test Conditions VCC = 5V @ 5MHz SO=open; CS=Vss VCC = 5.5V FCLK = 5MHz CS = VCC VIN = VSS or VCC VIN = VSS or VCC VOUT = 0V to VCC, CS = 0V
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V. (5) VIL min and VIH max are reference values only and are not tested. (6) Maximum standby current (ISB ) = 10A for the Automotive and Extended Automotive temperature range.
Doc. No. 1006, Rev. L
2
CAT25010/20/40
PIN CAPACITANCE (1)
Applicable over recommended operating range from TA=25C, f=1.0 MHz, VCC=+5.0V.
Symbol COUT CIN
Test Conditions Output Capacitance (SO) Input Capacitance (CS, SCK, SI, WP, HOLD)
Max. 8 6
Units pF pF
Conditions VOUT=0V VIN=0V
A.C. CHARACTERISTICS Limits 1.8V-6.0V SYMBOL PARAMETER tSU tH tWH tWL fSCK tLZ tRI(1) tFI(1) tHD tCD tWC(3) tV tHO tDIS tHZ tCS tCSS tCSH tWPS tWPH Data Setup Time Data Hold Time SCK High Time SCK Low Time Clock Frequency HOLD to Output Low Z Input Rise Time Input Fall Time HOLD Setup Time HOLD Hold Time Write Cycle Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD to Output High Z CS High Time CS Setup Time CS Hold Time WP Setup Time WP Hold Time 500 500 500 150 150 0 250 150 100 100 100 50 50 100 100 5 250 0 75 50 100 100 100 50 50 Min. 50 50 250 250 DC 1 50 2 2 40 40 5 75 0 75 50 2.5V-6.0V Max. 20 20 75 75 DC 5 50 2 2 40 40 5 40 4.5V-5.5V Min. 20 20 40 40 DC 10 50 2 2 Max. ns ns ns ns MHz ns s s ns ns ms ns ns ns ns ns ns ns ns ns CCL = 50pF L = 100pF (note 2) Test UNITS Conditions VIH = 2.4V CL = 100pF VOL = 0.8V VOH = 2.0v Max. Min.
NOTE: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) AC Test Conditions: Input Pulse Voltages: 0.3VCC to 0.7VCC Input rise and fall times: 10ns Input and output reference voltages: 0.5VCC Output load: current source IOL max/IOH max; CL=50pF (3) tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
3
Doc. No. 1006, Rev. L
CAT25010/20/40
FUNCTIONAL DESCRIPTION
The CAT25010/20/40 supports the SPI bus data transmission protocol. The synchronous Serial Peripheral Interface (SPI) helps the CAT25010/20/40 to interface directly with many of today's popular microcontrollers. The CAT25010/20/40 contains an 8-bit instruction register. (The instruction set and the operation codes are detailed in the instruction set table) After the device is selected with CS going low, the first byte will be received. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The first byte contains one of the six op-codes that define Figure 1. Sychronous Data Timing
VIH
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input SI is the serial data input pin. This pin is used to input all opcodes, byte addresses, and data to be written to the CAT25010/20/40. Input data is latched on the rising edge of the serial clock for SPI modes (0, 0 & 1, 1). SO: Serial Output SO is the serial data output pin. This pin is used to transfer data out of the CAT25010/20/40. During a read cycle, data is shifted out on the falling edge of the serial
tCS
CS
VIL tCSS VIH tCSH
SCK
VIL tSU VIH
tWH tH
tWL
SI
VIL
VALID IN
tRI tFI tV tHO tDIS HI-Z
VOH
SO
VOL
HI-Z
Note: Dashed Line= mode (1, 1) - - - - -
INSTRUCTION SET Instruction WREN WRDI RDSR WRSR READ WRITE Power-Up Timing(2)(3) Symbol tPUR tPUW Parameter Power-up to Read Operation Power-up to Write Operation Max. 1 1 Units ms ms Opcode 0000 0110 0000 0100 0000 0101 0000 0001 0000 X011(1) 0000 X010(1) Operation Enable Write Operations Disable Write Operations Read Status Register Write Status Register Read Data from Memory Write Data to Memory
Note: (1) X=0 for 25010, 25020. X=A8 for 25040 (2) This parameter is tested initially and after a design or process change that affects the parameter. (3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Doc. No. 1006, Rev. L
4
CAT25010/20/40
WP: WP Write Protect WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low all write operations are inhibited. WP held low while CS is low will interrupt a write to the CAT25010/20/40. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation. Figure 10 illustrates the WP timing sequence during a write operation. HOLD: HOLD Hold The HOLD pin is used to pause transmission to the CAT25010/20/40 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. (HOLD should be held high any time this function is not being used.) HOLD may be tied high directly to VCC or tied to VCC through a resistor. Figure 9 illustrates hold timing sequence.
clock for SPI modes (0,0 & 1,1). SCK: Serial Clock SCK is the serial clock pin. This pin is used to synchronize the communication between the microcontroller and the CAT25010/20/40. Opcodes, byte addresses, or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK for SPI modes (0,0 & 1,1) . CS Chip Select CS: CS is the Chip select pin. CS low enables the CAT25010/ 20/40 and CS high disables the CAT25010/20/40. CS high takes the SO output pin to high impedance and forces the devices into a Standby Mode (unless an internal write operation is underway) The CAT25010/ 20/40 draws ZERO current in the Standby mode. A high to low transition on CS is required prior to any sequence being initiated. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle.
STATUS REGISTER 7 1 6 1 5 1 4 1 3 BP1 2 BP0 1 WEL 0 RDY
BLOCK PROTECTION BITS Status Register Bits BP1 BP0 0 0 0 1 Array Address Protected None 25010: 60-7F 25020: C0-FF 25040: 180-1FF 25010: 40-7F 25020: 80-FF 25040: 100-1FF 25010: 00-7F 25020: 00-FF 25040: 000-1FF Protection No Protection Quarter Array Protection
1
0
Half Array Protection
1
1
Full Array Protection
5
Doc. No. 1006, Rev. L
CAT25010/20/40
STATUS REGISTER
The Status Register indicates the status of the device. The RDY (Ready) bit indicates whether the CAT25010/ 20/40 is busy with a write operation. When set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. This bit is read only. The WEL (Write Enable) bit indicates the status of the write enable latch. When set to 1, the device is in a Write Enable state and when set to 0 the device is in a Write Disable state. The WEL bit can only be set by the WREN instruction and can be reset by the WRDI instruction. The BP0 and BP1 (Block Protect) bits indicate which blocks are currently protected. These bits are set by the user issuing the WRSR instruction. The user is allowed to protect quarter of the memory, half of the memory or the entire memory by setting these bits. Once protected, the user may only read from the protected portion of the array. These bits are non-volatile.
DEVICE OPERATION
Write Enable and Disable The CAT25010/20/40 contains a write enable latch. This latch must be set before any write operation. The device powers up in a write disable state when Vcc is applied. WREN instruction will enable writes (set the latch) to the device. If WP pin is held low, the write enable latch is reset to the write disabe state, regardless of the WREN Instruction. WRDI instruction will disable writes (reset the latch) to the device. Disabling writes will protect the device against inadvertent writes. READ Sequence The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the CAT25010/20/40, followed by the 8-bit address for CAT25010/20/40 (for the 25040, bit 3 of the read data instruction contains address A8). After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing
Figure 2. WREN Instruction Timing
CS
SK
SI
0
0
0
0
0
1
1
0
SO Note: Dashed Line= mode (1, 1) - - - - -
HIGH IMPEDANCE
Figure 3. WRDI Instruction Timing
CS
SK
SI
0
0
0
0
0
1
0
0
SO Note: Dashed Line= mode (1, 1) - - - - -
HIGH IMPEDANCE
Doc. No. 1006, Rev. L
6
CAT25010/20/40
to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached, the address counter rolls over to 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by pulling the CS high. To read the status register, RDSR instruction should be sent. The contents of the status register are shifted out on the SO line. The status register may be read at any time even during a write cycle. Read sequece is illustrated in Figure 4. Reading status register is illustrated in Figure 5.
WRITE Sequence The CAT25010/20/40 powers up in a Write Disable state. Prior to any write instructions, the WREN instruction must be sent to CAT25010/20/40. The device goes into Write enable state by pulling the CS low and then clocking the WREN instruction into CAT25010/20/40. The CS must be brought high after the WREN instruction to enable writes to the device. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the
Figure 4. Read Instruction Timing
CS 0 SK
OPCODE
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
25
26
27
28
29
30
SI
0
0
0
0
0
0
1
1
BYTE ADDRESS*
DATA OUT
SO
HIGH IMPEDANCE
7
MSB
6
5
4
3
2
1
0
*Please check the instruction set table for address
Figure 5. RDSR Instruction Timing
CS 0 SCK
OPCODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SI
0
0
0
0
0
1
0
1
DATA OUT
SO
HIGH IMPEDANCE
7
MSB
6
5
4
3
2
1
0
Note: Dashed Line= mode (1, 1) - - - - -
7
Doc. No. 1006, Rev. L
CAT25010/20/40
array because the write enable latch will not have been properly set. Also, for a successful write operation the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block protection level. Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 8-bit address for 25010/20/40 (for the 25040, bit 3 of the read data instruction contains address A8). Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence. During an internal write cycle, all commands will be ignored except the RDSR (Read Status Register) instruction. The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the
device is ready for the next instruction Page Write The CAT25010/20/40 features page write capability. After the initial byte, the host may continue to write up to 16 bytes of data to the CAT25010/20/40. After each byte of data received, lower order address bits are internally incremented by one; the high order bits of address will remain constant. The only restriction is that the X (X=16 for CAT25010/20/40) bytes must reside on the same page. If the address counter reaches the end of the page and clock continues, the counter will "roll over" to the first address of the page and overwrite any data that may have been written. The CAT25010/20/40 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2 and Bit 3 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register.
Figure 6. Write Instruction Timing
CS 0 SK
OPCODE DATA IN
1
2
3
4
5
6
7
8
21
22
23
24
25
26
27
28
29
30
31
SI
0
0
0
0
0
0
1
0
ADDRESS
D7 D6 D5 D4 D3 D2 D1 D0
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - - *X=0 for 25010, 25020 ; X=A8 for 25040
Figure 7. WRSR Timing
CS 0 SCK
OPCODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DATA IN
SI
0
0
0
0
0
0
0
1
7
MSB
6
5
4
3
2
1
0
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - -
Doc. No. 1006, Rev. L
8
CAT25010/20/40
DESIGN CONSIDERATIONS The CAT250140/20/40 powers up in a write disable state and in a low power standby mode. A WREN instruction must be issued to perform any writes to the device after power up. Also,on power up CS should be brought low to enter a ready state and receive an instruction. After a successful byte/page write or status register write, the CAT250140/20/40 goes into a write disable mode. CS must be set high after the proper number of clock cycles to start an internal write cycle. Access to the array during an internal write cycle is ignored and programming is continued. On power up, SO is in a high impedance. If an invalid op code is received, no data will be shifted into the CAT250140/ 20/40, and the serial output pin (SO) will remain in a high impedance state until the falling edge of CS is detected again. When powering down, the supply should be taken down to 0V, so that the CAT250140/20/40 will be reset when power is ramped back up. If this is not possible, then, following a brown-out episode, the CAT250140/20/40 can be reset by refreshing the contents of the Status Register (See Application Note AN10).
Figure 8. Page Write Instruction Timing
CS
0 SK
1
2
3
4
5
6
7
8
13
14
15 16-23
24-31
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
OPCODE
BYTE ADDRESS 0 1 0 A7 A0
Data Byte 1
DATA IN Data Byte 2 Data Byte 3 Data Byte N 0 7..1
SI
0
0
0
0
0 X*
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - -
*X=0 for 25010, 25020 ; X=A8 for 25040
Figure 9. HOLD Timing
CS tCD SCK tHD HOLD tHZ SO
HIGH IMPEDANCE
tCD
tHD
tLZ
Note: Dashed Line= mode (1, 1) - - - - -
9
Doc. No. 1006, Rev. L
CAT25010/20/40
Figure 10. WP Timing
t WPS t WPH
CS
SCK
WP
WP
Note: Dashed Line= mode (1, 1) - - - - -
ORDERING INFORMATION
Prefix CAT
Device # 25040
Suffix S I Temperature Range Blank = Commercial (0C to +70C) I = Industrial (-40C to +85C) A = Automotive (-40C to +105C) E = Extended (-40C to +125C) -1.8 TE13
Optional Company ID
Product Number 25040: 4K 25020: 2K 25010: 1K
Tape & Reel TE13: 2000/Reel
Package P = 8-pin PDIP R = 8-pin MSOP2 S = 8-pin SOIC U = 8-pin TSSOP L = PDIP (Lead free, Halogen free) V = SOIC, JEDEC (Lead free, Halogen free) Y = TSSOP (Lead free, Halogen free) Z = MSOP2 (Lead free, Halogen free)
Operating Voltage Blank (Vcc=2.5 to 6.0V) 1.8 (Vcc=1.8 to 6.0V)
Notes: (1) The device used in the above example is a 25040SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage, Tape & Reel) (2) CAT25010, CAT25020 only
Doc. No. 1006, Rev. L
10
CAT25010/20/40
REVISION HISTORY
Date 8/3/2004 Rev. L Reason Updated Features Updated DC Operating Characteristics table & notes
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catalyst-semiconductor.com
11
Publication #: Revison: Issue date:
1006 L 8/3/04
Doc. No. 1006, Rev. L


▲Up To Search▲   

 
Price & Availability of CAT25040S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X