Part Number Hot Search : 
DD18EL LUR6100 ST92F FDB15N50 2SC2551 IRL2203 PJLPT05 121206
Product Description
Full Text Search
 

To Download CAT24C643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced
CAT24C323(32K), CAT24C643 (64K)
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
FEATURES
s Watchdog Timer Input (WDI) s Programmable Reset Threshold s s s s s s Active High or Low Reset Outputs
400 KHz I2C Bus Compatible 2.7 to 6 Volt Operation Low Power CMOS Technology 32 - Byte Page Write Buffer Built-in inadvertent write protection -- VCC Lock Out
s s s s
-- Precision Power Supply Voltage Monitoring -- 5V, 3.3V and 3V options 1,000,000 Program/Erase Cycles 100 Year Data Retention 8-Pin DIP or 8-Pin SOIC Commercial, Industrial and Automotive Temperature Ranges
DESCRIPTION
The CAT24C323/643 is a single chip solution to three popular functions of EEPROM memory, precision reset controller and watchdog timer. The 24C323(32K) and 24C643 (64K) feature a I2C Serial CMOS EEPROM Catalyst advanced CMOS technology substantially reduces device power requirements. The 24C323/643 features a 32-byte page and is available in 8-pin DIP or 8-pin SOIC packages. The reset function of the 24C323/643 protects the system during brown out and power up/down conditions. During system failure the watchdog timer feature protects the microcontroller with a reset signal. 24C323 features active low reset on pin 2 and active high reset on pin 7. 24C323/643 features watchdog timer on the WDI input pin (pin 1).
PIN CONFIGURATION
24C323/643*
WDI RESET WP VSS VCC RESET SCL SDA
BLOCK DIAGRAM
EXTERNAL LOAD DOUT ACK VCC VSS WORD ADDRESS BUFFERS COLUMN DECODERS SENSE AMPS SHIFT REGISTERS
*All products offered in P and J packages
SDA
START/STOP LOGIC
PIN FUNCITONS
Pin Name SDA RESET/RESET SCL Vcc VSS WDI WP Function
WP XDEC CONTROL LOGIC
E2PROM
Serial Data/Address Reset I/O Clock Input Power Supply Ground Watchdog Timer Input Write Protect
DATA IN STORAGE
HIGH VOLTAGE/ TIMING CONTROL RESET Controller
WATCHDOG
STATE COUNTERS SLAVE ADDRESS COMPARATORS
SCL
High Precision
Vcc Monitor
WDI RESET/RESET
(c) 1998 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 25084-00 12/98
CAT24C323/643
Advanced
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias....................-55C to +125C Storage Temperature........................ -65C to +150C Voltage on Any Pin with Respect to Ground(1) ..............-2.0V to +VCC + 2.0V
COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
VCC with Respect to Ground..................-2.0V to +7.0V Package Power Dissipation Capability (Ta = 25C)1.0W.................................1.0W Lead Soldering Temperature (10 secs)...............300C Output Short Circuit Current(2) ..........................100mA
RELIABILITY CHARACTERISTICS
Symbol NEND(3) TDR
(3) (3)
Parameter Endurance Data Retention ESD Susceptibility Latch-up
Min. 1,000,000 100 2000 100
Max.
Units Cycles/Byte Years Volts mA
Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
VZAP
ILTH(3)(4)
D.C. OPERATING CHARACTERISTICS
VCC = +2.7V to +6.0V, unless otherwise specified.
Symbol ICC Isb
Parameter Power Supply Current Standby Current
Min.
Limits Typ. Max. 3 40 50
Units mA A A A A V V V
Test Conditions f SCL = 100 KHz Vcc=3.3V Vcc=5 VIN=GND or VCC VIN=GND or VCC
ILI ILO VIL VIH VOL
Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage (SDA) -1 VCC x 0.7
2 10 VCC x 0.3 VCC + 0.5 0.4
IOL = 3 mA, VCC = 3.0V
CAPACITANCE TA = 25C, f = 1.0 MHz, VCC = 5V Symbol CI/O(3) CIN
(3)
Test Input/Output Capacitance (SDA) Input Capacitance (SCL)
Max. 8 6
Units pF pF
Conditions VI/O = 0V VIN = 0V
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V.
Doc. No. 25084-00 12/98
2
Advanced
A.C. CHARACTERISTICS
VCC=2.7V to 6.0V unless otherwise specified. Output Load is 1 TTL Gate and 100pF
CAT24C323/643
Read & Write Cycle Limits Symbol Parameter VCC=2.7V - 6V Min. FSCL TI(1) tAA tBUF(1) tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR(1) tF(1) tSU:STO tDH Clock Frequency Noise Suppression Time Constant at SCL, SDA Inputs SCL Low to SDA Data Out and ACK Out Time the Bus Must be Free Before a New Transmission Can Start Start Condition Hold Time Clock Low Period Clock High Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Condition Setup Time Data Out Hold Time 4 100 4.7 4 4.7 4 4.7 0 50 1 300 0.6 100 Max. 100 200 3.5 1.2 0.6 1.2 0.6 0.6 0 50 0.3 300 VCC=4.5V - 5.5V Min. Max. 400 200 1 Units kHz ns s s s s s s ns ns s ns s ns
Power-Up Timing(1)(2) Symbol tPUR tPUW Parameter Power-up to Read Operation Power-up to Write Operation Max. 1 1 Units ms ms
Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Write Cycle Limits Symbol tWR Parameter Write Cycle Time Min. Typ. Max 10 Units ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
3
Doc. No. 25084-00 12/98
CAT24C323/643
Advanced
RESET CIRCUIT CHARACTERISTICS
Symbol
tGLITCH VRT VOLRS VOHRS
Parameter
Glitch Reject Pulse Width Reset Threshold Hystersis Reset Output Low Voltage (IOLRS=1mA) Reset Output High Voltage Reset Threshold (Vcc=5V) (24CXXX-45) Reset Threshold (Vcc=5V) (24CXXX-42)
Min.
Max.
100
Units
ns mV
15 0.4 Vcc-0.75 4.50 4.25 3.00 2.85 2.55 130 4.75 4.50
V V
V 3.15 3.00 2.70 270 5 1 ms s V
VTH
Reset Threshold (Vcc=3.3V) (24CXXX-30) Reset Threshold (Vcc=3.3V) (24CXXX-28) Reset Threshold (Vcc=3V) (24CXXX-25)
tPURST tRPD
Power-Up Reset Timeout VTH to RESET Output Delay RESET Output Valid
VRVALID
Doc. No. 25084-00 12/98
4
Advanced
CAT24C323/643
with open drain RESET outputs. During power-up, the RESET outputs remain active until VCC reaches the VTH threshold and will continue driving the outputs for approximately 200ms (tPURST) after reaching VTH. After the tPURST timeout interval, the device will cease to drive reset outputs. At this point the reset outputs will be pulled up or down by their respective pull up/pull down devices. During power-down, the RESET outputs will begin driving active when VCC falls below VTH. The RESET outputs will be valid so long as VCC is >1.0V (VRVALID). The RESET pins are I/Os; therefore, the CAT24CXXX can act as a signal conditioning circuit for an externally applied reset. The inputs are level triggered; that is, the RESET input in the 24CXXX will initiate a reset timeout after detecting a high and the RESET input in the 24CXXX will initiate a reset timeout after detecting a low.
PIN DESCRIPTIONS
WDI: WATCHDOG INPUT If there is no transition on the WDI for more than 1.6 seconds, the watchdog timer times out. WP: WRITE PROTECT If the pin is tied to VCC the entire memory array becomes Write Protected (READ only). When the pin is tied to VSS or left floating normal read/write operations are allowed to the device. SCL: SERIAL CLOCK The serial clock input clocks all data transferred into or out of the device. RESET/RESET RESET I/O RESET: RESET These are open drain pins and can be used as reset trigger inputs. By forcing a reset condition on the pins the device will initiate and maintain a reset condition for approximately 200ms. RESET pin must be connected through a pull-down and RESET pin must be connected through a pull-up device. SDA: SERIAL DATA/ADDRESS The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs.
Watchdog Timer
The Watchdog Timer provides an independent protection for microcontrollers. During a system failure, the CAT24CXXX will respond with a reset signal after a time-out interval of 1.6 seconds for a lack of activity. The 24C323/643 is designed with a WDI input pin for the Watchdog Timer function. For the 24C323/643, if the microcontroller does not toggle the WDI input pin within 1.6 seconds, the Watchdog Timer times out. This will generate a reset condition on reset outputs. The Watchdog Timer is cleared by any transition on WDI. As long as the reset signal is asserted, the Watchdog Timer will not count and will stay cleared.
DEVICE OPERATION
Reset Controller Description
The CAT24CXXX provides a precision RESET controller that ensures correct system operation during brownout and power up/down conditions. It is configured
Figure 1. RESET Output Timing
t
GLITCH
VTH VRVALID VCC t PURST t RPD t PURST
RESET
t RPD
RESET
5
Doc. No. 25084-00 12/98
CAT24C323/643 Hardware Data Protection
The 24CXXX is designed with the following hardware data protection features to provide a high degree of data integrity. (1) The 24CXXX features a WP pin. When WP pin is tied high the entire memory array becomes write protected (read only). (2) The VCC sense provides write protection when VCC falls below the reset threshold value (VTH). The VCC lock out inhibits writes to the serial EEPROM whenever VCC falls below (power down) VTH or until VCC reaches the reset threshold (power up) VTH. Reset Threshold Voltage
Advanced
From the factory the 24CXXX is offered in five different variations of reset threshold voltages. They are 4.504.75V, 4.25-4.50V, 3.00-3.15V, 2.85-3.00V and 2.552.70V. To provide added flexibility to design engineers using this product, the 24CXXX is designed with an additional feature of programming the reset threshold voltage. This allows the user to change the existing reset threshold voltage to one of the other four reset threshold voltages. Once the reset threshold voltage is selected it will not change even after cycling the power, unless the user uses the programmer to change the reset threshold voltage. However, the programming function is available only through third party programmer manufacturers. Please call Catalyst for a list of programmer manufacturers who support this function.
Figure 2. Bus Timing
tF tLOW SCL tSU:STA tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH tLOW tR
SDA IN tAA SDA OUT tDH tBUF
Figure 3. Write Cycle Timing
SCL
SDA
8TH BIT BYTE n
ACK tWR STOP CONDITION START CONDITION ADDRESS
Figure 4. Start/Stop Timing
SDA
SCL START BIT STOP BIT
Doc. No. 25084-00 12/98
6
Advanced
CAT24C323/643
FUNCTIONAL DESCRIPTION
The CAT24CXXX supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24CXXX operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are fixed as 1010. The next three bits are don't care. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24CXXX monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24CXXX then performs a Read or Write operation depending on the state of the R/W bit.
I2C BUS PROTOCOL
The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24CXXX monitors the SDA and SCL lines and will not respond until this condition is met. Figure 5. Acknowledge Timing
SCL FROM MASTER 1 8 9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 6. Slave Address Bits
1
0
1
0
X
X
X
RW
7
Doc. No. 25084-00 12/98
CAT24C323/643
Advanced
ACKNOWLEDGE
After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT24CXXX responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8bit byte. When the CAT24CXXX begins a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24CXXX will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. location. The CAT24CXXX acknowledges once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to nonvolatile memory. While the cycle is in progress, the device will not respond to any request from the Master device. Page Write The 24CXXX writes up to 32 bytes of data in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to 31 additional bytes. After each byte has been transmitted, CAT24CXXX will respond with an acknowledge, and internally increment the lower order address bits by one. The high order bits remain unchanged. If the Master transmits more than 32 bytes before sending the STOP condition, the address counter `wraps around', and previously transmitted data will be overwritten. When all 32 bytes are received, and the STOP condi tion has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT24CXXX in a single write cycle.
WRITE OPERATIONS
Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After t he Slave generates an acknowledge, the Master sends a 8-bit address that is to be written into the address pointers of the CAT24CXXX. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory Figure 7. Byte Write Timing
S T A R T S A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0 X XX * A C K A C K
DATA
S T O P P A C K
Figure 8. Page Write Timing
S T A R T S A C K S T O P P A C K A C K A C K A C K A C K A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0 X XX *
DAT
DATA
DATA n+31
* = Don't care bit for 24C323 X= Don't care bit
Doc. No. 25084-00 12/98
8
Advanced
Acknowledge Polling Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, CAT24CXXX initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If CAT24CXXX is still busy with the write operation, no ACK will be returned. If CAT24CXXX has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation.
CAT24C323/643
protected and becomes read only. The CAT24CXXX will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device's failure to send an acknowledge after the first byte of data is received.
READ OPERATIONS
The READ operation for the CAT24CXXX is initiated in the same manner as the write operation with one exception, that R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ.
WRITE PROTECTION
The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the entire memory array is Figure 9. Immediate Address Read Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
S T O P P A C K DATA N O A C K
SCL
8
9
SDA
8TH BIT DATA OUT NO ACK STOP
24C1601Fig.8
9
Doc. No. 25084-00 12/98
CAT24C323/643
Immediate/Current Address Read The CAT24CXXX's address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. If N=E (where E=4095 for 24C323 and E=8191 for 24C643),then the counter will `wrap around' to address 0 and continue to clock out data. After the CAT24CXXX receives its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After CAT24CXXX acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT24CXXX then responds with its acknowledge and sends the 8-bit byte requested. The master device
Advanced
does not send an acknowledge but will generate a STOP condition. Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24CXXX sends the initial 8-bit byte requested, the Master will respond with an ac knowledge which tells the device it requires more data. The CAT24CXXX will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24CXXX is outputted sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24CXXX address bits so that the entire memory array can be read during one operation. If more than E (where E= 4095 for 24C323 and E=8191 for 24C643) bytes are read out, the counter will `wrap around' and continue to clock out data bytes.
Figure 10. Selective Read Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0 XXX * A C K A C K A C K
S T A R T S
SLAVE ADDRESS
DATA
S T O P P
A C K
N O A C K
Figure 11. Sequential Read Timing
BUS ACTIVITY: MASTER SDA LINE A C K A C K A C K A C K N O A C K SLAVE ADDRESS S T O P P
DATA n
DATA n+1
DATA n+2
DATA n+x
* = Don't care bit for 24WC32 X= Don't care bit
Doc. No. 25084-00 12/98
10
Advanced
CAT24C323/643
Ordering Information
Prefix CAT Device # 24C323 Suffix J I -30 TE13
Optional Company ID
Product Number 24C323: 32K 24C643: 64K
Temperature Range Blank = Commercial (0 to 70C) I = Industrial (-40 to 85C) A = Automotive (-40to +105C)
Tape & Reel TE13: 2000/Reel
Package P: PDIP J: SOIC (JEDEC)
* -40 to +125C is available upon request
Reset Threshold Voltage 45: 4.5-4.75V 42: 4.25-4.5V 30: 3.0-3.15V 28: 2.85-3.0V 25: 2.55-2.7V
Note: (1) The device used in the above example is a CAT24C323JI-30TE13 (32Doc. No. -00 12/98K I2C Memory, SOIC, Industrial Temperature, 3.03.15V Reset Threshold Voltage, Tape and Reel)
11
Doc. No. 25084-00 12/98
CAT24C323/643
Advanced
Doc. No. 25084-00 12/98
12


▲Up To Search▲   

 
Price & Availability of CAT24C643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X