Part Number Hot Search : 
54ACS AD5439 1N4002 RB085 10N20 630704P NTE1838 12F5081
Product Description
Full Text Search
 

To Download BSS145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS 145
SIPMOS (R) Small-Signal Transistor * N channel * Enhancement mode * VGS(th) = 1.4 ...2.3 V
Pin 1 G
Pin 2 S
Pin 3 D
Type BSS 145 Type BSS 145
VDS
65 V
ID
0.22 A
RDS(on)
3.5
Package SOT-23
Marking SBs
Ordering Code Q67000-S132
Tape and Reel Information E6327
Maximum Ratings Parameter Drain source voltage Drain-gate voltage Symbol Values 65 65 Unit V
VDS VDGR VGS Vgs ID
RGS = 20 k
Gate source voltage Gate-source peak voltage,aperiodic Continuous drain current
14 20 A 0.22
TA = 31 C
DC drain current, pulsed
IDpuls
0.88
TA = 25 C
Power dissipation
Ptot
0.36
W
TA = 25 C
Semiconductor Group
1
Sep-13-1996
BSS 145
Maximum Ratings Parameter Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
1) For package mounted on aluminium 15 mm x 16.7 mm x 0.7 mm
Symbol
Values -55 ... + 150 -55 ... + 150 350 285 E 55 / 150 / 56
Unit C K/W
Tj Tstg RthJA
Therminal resistance, chip-substrate- reverse side 1)RthJSR
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
65 2 0.1 8 10 1.6 2.3
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
1.4
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
0.5 50
A
VDS = 65 V, VGS = 0 V, Tj = 25 C VDS = 65 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 3.5 6.5
VGS = 20 V, VDS = 0 V
Drain-Source on-state resistance
RDS(on)
VGS = 10 V, ID = 0.2 A VGS = 3.5 V, ID = 0.02 A
Semiconductor Group
2
Sep-13-1996
BSS 145
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
0.12 0.2 60 15 5 -
S pF 80 20 8 ns 5 8
VDS 2 * ID * RDS(on)max, ID = 0.2 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 0.2 A RGS = 50
Rise time
tr
6 10
VDD = 30 V, VGS = 10 V, ID = 0.2 A RGS = 50
Turn-off delay time
td(off)
12 16
VDD = 30 V, VGS = 10 V, ID = 0.2 A RGS = 50
Fall time
tf
15 20
VDD = 30 V, VGS = 10 V, ID = 0.2 A RGS = 50
Semiconductor Group
3
Sep-13-1996
BSS 145
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 0.9 0.22 0.88 V 1.4 Values typ. max. Unit
TA = 25 C
Inverse diode direct current,pulsed
ISM
-
TA = 25 C
Inverse diode forward voltage
VSD
VGS = 0 V, IF = 0.4 A, Tj = 25 C
Semiconductor Group
4
Sep-13-1996
BSS 145
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS 10 V
0.24 A 0.20
0.40 W
Ptot
0.32 0.28
ID
0.18 0.16
0.24 0.20 0.16 0.12
0.14 0.12 0.10 0.08 0.06
0.08 0.04 0.04 0.00 0 20 40 60 80 100 120 C 160 0.02 0.00 0 20 40 60 80 100 120 C 160
TA
TA
Safe operating area ID=f(VDS) parameter : D = 0.01, TC=25C
Drain-source breakdown voltage V(BR)DSS = (Tj)
77 V 74
V(BR)DSS
72 70 68 66 64 62 60 58 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
5
Sep-13-1996
BSS 145
Typ. output characteristics ID = (VDS) parameter: tp = 80 s , Tj = 25 C
0.50 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
11
Ptot = 0W
l k jh g i f
VGS [V] a 2.5
b 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 8.0 9.0 10.0
RDS (on)
9 8 7 6 5 4 3 2
b
a
b
c
d
ID
0.40 0.35 0.30 0.25 0.20 0.15
c
e
c d e f g
dh
i j k l
0.10 0.05 0.00
a
VGS [V] =
e f g hj i k
c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i 7.0 8.0 j 9.0 k 10.0
1 0 V 5.0
a 2.5 3.0
b 3.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 0.32 A 0.38
VDS
ID
Typ. transfer characteristics ID = f(VGS) parameter: tp = 80 s
Typ. forward transconductance gfs = f (ID) parameter: tp = 80 s,
1.0 A
0.40
S
ID
0.8 0.7 0.6 0.5 0.4 0.3
gfs
0.30
0.25
0.20
0.15
0.10 0.2 0.1 0.0 0 1 2 3 4 5 6 7 8 V 10 0.05 0.00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VGS
A ID
0.9
Semiconductor Group
6
Sep-13-1996
BSS 145
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 0.2 A, VGS = 10 V
9
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on)
7 6 5
VGS(th)
3.6 3.2 2.8
98%
4 3 2 1 0 -60 -20 20 60 100 C 160
2.4 2.0 1.6
98% typ
2%
typ
1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances C = f (VDS) parameter:VGS=0V, f = 1 MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 0
pF C 10 2
A
IF
10 -1
Ciss
10 1
Coss
10 -2
Tj = 25 C typ Crss Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 0 0 10 -3 0.0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
Sep-13-1996
BSS 145
Package outlines SOT-23 Dimensions in mm
Semiconductor Group
8
Sep-13-1996


▲Up To Search▲   

 
Price & Availability of BSS145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X