Part Number Hot Search : 
WSD751B LM267 UR3KB 1H100 KBPC2510 SAA7111A SC416 1H100
Product Description
Full Text Search
 

To Download BR24C21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
ID ROM for CRT display
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
The BR24C21 series are 1kbits serial EEPROMs and support DDC1TM and DDC2TM interfaces for PLUG&PLAY displays.
!Features 1) 128 x 8 bits serial EEPROM 2) Operating voltage range (2.5V5.5V) 3) Completely implements DDC1TM / DDC2TM interface for monitor identification Transmit-Only Mode Recovery Mode Bi-directional Mode 4) Page write function : 8 bytes 5) Low current consumption Active (at 5V) : 1.5mA (Typ.) Standby (at 5V) : 10A (Typ.)
6) DATA security Write enable feature Inhibit to WRITE at low Vcc 7) Compact packages 8) High reliability fine pattern CMOS technology 9) Rewriting possible up to 100,000 times 10) Data can be stored for ten years without corruption 11) Noise filters at SCL, SDA and VCLK pins
!Absolute maximum ratings (Ta=25C)
Parameter Supply voltage Symbol VCC Limits -0.3~+6.5 800(DIP8) Power disssipation Pd 450(SOP8) 450(SOP-J8) 350(SSOP-B8) Storage temperature range Operating temperature range Terminal voltage Tstg Topr - -65~+125 -40~+85 -0.3~VCC+0.3
1 2 2 3
Unit V
mW
C C
V
1 Degradation is done at 8.0mW/C for operation above 25C. 2 Degradation is done at 4.5mW/C for operation above 25C. 3 Degradation is done at 3.5mW/C for operation above 25C.
!Recommended operating conditions (Ta=25C)
Parameter Supply voltage Input voltage Symbol VCC VIN Limits 2.5~5.5 0~VCC Unit V V
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
!Block diagram
N.C.
1
7bits
1kbits EEPROM array 8bits 7bits START Control logic ACK Slave word address register STOP Data register
8
VCC
N.C.
2
Address decoder
7
VCLK
N.C.
3
6
SCL
GND
4
High voltage generator
Vcc level detecter
5
SDA
!Pin assignment
VCC
VCLK
SCL
SDA
8
7
6
5
BR24C21 BR24C21F BR24C21FJ BR24C21FV
1
N.C.
2
N.C.
3
N.C.
4
GND
!Pin descriptions
Pin No.
1 2 3 4 5 6 7 8
Pin name
N.C. N.C. N.C. GND SDA SCL
I/O - - - - I/O I I -
No connection No connection No connection Ground (0V)
Function
Slave and word address, serial data input, serial data output Serial clock input for Bi-directional Mode Clock input (Transmit-Only Mode) Write enable (Bi-directional Mode) Power supply
VCLK
VCC
An open drain output requires a pull-up resistor.
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
!Electrical characteristics (Unless otherwise noted, Ta=-4085C, VCC=2.55.5V)
Parameter "HIGH" input volatge1 "LOW" input volatge1 "HIGH" input volatge2 "LOW" input volatge2 "LOW" input volatge3 "LOW" output volatge Input leakage current Output leakage current Operating current Standby current Symbol VIH1 VIL1 VIH2 VIL2 VIL3 VOL ILI ILO ICC ISB Min. 0.7VCC - 2.0 - - - -1 -1 - - Typ. - - - - - - - - - 10 Max. - 0.3VCC - 0.8 0.2VCC 0.4 1 1 3.0 100 Unit V V V V V V A A mA A SCL, SDA SCL, SDA Conditions
VCLK VCLK, VCC4.0V VCLK, VCC<4.0V
SDA, IOL=3.0mA SCL, VCLK, VIN=0V~VCC SDA, VOUT=0V~VCC VCC=5.5V, fSCL=400kHz VCC=5.5V, SDA=SCL=VCC, VCLK=GND 1
1 Transmit-Only Mode...After the power is on, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV are in Standby state without providing the clock on the VCLK pin. After the VCLK pin is provided the clock, the device is switched from Standby to Transmit-Only Mode, and the operating current runs. Bi-directional Mode...The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV are in Standby state after each command is porformed.
!Operating timing characteristics (Unless otherwise noted, Ta=-4085C, VCC=2.55.5V)
Parameter SCL frequency Data clock "HIGH" time Data clock "LOW" time SDA/SCL rise time SDA/SCL fall time Start condition hold time Start condition setup time Input data hold time Input data setup time Output data delay time (SCL) Stop condition setup time Bus open time before start or transfer Internal write cycle time Noise erase valid time (SCL and SDA) Output data delay time (VCLK) VCLK "HIGH" time VCLK "LOW" time VCLK setup time VCLK hold time Mode transition time Transmit-Only powerup time Noise erase valid time (VCLK) tVPD tVHIGH tVLOW tVSU tVHD tVHZ tVPU tVI - 0.6 1.3 0 0.6 - 0 - - - - - - - - - 1.0 - - - - 0.5 - 0.1 - 4.0 4.7 0 4.0 - 0 - - - - - - - - - 2.0 - - - - 1.0 - 0.1 s s s s s s s s Symbol fSCL tHIGH tLOW tR tF Fast-mode Vcc=2.5~5.5V Min. - 0.6 1.3 - - 0.6 0.6 0 100 - 0.6 1.3 - - Typ. - - - - - - - - - - - - - - Max. 400 - - 0.3 0.3 - - - - 0.9 - - 10 0.1 Standard-mode Vcc=2.5~5.5V Min. - 4.0 4.7 - - 4.0 4.7 0 250 - 4.0 4.7 - - Typ. - - - - - - - - - - - - - - Max. 100 - - 1.0 0.3 - - - - 3.5 - - 10 0.1 kHz s s s s s s ns ns s s s ms s Unit
tHD : STA tSU : STA tHD : DAT tSU : DAT
tPD
tSU : STO
tBUF tWR tI
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
!Timing charts SYNCHRONOUS DATA TIMING
tR SCL tHD : STA SDA (IN) tBUF SDA (OUT) tPD tSU : DAT tLOW tHD : DAT tF tHIGH
SCL tSU : STA SDA tHD : STA tSU : STO
START BIT
STOP BIT
Fig.7
*SDA data is latched into the chip at the rising edge of the SCL clock. *Output data toggles at the falling edge of the SCL clock. WRITE CYCLE TIMING
SCL
SDA
D0
WRITE DATA (n)
ACK tWR
STOP CONDITION START CONDITION
Fig.8
WRITE ENABLE TIMING
START BIT STOP BIT
SCL
SDA
VCLK
WRITE COMMAND
tVSU Fig.9
tVHD
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
!Circuit operation The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV operate in two modes, Transmit-Only Mode and Bi-directional Mode. The devices operate in Transmit-Only Mode when they will power up. In this mode, the devices transmit data on the SDA pin with the VCLK clock. This mode is continued by providing a valid high to low transition on the SCL pin. The devices can be switched into Bi-directional Mode by providing a valid high to low transition on the SCL pin. They begin to count the VCLK clock at once. If the VCLK counter reaches 128 clock without the command for Bi-directional Mode, the device revert to Transmit-Only Mode. (Recovery function) If the devices are received the command for Bidirectional Mode and respond with an Acknowledge before the VCLK counter reaches 128 clock, it is impossible to revert to Transmit-Only Mode. (The way to switch Bi-directional Mode to Transmit-Only Mode is that the power down again.) * When the power is on, the SCL pin set to VCC (High level).
(1) Transmit-Only Mode *After the power is on, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV are in Transmit-Only Mode. In this mode, the data can be output by providing the clock on the VCLK pin. *When the power is on, the SCL pin set to VCC (High level). *The state of SDA is high-impedance during input of the first 9 clocks, and a data is output starting with the 10th rising clock edge on VCLK. After the power is on, the output data is as follow 00h address data 01h address data 02h address data ... The address is incremented by one with every 9 clock of VCLK. All address is output in this mode. When the counter reaches the last address, the next output data is 00h address data. *In the mode, the NULL bit (High data) is output between the address data and the next address data. *The read operation in Transmit-Only Mode can be started after the power stabilized.
VCC
SCL 1 VCLK
tVPU
9
10
SDA
D7
D6
D5
D4
D3
00h ADDRESS DATA Fig.10 TRANSMIT-ONLY MODE
tVHIGH tVLOW
VCLK
tVPD
SDA
D1 ADDRESS n DATA
D0 NULL BIT DATA=1 Fig.11 NULL BIT
D7
D6 ADDRESS n+1 DATA
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
(2) Bi-directional Mode 1) Bi-directional Mode and Recovery function *The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV can be switched from Transmit-Only Mode to Bi-directional Mode by providing a valid high to low transition on the SCL pin, and the state of SDA is high-impedance. *After a valid high to low transition on the SCL pin, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV begin to count the VCLK clock. If the VCLK counter reaches 128 clock without the command for Bi-directional Mode, the device revert to Transmit-Only Mode. (Recovery function) The VCLK counter is reset by providing a valid high to low transition on the SCL pin. After reversion to Transmit-Only Mode, the devices begin to output a data with the 129th rising clock edge on VCLK. The output data is 00h address data at the time. *If the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV are switched from Transmit-Only Mode and received the command for Bi-directional Mode and responds with an Acknowledge, it is impossible to revert to Transmit-Only Mode. (The only way to revert to Transmit-Only Mode is that the power down again.) Unless the input device code is "1010", the device responds no Acknowledge. If the VCLK counter reaches 128 clock afterward, it is possible to revert to Transmit-Only Mode for Recovery function. If the master generates a stop condition during the slave address input, it is possible to revert to Transmit-Only Mode. *When the devices are switched from Transmit-Only Mode to Bi-directional Mode, the period of tVHZ need to be held.
Transmit-Only Bi-directional Transition Mode with possibility to return to Transmit-Only Mode Transmit-Only
MODE
1 VCLK
2
3
4
127
128
129
SCL tVHZ D7 SDA
ADDRESS 00h D6 D5 D4
Fig.12 RECOVERY MODE
MODE
Transmit-only
Bi-directional Transition Mode with possibility to return to Transmit-Only Mode
Bi-directional parmanently
1 VCLK
2
n<128 n
SCL tVHZ S SDA 1 0 1 0 R/W ACK
Fig.13 MODE CHANGE
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
2) Bi-directional Mode START CONDITION *All commands are proceeded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. *The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. STOP CONDITION *All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is HIGH. *The stop condition initiates internal write cycle to write the data into memory array after write sequence. *The stop condition is also used to place the device into the standby power mode after read sequence. *A stop condition can only be issued after the transmitting device has released the bus. DEVICE ADDRESSING *Following a START condition, the master output the device address of the slave to be accessed. The most significant four bits of the slave address are the "device type indentifier", For the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV this is fixed as "1010". *The next three bits of the slave address are don't care. *The last bit of the stream determines the operation to be performed. When set to "1", a read operation is selected ; when set to "0", a write operation is selected. R / W set to "0" *** WRITE (This bit also sets to "0" for random read operation) R / W set to "1" *** READ
1010 R/W
Don't care
WRITE PROTECT FUNCTION *WRITE ENABLE (VCLK) When using the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV in the Bi-directional Mode, the VCLK pin can be used as a write enable pin. Setting VCLK high allows normal write operations, while setting VCLK low prevents writing to any location in the array. Changing VCLK from high to low during the self-timed program operation will not halt programming of the device. Setting VCLK low allow the word address setting in random read.
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
ACKNOWLEDGE *Acknowledge is a software convention used to indicate successful data transfers. The master or the slave will release the bus after transmitting eight bits. During the ninth clock cycle, the receiver will pull the SDA line LOW to acknowledge that the eight bits of data has been received. *The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV will respond with an Acknowledge after recognition of a START condition and its slave address. If both the device and a write operation have been selected, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV will respond with an Acknowledge, after the receipt of each subsequent 8-bit word. *In the READ mode, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV will transmit eight bits of data, release the SDA line, and monitor the line for an Acknowledge. *If an Acknowledge is detected, and no STOP condition is generated by the master, the BR24C21, BR24C21F, BR24C21FJ, BR24C21FV will continue to transmit the data. *If an Acknowledge is not detected, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV will terminate further data transmissions and await a STOP condition before returning to the standby mode.
START CONDITION (START BIT) SCL (From -COM) SDA (-COM OUTPUT DATA) SDA (IC OUTPUT DATA) Acknowledge Signal (ACK Signal) 1 8 9
Fig.14 ACKNOWLEDGE RESPONSE FROM RECEIVER
3) Bi-directional Mode Command BYTE WRITE
S T A R T SDA LINE W R I T E RA /C WK
WA 6
SLAVE ADDRESS
1010
WORD ADDRESS
WA 0
DATA
S T O P
D7
D0
A C K
A C K
VCLK Don't care Fig.15 BYTE WRITE CYCLE TIMING
*When the master generates a STOP condition, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV begin the internal write cycle to the nonvolatile array.
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
PAGE WRITE
S T A R T SDA LINE W R I T E RA /C WK S T O P
SLAVE ADDRESS
1010
WORD ADDRESS(n)
WA 6 WA 0
DATA(n)
DATA(n+7)
D7
D0
D0
A C K
A C K
A C K
VCLK Fig.16 PAGE WRITE CYCLE TIMING Don't care
*If the master transmits the next data instead of generating a stop condition in byte write cycle, the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV transfer from byte write cycle to page write cycle. After the receipt of each word, the three lower order address pointer bits are internally incremented by one. The high order five bits of the word address remains constant. If the master transmits more than eight words, prior to generating the STOP condition, the address counter will "roll over", and the previous transmitted data will be overwritten. CURRENT READ
S T A R T SDA LINE
SLAVE ADDRESS
R E A D
RA /C WK
DATA
S T O P
1
0
1
0
D7
D0
A C K
Fig.17 CURRENT READ CYCLE TIMING
*The BR24C21, BR24C21F, BR24C21FJ and BR24C21FV contain an internal address counter which maintains the address of the last word accessed, incremented by one. If the last accessed address is address n in a read operation, the next read operation will access data from address n+1 and increment the current address counter. If the last accessed address is address n in a write operation, the next read operation will access data from address n. If the master does not transfer the acknowledge but does generate a stop condition, the current address read operation only provides a single byte of data. At this point, the device discontinues transmission.
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
RANDOM READ
S T A R T SDA LINE W R I T E RA /C WK S T A R T
WA 0
SLAVE ADDRESS
WORD ADDRESS(n)
WA 6
SLAVE ADDRESS
R E A D
DATA(n)
S T O P
1010
1010
D7
D0
A C K
RA /C WK
A C K
Fig.18 RANDOM READ CYCLE TIMING
*Random read operation allows the master to access any memory location. This operation involves a two-step process. First, the master issues a write command which includes the start condition and the slave address field (with R / W set to "0") followed by the address of the word to be read. This procedure sets the internal address counter of the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV to the desired address. After the word address acknowledge is received by the master, the master immediately reissues a start condition followed by the slave address field with R / W the set to "1". The device will respond with an acknowledge and then transmit the 8-data bits stored at the addressed location. If the master does not acknowledge the transmission but does generate the stop condition, at this point BR24C21, BR24C21F, BR24C21FJ and BR24C21FV discontinue transmission. SEQUENTIAL READ
S T A R T SDA LINE
SLAVE ADDRESS
1010
R E A D
DATA(n)
DATA(n+x)
S T O P
RA /C WK
D7
D0
D7
D0
A C K Fig.19 SEQUENTIAL READ CYCLE TIMING (Current Read)
A C K
A C K
*During the sequential read operation, the internal address counter of the BR24C21, BR24C21F, BR24C21FJ and BR24C21FV automatically increments with each acknowledge received ensuring the data from address n will be followed with the data from n+1. For read operations, all bits of the address counter are incremented allowing the entire array to be read during a single operation. When the counter reaches the top of the array, it will "roll over" to the bottom of the array and continue to transmit the data. *The sequential read operation can be performed with both current read and random read.
BR24C21 / BR24C21F / BR24C21FJ / BR24C21FV
Memory ICs
!External dimension (Units : mm)
9.3 0.3 8 5
6.5 0.3
5.0 0.2 8 5
6.2 0.3
0.51Min.
7.62
1.5 0.1 0.11
1
4
3.2 0.2 3.4 0.3
1.27 0.4 0.1
0.3Min. 0.15
0.3 0.1
2.54
0.5 0.1
0~15
DIP8
SOP8
4.9 0.2 8765
3.0 0.2 8 5
6.0 0.3
3.9 0.2
6.4 0.3
4.4 0.2
0.2 0.1
1.375 0.1
1234
0.22 0.1 (0.52) 0.65
0.1 1.15 0.1
1
4
0.175
0.45Min. 1.27 0.42 0.1 0.1
0.3Min. 0.1
SOP-J8
SSOP-B8
0.15 0.1
0.15 0.1
1
4
4.4 0.2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of BR24C21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X