Part Number Hot Search : 
C5750X7R 2SD90 07K460 13156 CMF85A E001700 1006F TZJ18
Product Description
Full Text Search
 

To Download AT24C08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Write Protect Pin for Hardware Data Protection
- Utilizes Different Array Protection Compared to the AT24C02/04/08
* Low Voltage and Standard Voltage Operation
- 5.0 (VCC = 4.5V to 5.5V) - 2.7 (VCC = 2.7V to 5.5V) - 2.5 (VCC = 2.5V to 5.5V) - 1.8 (VCC = 1.8V to 5.5V) Internally Organized 256 x 8 (2K), 512 x 8 (4K) or 1024 x 8 (8K) 2-Wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Supperssion Bidirectional Data Transfer Protocol 100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility 8-Byte Page (2K), 16-Byte Page (4K, 8K) Write Modes Partial Page Writes Are Allowed Self-Timed Write Cycle (10 ms max) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years - ESD Protection: >3000V Automotive Grade and Extended Temperature Devices Available 8-Pin and 14-Pin JEDEC SOIC, 8-Pin PDIP, and 8-Pin TSSOP Packages
* * * * * * * * *
2-Wire Serial EEPROM
2K (256 x 8) 4K (512 x 8) 8K (1024 x 8)
* *
Description
The AT24C02A/04A/08A provides 2048/4096/8192 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 256/512/1024 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C02A/04A/08A is available in space saving 8-pin PDIP, 8-pin, 14-pin SOIC, and 8-pin TSSOP packages and is accessed via a 2-wire serial interface. In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.
AT24C02A AT24C04A AT24C08A
Pin Configurations
Pin Name A0 to A2 SDA SCL WP NC Function Address Inputs Serial Data Serial Clock Input Write Protect No Connect 14-Pin SOIC
8-Pin PDIP
AT24C02A/04A/ 08A
8-Pin SOIC
8-Pin TSSOP
Rev. 0976B-07/98
1
Absolute Maximum Ratings*
Operating Temperature .................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage........................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or open collector devices. DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs that are hard wired for the AT24C02A. As many as eight 2K devices may be addressed on a single bus system (device addressing is discussed in detail under the Device Addressing section). The AT24C04A uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices may be addressed on a single bus system. The A0 pin is a no connect. The AT24C08A only uses the A2 input for hardwire addr es si ng a nd a total of two 8K de vi ces ma y be addressed on a single bus system. The A0 and A1 pins are no connects. WRITE PROTECT (WP): The AT24C02A/04A/08A has a Write Protect pin that provides hardware data protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect
2
AT24C02A/04A/08A
AT24C02A/04A/08A
pin is connected to V CC, the write protection feature is enabled and operates as shown in the following table.
Memory Organization
AT24C02A, 2K SERIAL EEPROM: Internally organized with 256 pages of 1-byte each, the 2K requires an 8 bit data word address for random word addressing. AT24C04A, 4K SERIAL EEPROM: The 4K is internally organized with 256 pages of 2-bytes each. Random word addressing requires a 9 bit data word address. AT24C08A, 8K SERIAL EEPROM: The 8K is internally organized with 4 blocks of 256 pages of 4-bytes each. Random word addressing requires a 10 bit data word address.
WP Pin Status At VCC At GND
Part of the Array Protected 24C02A Upper Half (1K) Array 24C04A Upper Half (2K) Array 24C08A Full (8K) Array
Normal Read/Write Operations
Pin Capacitance
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +1.8V.
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +1.8V to +5.5V, TAC = 0C to +70C, VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol VCC1 VCC2 VCC3 VCC4 ICC ICC ISB1 ISB2 ISB3 ISB4 ILI ILO VIL VIH VOL2 VOL1 Note: Parameter Supply Voltage Supply Voltage Supply Voltage Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current VCC = 1.8V Standby Current VCC = 2.5V Standby Current VCC = 2.7V Standby Current VCC = 5.0V Input Leakage Current Output Leakage Current Input Low Level
(1)
Test Condition
Min 1.8 2.5 2.7 4.5
Typ
Max 5.5 5.5 5.5 5.5
Units V V V V mA mA A A A A A A V V V V
READ at 100 kHz WRITE at 100 kHz VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VOUT = VCC or VSS -0.6 VCC x 0.7 IOL = 2.1 mA IOL = 0.15 mA
0.4 2.0 0.6 1.4 1.6 8.0 0.10 0.05
1.0 3.0 3.0 4.0 4.0 18.0 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4 0.2
Input High Level (1) Output Low Level VCC = 3.0V Output Low Level VCC = 1.8V
1. VIL min and VIH max are reference only and are not tested.
3
AC Characteristics
Applicable over recommended operating range from TA = -40C to +85C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted).
2.7-, 2.5-, 1.8-volt Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(1) Note: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time
(1)
5.0-volt Min Max 400 1.2 0.6 Units kHz s s 50 0.1 1.2 0.6 0.6 0 100 0.9 ns s s s s s ns 0.3 300 0.6 50 s ns s ns 10 1M ms Write Cycles
Min
Max 100
4.7 4.0 100 0.1 4.7 4.0 4.7 0 200 1.0 300 4.7 100 10 1M 4.5
Clock Low to Data Out Valid Time the bus must be free before a new transmission can start(1) Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time(1) Inputs Fall Time(1) Stop Set-up Time Data Out Hold Time Write Cycle Time 5.0V, 25C, Page Mode
1. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Data Validity timing diagram). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Start and Stop Definition timing diagram). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (refer to Start and Stop Definition timing diagram). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8 bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle. STANDBY MODE: The AT24C02A/04A/08A features a low power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the completion of any internal operations. MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps:(a) Clock up to 9 cycles, (b) look for SDA high in each cycle while SCL is high and then (c) create a start condition as SDA is high.
4
AT24C02A/04A/08A
AT24C02A/04A/08A
Bus Timing (SCL: Serial Clock, SDA: Serial Data I/O)
Write Cycle Timing (SCL: Serial Clock, SDA: Serial Data I/O)
SCL
SDA
8th BIT WORD n
ACK tWR(1) STOP CONDITION START CONDITION
Note:
1.
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the interval clear/write cycle.
5
Data Validity
Start and Stop Definition
Output Acknowledge
6
AT24C02A/04A/08A
AT24C02A/04A/08A
Device Addressing
The 2K, 4K and 8K EEPROM devices all require an 8 bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 1). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all the EEPROM devices. The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These 3 bits must compare to their corresponding hard-wired input pins. The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page address bit. The two device address bits must compare to their corresponding hard-wired input pins. The A0 pin is no connect. The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing. The A2 bit must compare to its corresponding hard-wired input pin. The A1 and A0 pins are no connect. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the chip will return to a standby state. The data word address lower three (2K) or four (4K, 8K) bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than eight (2K) or sixteen (4K, 8K) data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte of the first page. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (refer to Figure 4). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 5). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds 7
Write Operations
BYTE WRITE: A write operation requires an 8 bit data word address following the device address word and acknowledgement. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8 bit data word. Following receipt of the 8 bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle , tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 2). PAGE WRITE: The 2K EEPROM is capable of an 8-byte page write, and the 4K and 8K devices are capable of 16byte page writes. A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to seven (2K) or fifteen (4K, 8K) more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 3).
with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word Figure 1. Device Address
2K 1 MSD 4K 1 0 1 0 0 1 0
address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 6).
A2 A1 A0 R/W LSB A2 A1 P0 R/W A2 P1 P0 R/W
8K
1
0
1
0
Figure 2. Byte Write
S T A R T SDA LINE M S B LRA S/C BW K M S B L S B A C K A C K W R I T E S T O P
DEVICE ADDRESS
WORD ADDRESS
DATA
Figure 3. Page write
S T A R T SDA LINE M S B LR A S/ C BW K A C K A C K A C K A C K W R I T E WORD ADDRESS (n) S T O P
DEVICE ADDRESS
DATA (n)
DATA (n + 1)
DATA (n + x)
8
AT24C02A/04A/08A
AT24C02A/04A/08A
Figure 4. Current Address Read
S T A R T SDA LINE M S B LR A S/ C BW K DATA N O A C K R E A D S T O P
DEVICE ADDRESS
Figure 5. Random Read
S T A R T SDA LINE M S B LR A S/ C BW K M S B LA SC BK M S B L S B A C K DATA n N O A C K W R I T E S T A R T DEVICE ADDRESS R E A D S T O P
DEVICE ADDRESS
WORD ADDRESS n
DUMMY WRITE
Figure 6. Sequential Read
9
AT24C02A Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C02A-10PC AT24C02AN-10SC AT24C02A-10SC AT24C02A-10TC AT24C02A-10PI AT24C02AN-10SI AT24C02A-10SI AT24C02A-10TI AT24C02A-10PC-2.7 AT24C02AN-10SC-2.7 AT24C02A-10SC-2.7 AT24C02A-10TC-2.7 AT24C02A-10PI-2.7 AT24C02AN-10SI-2.7 AT24C02A-10SI-2.7 AT24C02A-10TI-2.7 AT24C02A-10PC-2.5 AT24C02AN-10SC-2.5 AT24C02A-10SC-2.5 AT24C02A-10TC-2.5 AT24C02A-10PI-2.5 AT24C02AN-10SI-2.5 AT24C02A-10SI-2.5 AT24C02A-10TI-2.5 AT24C02A-10PC-1.8 AT24C02AN-10SC-1.8 AT24C02A-10SC-1.8 AT24C02A-10TC-1.8 AT24C02A-10PI-1.8 AT24C02AN-10SI-1.8 AT24C02A-10SI-1.8 AT24C02A-10TI-1.8 Package Type 8P3 8S1 14S 8T 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low-Voltage (2.7V to 5.5V) Low-Voltage (2.5V to 5.5V) Low-Voltage (1.8V to 5.5V) Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
10
1000
4
100
Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
10
AT24C02A/04A/08A
AT24C02A/04A/08A
AT24C04A Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C04A-10PC AT24C04AN-10SC AT24C04A-10SC AT24C04A-10TC AT24C04A-10PI AT24C04AN-10SI AT24C04A-10SI AT24C04A-10TI AT24C04A-10PC-2.7 AT24C04AN-10SC-2.7 AT24C04A-10SC-2.7 AT24C04A-10TC AT24C04A-10PI-2.7 AT24C04AN-10SI-2.7 AT24C04A-10SI-2.7 AT24C04A-10TI-2.7 AT24C04A-10PC-2.5 AT24C04AN-10SC-2.5 AT24C04A-10SC-2.5 AT24C04A-10TC-2.5 AT24C04A-10PI-2.5 AT24C04AN-10SI-2.5 AT24C04A-10SI-2.5 AT24C04A-10TI-2.5 AT24C04A-10PC-1.8 AT24C04AN-10SC-1.8 AT24C04A-10SC-1.8 AT24C04A-10TC-1.8 AT24C04A-10PI-1.8 AT24C04AN-10SI-1.8 AT24C04A-10SI-1.8 AT24C04A-10TI-1.8 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
10
1000
4
100
Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 14S 8T 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low-Voltage (2.7V to 5.5V) Low-Voltage (2.5V to 5.5V) Low-Voltage (1.8V to 5.5V)
11
AT24C08A Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C08A-10PC AT24C08AN-10SC AT24C08A-10SC AT24C08A-10TC AT24C08A-10PI AT24C08AN-10SI AT24C08A-10SI AT24C08A-10TI AT24C08A-10PC-2.7 AT24C08AN-10SC-2.7 AT24C08A-10SC-2.7 AT24C08A-10TC-2.7 AT24C08A-10PI-2.7 AT24C08AN-10SI-2.7 AT24C08A-10SI-2.7 AT24C08A-10TI-2.7 AT24C08A-10PC-2.5 AT24C08AN-10SC-2.5 AT24C08A-10SC-2.5 AT24C08A-10TC-2.5 AT24C08A-10PI-2.5 AT24C08AN-10SI-2.5 AT24C08A-10SI-2.5 AT24C08A-10TI-2.5 AT24C08A-10PC-1.8 AT24C08AN-10SC-1.8 AT24C08A-10SC-1.8 AT24C08A-10TC-1.8 AT24C08A-10PI-1.8 AT24C08AN-10SI-1.8 AT24C08A-10SI-1.8 AT24C08A-10TI-1.8 Package Type 8P3 8S1 14S 8T 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low-Voltage (2.7V to 5.5V) Low-Voltage (2.5V to 5.5V) Low-Voltage (1.8V to 5.5V) Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
10
1000
4
100
Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
12
AT24C02A/04A/08A
AT24C02A/04A/08A
Packaging Information
8P3, 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
8S1, 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Dimensions in Inches and (Millimeters)
.400 (10.16) .355 (9.02) PIN 1 .280 (7.11) .240 (6.10) .037 (.940) .027 (.690)
PIN 1
.020 (.508) .013 (.330)
.157 (3.99) .150 (3.81)
.244 (6.20) .228 (5.79)
.300 (7.62) REF
.050 (1.27) BSC
.210 (5.33) MAX SEATING PLANE .150 (3.81) .115 (2.92) .070 (1.78) .045 (1.14)
.100 (2.54) BSC
.196 (4.98) .189 (4.80) .068 (1.73) .053 (1.35)
.015 (.380) MIN .022 (.559) .014 (.356)
0 REF 8 .050 (1.27) .016 (.406) .010 (.254) .004 (.102) .010 (.254) .007 (.203)
.325 (8.26) .300 (7.62) .012 (.305) .008 (.203) 0 REF 15 .430 (10.9) MAX
14S, 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Dimensions in Inches and (Millimeters)
8T, 8-Lead, 0.170" Wide, Plastic Thin Small Outline Package (TSSOP) Dimensions in Millimeters and (Inches)*
.020 (.508) .013 (.330)
PIN 1
6.50 (.256) 6.25 (.246)
PIN 1
.158 (4.01) .152 (3.86)
.244 (6.20) .228 (5.79)
0.30 (.012) 0.19 (.008)
.050 (1.27) BSC
.344 (8.74) .337 (8.56)
.068 (1.73) .053 (1.35)
1.05 (.041) 0.80 (.033)
3.10 (.122) 2.90 (.114)
1.20 (.047) MAX
.65 (.026) BSC
.010 (.249) .004 (.102)
0.15 (.006) 0.05 (.002)
4.5 (.177) 4.3 (.169)
0 REF 8 .050 (1.27) .016 (.406)
.010 (.249) .008 (.191)
0 REF 8 0.75 (.030) 0.45 (.018)
0.20 (.008) 0.09 (.004)
*Controlling dimension: millimeters
13


▲Up To Search▲   

 
Price & Availability of AT24C08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X