Part Number Hot Search : 
SKY77404 0EVKI 1SAM7 PS11001 384196 14400 GC3030 SKY77404
Product Description
Full Text Search
 

To Download AT24C01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Low-Voltage and Standard-Voltage Operation
- 5.0 (VCC = 4.5V to 5.5V) - 2.7 (VCC = 2.7V to 5.5V) - 2.5 (VCC = 2.5V to 5.5V) - 1.8 (VCC = 1.8V to 5.5V) Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K), 1024 x 8 (8K) or 2048 x 8 (16K) 2-Wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Suppression Bidirectional Data Transfer Protocol 100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility Write Protect Pin for Hardware Data Protection 8-Byte Page (1K, 2K), 16-Byte Page (4K, 8K, 16K) Write Modes Partial Page Writes Are Allowed Self-Timed Write Cycle (10 ms max) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years - ESD Protection: >3000V Automotive Grade and Extended Temperature Devices Available 8-Pin and 14-Pin JEDEC SOIC, 8-Pin PDIP, 8-Pin MSOP, and 8-Pin TSSOP Packages
* * * * * * * * * *
2-Wire Serial EEPROM
1K (128 x 8) 2K (256 x 8) 4K (512 x 8) 8K (1024 x 8) 16K (2048 x 8)
* *
Description
The AT24C01A/02/04/08/16 provides 1024/2048/4096/8192/16384 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 128/256/512/1024/2048 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C01A/02/04/08/16 is available in space saving 8-pin PDIP, (AT24C01A/02/04/08/16), 8-Pin MSOP (AT24001A/02), 8-Pin TSSOP (AT24C01A/02/04/08/16), and 8-Pin and 14-Pin JEDEC SOIC (AT24C01A/02/04/08/16) packages and is accessed via a 2-wire serial interface. In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.
Pin Configurations
Pin Name A0 to A2 SDA SCL WP NC Function Address Inputs Serial Data Serial Clock Input Write Protect No Connect 14-Pin SOIC
NC A0 A1 NC A2 GND NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC VCC WP NC SCL SDA NC
A0 A1 A2 GND A0 A1 A2 GND
8-Pin TSSOP
1 2 3 4 8 7 6 5 VCC WP SCL SDA
AT24C01A AT24C02 AT24C04 AT24C08 AT24C16 2-Wire, 1K Serial E2PROM
8-Pin MSOP
1 2 3 4 8 7 6 5 VCC WP SCL SDA
8-Pin PDIP
A0 A1 A2 GND 1 2 3 4 8 7 6 5 VCC WP SCL SDA A0 A1 A2 GND
8-Pin SOIC
1 2 3 4 8 7 6 5 VCC WP SCL SDA
Rev. 0180D-06/98
1
Absolute Maximum Ratings
Operating Temperature .................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage........................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or open collector devices. DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs that are hard wired for the AT24C01A and the AT24C02. As many as eight 1K/2K devices may be addressed on a single bus system (device addressing is discussed in detail under the Device Addressing section). The AT24C04 uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices may be 2
addressed on a single bus system. The A0 pin is a no connect. The AT24C08 only uses the A2 input for hardwire addressing and a total of two 8K devices may be addressed on a single bus system. The A0 and A1 pins are no connects. The AT24C16 does not use the device address pins which limits the number of devices on a single bus to one. The A0, A1 and A2 pins are no connects. WRITE PROTECT (WP): The AT24C01A/02/04/16 has a Write Protect pin that provides hardware data protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is connected to V CC , the write protection feature is enabled and operates as shown in the following table.
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C02, 2K SERIAL EEPROM: Internally organized with 256 pages of 1-byte each, the 2K requires an 8-bit data word address for random word addressing. AT24C04, 4K SERIAL EEPROM: The 4K is internally organized with 256 pages of 2 bytes each. Random word addressing AT24C01A/02/04/08/16 requires a 9-bit data word address. AT24C08, 8K SERIAL EEPROM: The 8K is internally organized with 4 blocks of 256 pages of 4 bytes each. Random word addressing requires a 10-bit data word address. AT24C16, 16K SERIAL EEPROM: The 16K is internally organized with 8 blocks of 256 pages of 8 bytes each. Random word addressing requires an 11-bit data word address.
WP Pin Status
Part of the Array Protected 24C01A Full (1K) Array 24C02 Full (2K) Array 24C04 Full (4K) Array 24C08 Normal Read/ Write Operation 24C16 Upper Half (8K) Array
At VCC
At GND
Normal Read/Write Operations
Memory Organization
AT24C01A, 1K SERIAL EEPROM: Internally organized with 128 pages of 1-byte each, the 1K requires a 7-bit data word address for random word addressing.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +1.8V.
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +1.8V to +5.5V, TAC = 0C to +70C, VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol VCC1 VCC2 VCC3 VCC4 ICC ICC ISB1 ISB2 ISB3 ISB4 ILI ILO VIL VIH VOL2 VOL1 Note: Parameter Supply Voltage Supply Voltage Supply Voltage Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current VCC = 1.8V Standby Current VCC = 2.5V Standby Current VCC = 2.7V Standby Current VCC = 5.0V Input Leakage Current Output Leakage Current Input Low Level(1) Input High Level
(1)
Test Condition
Min 1.8 2.5 2.7 4.5
Typ
Max 5.5 5.5 5.5 5.5
Units V V V V mA mA A A A A A A V V V V
READ at 100 kHz WRITE at 100 kHz VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VOUT = VCC or VSS -0.6 VCC x 0.7 IOL = 2.1 mA IOL = 0.15 mA
0.4 2.0 0.6 1.4 1.6 8.0 0.10 0.05
1.0 3.0 3.0 4.0 4.0 18.0 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4 0.2
Output Low Level VCC = 3.0V Output Low Level VCC = 1.8V
1. VIL min and VIH max are reference only and are not tested.
3
AC Characteristics
Applicable over recommended operating range from TA = -40C to +85C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and 100pF (unless otherwise noted).
2.7-, 2.5-, 1.8-volt Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(1) Note: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time
(1)
5.0-volt Min Max 400 1.2 0.6 Units kHz s s 50 0.1 1.2 0.6 0.6 0 100 0.9 ns s s s s s ns 0.3 300 0.6 50 s ns s ns 10 1M ms Write Cycles
Min
Max 100
4.7 4.0 100 0.1 4.7 4.0 4.7 0 200 1.0 300 4.7 100 10 1M 4.5
Clock Low to Data Out Valid Time the bus must be free before a new transmission can start(1) Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time(1) Inputs Fall Time(1) Stop Set-up Time Data Out Hold Time Write Cycle Time 5.0V, 25C, Page Mode
1. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Data Validity timing diagram). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Start and Stop Definition timing diagram). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (refer to Start and Stop Definition timing diagram). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle. STANDBY MODE: The AT24C01A/02/04/08/16 features a low power standby mode which is enabled: (a) upon powerup and (b) after the receipt of the STOP bit and the completion of any internal operations. MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: 1. Clock up to 9 cycles. 2. Look for SDA high in each cycle while SCL is high. 3. Create a start condition as SDA is high.
4
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
Bus Timing SCL: Serial Clock, SDA: Serial Data I/O
Write Cycle Timing SCL: Serial Clock, SDA: Serial Data I/O
tWR(1)
Note:
1.
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
5
Data Validity
Start and Stop Definition
Output Acknowledge
6
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
Device Addressing
The 1K, 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 1). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all the EEPROM devices. The next 3 bits are the A2, A1 and A0 device address bits for the 1K/2K EEPROM. These 3 bits must compare to their corresponding hard-wired input pins. The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page address bit. The two device address bits must compare to their corresponding hard-wired input pins. The A0 pin is no connect. The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing. The A2 bit must compare to its corresponding hard-wired input pin. The A1 and A0 pins are no connect. The 16K does not use any device address bits but instead the 3 bits are used for memory page addressing. These page addressing bits on the 4K, 8K, and 16K devices should be considered the most significant bits of the data word address which follows. The A0, A1 and A2 pins are no connect. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the chip will return to a standby state. acknowledges receipt of the first data word, the microcontroller can transmit up to seven (1K/2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 3). The data word address lower three (1K/2K) or four (4K, 8K, 16K) bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than eight (1K/2K) or sixteen (4K, 8K, 16K) data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte of the first page. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (refer to Figure 4). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out 7
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 2). PAGE WRITE: The 1K/2K EEPROM is capable of an 8byte page write, and the 4K, 8K and 16K devices are capable of 16-byte page writes. A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM
the data word. The microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 5). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an Figure 1. Device Address
acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 6).
Figure 2. Byte Write
Figure 3. Page Write
(* = DON'T CARE bit for 1K) Figure 4. Current Address Read
8
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
Figure 5. Random Read
(* = DON'T CARE bit for 1K) Figure 6. Sequential Read
9
AT24C01A Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C01A-10PC AT24C01A-10SC AT24C01A-10MC AT24C01A-10TC AT24C01A-10PI AT24C01A-10SI AT24C01A-10MI AT24C01A-10TI AT24C01A-10PC-2.7 AT24C01A-10SC-2.7 AT24C01A-10MC-2.7 AT24C01A-10TC-2.7 AT24C01A-10PI-2.7 AT24C01A-10SI-2.7 AT24C01A-10MI-2.7 AT24C01A-10TI-2.7 Package 8P3 8S1 8M 8T 8P3 8S1 8M 8T 8P3 8S1 8M 8T 8P3 8S1 8M 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
Package Type 8M 8P3 8S1 8T 14S 8-Lead, 0.118" Wide, Miniature Small Outline Package (MSOP) 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
10
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C01A Ordering Information (Continued)
tWR (max) (ms) 10 ICC (max) (A) 1000 ISB (max) (A) 4 fMAX (kHz) 100 Ordering Code AT24C01A-10PC-2.5 AT24C01A-10SC-2.5 AT24C01A-10MC-2.5 AT24C01A-10TC-2.5 AT24C01A-10PI-2.5 AT24C01A-10SI-2.5 AT24C01A-10MI-2.5 AT24C01A-10TI-2.5 AT24C01A-10PC-1.8 AT24C01A-10SC-1.8 AT24C01A-10MC-1.8 AT24C01A-10TC-1.8 AT24C01A-10PI-1.8 AT24C01A-10SI-1.8 AT24C01A-10MI-1.8 AT24C01A-10TI-1.8 Package 8P3 8S1 8M 8T 8P3 8S1 8M 8T 8P3 8S1 8M 8T 8P3 8S1 8M 8T Operation Range Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8M 8P3 8S1 8T 14S 8-Lead, 0.118" Wide, Miniature Small Outline Package (MSOP) 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
11
AT24C02 Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C02-10PC AT24C02N-10SC AT24C02-10SC AT24C02-10MC AT24C02-10TC AT24C02-10PI AT24C02N-10SI AT24C02-10SI AT24C02-10MI AT24C02-10TI AT24C02-10PC-2.7 AT24C02N-10SC-2.7 AT24C02-10SC-2.7 AT24C02-10MC-2.7 AT24C02-10TC-2.7 AT24C02-10PI-2.7 AT24C02N-10SI-2.7 AT24C02-10SI-2.7 AT24C02-10MI-2.7 AT24C02-10TI-2.7 Package 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
Package Type 8M 8P3 8S1 8T 14S 8-Lead, 0.118" Wide, Miniature Small Outline Package (MSOP) 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
12
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C02 Ordering Information (Continued)
tWR (max) (ms) 10 ICC (max) (A) 1000 ISB (max) (A) 4 fMAX (kHz) 100 Ordering Code AT24C02-10PC-2.5 AT24C02N-10SC-2.5 AT24C02-10SC-2.5 AT24C02-10MC-2.5 AT24C02-10TC-2.5 AT24C02-10PI-2.5 AT24C02N-10SI-2.5 AT24C02-10SI-2.5 AT24C02-10MI-2.5 AT24C02-10TI-2.5 AT24C02-10PC-1.8 AT24C02N-10SC-1.8 AT24C02-10SC-1.8 AT24C02-10MC-1.8 AT24C02-10TC-1.8 AT24C02-10PI-1.8 AT24C02N-10SI-1.8 AT24C02-10SI-1.8 AT24C02-10MI-1.8 AT24C02-10TI-1.8 Package 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T 8P3 8S1 14S 8M 8T Operation Range Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8M 8P3 8S1 8T 14S 8-Lead, 0.118" Wide, Miniature Small Outline Package (MSOP) 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
13
AT24C04 Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C04-10PC AT24C04N-10SC AT24C04-10SC AT24C04-10TC AT24C04-10PI AT24C04N-10SI AT24C04-10SI AT24C04-10TI AT24C04-10PC-2.7 AT24C04N-10SC-2.7 AT24C04-10SC-2.7 AT24C04-10TC-2.7 AT24C04-10PI-2.7 AT24C04N-10SI-2.7 AT24C04-10SI-2.7 AT24C04-10TI-2.7 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
14
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C04 Ordering Information (Continued)
tWR (max) (ms) 10 ICC (max) (A) 1000 ISB (max) (A) 4 fMAX (kHz) 100 Ordering Code AT24C04-10PC-2.5 AT24C04N-10SC-2.5 AT24C04-10SC-2.5 AT24C04-10TC-2.5 AT24C04-10PI-2.5 AT24C04N-10SI-2.5 AT24C04-10SI-2.5 AT24C04-10TI-2.5 AT24C04-10PC-1.8 AT24C04N-10SC-1.8 AT24C04-10SC-1.8 AT24C04-10TC-1.8 AT24C04-10PI-1.8 AT24C04N-10SI-1.8 AT24C04-10SI-1.8 AT24C04-10TI-1.8 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
15
AT24C08 Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C08-10PC AT24C08N-10SC AT24C08-10SC AT24C08-10TC AT24C08-10PI AT24C08N-10SI AT24C08-10SI AT24C08-10TI AT24C08-10PC-2.7 AT24C08N-10SC-2.7 AT24C08-10SC-2.7 AT24C08-10TC-2.7 AT24C08-10PI-2.7 AT24C08N-10SI-2.7 AT24C08-10SI-2.7 AT24C08-10TI-2.7 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
16
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C08 Ordering Information (Continued)
tWR (max) (ms) 10 ICC (max) (A) 1000 ISB (max) (A) 4 fMAX (kHz) 100 Ordering Code AT24C08-10PC-2.5 AT24C08N-10SC-2.5 AT24C08-10SC-2.5 AT24C08-10TC-2.5 AT24C08-10PI-2.5 AT24C08N-10SI-2.5 AT24C08-10SI-2.5 AT24C08-10TI-2.5 AT24C08-10PC-1.8 AT24C08N-10SC-1.8 AT24C08-10SC-1.8 AT24C08-10TC-1.8 AT24C08-10PI-1.8 AT24C08N-10SI-1.8 AT24C08-10SI-1.8 AT24C08-10TI-1.8 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
17
AT24C16 Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 ISB (max) (A) 18 fMAX (kHz) 400 Ordering Code AT24C16-10PC AT24C16N-10SC AT24C16-10SC AT24C16-10TC AT24C16-10PI AT24C16N-10SI AT24C16-10SI AT24C16-10TI AT24C16-10PC-2.7 AT24C16N-10SC-2.7 AT24C16-10SC-2.7 AT24C16-10TC-2.7 AT24C16-10PI-2.7 AT24C16N-10SI-2.7 AT24C16-10SI-2.7 AT24C16-10TI-2.7 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
3000
18
400
Industrial (-40C to 85C)
10
1500
4
100
Commercial (0C to 70C)
1500
4
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
18
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
AT24C16 Ordering Information (Continued)
tWR (max) (ms) 10 ICC (max) (A) 1000 ISB (max) (A) 4 fMAX (kHz) 100 Ordering Code AT24C16-10PC-2.5 AT24C16N-10SC-2.5 AT24C16-10SC-2.5 AT24C16-10TC-2.5 AT24C16-10PI-2.5 AT24C16N-10SI-2.5 AT24C16-10SI-2.5 AT24C16-10TI-2.5 AT24C16-10PC-1.8 AT24C16N-10SC-1.8 AT24C16-10SC-1.8 AT24C16-10TC-1.8 AT24C16-10PI-1.8 AT24C16N-10SI-1.8 AT24C16-10SI-1.8 AT24C16-10TI-1.8 Package 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T 8P3 8S1 14S 8T Operation Range Commercial (0C to 70C)
1000
4
100
Industrial (-40C to 85C)
10
800
3
100
Commercial (0C to 70C)
800
3
100
Industrial (-40C to 85C)
Package Type 8P3 8S1 8T 14S 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Options Blank -2.7 -2.5 -1.8 Standard Operation (4.5V to 5.5V) Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V) Low Voltage (1.8V to 5.5V)
19
Packaging Information
8P3, 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
.400 (10.16) .355 (9.02) PIN 1 .280 (7.11) .240 (6.10) .037 (.940) .027 (.690)
8S1, 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Dimensions in Inches and (Millimeters)
.020 (.508) .013 (.330)
PIN 1
.157 (3.99) .150 (3.81)
.244 (6.20) .228 (5.79)
.300 (7.62) REF
.050 (1.27) BSC
.210 (5.33) MAX SEATING PLANE .150 (3.81) .115 (2.92) .070 (1.78) .045 (1.14)
.100 (2.54) BSC
.196 (4.98) .189 (4.80)
.015 (.380) MIN .022 (.559) .014 (.356)
.068 (1.73) .053 (1.35)
.010 (.254) .004 (.102)
.325 (8.26) .300 (7.62)
.012 (.305) .008 (.203)
0 REF 15 .430 (10.9) MAX
0 REF 8 .050 (1.27) .016 (.406)
.010 (.254) .007 (.203)
14S, 14-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (SOIC) Dimensions in Inches and (Millimeters)
8M, 8-Lead, 0.118" Wide, Miniature Small Outline (MSOP) Dimensions in Millimeters and (Inches)
.020 (.508) .013 (.330)
0.40 (0.016) 0.25 (0.010)
PIN 1
.158 (4.01) .152 (3.86)
.244 (6.20) .228 (5.79)
3.10 (0.122) 2.90 (0.114) PIN 1
0.65 (0.026) TYP
.050 (1.27) BSC
3.10 (0.122) 2.90 (0.114) 1.10 (0.043) 0.97 (0.038)
.344 (8.74) .337 (8.56)
.068 (1.73) .053 (1.35)
0.15 (0.006) 0.05 (0.002)
.010 (.249) .004 (.102)
0.23 (0.009) 0.13 (0.005) 3.81 (0.150) REF 4.90 (0.193) REF
0 REF 8 .050 (1.27) .016 (.406)
.010 (.249) .008 (.191)
* Controlling dimension: millimeters
20
AT24C01A/02/04/08/16
AT24C01A/02/04/08/16
Packaging Information
8T, 8-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
PIN 1
6.50 (.256) 6.25 (.246)
0.30 (.012) 0.19 (.008)
1.05 (.041) 0.80 (.033)
3.10 (.122) 2.90 (.114)
1.20 (.047) MAX
.65 (.026) BSC
0.15 (.006) 0.05 (.002)
4.5 (.177) 4.3 (.169) 0.20 (.008) 0.09 (.004) 0.75 (.030) 0.45 (.018)
0 REF 8
*Controlling dimension: millimeters
21


▲Up To Search▲   

 
Price & Availability of AT24C01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X