Part Number Hot Search : 
2N5943 T6501 F1001 BY254GP BYD33K EA09109 3040P R1000
Product Description
Full Text Search
 

To Download AN5265 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Audio Common Use
AN5265
TV Sound Output Circuit
s Overview
o 2.650.1 Unit : mm 8.40.25 5.80.25 1.50.25 6.3 0.3 7.1 0.25
The AN5265 is a semiconductor integrated circuit designed for TV sound output circuit.
3.750.25 0.5 0.1 1.2 0.25
19.90.1
18.30.25
15.0
0.10.05
5.60.25
9-lead HSIP Package (HSIP009-P-0000)
s Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 Sound Input Mute Volume adjustment Filter Feedback GND Sound output Supply voltage 2 Pin Description Supply Voltage 1
s Block Diagram
DC Volume Control
Audio Output Amp.
Mute
1 VCC1
2
3
4 Vol
5 +
6
7 GND
8
9 VCC2
Input
Feed back
Output
1.7 0.25
1.70.25 + 0.1 0.45 - 0.05
2.54
*
22.30.3
adjustment method employed. Controlled with DC voltage. Fin-attached 9-lead SIP package employed
o 3.30.1
s Features * DC volume
9 8 7 6 5 4 3 2 1
AN5265
s Absolute Maximum Ratings (Ta= 25C)
Parameter Supply Voltage Voltage Circuit Voltage Symbol V1 - 7 V9 - 7 V3 - 7 V4 - 7 V6 - 7 Current Circuit Current I4 I8 PD Topr Tstg 0 0 0 -10 -1.2 1.6 - 20 ~ + 70 - 55 ~ + 150 Rating 14.4 26
ICs for Audio Common Use
Unit V V 7 V1 - 7 V9 - 7 3 1.2 V V V mA (peak) A (peak) W C C
Power Dissipation Operating Ambient Temperature Storage Temperature
s Electrical Characteristics (Ta= 25C)
Parameter Circuit Current Circuit Voltage Circuit Voltage Circuit Voltage Circuit Voltage Max. Output Power Voltage Gain Total Harmonics Distortion Max. Attenuation Amount Output Noise Voltage Muting Operation Voltage PD - Ta
12 11 10 9
Symbol I1 V2 - 7 V5 - 7 V6 - 7 V8 - 7 Pomax. GV THD Att Vno V3 - 7
Condition Pin1= Pin4 = 12V, Pin7= 0V, Pin9 = 18V Pin1= 12V, Pin4 = Pin7= 0V, Pin9 = 18V Pin1= 12V, Pin4 = Pin7= 0V, Pin9 = 18V Pin1= 12V, Pin4 = Pin7= 0V, Pin9 = 18V Pin1= 12V, Pinr= Pin4 = 0V, Pin9 =18V, Pin6 - 8 : 10k f= 1kHz, THD= 10%, V4= 12V, RL= 16 f= 1kHz, Vi= 0.1Vrms, V4= 12V f= 1kHz, PO= 1W,V4= 12V f= 1kHz, Vi= 0.1Vrms, V4= Ratio between 12 and 0 V Vi= 0Vrms, V4= 0V f= 1kHz, V4= 12V, V8= 0Vrms
min. 7.1
typ. 9.5 5.4 8.5 8.8 8.8
max. 11.9
Unit mA V V V V W
2.0 28.5
2.3 30.5 0.8 -95 0.6 32.5 1.2 -85 2.85
dB % dB V
1.0 mVrms
2.45
2.65
Tc=Ta
Power Dissipation PD (W)
8 7 6 5 4 3 2 1 0 -20 0 20 40 60 80 100 120 140 160 180
s Application Circuit
Without heat sink
AN5265
1 1F 2 + - 3 4 5 6 7 8 9
Ambient Temperature Ta (C) VCC=12V + -
+ 10F - + 10k -
VCC=18V 100F
100F
680 4.7 AF Input Mute 10F + - 0.047F
RL =16 + - 100F


▲Up To Search▲   

 
Price & Availability of AN5265

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X