Part Number Hot Search : 
6030V5 IRFB9N60 12N23 ER803 SPX2955 AME8812 22R05 SMCJ90CA
Product Description
Full Text Search
 

To Download AK1601-7R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K Series
150 Watt DC-DC Converters
Input voltage ranges from 8...385 V DC 1or 2 outputs up to 48 V DC 4 kV AC I/O electric strength test voltage
LGA
* Rugged electrical and mechanical design * Fully isolated outputs * Operating ambient temperature range -40...71C with convection cooling
Selection chart
Output 1 Uo nom Io nom [V DC] [A] 5.1 20 12 10 15 8 24 5 24 5 30 4 48 2.5 12 5 15 4 24 2.5 Output 1 Uo nom Io nom [V DC] [A] 5.1 25 12 12 15 10 24 6 24 6 30 5 48 3 12 6 15 5 24 3 Output 2 Uo nom Io nom [V DC] [A] 12 5 15 4 24 2.5 Output 2 Uo nom Io nom [V DC] [A] 12 6 15 5 24 3 Type Input voltage 8...35 V DC AK 1001-7R AK 1301-7R AK 1501-7R AK 1601-7R AK 2320-7R AK 2540-7R AK 2660-7R AK 2320-7R AK 2540-7R AK 2660-7R Type Input voltage 14...70 V DC BK 1001-7R BK 1301-7R BK 1501-7R BK 1601-7R BK 2320-7R BK 2540-7R BK 2660-7R BK 2320-7R BK 2540-7R BK 2660-7R Options
-9, D, V, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 Type Input voltage 20...100 V DC FK 1001-7R FK 1301-7R FK 1501-7R FK 1601-7R FK 2320-7R FK 2540-7R FK 2660-7R FK 2320-7R FK 2540-7R FK 2660-7R Options
-9, D, V, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1 -9, D, P, T, B1
www.power-one.ch
1
Cassette Style
Output 1 Uo nom Io nom [V DC] [A] 5.1 25 12 12 15 10 24 6 24 6 30 5 48 3 12 6 15 5 24 3 Output 2 Uo nom Io nom [V DC] [A] 12 6 15 5 24 3 Type Input voltage 28...140 V DC CK 1001-7R CK 1301-7R CK 1501-7R CK 1601-7R CK 2320-7R CK 2540-7R CK 2660-7R CK 2320-7R CK 2540-7R CK 2660-7R Type Input voltage 44...220 V DC DK 1001-7R DK 1301-7R DK 1501-7R DK 1601-7R DK 2320-7R DK 2540-7R DK 2660-7R DK 2320-7R DK 2540-7R DK 2660-7R Type Input voltage 67...385 V DC EK 1301-7R EK 1501-7R EK 1601-7R EK 2320-7R EK 2540-7R EK 2660-7R EK 2320-7R EK 2540-7R EK 2660-7R
K Series
Options
-9, E, D, V, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1
Input
Input voltage Inrush current limitation 6 wide-input ranges (1:5) CK, DK, EK by thermistor refer to selection chart
Output
Efficiency Output voltage setting accuracy Output voltage switching noise Line regulation Load regulation Minimum load Current limitation Operation in parallel Hold-up time
Ui nom, Io nom up to 87% Ui nom, Io nom 0.6% Uo nom IEC/EN 61204, total typ. 100 mVpp Ui min...Ui max, Io nom typ. 0.3% Ui nom, 10...100% Io nom, symmetrical output load typ. 0.4% not required 0A rectangular U/I characteristic typ. 110% Io nom by current limitation Ui nom, Io nom, C/D/E/FK with ext. diode in input line 4...30 ms Ui nom, Io nom, A/BK with ext. diode in input line typ. 1 ms
Control and protection
Input reverse polarity Input undervoltage lockout Input overvoltage lockout Input transient protection Output Output overvoltage Overtemperature Output voltage adjustment Inhibit Status indication built-in fuse, not user accessible typ. 80% Ui min typ. 108% Ui max varistor or suppressor diode no-load, overload and short circuit proof suppressor diode in each output switch-off with auto restart TTL input, output(s) disabled if left open LEDs: OK, inhibit, overload
typ. 130% Uo nom TC typ 100C 0...110% Uo nom
Safety
Approvals Protection degree Class of equipment Electric strength test voltage EN 60950, UL 1950, CSA 22.2 No. 950 IP 30 class I 2 kV AC 4 kV AC 1 kV AC 0.1 kV AC
I/case I/O O/case O/O
www.power-one.ch
2
K Series
EMC
Electrostatic discharge Electromagnetic field Electr. fast transients/bursts Surge Conducted disturbances Electromagnetic emissions
150 Watt DC-DC Converters
IEC/EN 61000-4-2, level 4 (8/15 kV) IEC/EN 61000-4-3, level x (20 V/m) IEC/EN 61000-4-4, level 4 (2/4 kV) IEC/EN 61000-4-5, level 3 (2 kV) IEC/EN 61000-4-6, level 3 (10 V) CISPR 22/EN 55022, conducted criterion A criterion A criterion A criterion A criterion A class B
Environmental
Operating ambient temperature Operating case temperature TC Storage temperature Damp heat Vibration, sinusoidal Shock Bump Random vibration MTBF
Ui nom, Io nom, convection cooled Ui nom, Io nom non operational IEC/EN 60068-2-3, 93%, 40C IEC/EN 60068-2-6, 10...60/60...2000 Hz IEC/EN 60068-2-27, 6 ms IEC/EN 60068-2-29, 6 ms IEC/EN 60068-2-64, 20...500 Hz MIL-HDBK-217F, GB, 40C
-25...71C -25...95C -40...100C 56 days 0.35 mm/5 gn 100 gn 40 gn 4.9 gn rms 500'000 h
Options
Extended temperature range -40...71C, ambient, operating Electronic inrush current limitation Output voltage adjustment 40...110% Uo nom, excludes feature R and vice versa Input and/or output undervoltage monitoring, excludes option V Input and/or output undervoltage monitoring (VME), excludes option P Current sharing Cooling plate -9 E P D0...D9 V0, V2, V3 T B1
Pin allocation
Pin 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 AK 1000, BK...EK 1001 Vo1+ Output 1 Vo1- S+ S- R i D V T Vi+ Vi- Output 1 Sense Sense Control of Uo1 Inhibit Save data ACFAIL Current sharing Protective earth Input Input AK 2000 Vo2+ Output 2 Vo2- Vo1+ Vo1- R i D T Vi+ Vi- Output 2 Output 1 Output 1 Control of Uo1 Inhibit Safe data BK...EK 1301/1501/1601 Vo1+ Output 1 Vo1+ Vo1- Output 1 Vo1- S+ Sense S- Sense R Control of Uo1 i Inhibit D Save data BK...EK 2000 Vo2+ Output 2 Vo2+ Vo2- Output 2 Vo2- Vo1+ Output 1 Vo1- Output 1 R Control of Uo1 i Inhibit D Save data Current sharing Protective earth Input Input
Current sharing T Protective earth Input Vi+ Vi+ Input Vi- Vi-
Current sharing T Protective earth Input Vi+ Vi+ Input Vi- Vi-
www.power-one.ch
3
Cassette Style
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
159 (6.25") 4.5 (0.18") 7 TE
K Series
European Projection
9 TE
111 (3U) (4.37")
89 (3.50")
Test jacks Option P (Uo) Option D (Uto) Option D (Uti) LED i LED OK LED IoL
Measuring point of case temperature TC
50 (1.97")
171.93 (6.77") (DIN 41494) 168.5 (6.63")
S09002
6.5 (0.26")
80 (3.15")
Accessories
Front panels 19" (Schroff/Intermas) Mating H15/H15S4 connectors with screw, solder, fast-on or press-fit terminals Connector retention facilities and code key system for connector coding Chassis or wall mounting plates for frontal access Universal mounting brackets for chassis or DIN-rail mounting
Pin allocation
S10010
S10010
Connector type H15 30 26 22 18 14 10 6
Connector type H15 S4 26/28 22 18 14 10/8
32 28 24 20 16 12 8
4
32/30
24 20 16 12
4/6
www.power-one.ch
4


▲Up To Search▲   

 
Price & Availability of AK1601-7R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X