Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download ADM6315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143 ADM6315
FUNCTIONAL BLOCK DIAGRAM
GND VREF VCC
FEATURES Superior Upgrade for MAX6315 Specified Over Temperature Low Power Consumption (5 A Typ) Precision Voltage Monitor of Voltages from 2.5 V to 5 V at 100 mV Increments Reset Assertion Down to VCC > 1 V Built-In Manual Reset Pin Compatible with the ADM811 APPLICATIONS Microprocessor Systems Controllers Intelligent Instruments Automotive Systems Safety Systems Portable Instruments
ADM6315
RESET
RESET CIRCUITRY
DEBOUNCE
MR
VCC
GENERAL DESCRIPTION
SYSTEM POWER
The ADM6315 is a reliable voltage monitoring device that is suitable for use in most voltage monitoring applications. The ADM6315 is designed to monitor as little as a 1.8% degradation of a power supply voltage. Voltages that can be monitored by the ADM6315 are all voltages (at 100 mV increments) from 2.5 V to 5 V. Included in this circuit is a debounced Manual Reset input. Reset can be activated using an ordinary switch (pulling MR low), by a low input from another digital device or by a degradation of the supply voltage. The manual reset function is very useful, especially if the circuit in which the ADM6315 is operating, enters into a state that can only be detected by the user. Allowing the user to manually reset a system can reduce the damage or danger that could be otherwise caused by an out of control or locked-up system. The ADM6315 comes in a cost and space efficient SOT-143 package.
MR
ADM6315
RESET
10k
P SYSTEM RESET
GND
GND
Figure 1. Typical Operating Circuit
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
ADM6315-SPECIFICATIONS (V
Parameter SUPPLY Operating Voltage VCC Supply Current RESET VOLTAGE THRESHOLD (VTH)1
Min
CC
= Full Operating Range, TA = TMIN to TMAX, VCC Typ = 5 V unless otherwise noted)
Typ Max Units Test Conditions/Comments
1.0 5 4 VTH - 1.8% VTH - 2.5% VTH
5.5 12 12 VTH + 1.8% VTH + 2.5%
V A A V V ppm/C s
TA = 0C to +70C VCC = 5.5 V (No Load) VCC = 3.6 V (No Load) TA = +25C TA = 0C to +70C
RESET THRESHOLD TEMPERATURE COEFFICIENT VCC TO RESET DELAY RESET ACTIVE TIMEOUT PERIOD 1 20 140 1120 0.8
60 35 1.4 28 200 1570 2.6 53 370 2960
VCC = Falling at 1 mV/s ADM6315xxD1 ADM6315xxD2 ADM6315xxD3 ADM6315xxD4 VTH > 4.0 V (VIL) VTH > 4.0 V (VIH) VTH < 4.0 V (VIL) VTH < 4.0 V (VIH)
ms ms ms ms V V V V s ns ns k V V V A
MANUAL RESET Input Threshold
2.4 0.3 VCC 0.7 VCC Minimum Input Pulse Glitch Rejection To Reset Delay Pull-Up Resistance RESET OUTPUT Output Voltage 1 100 500 63
32
100 0.4 0.3 0.3 1
Output Leakage Current
VCC > 4.25 V, ISINK = 3.2 mA VCC > 2.5 V, ISINK = 1.2 mA VCC > 1 V, ISINK = 80 mA VCC > VTH, RESET Deasserted
NOTES 1 The ADM6315 is available with preset reset threshold values from 2.5 V to 5 V at 100 mV increments. Specifications subject to change without notice.
-2-
REV. 0
ADM6315
ABSOLUTE MAXIMUM RATINGS*
(TA = +25C unless otherwise noted)
PIN CONFIGURATION
Terminal Voltage (With Respect to Ground) VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +6 V All Other Inputs . . . . . . . . . . . . . . . . .-0.3 V to VCC + 0.3 V Input Current VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Output Current RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Power Dissipation (TA = +70C) RT-4, SOT-143 Derate by 4 mW/C above +70C . . . . . . . . . . . 320 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 330C/W Operating Temperature Range . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . -65C to +160C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods of time may affect device reliability.
GND 1
ADM6315
TOP VIEW (Not to Scale)
4 VCC
RESET 2
3 MR
PIN FUNCTION DESCRIPTIONS
Pin 1 2
Mnemonic GND RESET
Function 0 V. Ground reference for all signals. Active Low Logic Output. RESET remains low while VCC is below the reset threshold or when MR is low, RESET then remains low for either 1 ms (min), 20 ms (min), 140 ms (min) or 1120 ms (min) after VCC rises above the reset threshold and MR is high. Manual Reset. This active low debounced input will ignore input pulses of 100 ns (typical) and is guaranteed to accept input pulses of greater than 1 s. Leave floating when not used. Monitored supply voltage.
3
MR
4
VCC
ORDERING GUIDE
Model ADM6315-xxxxxxx-xx*
*Refer to Tables I to IV.
Temperature Range -40C to +85C
Package Description Plastic Surface Mount
Package Option SOT-143
REV. 0
-3-
ADM6315 -Typical Performance Characteristics
10
800
8 VCC = 5.5
MAXIMUM TRANSIENT DURATION - s
80 100 125
700 600 500 400 300 200 100 0
IDD - A
6 VCC = 3 4
2
VCC = 1
0 -40
-100
-20 0 20 40 60 TEMPERATURE - C
0
4 8 20 60 100 400 800 1200 RESET COMPARATOR OVERDRIVE, VTH-VCC - mV
1600
Figure 2. Supply Current vs. Temperature
Figure 5. Maximum Transient Duration vs. RESET Comparator Overdrive
450 400
1.005
POWER-DOWN RESET DELAY - s
350 300 250 200 150 100 50 0 -40 VOD = 125mV VOD = 200mV -20 0 20 40 60 TEMPERATURE - C 80 100 125 VOD = 20mV
NORMALIZED THRESHOLD - V
1.000
0.995
0.990 -40
-20
0
20 40 60 TEMPERATURE - C
80
100
125
Figure 3. Power-Down Reset Delay vs. Temperature
Figure 6. Normalized Reset Threshold vs. Temperature (VCC Falling)
1.06
12 +85 C
NORMALIZED RESET TIMEOUT - ms
1.04
A
10
1.02
SUPPLY CURRENT -
8
1.00
6 +25 C 4 -40 C
0.98
0.96
2
0.94 -40
0
-20 0 20 40 60 TEMPERATURE - C 80 100 125
0
1
2 3 SUPPLY VOLTAGE - V
4
5
Figure 4. Normalized Reset Timeout Period vs. Temperature (VCC Rising)
Figure 7. Supply Current vs. Supply Voltage
-4-
REV. 0
ADM6315
INTERFACING TO OTHER DEVICES
OUTPUT
The ADM6315 series is designed to integrate with as many devices as possible. One feature of the ADM6315 is the RESET open drain output, which can sink current from sources with a voltage greater than the VCC of the ADM6315 input making it suitable for use in more diverse applications.
THE BENEFITS OF A VERY ACCURATE RESET THRESHOLD
The MR input will (typical) ignore negative going pulses faster than 100 ns and is guaranteed to accept any negative going input pulse of a duration greater than or equal to 1 s. If MR is connected to long cables or used in a noisy environment, then placing a 1 F decoupling capacitor between the MR input and ground will further improve the glitch immunity of the ADM6315.
VCC TRIP-POINT (MAX) VCC TRIP-POINT VCC TRIP-POINT (MIN) VCC RESET ACTIVE TIMEOUT
Because the ADM6315 series can operate effectively even when there are large degradations of the supply voltages (due to an accurate internal voltage reference circuit), the possibility of a malfunction during a power failure is greatly reduced.
VCC VCC TRIP-POINT(MAX) VCC TRIP-POINT VCC TRIP-POINT(MIN) RST VCC TO RESET DELAY
RST
Figure 9. VCC Power-Up Timing Diagram
TRANSIENT IMMUNITY
VOL
As well as being an accurate reset circuit, the ADM6315 has good immunity to negative going transients (Figure 5). Because of this characteristic, the ADM6315 is suitable for use in noisy environments. Figure 5 shows the reset comparator overdrive (the maximum magnitude of negative going pulses with respect to the typical reset threshold) versus pulse duration, without causing a reset.
Figure 8. VCC Power-Down/Brownout Timing Diagram
DETAILED DESCRIPTION
The ADM6315 is designed to protect the integrity of a systems operation by ensuring the proper operation of the system during power-up, power-down and brownout conditions. When the ADM6315 is powered-up (depending on the selected reset active timeout), the RESET output of the ADM6315 will remain low for a period typically equalling the Reset Active Timeout Period. This is designed to give the system time to power-up correctly and for the power supply to stabilize before any devices are brought out of reset and allowed to begin executing instructions. Initializing a system in this way provides a more reliable start-up for microprocessor systems. When a brownout condition occurs (assuming VCC is falling at 1 mV/s), the ADM6315 will produce a reset in typically 35 s. Producing a reset this fast means that the entire system can be reset together before any part of the systems' voltage falls below its recommended operating voltage. This can avoid dangerous and/or erroneous operation of a microprocessor-based system.
MANUAL RESET INPUT
The ADM6315 also provides an additional input, MR. This input can be used as either a means for the system operator to manually reset the system via a switch or for a digital circuit to reset the system.
REV. 0
-5-
ADM6315
Table I. Table II.
Model* ADM6315-50D1ART-RL7 ADM6315-50D1ART-RL ADM6315-49D1ART-RL7 ADM6315-49D1ART-RL ADM6315-48D1ART-RL7 ADM6315-48D1ART-RL ADM6315-47D1ART-RL7 ADM6315-47D1ART-RL ADM6315-46D1ART-RL7 ADM6315-46D1ART-RL ADM6315-45D1ART-RL7 ADM6315-45D1ART-RL ADM6315-44D1ART-RL7 ADM6315-44D1ART-RL ADM6315-43D1ART-RL7 ADM6315-43D1ART-RL ADM6315-42D1ART-RL7 ADM6315-42D1ART-RL ADM6315-41D1ART-RL7 ADM6315-41D1ART-RL ADM6315-40D1ART-RL7 ADM6315-40D1ART-RL ADM6315-39D1ART-RL7 ADM6315-39D1ART-RL ADM6315-38D1ART-RL7 ADM6315-38D1ART-RL ADM6315-37D1ART-RL7 ADM6315-37D1ART-RL ADM6315-36D1ART-RL7 ADM6315-36D1ART-RL ADM6315-35D1ART-RL7 ADM6315-35D1ART-RL ADM6315-34D1ART-RL7 ADM6315-34D1ART-RL ADM6315-33D1ART-RL7 ADM6315-33D1ART-RL ADM6315-32D1ART-RL7 ADM6315-32D1ART-RL ADM6315-31D1ART-RL7 ADM6315-31D1ART-RL ADM6315-30D1ART-RL7 ADM6315-30D1ART-RL ADM6315-29D1ART-RL7 ADM6315-29D1ART-RL ADM6315-28D1ART-RL7 ADM6315-28D1ART-RL ADM6315-27D1ART-RL7 ADM6315-27D1ART-RL ADM6315-26D1ART-RL7 ADM6315-26D1ART-RL ADM6315-25D1ART-RL7 ADM6315-25D1ART-RL
TripPoint 5.00 5.00 4.90 4.90 4.80 4.80 4.70 4.70 4.63 4.63 4.50 4.50 4.39 4.39 4.30 4.30 4.20 4.20 4.10 4.10 4.00 4.00 3.90 3.90 3.80 3.80 3.70 3.70 3.60 3.60 3.50 3.50 3.40 3.40 3.30 3.30 3.20 3.20 3.08 3.08 3.00 3.00 2.93 2.93 2.80 2.80 2.70 2.70 2.63 2.63 2.50 2.50
Min Timeout (ms) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Brand MDZ MDZ MDY MDY MDX MDX MDW MDW MDV MDV MDU MDU MDT MDT MDS MDS MDR MDR MDQ MDQ MDP MDP MDO MDO MDN MDN MDM MDM MDL MDL MDK MDK MDJ MDJ MDI MDI MDH MDH MDG MDG MDF MDF MDE MDE MDD MDD MDC MDC MDB MDB MDA MDA
Model* ADM6315-50D2ART-RL7 ADM6315-50D2ART-RL ADM6315-49D2ART-RL7 ADM6315-49D2ART-RL ADM6315-48D2ART-RL7 ADM6315-48D2ART-RL ADM6315-47D2ART-RL7 ADM6315-47D2ART-RL ADM6315-46D2ART-RL7 ADM6315-46D2ART-RL ADM6315-45D2ART-RL7 ADM6315-45D2ART-RL ADM6315-44D2ART-RL7 ADM6315-44D2ART-RL ADM6315-43D2ART-RL7 ADM6315-43D2ART-RL ADM6315-42D2ART-RL7 ADM6315-42D2ART-RL ADM6315-41D2ART-RL7 ADM6315-41D2ART-RL ADM6315-40D2ART-RL7 ADM6315-40D2ART-RL ADM6315-39D2ART-RL7 ADM6315-39D2ART-RL ADM6315-38D2ART-RL7 ADM6315-38D2ART-RL ADM6315-37D2ART-RL7 ADM6315-37D2ART-RL ADM6315-36D2ART-RL7 ADM6315-36D2ART-RL ADM6315-35D2ART-RL7 ADM6315-35D2ART-RL ADM6315-34D2ART-RL7 ADM6315-34D2ART-RL ADM6315-33D2ART-RL7 ADM6315-33D2ART-RL ADM6315-32D2ART-RL7 ADM6315-32D2ART-RL ADM6315-31D2ART-RL7 ADM6315-31D2ART-RL ADM6315-30D2ART-RL7 ADM6315-30D2ART-RL ADM6315-29D2ART-RL7 ADM6315-29D2ART-RL ADM6315-28D2ART-RL7 ADM6315-28D2ART-RL ADM6315-27D2ART-RL7 ADM6315-27D2ART-RL ADM6315-26D2ART-RL7 ADM6315-26D2ART-RL ADM6315-25D2ART-RL7 ADM6315-25D2ART-RL
TripPoint 5.00 5.00 4.90 4.90 4.80 4.80 4.70 4.70 4.63 4.63 4.50 4.50 4.39 4.39 4.30 4.30 4.20 4.20 4.10 4.10 4.00 4.00 3.90 3.90 3.80 3.80 3.70 3.70 3.60 3.60 3.50 3.50 3.40 3.40 3.30 3.30 3.20 3.20 3.08 3.08 3.00 3.00 2.93 2.93 2.80 2.80 2.70 2.70 2.63 2.63 2.50 2.50
Min Timeout (ms) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
Brand MEZ MEZ MEY MEY MEX MEX MEW MEW MEV MEV MEU MEU MET MET MES MES MER MER MEQ MEQ MEP MEP MEO MEO MEN MEN MEM MEM MEL MEL MEK MEK MEJ MEJ MEI MEI MEH MEH MEG MEG MEF MEF MEE MEE MED MED MEC MEC MEB MEB MEA MEA
NOTES ADM6315-xxxxxxx-RL7 are in reels of 3,000 pieces. ADM6315-xxxxxxx-RL are in reels of 10,000 pieces. *Only available in reels.
-6-
REV. 0
ADM6315
Table III. Table IV.
Model* ADM6315-50D3ART-RL7 ADM6315-50D3ART-RL ADM6315-49D3ART-RL7 ADM6315-49D3ART-RL ADM6315-48D3ART-RL7 ADM6315-48D3ART-RL ADM6315-47D3ART-RL7 ADM6315-47D3ART-RL ADM6315-46D3ART-RL7 ADM6315-46D3ART-RL ADM6315-45D3ART-RL7 ADM6315-45D3ART-RL ADM6315-44D3ART-RL7 ADM6315-44D3ART-RL ADM6315-43D3ART-RL7 ADM6315-43D3ART-RL ADM6315-42D3ART-RL7 ADM6315-42D3ART-RL ADM6315-41D3ART-RL7 ADM6315-41D3ART-RL ADM6315-40D3ART-RL7 ADM6315-40D3ART-RL ADM6315-39D3ART-RL7 ADM6315-39D3ART-RL ADM6315-38D3ART-RL7 ADM6315-38D3ART-RL ADM6315-37D3ART-RL7 ADM6315-37D3ART-RL ADM6315-36D3ART-RL7 ADM6315-36D3ART-RL ADM6315-35D3ART-RL7 ADM6315-35D3ART-RL ADM6315-34D3ART-RL7 ADM6315-34D3ART-RL ADM6315-33D3ART-RL7 ADM6315-33D3ART-RL ADM6315-32D3ART-RL7 ADM6315-32D3ART-RL ADM6315-31D3ART-RL7 ADM6315-31D3ART-RL ADM6315-30D3ART-RL7 ADM6315-30D3ART-RL ADM6315-29D3ART-RL7 ADM6315-29D3ART-RL ADM6315-28D3ART-RL7 ADM6315-28D3ART-RL ADM6315-27D3ART-RL7 ADM6315-27D3ART-RL ADM6315-26D3ART-RL7 ADM6315-26D3ART-RL ADM6315-25D3ART-RL7 ADM6315-25D3ART-RL
TripPoint 5.00 5.00 4.90 4.90 4.80 4.80 4.70 4.70 4.63 4.63 4.50 4.50 4.39 4.39 4.30 4.30 4.20 4.20 4.10 4.10 4.00 4.00 3.90 3.90 3.80 3.80 3.70 3.70 3.60 3.60 3.50 3.50 3.40 3.40 3.30 3.30 3.20 3.20 3.08 3.08 3.00 3.00 2.93 2.93 2.80 2.80 2.70 2.70 2.63 2.63 2.50 2.50
Min Timeout (ms) 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140 140
Brand MFZ MFZ MFY MFY MFX MFX MFW MFW MFV MFV MFU MFU MFT MFT MFS MFS MFR MFR MFQ MFQ MFP MFP MFO MFO MFN MFN MFM MFM MFL MFL MFK MFK MFJ MFJ MFI MFI MFH MFH MFG MFG MFF MFF MFE MFE MFD MFD MFC MFC MFB MFB MFA MFA
Model* ADM6315-50D4ART-RL ADM6315-50D4ART-RL7 ADM6315-49D4ART-RL ADM6315-49D4ART-RL7 ADM6315-48D4ART-RL ADM6315-48D4ART-RL7 ADM6315-47D4ART-RL ADM6315-47D4ART-RL7 ADM6315-46D4ART-RL ADM6315-46D4ART-RL7 ADM6315-45D4ART-RL ADM6315-45D4ART-RL7 ADM6315-44D4ART-RL ADM6315-44D4ART-RL7 ADM6315-43D4ART-RL ADM6315-43D4ART-RL7 ADM6315-42D4ART-RL ADM6315-42D4ART-RL7 ADM6315-41D4ART-RL ADM6315-41D4ART-RL7 ADM6315-40D4ART-RL ADM6315-40D4ART-RL7 ADM6315-39D4ART-RL ADM6315-39D4ART-RL7 ADM6315-38D4ART-RL ADM6315-38D4ART-RL7 ADM6315-37D4ART-RL ADM6315-37D4ART-RL7 ADM6315-36D4ART-RL ADM6315-36D4ART-RL7 ADM6315-35D4ART-RL ADM6315-35D4ART-RL7 ADM6315-34D4ART-RL ADM6315-34D4ART-RL7 ADM6315-33D4ART-RL ADM6315-33D4ART-RL7 ADM6315-32D4ART-RL ADM6315-32D4ART-RL7 ADM6315-31D4ART-RL ADM6315-31D4ART-RL7 ADM6315-30D4ART-RL ADM6315-30D4ART-RL7 ADM6315-29D4ART-RL ADM6315-29D4ART-RL7 ADM6315-28D4ART-RL ADM6315-28D4ART-RL7 ADM6315-27D4ART-RL ADM6315-27D4ART-RL7 ADM6315-26D4ART-RL ADM6315-26D4ART-RL7 ADM6315-25D4ART-RL ADM6315-25D4ART-RL7
TripPoint 5.00 5.00 4.90 4.90 4.80 4.80 4.70 4.70 4.63 4.63 4.50 4.50 4.39 4.39 4.30 4.30 4.20 4.20 4.10 4.10 4.00 4.00 3.90 3.90 3.80 3.80 3.70 3.70 3.60 3.60 3.50 3.50 3.40 3.40 3.30 3.30 3.20 3.20 3.08 3.08 3.00 3.00 2.93 2.93 2.80 2.80 2.70 2.70 2.63 2.63 2.50 2.50
Min Timeout (ms) 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120 1120
Brand MGZ MGZ MGY MGY MGX MGX MGW MGW MGV MGV MGU MGU MGT MGT MGS MGS MGR MGR MGQ MGQ MGP MGP MGO MGO MGN MGN MGM MGM MGL MGL MGK MGK MGJ MGJ MGI MGI MGH MGH MGG MGG MGF MGF MGE MGE MGD MGD MGC MGC MGB MGB MGA MGA
NOTES All parts in bold are ex-stock. Consult factory for availability of orders. ADM6315-xxxxxxx-RL7 are in reels of 3,000 pieces. ADM6315-xxxxxxx-RL are in reels of 10,000 pieces. *Only available in reels.
REV. 0
-7-
ADM6315
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
4-Lead Plastic Surface Mount Package (SOT-143)
0.079 (2.00) 0.071 (1.80)
4 3
0.055 (1.40) 0.047 (1.20)
1 2
0.098 (2.50) 0.083 (2.10)
PIN 1
0.080 (2.03) 0.070 (1.78) 0.120 (3.05) 0.105 (2.67) 0.040 (1.02) 0.031 (0.79) 0.021 (0.54) 0.015 (0.38) 0.0059 (0.089) 0.0035 (0.15) 8 0 0.010 (0.25) 0.005 (0.13)
7 0.004 (0.10) 0.001 (0.03)
SEATING 0.037 (0.94) PLANE 0.030 (0.77)
-8-
REV. 0
PRINTED IN U.S.A.
C3460-8-3/99


▲Up To Search▲   

 
Price & Availability of ADM6315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X