Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download 93LC66A-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 93LC66A/B
4K 2.5V Microwire(R) Serial EEPROM
FEATURES
* Single supply with operation down to 2.5V * Low power CMOS technology - 1 mA active current (typical) - 1 A standby current (maximum) * 512 x 8 bit organization (93LC66A) * 256 x 16 bit organization (93LC66B) * Self-timed ERASE and WRITE cycles (including auto-erase) * Automatic ERAL before WRAL * Power on/off data protection circuitry * Industry standard 3-wire serial interface * Device status signal during ERASE/WRITE cycles * Sequential READ function * 1,000,000 E/W cycles guaranteed * Data retention > 200 years * 8-pin PDIP/SOIC and 8-pin TSSOP packages * Available for the following temperature ranges: - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C
BLOCK DIAGRAM
MEMORY ARRAY ADDRESS DECODER
ADDRESS COUNTER DATA REGISTER DI MODE DECODE LOGIC CLOCK GENERATOR Vcc Vss OUTPUT BUFFER
DO
CS CLK
DESCRIPTION
The Microchip Technology Inc. 93LC66A/B are 4K-bit, low voltage serial Electrically Erasable PROMs. The device memory is configured as x8 (93LC66A) or x16 bits (93LC66B). Advanced CMOS technology makes these devices ideal for low power nonvolatile memory applications. The 93LC66A/B is available in standard 8-pin DIP, surface mount SOIC, and TSSOP packages. The 93LC66AX/BX are only offered in a 150-mil SOIC package.
PACKAGE TYPE
DIP CS CLK DI DO 1 8 Vcc CS 7 6 5 NC CLK NC Vss DO DI SOIC SOIC CS CLK DI DO 1 2 3 4 TSSOP
93LC66A/B
1
8
VCC NC NC Vss
NC Vcc CS CLK
1
8
NC Vss DO DI
2 3 4
2 3 4
7 6 5
2 3 4
7 6 5
8 7 6 5
Vcc NC NC Vss
93LC66A/BX
Microwire is a registered trademark of Motorola.
1998 Microchip Technology Inc.
93LC66A/B
93LC66A/B
DS21209C-page 1
93LC66A/B
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
TABLE 1-1
Name CS CLK DI DO VSS NC VCC
PIN FUNCTION TABLE
Function Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground No Connect Power Supply
Vcc ...................................................................................7.0V All inputs and outputs w.r.t. Vss ............... -0.6V to Vcc +1.0V Storage temperature .....................................-65C to +150C Ambient temp. with power applied ................-65C to +125C Soldering temperature of leads (10 seconds) ............. +300C ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-2
DC AND AC ELECTRICAL CHARACTERISTICS
Commercial (C): Industrial (I): Symbol VIH1 VIH2 VIL1 VIL2 VOL1 VOL2 VOH1 VOH2 ILI ILO CIN, COUT ICC read ICC write VCC = +2.5V to +6.0V VCC = +2.5V to +6.0V Min. 2.0 0.7 VCC -0.3 -0.3 -- -- 2.4 VCC-0.2 -10 -10 -- -- -- -- -- 250 250 50 0 250 100 100 -- -- -- -- -- -- 1M Max. Vcc +1 Vcc +1 0.8 0.2 Vcc 0.4 0.2 -- -- 10 10 7 1 500 1.5 1 2 1 -- -- -- -- -- -- -- 400 100 500 6 6 15 -- Tamb = 0C to +70C Tamb = -40C to +85C Units V V V V V V V V A A pF mA A mA A MHz MHz ns ns ns ns ns ns ns ns ns ns ms ms ms cycles Relative to CLK Relative to CLK CL = 100 pF CL = 100 pF (Note 2) CL = 100 pF ERASE/WRITE mode ERAL mode WRAL mode 25C, VCC = 5.0V, Block Mode (Note 3) Relative to CLK Relative to CLK CS = Vss; DI = VSS VCC > 4.5V VCC < 4.5V Conditions 2.7V VCC 6.0V (Note 2) VCC < 2.7V VCC > 2.7V (Note 2) VCC < 2.7V IOL = 2.1 A; Vcc = 4.5V IOL =100 A; Vcc = Vcc Min. IOH = -400 A; Vcc = 4.5V IOH = -100 A; Vcc = Vcc Min. VIN = VSS to VCC VOUT = VSS to VCC VIN/VOUT = 0 V (Notes 1 & 2) Tamb = +25C, FCLK = 1 MHz FCLK = 2 MHz; Vcc = 6.0V FCLK = 1 MHz; Vcc = 3.0V
All parameters apply over the specified operating ranges unless otherwise noted Parameter High level input voltage
Low level input voltage
Low level output voltage
High level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Operating current Standby current Clock frequency Clock high time Clock low time Chip select setup time Chip select hold time Chip select low time Data input setup time Data input hold time Data output delay time Data output disable time Status valid time
ICCS FCLK TCKH TCKL TCSS TCSH TCSL TDIS TDIH TPD TCZ TSV TWC
Program cycle time
TEC TWL
Endurance Note 1: 2: 3:
--
This parameter is tested at Tamb = 25C and Fclk = 1 MHz. This parameter is periodically sampled and not 100% tested. This application is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which may be obtained on our website.
DS21209C-page 2
1998 Microchip Technology Inc.
93LC66A/B
2.0
2.1
PIN DESCRIPTION
Chip Select (CS)
CLK cycles are not required during the self-timed WRITE (i.e., auto ERASE/WRITE) cycle. After detection of a START condition the specified number of clock cycles (respectively low to high transitions of CLK) must be provided. These clock cycles are required to clock in all required opcode, address, and data bits before an instruction is executed (Table 2-1 and Table 2-2). CLK and DI then become don't care inputs waiting for a new START condition to be detected.
A high level selects the device; a low level deselects the device and forces it into standby mode. However, a programming cycle which is already in progress will be completed, regardless of the Chip Select (CS) input signal. If CS is brought low during a program cycle, the device will go into standby mode as soon as the programming cycle is completed. CS must be low for 250 ns minimum (TCSL) between consecutive instructions. If CS is low, the internal control logic is held in a RESET status.
2.3
Data In (DI)
Data In (DI) is used to clock in a START bit, opcode, address, and data synchronously with the CLK input.
2.2
Serial Clock (CLK)
2.4
Data Out (DO)
The Serial Clock (CLK) is used to synchronize the communication between a master device and the 93LC66A/ B. Opcode, address, and data bits are clocked in on the positive edge of CLK. Data bits are also clocked out on the positive edge of CLK. CLK can be stopped anywhere in the transmission sequence (at high or low level) and can be continued anytime with respect to clock high time (TCKH) and clock low time (TCKL). This gives the controlling master freedom in preparing opcode, address, and data. CLK is a "Don't Care" if CS is low (device deselected). If CS is high, but a START condition has not been detected, any number of clock cycles can be received by the device without changing its status (i.e., waiting for a START condition).
Data Out (DO) is used in the READ mode to output data synchronously with the CLK input (TPD after the positive edge of CLK). This pin also provides READY/BUSY status information during ERASE and WRITE cycles. READY/BUSY status information is available on the DO pin if CS is brought high after being low for minimum chip select low time (TCSL) and an ERASE or WRITE operation has been initiated. The status signal is not available on DO, if CS is held low during the entire ERASE or WRITE cycle. In this case, DO is in the HIGH-Z mode. If status is checked after the ERASE/WRITE cycle, the data line will be high to indicate the device is ready.
TABLE 2-1
Instruction ERASE ERAL EWDS EWEN READ WRITE WRAL
1 1 1 1 1 1 1
INSTRUCTION SET FOR 93LC66A
SB Opcode
11 00 00 00 10 01 00 A8 1 0 1 A8 A8 0 A7 0 0 1 A7 A7 1 A6 X X X A6 A6 X
Address
A5 X X X A5 A5 X A4 X X X A4 A4 X A3 X X X A3 A3 X A2 X X X A2 A2 X A1 X X X A1 A1 X A0 X X X A0 A0 X
Data In
-- -- -- -- -- D7 - D0 D7 - D0
Data Out
(RDY/BSY) (RDY/BSY) HIGH-Z HIGH-Z D7 - D0 (RDY/BSY) (RDY/BSY)
Req. CLK Cycles
12 12 12 12 20 20 20
TABLE 2-2
Instruction ERASE ERAL EWDS EWEN READ WRITE WRAL
1 1 1 1 1 1 1
INSTRUCTION SET FOR 93LC66B
SB Opcode
11 00 00 00 10 01 00 A7 1 0 1 A7 A7 0 A6 0 0 1 A6 A6 1 A5 X X X A5 A5 X
Address
A4 X X X A4 A4 X A3 X X X A3 A3 X A2 X X X A2 A2 X A1 X X X A1 A1 X A0 X X X A0 A0 X
Data In
-- -- -- -- -- D15 - D0 D15 - D0
Data Out
(RDY/BSY) (RDY/BSY) HIGH-Z HIGH-Z D15 - D0 (RDY/BSY) (RDY/BSY)
Req. CLK Cycles
11 11 11 11 27 27 27
1998 Microchip Technology Inc.
DS21209C-page 3
93LC66A/B
3.0 FUNCTIONAL DESCRIPTION
3.2 Data In (DI) Data Out (DO)
Instructions, addresses, and write data are clocked into the DI pin on the rising edge of the clock (CLK). The DO pin is normally held in a HIGH-Z state except when reading data from the device, or when checking the READY/BUSY status during a programming operation. The READY/BUSY status can be verified during an ERASE/WRITE operation by polling the DO pin; DO low indicates that programming is still in progress, while DO high indicates the device is ready. The DO will enter the HIGH-Z state on the falling edge of the CS. It is possible to connect the Data In (DI)and Data Out (DO)pins together. However, with this configuration, if A0 is a logic-high level, it is possible for a "bus conflict" to occur during the "dummy zero" that precedes the READ operation. Under such a condition the voltage level seen at Data Out is undefined and will depend upon the relative impedances of Data Out and the signal source driving A0. The higher the current sourcing capability of A0, the higher the voltage at the Data Out pin.
3.1
START Condition
3.3
Data Protection
The START bit is detected by the device if CS and DI are both high with respect to the positive edge of CLK for the first time. Before a START condition is detected, CS, CLK, and DI may change in any combination (except to that of a START condition), without resulting in any device operation (ERASE, ERAL, EWDS, EWEN, READ, WRITE, and WRAL). As soon as CS is high, the device is no longer in the standby mode. An instruction following a START condition will only be executed if the required amount of opcodes, addresses, and data bits for any particular instruction is clocked in. After execution of an instruction (i.e., clock in or out of the last required address or data bit) CLK and DI become don't care bits until a new START condition is detected.
During power-up, all programming modes of operation are inhibited until VCC has reached a level greater than 2.2V. During power-down, the source data protection circuitry acts to inhibit all programming modes when Vcc has fallen below 2.2V at nominal conditions. The ERASE/WRITE Disable (EWDS) and ERASE/ WRITE Enable (EWEN) commands give additional protection against accidentally programming during normal operation. After power-up, the device is automatically in the EWDS mode. Therefore, an EWEN instruction must be performed before any ERASE or WRITE instruction can be executed.
FIGURE 3-1:
CS
SYNCHRONOUS DATA TIMING
VIH VIL VIH TCSS TCKH TCKL TCSH
CLK VIL TDIS VIH DI VIL TPD DO VOH (READ) VOL DO VOH (PROGRAM) VOL Note: AC Test Conditions: VIL = 0.4V, VIH = 2.4V. TPD TCZ TDIH
TCZ TSV STATUS VALID
DS21209C-page 4
1998 Microchip Technology Inc.
93LC66A/B
3.4 ERASE 3.5 Erase All (ERAL)
The ERASE instruction forces all data bits of the specified address to the logical "1" state. CS is brought low following the loading of the last address bit. This falling edge of the CS pin initiates the self-timed programming cycle. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical "0" indicates that programming is still in progress. DO at logical "1" indicates that the register at the specified address has been erased and the device is ready for another instruction. The Erase All (ERAL) instruction will erase the entire memory array to the logical "1" state. The ERAL cycle is identical to the ERASE cycle except for the different opcode. The ERAL cycle is completely self-timed and commences at the falling edge of the CS. Clocking of the CLK pin is not necessary after the device has entered the ERAL cycle. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL) and before the entire ERAL cycle is complete.
FIGURE 3-2:
CS
ERASE TIMING
TCSL CHECK STATUS
CLK
DI
1
1
1
AN
AN-1
AN-2
***
A0 TSV TCZ READY HIGH-Z TWC
DO
HIGH-Z
BUSY
FIGURE 3-3:
CS
ERAL TIMING
TCSL CHECK STATUS
CLK
DI
1
0
0
1
0
X
***
X TSV TCZ READY HIGH-Z TEC
DO
HIGH-Z
BUSY
Guaranteed at Vcc = 4.5V to +6.0V.
1998 Microchip Technology Inc.
DS21209C-page 5
93LC66A/B
3.6 ERASE/WRITE Disable and Enable (EWDS/EWEN) 3.7 READ
The READ instruction outputs the serial data of the addressed memory location on the DO pin. A dummy zero bit precedes the 8-bit (93LC66A) or 16-bit (93LC66B) output string. The output data bits will toggle on the rising edge of the CLK and are stable after the specified time delay (TPD). Sequential read is possible when CS is held high. The memory data will automatically cycle to the next register and output sequentially.
The 93LC66A/B powers up in the ERASE/WRITE Disable (EWDS) state. All programming modes must be preceded by an ERASE/WRITE Enable (EWEN) instruction. Once the EWEN instruction is executed, programming remains enabled until an EWDS instruction is executed or Vcc is removed from the device. To protect against accidental data disturbance, the EWDS instruction can be used to disable all ERASE/WRITE functions and should follow all programming operations. Execution of a READ instruction is independent of both the EWDS and EWEN instructions.
FIGURE 3-4:
CS
EWDS TIMING
TCSL
CLK
DI
1
0
0
0
0
X
***
X
FIGURE 3-5:
EWEN TIMING
TCSL
CS
CLK
DI
1
0
0
1
1
X
***
X
FIGURE 3-6:
CS
READ TIMING
CLK DI 1 1 0
An
***
A0
DO
HIGH-Z
0
Dx
***
D0
Dx
***
D0
Dx
***
D0
DS21209C-page 6
1998 Microchip Technology Inc.
93LC66A/B
3.8 WRITE 3.9 Write All (WRAL)
The WRITE instruction is followed by 8 bits (93LC66A) or 16 bits (93LC66B) of data which are written into the specified address. After the last data bit is put on the DI pin, the falling edge of CS initiates the self-timed autoerase and programming cycle. The DO pin indicates the READY/BUSY status of the device, if CS is brought high after a minimum of 250 ns low (TCSL) and before the entire write cycle is complete. DO at logical "0" indicates that programming is still in progress. DO at logical "1" indicates that the register at the specified address has been written with the data specified and the device is ready for another instruction. The Write All (WRAL) instruction will write the entire memory array with the data specified in the command. The WRAL cycle is completely self-timed and commences at the falling edge of the CS. Clocking of the CLK pin is not necessary after the device has entered the WRAL cycle. The WRAL command does include an automatic ERAL cycle for the device. Therefore, the WRAL instruction does not require an ERAL instruction, but the chip must be in the EWEN status. The DO pin indicates the READY/BUSY status of the device if CS is brought high after a minimum of 250 ns low (TCSL).
FIGURE 3-7:
CS
WRITE TIMING
TCSL
CLK
DI
1
0
1
An
***
A0
Dx
***
D0 TSV TCZ READY
DO
HIGH-Z
BUSY
HIGH-Z
Twc
FIGURE 3-8:
CS
WRAL TIMING
TCSL
CLK
DI
1
0
0
0
1
X
***
X
Dx
***
D0 TSV TCZ
DO
HIGH-Z
BUSY TWL
READY HIGH-Z
Guaranteed at Vcc = 4.5V to +6.0V.
1998 Microchip Technology Inc.
DS21209C-page 7
93LC66A/B
NOTES:
DS21209C-page 8
1998 Microchip Technology Inc.
93LC66A/B
NOTES:
1998 Microchip Technology Inc.
DS21209C-page 9
93LC66A/B
NOTES:
DS21209C-page 10
1998 Microchip Technology Inc.
93LC66A/B
93LC66A/B PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 93LC66A/B -- /P Package: P SN SM ST = = = = Plastic DIP (300 mil Body), 8-lead Plastic SOIC (150 mil Body), 8-lead Plastic SOIC (208 mil Body), 8-lead TSSOP, 8-lead
Temperature Range:
Blank = 0C to +70C I = -40C to +85C 93LC66A 93LC66AT 93LC66AX 93LC66AXT 4K Microwire Serial EEPROM (x8) 4K Microwire Serial EEPROM (x8) Tape and Reel 4K Microwire Serial EEPROM (x8) in alternate pinout (SN only) 4K Microwire Serial EEPROM (x8) in alternate pinout, Tape and Reel (SN only) 4K Microwire Serial EEPROM (x16) 4K Microwire Serial EEPROM (x16) Tape and Reel 4K Microwire Serial EEPROM (x16) in alternate pinout (SN only) 4K Microwire Serial EEPROM (x16) in alternate pinout, Tape and Reel (SN only)
Device:
93LC66B 93LC66BT 93LC66BX 93LC66BXT
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
1998 Microchip Technology Inc.
DS21209C-page 11
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
China - Beijing
Microchip Technology Beijing Office Unit 915 New China Hong Kong Manhattan Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
Taiwan
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
China - Shanghai
Microchip Technology Shanghai Office Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
EUROPE
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
Hong Kong
Microchip Asia Pacific RM 2101, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
France
Arizona Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
Dayton
Two Prestige Place, Suite 130 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
10/01/00
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
All rights reserved. (c) 2000 Microchip Technology Incorporated. Printed in the USA. 12/00
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, except as maybe explicitly expressed herein, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21209C-page 12
Preliminary
2000 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 93LC66A-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X