Part Number Hot Search : 
MAX649 EE08617 01LT1 LTM15 IM04TS 1205S STF16A60 SP211EH
Product Description
Full Text Search
 

To Download 74LVC08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVC08A Quad 2-input AND gate
Product specification IC24 Data Handbook 1997 Jun 30
Philips Semiconductors
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
FEATURES
* Wide supply voltage range of 1.2 V to 3.6 V * In accordance with JEDEC standard no. 8-1A * Inputs accept voltages up to 5.5 V * CMOS low power consumption * Direct interface with TTL levels
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr = tf v2.5 ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay nA, nB to nY Input capacitance Power dissipation capacitance per gate
DESCRIPTION
The 74LVC08A is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices as translators in a mixed 3.3 V/5 V environment. The 74LVC08A provides the 2-input AND function.
CONDITIONS CL = 50 pF; VCC = 3.3 V Notes 1 and 2
TYPICAL 2.6 5.0 28
UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in W) PD = CPD x VCC2 x fi ) (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; VCC = supply voltage in V; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES 14-Pin Plastic SO 14-Pin Plastic SSOP Type II 14-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVC08A D 74LVC08A DB 74LVC08A PW NORTH AMERICA 74LVC08A D 74LVC08A DB 74LVC08APW DH DWG NUMBER SOT108-1 SOT337-1 SOT402-1
PIN CONFIGURATION
1A 1B 1Y 2A 2B 2Y GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC 4B 4A 4Y 3B 3A 3Y
LOGIC SYMBOL
1 2 4 5 9 10 12 13 1A 1B 2A 2B 3A 3B 4A 4B 1Y 3
2Y
6
3Y
8
4Y
11
SY00034
SV00435
PIN DESCRIPTION
PIN NUMBER 1, 4, 9, 12 2, 5, 10, 13 3, 6, 8, 11 7 14 SYMBOL 1A - 4A 1B - 4B 1Y - 4Y GND VCC Data inputs Data outputs Ground (0 V) Positive supply voltage NAME AND FUNCTION
1997 Jun 30
2
853-1996 18167
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
LOGIC SYMBOL (IEEE/IEC)
1 2 4 5 9 10 12 13 & 3 &
LOGIC DIAGRAM (ONE GATE)
A Y B 6
SV00415
&
8
FUNCTION TABLE
INPUTS OUTPUTS nB L H L H nY L L L H nA L L H H NOTES: H = HIGH voltage level L = LOW voltage level
& 11
SV00436
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VCC VI VO Tamb tr, tf PARAMETER DC supply voltage (for max. speed performance) DC supply voltage (for low-voltage applications) DC input voltage range DC output voltage range; output HIGH or LOW state Operating ambient temperature range in free-air Input rise and fall times VCC = 1.2 to 2.7V VCC = 2.7 to 3.6V CONDITIONS MIN 2.7 1.2 0 0 -40 0 0 MAX 3.6 3.6 5.5 VCC +85 20 10 UNIT V V V V C ns/V
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0V). SYMBOL VCC IIK VI IOK VO IO IGND, ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output HIGH or LOW state DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package - plastic mini-pack (SO) - plastic shrink mini-pack (SSOP and TSSOP) above +70C derate linearly with 8 mW/K above +60C derate linearly with 5.5 mW/K VI t 0 Note 2 VO uVCC or VO t 0 Note 2 VO = 0 to VCC CONDITIONS RATING -0.5 to +6.5 -50 -0.5 to +6.5 "50 -0.5 to VCC +0.5 "50 "100 -65 to +150 500 500 UNIT V mA V mA V mA mA C
mW
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
1997 Jun 30
3
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
DC CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V). LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 1.2V VCC = 2.7 to 3.6V VCC = 1.2V VCC = 2.7 to 3.6V VCC = 2.7V; VI = VIH or VIL; IO = -12mA VO OH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = -100A VCC = 3.0V; VI = VIH or VIL; IO = -18mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100A VCC = 3.0V; VI = VIH or VIL; IO = 24mA II ICC ICC Input leakage current Quiescent supply current Additional quiescent supply current per input pin VCC = 3 6V; VI = 5 5V or GND 3.6V; 5.5V VCC = 3.6V; VI = VCC or GND; IO = 0 VCC = 2.7V to 3.6V; VI = VCC -0.6V; IO = 0 "0 1 "0.1 0.1 5 VCC*0.5 VCC*0.2 VCC*0.6 VCC*0.8 0.40 0.20 0.55 "5 10 500 A A A V VCC V VCC 2.0 GND 0.8 V TYP1 MAX V UNIT
VIL
LOW level Input voltage
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V 0.3V MIN tPHL/ tPLH Propagation delay nA, nB to nY 1, 2 1.5 TYP1 2.6 MAX 5.1 MIN 1.5 VCC = 2.7V TYP 3.0 MAX 6.1 VCC = 1.2V TYP 16 ns UNIT
NOTE: 1. These typical values are at VCC = 3.3V and Tamb = 25C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V VM = 0.5 S VCC at VCC < 2.7 V VOL and VOH are the typical output voltage drop that occur with the output load.
Vl nA, nB INPUT GND t PHL V OH nY OUTPUT VOL VM t PLH VM
TEST CIRCUIT
VCC S1 2 < VCC Open GND
PULSE GENERATOR
VI D.U.T. RT
VO
500
CL
50pF
500
VCC t 2.7V
VI VCC 2.7V
Test tPLH/tPHL
S1 Open
SV00414
2.7V - 3.6V
Waveform 1. Input (nA, nB) to output (nY) propagation delays.
SY00077
Waveform 2. Load circuitry for switching times.
1997 Jun 30
4
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1997 Jun 30
5
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
1997 Jun 30
6
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
1997 Jun 30
7
Philips Semiconductors
Product specification
Quad 2-input AND gate
74LVC08A
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1997 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04481
Philips Semiconductors
1997 Jun 30 8


▲Up To Search▲   

 
Price & Availability of 74LVC08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X