Part Number Hot Search : 
MCY74047 00BZX 74LS86 NCV8405A 18108 TEA1210 CA3304AM BZXS59V1
Product Description
Full Text Search
 

To Download 74LV154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LV154 4-to-16 line decoder/demultiplexer
Product specification Supersedes data of 1997 Mar 07 IC24 Data Handbook 1998 Apr 28
Philips Semiconductors
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
FEATURES
* Optimized for low voltage applications: 1.0 to 3.6 V * Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V * Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, * Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, * 16-line demultiplexing capability * Decodes 4 binary-coded inputs into one of 16 mutually * 2-input enable gate for strobing or expansion * Output capability: standard * ICC category: MSI
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25C; tr = tf 2.5 ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay An, En to Yn Input capacitance Power dissipation capacitance per gate exclusive outputs Tamb = 25C Tamb = 25C
DESCRIPTION
The 74LV154 is a low-voltage CMOS device and is pin and function compatible with 74HC/HCT154. The 74LV154 decoders accept four active HIGH binary address inputs (A0 to A3) and provide 16 mutually exclusive active LOW outputs(Y0 to Y15). The 2-input enable inputs (E0, E1) can be used to strobe the decoder to eliminate the normal decoding "glitches" on the outputs, or it can be used for expansion of the decoder. The enable input has two AND'ed inputs which must be LOW to enable the outputs. The 74LV154 can be used as a 1-to-16 demultiplexer by using one of the enable inputs as the multiplexed data input. When the other enable is LOW, the addressed output will follow the state of the applied data.
CONDITIONS CL = 15 pF; VCC = 3.3 V VI = GND to VCC1
TYPICAL 11 3.5 60
UNIT ns pF pF
NOTE: 1. CPD is used to determine the dynamic power dissipation (PD in W) PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacitance in pF; fo = output frequency in MHz; VCC = supply voltage in V; (CL x VCC2 x fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES 24-Pin Plastic DIL 24-Pin Plastic SO 24-Pin Plastic SSOP Type II 24-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +125C -40C to +125C -40C to +125C -40C to +125C OUTSIDE NORTH AMERICA 74LV154 N 74LV154 D 74LV154 DB 74LV154 PW NORTH AMERICA 74LV154 N 74LV154 D 74LV154 DB 74LV154PW DH PKG. DWG. # SOT101-1 SOT137-1 SOT340-1 SOT355-1
PIN CONFIGURATION
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 1 2 3 4 5 6 7 8 9 24 23 22 21 20 19 18 17 16 15 14 13 V CC A0 A1 A2 A3 E1 E0 Y 15 Y 14 Y 13 Y 12 Y 11
PIN DESCRIPTION
PIN NUMBER 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 13, 14, 15, 16, 17 18, 19 12 23, 22, 21, 20 16 SYMBOL Y0 to Y15 FUNCTION Outputs (active LOW)
E0, E1 GND A0 to A3 VCC
Enable inputs (active LOW) Ground (0 V) Address inputs Positive supply voltage
Y 9 10 Y 10 GND 11 12
SV00544
1998 Apr 28
2
853-1939 19309
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
LOGIC SYMBOL
23 A0 Y0 Y1 22 A1 1 2
LOGIC SYMBOL (IEEE/IEC)
23 0 22 21 20 3 G 0 15 DX 0 1 2 3 4 1 2 3 4 5 6 7 8 9 10 11 13 14 15 16 17 18 19 & EN 23 1 22 21 20 2 4 8 X/Y 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 1 2 3 4 5 6 7 8 9 10 11 13 14 15 16 17
21
A2
Y 10 Y 11
11 13
5 6 7 8 9
20
A3 E0 E1
18 19
Y 14 Y 15
16 17
10 11 12 13 18 19 & 14 15
SV00545
SV00546
LOGIC DIAGRAM
E0 E1 A0 A1 A2 A3
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y 10
Y 11
Y 12
Y 13
Y 14
Y 15
SV00548
FUNCTIONAL DIAGRAM
23 22 21 20
A0
A1
A2
A3
18
E0 DECODER E1
19
Y0 1
Y1 2
Y2 3
Y3 4
Y4 5
Y5 6
Y6 7
Y7 8
Y8 9
Y9 10
Y 10 Y 11 Y 12 Y 13 Y 14 Y 15 11 13 14 15 16 17
SV00547
1998 Apr 28
3
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
FUNCTION TABLE
INPUTS E0 H H L L L L L L L L L L L L L L L L L E1 H L H L L L L L L L L L L L L L L L L A0 X X X L H L H L H L H L H L H L H L H A1 X X X L L H H L L H H L L H H L L H H A2 X X X L L L L H H H H L L L L H H H H A3 X X X L L L L L L L L H H H H H H H H Y0 H H H L H H H H H H H H H H H H H H H Y1 H H H H L H H H H H H H H H H H H H H Y2 H H H H H L H H H H H H H H H H H H H Y3 H H H H H H L H H H H H H H H H H H H Y4 H H H H H H H L H H H H H H H H H H H Y5 H H H H H H H H L H H H H H H H H H H Y6 H H H H H H H H H L H H H H H H H H H OUTPUTS Y7 H H H H H H H H H H L H H H H H H H H Y8 H H H H H H H H H H H L H H H H H H H Y9 H H H H H H H H H H H H L H H H H H H Y10 H H H H H H H H H H H H H L H H H H H Y11 H H H H H H H H H H H H H H L H H H H Y12 H H H H H H H H H H H H H H H L H H H Y13 H H H H H H H H H H H H H H H H L H H Y14 H H H H H H H H H H H H H H H H H L H Y15 H H H H H H H H H H H H H H H H H H L
NOTES: H = HIGH voltage level L = LOW voltage level X = don't care
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VO Tamb tr, tf Input voltage Output voltage Operating ambient temperature range in free air Input rise and fall times See DC and AC characteristics VCC = 1.0V to 2.0V VCC = 2.0V to 2.7V VCC = 2.7V to 3.6V PARAMETER DC supply voltage CONDITIONS See Note 1 MIN 1.0 0 0 -40 -40 - - - - - - TYP 3.3 - - MAX 3.6 VCC VCC +85 +125 500 200 100 UNIT V V V C ns/V
NOTE: 1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 3.6V.
1998 Apr 28
4
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V). SYMBOL VCC "IIK "IOK "IO "IGND, "ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC output diode current DC output source or sink current - standard outputs DC VCC or GND current for types with - standard outputs Storage temperature range Power dissipation per package - plastic DIL - plastic mini-pack (SO) - plastic shrink mini-pack (SSOP and TSSOP) for temperature range: -40 to +125C above +70C derate linearly with 12 mW/K above +70C derate linearly with 8 mW/K above +60C derate linearly with 5.5 mW/K VI < -0.5 or VI > VCC + 0.5V VO < -0.5 or VO > VCC + 0.5V -0.5V < VO < VCC + 0.5V CONDITIONS RATING -0.5 to +4.6 20 50 25 50 -65 to +150 750 500 400 UNIT V mA mA mA mA C mW
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V). LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC = 1.2 V VIH HIGH l level I l Input t voltage VCC = 2.0 V VCC = 2.7 to 3.6 V VCC = 1.2 V VIL LOW l l Input t level I voltage VCC = 2.0 V VCC = 2.7 to 3.6 V VCC = 1.2 V; VI = VIH or VIL; -IO = 100A VO OH HIGH level output voltage; all outputs VCC = 2.0 V; VI = VIH or VIL; -IO = 100A VCC = 2.7 V; VI = VIH or VIL; -IO = 100A VCC = 3.0 V; VI = VIH or VIL; -IO = 100A VOH HIGH level output voltage; STANDARD outputs VCC = 3.0 V; VI = VIH or VIL; -IO = 6mA VCC = 1.2 V; VI = VIH or VIL; IO = 100A VO OL LOW level output voltage; all outputs VCC = 2.0 V; VI = VIH or VIL; IO = 100A VCC = 2.7 V; VI = VIH or VIL; IO = 100A VCC = 3.0 V; VI = VIH or VIL; IO = 100A VOL LOW level output voltage; STANDARD outputs Input leakage current VCC = 3.0 V; VI = VIH or VIL; IO = 6mA 1.8 2.5 2.8 2.40 1.2 2.0 2.7 3.0 2.82 0 0 0 0 0.25 0.2 0.2 0.2 0.40 0.2 0.2 0.2 0.50 V V 1.8 2.5 2.8 2.20 V V 0.9 1.4 2.0 0.3 0.6 0.8 -40C to +85C TYP1 MAX -40C to +125C MIN 0.9 1.4 2.0 0.3 0.6 0.8 V V MAX UNIT
II
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
A
1998 Apr 28
5
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V). LIMITS SYMBOL PARAMETER Quiescent supply current; MSI Additional quiescent supply current per input TEST CONDITIONS MIN ICC ICC VCC = 3.6 V; VI = VCC or GND; IO = 0 VCC = 2.7 V to 3.6 V; VI = VCC - 0.6 V -40C to +85C TYP1 MAX 20.0 500 -40C to +125C MIN MAX 160 850 A A UNIT
NOTE: 1. All typical values are measured at Tamb = 25C.
AC CHARACTERISTICS
GND = 0V; tr = tf 2.5ns; CL = 50pF; RL = 1K SYMBOL PARAMETER WAVEFORM CONDITION VCC(V) 1.2 tPHL/tPLH Propagation delay g y An to Yn Figures 1 2 1, 2.0 2.7 3.0 to 3.6 1.2 tPHL/tPLH Propagation delay g y En to Yn Figures 1 2 1, 2.0 2.7 3.0 to 3.6 NOTES: 1. Unless otherwise stated, all typical values are measured at Tamb = 25C. 2. Typical values are measured at VCC = 3.3 V. MIN LIMITS -40 to +85 C TYP1 65 22 16 122 70 24 18 132 44 33 26 54 40 32 ns 43 31 25 51 38 30 ns MAX -40 to +125 C MIN MAX UNIT
AC WAVEFORMS
VM = 1.5 V at VCC 2.7 V; VM = 0.5 x VCC at VCC < 2.7 V; VOL and VOH are the typical output voltage drop that occur with the output load.
Vl INPUTS VM VI INPUTS GND GND t PHL VOH OUTPUTS VOL VM t PLH V OH OUTPUTS V OL VM t PHL t PLH VM
SV00550 SV00549
Figure 2.
Figure 1.
Address input (An) to output (Yn) propagation delays.
Enable input (En) to output (Yn) propagation delays.
1998 Apr 28
6
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
TEST CIRCUIT
A0 VCC A1 A2 A3 VI PULSE GENERATOR RT D.U.T. 50pF CL RL = 1k Strobe E0 E1 Y14 Y15 VO Y0 Y1
Test Circuit for switching times DEFINITIONS
RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators. TEST tPLH/tPHL VCC < 2.7V 2.7-3.6V VI VCC 2.7V
SV00551
Figure 4.
1-of-16 decoder; LOW level output is selected.
A0 A1 A2 A3
Y0 Y1
SV00901
Figure 3.
Load circuitry for switching times.
Data input
E0 E1
Y14 Y15
SV00552
Figure 5. 1-of-16 demultiplexer; logic level on selected outputs follow the logic level on the data input.
1998 Apr 28
7
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
DIP24: plastic dual in-line package; 24 leads (600 mil)
SOT101-1
1998 Apr 28
8
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
SO24: plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
1998 Apr 28
9
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
1998 Apr 28
10
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
TSSOP24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1
1998 Apr 28
11
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74LV154
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04426
Philips Semiconductors
1998 Apr 28 12


▲Up To Search▲   

 
Price & Availability of 74LV154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X