Part Number Hot Search : 
TC387 FGF4006 SSM660FR GE85L02 93C66 DS1673 IL54123 DP650
Product Description
Full Text Search
 

To Download 74HCT42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT42 BCD to decimal decoder (1-of-10)
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
FEATURES * Mutually exclusive outputs * 1-of-8 demultiplexing capability * Outputs disabled for input codes above nine * Output capability: standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT42 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT42
The 74HC/HCT42 decoders accept four active HIGH BCD inputs and provide 10 mutually exclusive active LOW outputs. The active LOW outputs facilitate addressing other MSI circuits with active LOW input enables. The logic design of the "42" ensures that all outputs are HIGH when binary codes greater than nine are applied to the inputs. The most significant input (A3) produces an useful inhibit function when the "42" is used as a 1-of-8 decoder. The A3 input can also be used as the data input in an 8-output demultiplexer application.
TYPICAL SYMBOL tPHL/ tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay An to Yn input capacitance power dissipation capacitance per package notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 14 3.5 37 HCT 17 3.5 37 ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
PIN DESCRIPTION PIN NO. 1, 2, 3, 4, 5, 6, 7, 9, 10, 11 8 15, 14, 13, 12 16 SYMBOL Y0 to Y9 GND A0 to A3 VCC
74HC/HCT42
NAME AND FUNCTION multiplexer outputs ground (0 V) data inputs positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
FUNCTION TABLE INPUTS A3 L L L L L L L L H H H H H H H H Note 1. H = HIGH voltage level L = LOW voltage level A2 L L L L H H H H L L L L H H H H A1 L L H H L L H H L L H H L L H H A0 L H L H L H L H L H L H L H L H Y0 L H H H H H H H H H H H H H H H Y1 H L H H H H H H H H H H H H H H Y2 H H L H H H H H H H H H H H H H Y3 H H H L H H H H H H H H H H H H
74HC/HCT42
OUTPUTS Y4 H H H H L H H H H H H H H H H H Y5 H H H H H L H H H H H H H H H H Y6 H H H H H H L H H H H H H H H H Y7 H H H H H H H L H H H H H H H H Y8 H H H H H H H H L H H H H H H H Y9 H H H H H H H H H L H H H H H H
Fig.4 Functional diagram.
Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 min. typ. tPHL/ tPLH propagation delay An to Yn output transition time 47 17 14 19 7 6 max. 150 30 26 75 15 13 -40 to +85 min. max. 190 38 33 95 19 16 -40 to +125 min. max. 225 45 38 110 22 19 ns UNIT
74HC/HCT42
TEST CONDITIONS VCC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6
tTHL/ tTLH
ns
Fig.6
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT An UNIT LOAD COEFFICIENT 1.0
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER min. tPHL/ tPLH tTHL/ tTLH propagation delay An to Yn output transition time +25 typ. 20 7 max. 35 15 -40 to +85 min. max. 44 19 -40 to +125 min. max. 53 22 ns ns 4.5 4.5 Fig.6 Fig.6 UNIT VCC WAVEFORMS (V) TEST CONDITIONS
December 1990
5
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
AC WAVEFORMS
74HC/HCT42
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the input (An) to output (Yn) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
6


▲Up To Search▲   

 
Price & Availability of 74HCT42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X