Part Number Hot Search : 
74VHC14 102C03 74374 FM34W02U IR2110L6 NCV8855 KU10N14 PC1188
Product Description
Full Text Search
 

To Download 74HCT2G66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74HC2G66; 74HCT2G66 Bilateral switches
Product specification Supersedes data of 2003 Nov 26 2004 May 19
Philips Semiconductors
Product specification
Bilateral switches
FEATURES * Wide supply voltage range from 2.0 V to 9.0 V * Very low ON-resistance: - 41 (typical) at VCC = 4.5 V - 30 (typical) at VCC = 6.0 V - 21 (typical) at VCC = 9.0 V. * High noise immunity * Low power dissipation * 25 mA switch current * SOT505-2 package * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 C to +85 C and -40 C to +125 C. DESCRIPTION
74HC2G66; 74HCT2G66
The 74HC2G66/74HCT2G66 is a high-speed Si-gate CMOS device. The 74HC2G66/74HCT2G66 provides a dual analog switch. Each switch has two pins (nY and nZ) for input or output and an active HIGH enable input (pin E). When pin E is LOW, the belonging analog switch is turned off.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6.0 ns; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TYPICAL SYMBOL tPZH/tPZL tPHZ/tPLZ CI CPD CS Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL +CS) x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CS = Switch capacitance in pF; VCC = supply voltage in Volts. 2. For 74HC2G66 the condition is VI = GND to VCC. For 74HCT2G66 the condition is VI = GND to VCC - 1.5 V. PARAMETER turn-on time nE to Vos turn-off time nE to Vos input capacitance power dissipation capacitance per switch notes 1 and 2 switch capacitance CONDITIONS HC2G CL = 50 pF; RL = 1 k; VCC = 4.5 V 12 CL = 50 pF; RL = 1 k; VCC = 4.5 V 12 3.5 9 8 HCT2G 13 13 3.5 9 8 ns ns pF pF pF UNIT
2004 May 19
2
Philips Semiconductors
Product specification
Bilateral switches
FUNCTION TABLE See note 1. INPUT nE L H Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION PACKAGE TYPE NUMBER 74HC2G66DP 74HCT2G66DP PINNING PIN 1 2 3 4 5 6 7 8 1Y 1Z 2E GND 2Y 2Z 1E VCC SYMBOL independent input or output independent input or output enable input (active HIGH) ground (0 V) independent input or output independent input or output enable input (active HIGH) supply voltage TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C PINS 8 8 PACKAGE TSSOP8 TSSOP8
74HC2G66; 74HCT2G66
SWITCH OFF ON
MATERIAL plastic plastic
OUTLINE VERSION SOT505-2 SOT505-2
MARKING H66 T66
DESCRIPTION
handbook, halfpage handbook, halfpage
1Y 1 1Z 2
8 7
VCC 1E 2Z
1Y 1E 2Z
1Z
66
2E 3 GND 4
MNB002
6 5
2Y 2E
MNB003
2Y
Fig.1 Pin configuration.
Fig.2 Logic symbol.
2004 May 19
3
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, halfpage
1 7# 5 3#
1 X1 1 X1
1
2
handbook, halfpage
nZ
1
MNB004
6
nE GND
nY
MNB005
Fig.3 IEC logic symbol.
Fig.4 Logic diagram.
RECOMMENDED OPERATING CONDITIONS 74HC2G66 SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage ambient temperature CONDITIONS MIN. 2.0 0 0 see DC and AC -40 characteristics per device - - - - TYP. 5.0 - - +25 - 6.0 - - MAX. 10.0 VCC VCC +125 1000 500 400 250 MIN. 4.5 0 0 -40 - - - - TYP. 5.0 - - +25 - 6.0 - - MAX. 5.5 VCC VCC +125 - 500 - - V V V C ns ns ns ns 74HCT2G66 UNIT
input rise and fall VCC = 2.0 V times VCC = 4.5 V VCC = 6.0 V VCC = 9.0 V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK IOK IO ICC, IGND Tstg Ptot Ps Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 55 C the value of Ptot derates linearly with 2.5 mW/K. PARAMETER supply voltage input diode current output diode current output source or sink current VCC or GND current storage temperature power dissipation of package power dissipation per switch Tamb = -40 C to +125 C; note 2 VI < -0.5 V or VI > VCC + 0.5 V; note 1 VO < -0.5 V or VO > VCC + 0.5 V; note 1 -0.5 V < VO < VCC + 0.5 V; note 1 note 1 CONDITIONS MIN. -0.5 - - - - -65 - - MAX. +11.0 20 20 25 30 +150 300 100 UNIT V mA mA mA mA C mW mW
2004 May 19
4
Philips Semiconductors
Product specification
Bilateral switches
DC CHARACTERISTICS
74HC2G66; 74HCT2G66
Type 74HC2G66 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note1 VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI Is(OFF) input leakage current analog switch current, OFF-state analog switch current, ON-state quiescent supply current VI = VCC or GND VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 6.0 9.0 9.0 1.5 3.15 4.2 6.3 - - - - - - - 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 - - 0.1 - - - - 0.5 1.35 1.8 2.7 0.1 0.2 1.0 V V V V V V V V A A A VCC (V) MIN. TYP. MAX. UNIT
Is(ON)
9.0
-
0.1
1.0
A
ICC
6.0 9.0
- -
- -
10 20
A A
2004 May 19
5
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI Is(OFF) input leakage current analog switch current, OFF-state analog switch current, ON-state quiescent supply current VI = VCC or GND VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND 6.0 9.0 9.0 1.5 3.15 4.2 6.3 - - - - - - - - - - - - - - - - - - - - - - 0.5 1.35 1.8 2.7 0.1 0.2 1.0 V V V V V V V V A A A VCC (V) MIN. TYP. MAX. UNIT
Is(ON)
9.0
-
-
1.0
A
ICC
6.0 9.0
- -
- -
20 40
A A
Note 1. All typical values are measured at Tamb = 25 C.
2004 May 19
6
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Type 74HCT2G66 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 VIH VIL ILI Is(OFF) HIGH-level input voltage LOW-level input voltage input leakage current analog switch current, OFF-state analog switch current, ON-state quiescent supply current VI = VCC or GND VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND VI = VCC - 2.1 V; IO = 0 A 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 5.5 2.0 - - - 1.6 1.2 - 0.1 - 0.8 1.0 1.0 V V A A VCC (V) MIN. TYP. MAX. UNIT
Is(ON)
-
0.1
1.0
A
ICC
-
-
10
A
ICC
additional supply current per input
4.5 to 5.5
-
-
375
A
Tamb = -40 C to +125 C VIH VIL ILI Is(OFF) HIGH-level input voltage LOW-level input voltage input leakage current analog switch current, OFF-state analog switch current, ON-state quiescent supply current VI = VCC or GND VI = VIH or VIL; VS = VCC - GND; see Fig.7 VI = VIH or VIL; VS = VCC - GND; see Fig.8 VI = VCC or GND; Vis = GND or VCC; Vos = VCC or GND VI = VCC - 2.1 V; IO = 0 A 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 5.5 2.0 - - - - - - - - 0.8 1.0 1.0 V V A A
Is(ON)
-
-
1.0
A
ICC
-
-
20
A
ICC Note
additional supply current per input
4.5 to 5.5
-
-
410
A
1. All typical values are measured at Tamb = 25 C.
2004 May 19
7
Philips Semiconductors
Product specification
Bilateral switches
Resistance RON for 74HC2G66 and 74HCT2G66 See notes 1 and 2. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 3 RON(peak) ON-resistance (peak) Vis = VCC to GND; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 RON(rail) ON-resistance (rail) Vis = GND; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 Vis = VCC; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 RON maximum variation of ON-resistance between the two channels Vis = VCC to GND; VI = VIH or VIL; see Figs 5 and 6 4.5 6.0 9.0 100 1000 1000 1000 100 1000 1000 1000 100 1000 1000 1000 - - -
74HC2G66; 74HCT2G66
MIN. VCC (V) Is (A) - - - - - - - - - - - - - - - - - - - - - - - - - - -
TYP.
MAX.
UNIT
250 41 30 21 65 28 22 18 65 31 23 19 5 4 3 - - - - - - - - - - - -
- 118 105 88 - 95 82 70 - 106 94 78 - - - - 142 126 105 - 115 100 80 - 128 113 95

Tamb = -40 C to +125 C RON(peak) ON-resistance (peak) Vis = VCC to GND; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 RON(rail) ON-resistance (rail) Vis = GND; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 Vis = VCC; VI = VIH or VIL; see Figs 5 and 6 2.0 4.5 6.0 9.0 Notes 1. For 74 HCT2G66 only VCC = 4.5 V applies; for 74HC2G66 all VCC values apply. 2. At supply voltages near 2 V, the analog switch ON-resistance is extremely non linear. When using a supply of 2 V, it is recommended is to use these devices only for digital signals. 3. All typical values are measured at Tamb = 25 C. 100 1000 1000 1000 100 1000 1000 1000 100 1000 1000 1000
2004 May 19
8
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, halfpage
60
MNB006
RON () 40
HIGH (from enable inputs)
VCC = 4.5 V
VCC = 6.0 V
V
20
Y Z
VCC = 9.0 V
Iis GND
Vis = 0 to VCC - GND
10
MNA078
0 0 2 4 6 8 Vis (V) 10
Vis = 0 V to VCC.
Fig.5
Test circuit for measuring ON-resistance (RON).
Fig.6
Typical ON-resistance (RON) as function of input voltage (Vis).
LOW (from enable input)
HIGH (from enable input)
Y A VI = VCC or GND
Z A VO = GND or VCC GND
MNA079
Y A VI = VCC or GND
Z A VO (open circuit) GND
MNA080
Fig.7 Test circuit for measuring OFF-state current.
Fig.8 Test circuit for measuring ON-state current.
2004 May 19
9
Philips Semiconductors
Product specification
Bilateral switches
AC CHARACTERISTICS
74HC2G66; 74HCT2G66
Type 74HC2G66 GND = 0 V; tr = tf = 6.0 ns; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 C to +85 C; note 1 tPHL/tPLH propagation delay Vis to Vos RL = ; see Figs 16 and 18 2.0 4.5 6.0 9.0 tPZH/tPZL turn-on time nE to Vos RL = 1 k; see Figs 17 and 18 2.0 4.5 6.0 9.0 tPHZ/tPLZ turn-off time nE to Vos RL = 1 k; see Figs 17 and 18 2.0 4.5 6.0 9.0 Tamb = -40 C to +125 C tPHL/tPLH propagation delay Vis to Vos RL = ; see Figs 16 and 18 2.0 4.5 6.0 9.0 tPZH/tPZL turn-on time nE to Vos RL = 1 k; see Figs 17 and 18 2.0 4.5 6.0 9.0 tPHZ/tPLZ turn-off time nE to Vos RL = 1 k; see Figs 17 and 18 2.0 4.5 6.0 9.0 Note 1. All typical values are measured at Tamb = 25 C. - - - - - - - - - - - - - - - - - - - - - - - - 80 15 14 12 150 30 26 20 175 35 33 27 ns ns ns ns ns ns ns ns ns ns ns ns - - - - - - - - - - - - 6.5 2.0 1.5 1.2 40 12 10 7 21 12 11 10 65 13 11 10 125 25 21 16 145 29 28 23 ns ns ns ns ns ns ns ns ns ns ns ns VCC (V) MIN. TYP. MAX. UNIT
2004 May 19
10
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Type 74HCT2G66 GND = 0 V; tr = tf = 6.0 ns; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 C to +85 C; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time nE to Vos turn-off time nE to Vos RL = ; see Figs 16 and 18 RL = 1 k; see Figs 17 and 18 RL = 1 k; see Figs 17 and 18 RL = ; see Figs 16 and 18 RL = 1 k; see Figs 17 and 18 RL = 1 k; see Figs 17 and 18 4.5 4.5 4.5 - - - 2.0 13 13 15 30 44 ns ns ns VCC (V) MIN. TYP. MAX. UNIT
Tamb = -40 C to +125 C tPHL/tPLH tPZH/tPZL tPHZ/tPLZ Note 1. All typical values are measured at Tamb = 25 C. propagation delay Vis to Vos turn-on time nE to Vos turn-off time nE to Vos 4.5 4.5 4.5 - - - - - - 18 36 53 ns ns ns
2004 May 19
11
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Type 74HC2G66 and 74HCT2G66 At recommended conditions and typical values; GND = 0 V; tr = tf = 6.0 ns; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL dsin PARAMETER OTHER sine-wave distortion f = 1 kHz; RL = 10 k; CL = 50 pF; see Fig.14 f = 10 kHz; RL = 10 k; CL = 50 pF; see Fig.14 OFF(feedthru) ct(s) Vct(E-S)(p-p) switch OFF signal feed-through crosstalk between the two switches crosstalk voltage between enable input to the switches (peak-to-peak value) frequency response (-3 dB) switch capacitance Vis(p-p) (V) 4.0 8.0 4.0 8.0 VCC (V) 4.5 9.0 4.5 9.0 4.5 9.0 4.5 9.0 note 1 4.5 9.0 0.04 0.02 0.12 0.06 -50 -50 -60 -60 110 220 % % % % dB dB dB dB mV mV TYP. UNIT
RL = 600 ; CL = 50 pF; note 1 f = 1 MHz; see Figs 9 and 15 RL = 600 ; CL = 50 pF; f = 1 MHz; see Fig 11 RL = 600 ; CL = 50 pF; f = 1 MHz (nE, square wave between VCC and GND, tr = tf = 6.0 ns); see Fig 12 RL = 50 ; CL = 10 pF; see Figs 10 and 13 note 1
fmax CS Notes
note 2
4.5 9.0
180 200 8
MHz MHz pF
1. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 ). 2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
2004 May 19
12
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
MNA082
handbook, full pagewidth
0
(dB) -20
-40
-60
-80
-100 10
102
103
104
105
f (kHz)
106
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; RSOURCE = 1 k.
Fig.9 Typical switch OFF signal feed-through as a function of frequency.
MNA083
handbook, full pagewidth
5
(dB)
0
-5 10
102
103
104
105
f (kHz)
106
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; RSOURCE = 1 k.
Fig.10 Typical frequency response.
2004 May 19
13
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, halfpage
VCC 2RL nY/nZ nZ/nY
handbook, halfpage VCC
VCC 2RL nZ/nY Vos CL dB GND
MNB010
0.1 F Vis
RL
2RL nY/nZ
channel ON
2RL
CL GND
MNB009
2RL
channel OFF
2RL
a. Channel ON condition.
b. Channel OFF condition.
Fig.11 Test circuit for measuring crosstalk between any two switches.
handbook, full pagewidth
VCC 2RL nY/nZ
nE
VCC GND
VCC 2RL nZ/nY
DUT 2RL 2RL CL oscilloscope GND
MNB011
The crosstalk is defined as follows (oscilloscope output):
handbook, halfpage
V(p-p)
MNB012
Fig.12 Test circuit for measuring crosstalk between control and any switch.
2004 May 19
14
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, full pagewidth
VCC 2RL Y/Z 2RL channel ON
MNA084
0.1 F Vis sine-wave
Z/Y CL dB
Vos
GND
Adjust input voltage to obtain 0 dBm at Vos when fi = 1 MHz. After set-up, frequency of fi is increased to obtain a reading of -3 dB at Vos.
Fig.13 Test circuit for measuring minimum frequency response.
handbook, full pagewidth
VCC 2RL Y/Z Z/Y DISTORTION METER GND
MNA085
10 F Vis fin = 1 kHz sine-wave
Vos
2RL channel ON
CL
Fig.14 Test circuit for measuring sine-wave distortion.
handbook, full pagewidth
VCC 2RL Y/Z 2RL channel OFF
MNA086
0.1 F Vis
Z/Y CL dB
Vos
GND
Fig.15 Test circuit for measuring switch OFF signal feed-through.
2004 May 19
15
Philips Semiconductors
Product specification
Bilateral switches
AC WAVEFORMS
74HC2G66; 74HCT2G66
V handbook, halfpage I Vis GND tPLH VOH Vos VOL
MNB007
VM
tPHL
VM
74HC2G66: VM = 50%; VI = GND to VCC. 74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.
Fig.16 Waveforms showing input (Vis) to output (Vos) propagation delay and the output transition time.
handbook, full pagewidth
VI nE GND t PLZ VCC nY or nZ output LOW-to-OFF OFF-to-LOW VOL t PHZ VOH nY or nZ output HIGH-to-OFF OFF-to-HIGH GND switch enabled switch disabled switch enabled
MNB008
VM
t PZL
VM VX t PZH VY VM
VX = 10% of signal amplitude. VY = 90% of signal amplitude. 74HC2G66: VM = 50%; VI = GND to VCC. 74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.
Fig.17 Waveforms showing turn-on and turn-off times.
2004 May 19
16
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, full pagewidth
tW 90% negative input pulse 10% tTHL (tf) tTLH (tr) 90% positive input pulse 10% tW VM 0V
MNA089
amplitude VM 0V tTLH (tr) tTHL (tf) amplitude
Input pulse definition: tr = tf = 6 ns, when measuring fmax, there is no constraint on tr, tf with 50% duty factor. 74HC2G66: VM = 50%; VI = GND to VCC. 74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
S1 VCC PULSE GENERATOR VI D.U.T. RT CL = 50 pF
MNA742
VCC open GND
RL = VO 1 k
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH open VCC GND
S1
Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.18 Load circuitry for switching times.
2004 May 19
17
Philips Semiconductors
Product specification
Bilateral switches
PACKAGE OUTLINE
74HC2G66; 74HCT2G66
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
D
E
A
X
c y HE vMA
Z
8
5
A pin 1 index
A2 A1
(A3)
Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.00 A2 0.95 0.75 A3 0.25 bp 0.38 0.22 c 0.18 0.08 D(1) 3.1 2.9 E(1) 3.1 2.9 e 0.65 HE 4.1 3.9 L 0.5 Lp 0.47 0.33 v 0.2 w 0.13 y 0.1 Z(1) 0.70 0.35 8 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT505-2 REFERENCES IEC JEDEC --JEITA EUROPEAN PROJECTION ISSUE DATE 02-01-16
2004 May 19
18
Philips Semiconductors
Product specification
Bilateral switches
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74HC2G66; 74HCT2G66
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 May 19
19
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R44/04/pp20
Date of release: 2004
May 19
Document order number:
9397 750 13255


▲Up To Search▲   

 
Price & Availability of 74HCT2G66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X