Part Number Hot Search : 
ISL22429 043045 A12D1 RF106 AD561J 2SB794 2SD12 41WS18
Product Description
Full Text Search
 

To Download 74HCT297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT297 Digital phase-locked-loop filter
Product specification File under Integrated Circuits, IC06 September 1993
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
FEATURES * Digital design avoids analog compensation errors * Easily cascadable for higher order loops * Useful frequency range: - DC to 55 MHz typical (K-clock) - DC to 35 MHz typical (I/D-clock) * Dynamically variable bandwidth * Very narrow bandwidth attainable * Power-on reset * Output capability: standard/bus driver * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT297 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT297 are designed to provide a simple, cost-effective solution to high-accuracy, digital, phase-locked-loop applications. These devices contain all the necessary circuits, with the exception of the divide-by-n counter, to build first order phase-locked-loops. Both EXCLUSIVE-OR (XORPD) and edge-controlled (ECPD) phase detectors are provided for maximum flexibility. The input signals for the EXCLUSIVE-OR phase detector must have a 50% duty factor to obtain the maximum lock-range. Proper partitioning of the loop function, with many of the building blocks external to the package, makes it easy for the designer to incorporate ripple cancellation (see Fig.7) or to cascade to higher order phase-locked-loops. The length of the up/down K-counter is digitally programmable according to the K-counter function table. With, A, B, C and D all LOW, the K-counter is disabled. With A HIGH and B, C and D LOW, the K-counter is only three stages long, which widens the bandwidth or capture range and shortens the lock time of the loop. When A, B, C and D are all programmed HIGH, the K-counter becomes seventeen stages long, which narrows the bandwidth or capture range and lengthens the lock time. Real-time control of loop bandwidth by manipulating the A to D inputs can maximize the overall performance of the digital phase-locked loop. The "297" can perform the classic first-order phase-locked-loop function without using analog September 1993 2
74HC/HCT297
components. The accuracy of the digital phase-locked-loop (DPLL) is not affected by VCC and temperature variations but depends solely on accuracies of the K-clock, I/D-clock and loop propagation delays. The phase detector generates an error signal waveform that, at zero phase error, is a 50% duty factor square wave. At the limits of linear operation, the phase detector output will be either HIGH or LOW all of the time depending on the direction of the phase error (IN - OUT). Within these limits the phase detector output varies linearly with the input phase error according to the gain kd, which is expressed in terms of phase detector output per cycle or phase error. The phase detector output can be defined to vary between 1 according to the relation: % HIGH % LOW - phase detector output = ----------------------------------------------- . 100 The output of the phase detector will be kde, where the phase error e = IN - OUT. EXCLUSIVE-OR phase detectors (XORPD) and edge-controlled phase detectors (ECPD) are commonly used digital types. The ECPD is more complex than the XORPD logic function but can be described generally as a circuit that changes states on one of the transitions of its inputs. The gain (kd) for an XORPD is 4 because its output remains HIGH (XORPDOUT = 1) for a phase error of 1/4 cycle. Similarly, kd for the ECPD is 2 since its output remains HIGH for a phase error of 1/2 cycle. The type of phase detector will determine the zero-phase-error point, i.e., the phase separation of the phase detector inputs for a e defined to be zero. For the basic DPLL system of Fig.6 e = 0 when the phase detector output is a square wave. The XORPD inputs are 1/4 cycle out-of-phase for zero phase error. For the ECPD, e = 0 when the inputs are 1/2 cycle out-of-phase. The phase detector output controls the up/down input to the K-counter. The counter is clocked by input frequency Mfc, which is a multiple M of the loop centre frequency fc. When the K-counter recycles up, it generates a carry pulse. Recycling while counting down generates a borrow pulse. If the carry and the borrow outputs are conceptually combined into one output that is positive for a carry and negative for a borrow, and if the K-counter is considered as a frequency divider with the ratio Mfc/K, the output of the K-counter will equal the input frequency multiplied by the division ratio. Thus the output from the K-counter is (kdeMfc) / K.
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
The carry and borrow pulses go to the increment/decrement (I/D) circuit which, in the absence of any carry or borrow pulses has an output that is 1/2 of the input clock (I/DCP). The input clock is just a multiple, 2N, of the loop centre frequency. In response to a carry or borrow pulse, the I/D circuit will either add or delete a pulse at I/DOUT. Thus the output of the I/D circuit will be Nfc + (kdeMfc)/2K.
74HC/HCT297
The output of the N-counter (or the output of the phase-locked-loop) is thus: fo = fc + (kdeMfc)/2KN. If this result is compared to the equation for a first-order analog phase-locked-loop, the digital equivalent of the gain of the VCO is just Mfc/2KN or fc/K for M = 2N. Thus the simple first-order phase-locked-loop with an adjustable K-counter is the equivalent of an analog phase-locked-loop with a programmable VCO gain.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay I/DCP to I/DOUT A1, B to XORPDOUT B, A2 to ECPDOUT fmax maximum clock frequency KCP I/DCP CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". input capacitance power dissipation capacitance per package notes 1 and 2 63 41 3.5 18 68 40 3.5 19 MHz MHz pF pF CONDITIONS HC CL = 15 pF; VCC = 5 V 15 13 19 18 13 19 ns ns ns HCT UNIT
September 1993
3
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
PIN DESCRIPTION PIN NO. 2, 1, 15, 14 3 4 5 6 7 8 9, 10, 13 11 12 16 SYMBOL A, B, C, D ENCTR KCP I/DCP D/U I/DOUT GND A1, B, A2 XORPDOUT ECPDOUT VCC NAME AND FUNCTION modulo control inputs K-counter enable input K-counter clock input (LOW-to-HIGH, edge-triggered)
74HC/HCT297
increment/decrement clock input (HIGH-to-LOW, edge-triggered) down/up control increment/decrement bus output ground (0 V) phase inputs EXCLUSIVE-OR phase detector output edge-controlled phase detector output positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
September 1993
4
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
Fig.4 Functional diagram.
K-COUNTER (DIGITAL CONTROL) FUNCTION TABLE D L L L L L L L L H H H H H H H H C L L L L H H H H L L L L H H H H B L L H H L L H H L L H H L L H H A L H L H L H L H L H L H L H L H MODULO (K) inhibited 23 24 25 26 27 28 29 210 211 212 213 214 215 216 217
EXCLUSIVE-OR PHASE DETECTOR FUNCTION TABLE A1 L L H H B L H L H XORPDOUT L H H L
EDGE-CONTROLLED PHASE DETECTOR TABLE A2 H or L H or L Notes 1. H = HIGH voltage level L = LOW voltage level = HIGH-to-LOW transition = LOW-to-HIGH transition B H or L H or L ECPDOUT H L no change no change
September 1993
5
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
Fig.5 Logic diagram.
September 1993
6
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
Fig.6 DPLL using EXCLUSIVE-OR phase detection.
Fig.7 DPLL using both phase detectors in a ripple-cancellation scheme.
September 1993
7
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
Fig.8 Timing diagram: I/DOUT in-lock condition.
Fig.9 Timing diagram: edge-controlled phase comparator waveforms.
Fig.10 Timing diagram: EXCLUSIVE-OR phase detector waveforms.
September 1993
8
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard/bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER min. tPHL/ tPLH propagation delay I/DCP to I/DOUT propagation delay A1, B to XORPDOUT propagation delay B, A2 to ECPDOUT output transition time: bus driver output; I/DOUT (pin 7) output transition time: standard outputs; XORPDOUT, ECPDOUT (pins 11, 12) clock pulse width KCP clock pulse width I/DCP set-up time D/U, ENCTR to KCP hold time D/U, ENCTR to KCP maximum clock pulse frequency KCP maximum clock pulse frequency I/DCP 80 16 14 100 20 17 120 24 20 0 0 0 6.0 30 35 4.0 20 24 +25 typ. 50 18 14 44 16 13 61 22 18 14 5 4 19 7 6 22 8 6 28 10 8 33 12 10 -19 -7 -6 19 57 68 12 37 44 -40 to +85 max. min. max. 175 35 30 160 32 27 220 44 37 60 12 10 75 15 13 100 20 17 125 25 21 150 30 26 0 0 0 4.8 24 28 3.2 16 19 220 44 37 200 40 34 275 55 47 75 15 13 95 19 16 120 24 20 150 30 26 180 36 31 0 0 0 4.0 20 24 2.6 13 15 -40 to +125 min. max. 265 53 45 240 48 41 330 66 56 90 18 15 110 22 19 ns
74HC/HCT297
TEST CONDITIONS UNIT V WAVEFORMS CC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.11
tPHL/ tPLH
ns
Fig.12
tPHL/ tPLH
ns
Fig.13
tTHL/ tTLH
ns
Fig.11
tTHL/ tTLH
ns
Fig.12 and 13
tW
ns
Fig.14
tW
ns
Fig.11
tsu
ns
Fig.14
th
ns
Fig.14
fmax
MHz
Fig.14
fmax
MHz
Fig.11
September 1993
9
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard/bus driver ICC category: MSI Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications.
74HC/HCT297
To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT ENCTR, D/U A, B, C, D, KCP, A2 I/DCP, A1, B
UNIT LOAD COEFFICIENT 0.3 0.6 1.5
AC CHARACTERISTICS FOR 74HCT GND = 0 V, tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER min. tPHL/ tPLH tPHL/ tPLH tPHL/ tPLH tTHL/ tTLH propagation delay I/DCP to I/DOUT propagation delay A1, B to XORPDOUT propagation delay B, A2 to ECPDOUT output transition time bus driver output I/DOUT (pin 7) output transition time standard outputs XORPDOUT, ECPDOUT (pins 11, 12) clock pulse width KCP clock pulse width I/DCP set-up time D/U, ENCTR to KCP hold time D/U, ENCTR to KCP maximum clock pulse frequency KCP maximum clock pulse frequency I/DCP 16 25 24 0 30 20 +25 typ. 21 16 22 5 -40 to +85 max. min. max. 35 32 44 12 44 40 55 15 -40 to +125 min. max. 53 48 66 18 ns ns ns ns 4.5 4.5 4.5 4.5 Fig.11 Fig.12 Fig.13 Fig.11 UNIT V WAVEFORMS CC (V) TEST CONDITIONS
tTHL/ tTLH
7
15
19
22
ns
4.5
Figs 12 and 13
tW tW tsu th fmax fmax
8 13 13 -8 62 36
20 31 30 0 24 16
24 38 36 0 20 13
ns ns ns ns MHz MHz
4.5 4.5 4.5 4.5 4.5 4.5
Fig.14 Fig.11 Fig.14 Fig.14 Fig.14 Fig.11
September 1993
10
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
AC WAVEFORMS
74HC/HCT297
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the clock (I/DCP) to output (I/DOUT) propagation delays, the clock pulse width, output transition times and maximum clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.12 Waveforms showing the phase input (B, A1) to output (XORPDOUT) propagation delays and output transition times.
September 1993
11
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.13 Waveforms showing the phase input (B, A2) to output (ECPDOUT) propagation delays and output transition times.
The shaded areas indicate when the input is permitted to change for predictable output performance. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.14 Waveforms showing the clock (KCP) pulse width and the maximum clock pulse frequency, and the input (D/U, ENCTR) to clock (KCP) set-up and hold times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
September 1993
12


▲Up To Search▲   

 
Price & Availability of 74HCT297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X