Part Number Hot Search : 
B7720 V48C1 KBU80 0402B ZFXXX TL494CPW SMA33 AD8210
Product Description
Full Text Search
 

To Download 74HCT240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT240 Octal buffer/line driver; 3-state; inverting
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
FEATURES * Output capability: bus driver * ICC category: MSI GENERAL DESCRIPTION
74HC/HCT240
The 74HC/HCT240 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT240 are octal inverting buffer/line drivers with 3-state outputs. The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state. The "240" is identical to the "244" but has inverting outputs.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay 1An to 1Yn; 2An to 2Yn input capacitance power dissipation capacitance per buffer notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 9 9 HCT ns UNIT
CI CPD Notes
3.5 30
3.5 30
pF pF
1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information".
December 1990
2
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
PIN DESCRIPTION PIN NO. 1 2, 4, 6, 8 3, 5, 7, 9 10 17, 15, 13, 11 18, 16, 14, 12 19 20 SYMBOL 1OE 1A0 to 1A3 2Y0 to 2Y3 GND 2A0 to 2A3 1Y0 to 1Y3 2OE VCC NAME AND FUNCTION output enable input (active LOW) data inputs bus outputs ground (0 V) data inputs bus outputs output enable input (active LOW) positive supply voltage
74HC/HCT240
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
FUNCTION TABLE INPUTS nOE L L H Notes L H X nAn
74HC/HCT240
OUTPUT nYn H L Z
1. H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state
Fig.4 Functional diagram.
December 1990
4
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC
SYMBOL PARAMETER
74HC/HCT240
TEST CONDITIONS VCC WAVEFORMS (V) ns 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.5
+25
min. typ.
-40 to +85
max. min.
-40 to +125 min. max.
max. 125 25 21 190 38 33 190 38 33 75 15 13
tPHL/ tPLH propagation delay 1An to 1Yn; 2An to 2Yn tPZH/ tPZL 3-state output enable time 1OE to 1Yn; 2OE to 2Yn tPHZ/ tPLZ 3-state output disable time 1OE to 1Yn; 2OE to 2Yn tTHL/ tTLH output transition time
30 11 9 39 14 11 41 15 12 14 5 4
100 20 17 150 30 26 150 30 26 60 12 10
150 30 26 225 45 38 225 45 38 90 18 15
ns
Fig.6
ns
Fig.6
ns
Fig.5
December 1990
5
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: bus driver IICC category: MSI Note to HCT types
74HC/HCT240
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT 1An 2An 1OE 2OE
UNIT LOAD COEFFICIENT 1.50 1.50 0.70 0.70
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 max. 30 ns 4.5 Fig.5 UNIT V WAVEFORMS CC (V) TEST CONDITIONS
min. typ. max. min.
max. min.
tPHL/ tPLH
propagation delay 1An to 1Yn; 2An to 2Yn 3-state output enable time 1OE to 1Yn; 2OE to 2Yn 3-state output disable time 1OE to 1Yn; 2OE to 2Yn output transition time
11
20
25
tPZH/ tPZL
13
30
38
45
ns
4.5
Fig.6
tPHZ/ tPLZ
13
25
31
38
ns
4.5
Fig.6
tTHL/ tTLH
5
12
15
18
ns
4.5
Fig.5
December 1990
6
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
AC WAVEFORMS
74HC/HCT240
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.5
Waveforms showing the input (1An, 2An) to output (1Yn, 2Yn) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6 Waveforms showing the 3-state enable and disable times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HCT240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X