Part Number Hot Search : 
SMBZ5234 ESD5305H ADV7304A DCX144EU ON1454 2SB649A UTC2030 M37516
Product Description
Full Text Search
 

To Download 74HC4052BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74HC4052; 74HCT4052 Dual 4-channel analog multiplexer, demultiplexer
Product specification Supersedes data of 2003 May 16 2004 Nov 11
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
FEATURES * Wide analog input voltage range from -5 V to +5 V * Low ON-resistance: - 80 (typical) at VCC - VEE = 4.5 V - 70 (typical) at VCC - VEE = 6.0 V - 60 (typical) at VCC - VEE = 9.0 V * Logic level translation: to enable 5 V logic to communicate with 5 V analog signals * Typical "break before make" built in * Complies with JEDEC standard no. 7A * ESD protection: - HBM EIA/JESD22-A114-B exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 C to +85 C and -40 C to +125 C. APPLICATIONS * Analog multiplexing and demultiplexing * Digital multiplexing and demultiplexing * Signal gating. DESCRIPTION
74HC4052; 74HCT4052
The 74HC4052 and 74HCT4052 are high-speed Si-gate CMOS devices and are pin compatible with the HEF4052B. They are specified in compliance with JEDEC standard no. 7A. The 74HC4052 and 74HCT4052 are dual 4-channel analog multiplexers or demultiplexers with common select logic. Each multiplexer has four independent inputs/outputs (pins nY0 to nY3) and a common input/output (pin nZ). The common channel select logics include two digital select inputs (pins S0 and S1) and an active LOW enable input (pin E). When pin E = LOW, one of the four switches is selected (low-impedance ON-state) with pins S0 and S1. When pin E = HIGH, all switches are in the high-impedance OFF-state, independent of pins S0 and S1. VCC and GND are the supply voltage pins for the digital control inputs (pins S0, S1, and E). The VCC to GND ranges are 2.0 V to 10.0 V for 74HC4052 and 4.5 V to 5.5 V for 74HCT4052. The analog inputs/outputs (pins nY0 to nY3 and nZ) can swing between VCC as a positive limit and VEE as a negative limit. VCC - VEE may not exceed 10.0 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically ground).
FUNCTION TABLE INPUT(1) CHANNEL BETWEEN E L L L L H Note 1. H = HIGH voltage level L = LOW voltage level X = don't care. S1 L L H H X S0 L H L H X nY0 and nZ nY1 and nZ nY2 and nZ nY3 and nZ none
2004 Nov 11
2
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
QUICK REFERENCE DATA VEE = GND = 0 V; Tamb = 25 C; tr = tf = 6 ns.
74HC4052; 74HCT4052
TYPICAL SYMBOL tPZH/tPZL tPHZ/tPLZ CI CPD CS PARAMETER turn-on time E or Sn to Vos turn-off time E or Sn to Vos input capacitance power dissipation capacitance per switch notes 1 and 2 maximum switch capacitance independent (Y) common (Z) Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + [(CL + CS) x VCC2 x fo] where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CS = maximum switch capacitance in pF; VCC = supply voltage in Volts; N = number of inputs switching; [(CL + CS) x VCC2 x fo] = sum of the outputs. 2. For 74HC4052 the condition is VI = GND to VCC For 74HCT4052 the condition is VI = GND to VCC - 1.5 V. ORDERING INFORMATION PACKAGE TYPE NUMBER 74HC4052D 74HCT4052D 74HC4052DB 74HCT4052DB 74HC4052N 74HCT4052N 74HC4052PW 74HC4052BQ 74HCT4052BQ TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 16 16 16 16 16 16 16 16 16 PACKAGE SO16 SO16 SSOP16 SSOP16 DIP16 DIP16 TSSOP16 DHVQFN16 DHVQFN16 MATERIAL plastic plastic plastic plastic plastic plastic plastic plastic plastic CODE SOT109-3 SOT109-3 SOT338-1 SOT338-1 SOT38-9 SOT38-9 SOT403-1 SOT763-1 SOT763-1 CONDITIONS 74HC4052 74HCT4052 CL = 15 pF; RL = 1 k; VCC = 5 V CL = 15 pF; RL = 1 k; VCC = 5 V 28 21 3.5 57 5 12 18 13 3.5 57 5 12 ns ns pF pF pF pF UNIT
2004 Nov 11
3
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
PINNING PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 2Y0 2Y2 2Z 2Y3 2Y1 E VEE GND S1 S0 1Y3 1Y0 1Z 1Y1 1Y2 VCC SYMBOL
74HC4052; 74HCT4052
DESCRIPTION independent input or output independent input or output common input or output independent input or output independent input or output enable input (active LOW) negative supply voltage ground (0 V) select logic input select logic input independent input or output independent input or output common input or output independent input or output independent input or output positive supply voltage
handbook, halfpage
2Y2 2 2Z 3 2Y3 4
15 1Y2 14 1Y1 13 1Z
2Y2 2Z 2Y3
2 3 4 5 6 7 8 GND S1 9
1
2Y0 1
16 VCC
terminal 1 index area
16 VCC 15 1Y2 14 1Y1 13 1Z 12 1Y0 11 1Y3 10 S0
4052
2Y1 5 E6 VEE 7 GND 8
MNB039
2Y1 E VEE
12 1Y0 11 1Y3 10 S0 9 S1
VCC(1)
2Y0
4052
001aac117
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig.1
Pin configuration DIP16, SO16 and (T)SSOP16.
Fig.2 Pin configuration DHVQFN16.
2004 Nov 11
4
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, halfpage handbook, halfpage
10 9
13 1Z 1Y0 10 9 S0 S1 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 6 E 2Z
MNB040
0 1 G4
4x
0 3
12 14 15 11 1 5 2 4
6
MDX 3
0 1 2 3
1 5 2 4 12 14
2Y3
13 15 11
MNB041
3
Fig.3 Logic symbol.
Fig.4 IEC logic symbol.
handbook, full pagewidth
VCC 16 13 12
1Z 1Y0
14
1Y1
15 S0 10 11 LOGIC LEVEL CONVERSION 1 - OF - 4 DECODER
1Y2
1Y3
S1
9
1
2Y0
5 6 2
2Y1
E
2Y2
4 3 8 GND 7
MNB042
2Y3 2Z
VEE
Fig.5 Functional diagram.
2004 Nov 11
5
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
nYn VCC VEE
VCC
VCC
VCC from logic VEE nZ
VEE
MNB043
Fig.6 Schematic diagram (one switch).
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to VEE = GND (ground = 0 V); note 1. SYMBOL VCC IIK ISK IS IEE ICC; IGND Tstg Ptot PS Notes 1. To avoid drawing VCC current out of pins nZ, when switch current flows in pins nYn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into pins nZ, no VCC current will flow out of pins nYn. In this case there is no limit for the voltage drop across the switch, but the voltages at pins nYn and nZ may not exceed VCC or VEE. 2. For DIP16 packages: above 70 C derate linearly with 12 mW/K. For SO16 packages: above 70 C derate linearly with 8 mW/K. For SSOP16 and TSSOP16 packages: above 60 C derate linearly with 5.5 mW/K. For DHVQFN16 packages: above 60 C derate linearly with 4.5 mW/K. PARAMETER supply voltage input diode current switch diode current switch current VEE current VCC or GND current storage temperature power dissipation power dissipation per switch Tamb = -40 C to +125 C; note VI < -0.5 V or VI > VCC + 0.5 V VS < -0.5 V or VS > VCC + 0.5 V -0.5 V < VS < VCC + 0.5 V CONDITIONS - - - - - -65 - - MIN. -0.5 MAX. +11.0 20 20 25 20 50 +150 500 100 V mA mA mA mA mA C mW mW UNIT
2004 Nov 11
6
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
RECOMMENDED OPERATING CONDITIONS 74HC4052 SYMBOL VCC PARAMETER supply voltage CONDITIONS MIN. see Figs 7 and 8 VCC - GND VCC - VEE VI VS Tamb input voltage switch voltage operating ambient temperature input rise and fall times see DC and AC characteristics per device VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V 2.0 2.0 GND VEE -40 -40 - - - - 5.0 5.0 - - +25 - 6.0 6.0 6.0 6.0 TYP.
74HC4052; 74HCT4052
74HCT4052 UNIT MAX. MIN. 4.5 2.0 GND VEE -40 -40 - - - - TYP. 5.0 5.0 - - +25 - 6.0 6.0 6.0 6.0 MAX. 5.5 10.0 VCC VCC +85 +125 500 500 500 500 V V V V C C ns ns ns ns
10.0 10.0 VCC VCC +85 +125 1000 500 400 250
tr, tf
handbook, halfpage
12
MNB044
VCC - GND (V) 8
VCC - GND (V) 10
handbook, halfpage
12
MNB045
8
operating area
6 operating area
4
4
2
0 0 4 8 12 VCC - VEE (V)
0 0 4 8 12 VCC - VEE (V)
Fig.7
Guaranteed operating area as a function of the supply voltages for 74HC4052.
Fig.8
Guaranteed operating area as a function of the supply voltages for 74HCT4052.
2004 Nov 11
7
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
DC CHARACTERISTICS
74HC4052; 74HCT4052
Family 74HC4052 Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI IS(OFF) input leakage current analog switch OFF-state current VI = VCC or GND VI = VIH or VIL; VS = VCC - VEE; see Fig.9 per channel all channels IS(ON) ICC analog switch ON-state current quiescent supply current 10.0 10.0 0 0 0 0 0 - - - - - - - - - - 1.0 2.0 2.0 80.0 A A A A 6.0 10.0 - - - - - - - - 0 0 1.5 3.15 4.2 6.3 - - - - - - 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 - - - - - - 0.5 1.35 1.8 2.7 1.0 2.0 V V V V V V V V A A VCC (V) VEE (V) MIN. TYP. MAX. UNIT
VI = VIH or VIL; 10.0 VS = VCC - VEE; see Fig.10 VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE 6.0 10.0
160.0 A
2004 Nov 11
8
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VIH HIGH-level input voltage 2.0 4.5 6.0 9.0 VIL LOW-level input voltage 2.0 4.5 6.0 9.0 ILI IS(OFF) input leakage current analog switch OFF-state current VI = VCC or GND VI = VIH or VIL; VS = VCC - VEE; see Fig.9 per channel all channels IS(ON) ICC analog switch ON-state current quiescent supply current 10.0 10.0 6.0 10.0 VCC (V)
74HC4052; 74HCT4052
MIN. VEE (V) - - - - - - - - 0 0
TYP. MAX. UNIT
1.5 3.15 4.2 6.3 - - - - - -
- - - - - - - - - -
- - - - 0.5 1.35 1.8 2.7 1.0 2.0
V V V V V V V V A A
0 0 0 0 0
- - - - -
- - - - -
1.0 2.0 2.0 160
A A A A
10.0 VI = VIH or VIL; VS = VCC - VEE; see Fig.10 VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE 6.0 10.0
320.0 A
Note 1. All typical values are measured at Tamb = 25 C.
2004 Nov 11
9
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
Family 74HCT4052 Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 VIH VIL ILI IS(OFF) HIGH-level input voltage LOW-level input voltage input leakage current analog switch OFF-state current VI = VCC or GND VI = VIH or VIL; VS = VCC - VEE; see Fig.9 per channel all channels IS(ON) ICC analog switch ON-state current quiescent supply current additional quiescent supply current per input 10.0 10.0 0 0 0 0 -5.0 - - - - - - - - - - - 45 1.0 2.0 2.0 80.0 A A A A 4.5 to 5.5 - 4.5 to 5.5 - 5.5 0 2.0 - - 1.6 1.2 - - 0.8 1.0 V V A VCC (V) VEE (V) MIN. TYP. MAX. UNIT
VI = VIH or VIL; 10.0 VS = VCC - VEE; see Fig.10 VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE 5.5 5.0
160.0 A 202.5 A
ICC
VI = VCC - 2.1 V; other inputs 4.5 to 5.5 0 at VCC or GND
Tamb = -40 C to +125 C VIH VIL ILI IS(OFF) HIGH-level input voltage LOW-level input voltage input leakage current analog switch OFF-state current VI = VCC or GND VI = VIH or VIL; VS = VCC - VEE; see Fig.9 per channel all channels IS(ON) ICC analog switch ON-state current quiescent supply current additional quiescent supply current per input 10.0 10.0 0 0 0 0 -5.0 - - - - - - - - - - - - 1.0 2.0 2.0 A A A 4.5 to 5.5 - 4.5 to 5.5 - 5.5 0 2.0 - - - - - - 0.8 1.0 V V A
VI = VIH or VIL; 10.0 VS = VCC - VEE; see Fig.10 VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE 5.5 5.0
160.0 A 320.0 A 220.5 A
ICC
VI = VCC - 2.1 V; other inputs 4.5 to 5.5 0 at VCC or GND
Note 1. All typical values are measured at Tamb = 25 C.
2004 Nov 11
10
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
LOW (from select input) nYn nZ
A VI = VCC or VEE
A VO = VEE or VCC VEE
MNB048
Fig.9 Test circuit for measuring OFF-state current.
handbook, full pagewidth
HIGH (from select input) nYn nZ
A VI = VEE or VCC VO (open circuit) VEE
MNB049
Fig.10 Test circuit for measuring ON-state current.
2004 Nov 11
11
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
Resistance RON for 74HC4052 and 74HCT4052 Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; see notes 1 and 2; see Fig.11. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 3 RON(peak) ON-resistance (peak) Vis = VCC to VEE; VI = VIH or VIL 2.0 4.5 6.0 4.5 RON(rail) ON-resistance (rail) Vis = VEE; VI = VIH or VIL 2.0 4.5 6.0 4.5 Vis = VCC; VI = VIH or VIL 2.0 4.5 6.0 4.5 RON maximum ON-resistance difference between any two channels Vis = VCC to VEE; VI = VIH or VIL 2.0 4.5 6.0 4.5 Tamb = -40 C to +125 C RON(peak) ON-resistance (peak) Vis = VCC to VEE; VI = VIH or VIL 2.0 4.5 6.0 4.5 RON(rail) ON-resistance (rail) Vis = VEE; VI = VIH or VIL 2.0 4.5 6.0 4.5 Vis = VCC; VI = VIH or VIL 2.0 4.5 6.0 4.5 Notes 1. For 74HC4052: VCC - GND or VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V; for 74HCT4052: VCC - GND = 4.5 and 5.5 V, VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V. 2. When supply voltages (VCC - VEE) near 2.0 V the analog switch ON-resistance becomes extremely non-linear. When using a supply of 2 V, it is recommended to use these devices only for transmitting digital signals. 3. All typical values are measured at Tamb = 25 C. 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 100 1000 1000 1000 100 1000 1000 1000 100 1000 1000 1000 - - - - - - - - - - - - - - - - - - - - - - - - - 270 240 195 - 210 180 160 - 240 210 180 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 100 1000 1000 1000 100 1000 1000 1000 100 1000 1000 1000 - - - - - - - - - - - - - - - - - - - - - 100 90 70 150 80 70 60 150 90 80 65 - 9 8 6 - 225 200 165 - 175 150 130 - 200 175 150 - - - - VCC (V) VEE (V) IS (A) MIN. TYP. MAX. UNIT
2004 Nov 11
12
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
HIGH (from select input) nYn
V
nZ Iis VEE
MNB046
Vis = 0 to VCC - VEE
Fig.11 Test circuit for measuring RON.
handbook, halfpage
100
MNB047
RON ()
(1)
80
(2)
60
(3)
40
20
0 0 1.8 3.6 5.4 7.2 Vis (V) Vis = 0 V to VCC - VEE (1) VCC = 4.5 V (2) VCC = 6 V (3) VCC = 9 V 9
Fig.12 Typical RON as a function of input voltage Vis.
2004 Nov 11
13
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
AC CHARACTERISTICS Type 74HC4052 GND = 0 V; tr = tf = 6 ns; CL = 50 pF. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 tPHL/tPLH propagation delay Vis to Vos RL = ; see Fig.19 2.0 4.5 6.0 4.5 tPZH/tPZL turn-on time E, Sn to Vos RL = ; see Figs 20, 22 and 21 2.0 4.5 6.0 4.5 tPHZ/tPLZ turn-off time E, Sn to Vos RL = 1 k; see Figs 20, 2.0 22 and 21 4.5 6.0 4.5 Tamb = -40 C to +125 C tPHL/tPLH propagation delay Vis to Vos RL = ; see Fig.19 2.0 4.5 6.0 4.5 tPZH/tPZL turn-on time E, Sn to Vos RL = ; see Figs 20, 22 and 21 2.0 4.5 6.0 4.5 tPHZ/tPLZ turn-off time E, Sn to Vos RL = 1 k; see Figs 20, 2.0 22 and 21 4.5 6.0 4.5 Note 1. All typical values are measured at Tamb = 25 C. 0 0 0 0 0 0
74HC4052; 74HCT4052
MIN. VCC (V) VEE (V) - - - - - - - - - - - - - - - - - - - - - - - -
TYP.
MAX.
UNIT
14 5 4 4 105 38 30 26 74 27 22 22 - - - - - - - - - - - -
75 15 13 10 405 81 69 58 315 63 54 48
ns ns ns ns ns ns ns ns ns ns ns ns
-4.5 0 0 0 -4.5 0 0 0 -4.5
90 18 15 12 490 98 83 69 375 75 64 57
ns ns ns ns ns ns ns ns ns ns ns ns
-4.5 0 0 0 -4.5 0 0 0 -4.5
2004 Nov 11
14
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
Type 74HCT4052 GND = 0 V; tr = tf = 6 ns; CL = 50 pF. TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C; note 1 tPHL/tPLH tPZH/tPZL tPHZ tPLZ propagation delay Vis to Vos RL = ; see Fig.19 turn-on time E, Sn to Vos turn-off time E, Sn to Vos 4.5 4.5 RL = 1 k; see Figs 20, 4.5 22 and 21 4.5 RL = 1 k; see Figs 20, 4.5 22 and 21 4.5 0
74HC4052; 74HCT4052
MIN. VCC (V) VEE (V) - - - - - - - - - - - -
TYP.
MAX.
UNIT
5 4 41 28 26 21 - - - - - -
15 10 88 60 63 48
ns ns ns ns ns ns
-4.5 0 -4.5 0 -4.5
Tamb = -40 C to +125 C tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos RL = ; see Fig.19 turn-on time E, Sn to Vos turn-off time E, Sn to Vos 4.5 4.5 RL = 1 k; see Figs 20, 4.5 22 and 21 4.5 RL = 1 k; see Figs 20, 4.5 22 and 21 4.5 0 -4.5 0 -4.5 0 -4.5 18 12 105 72 75 57 ns ns ns ns ns ns
Note 1. All typical values are measured at Tamb = 25 C.
2004 Nov 11
15
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
Type 74HC4052 and 74HCT4052 Recommended conditions and typical values; GND = 0 V; Tamb = 25 C; CL = 50 pF. Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nYn or nZ, whichever is assigned as an output. TEST CONDITIONS SYMBOL dsin PARAMETER OTHER sine-wave distortion f = 1 kHz; RL = 10 k; see Fig.13 f = 10 kHz; RL = 10 k; see Fig.13 OFF(feedthr) ct(s) Vct(p-p) switch OFF signal feed-through crosstalk between two switches/multiplexers crosstalk voltage between control and any switch (peak-to-peak value) minimum frequency response (-3dB) maximum switch capacitance RL = 600 ; f = 1 MHz; see Figs 14 and 15 RL = 600 ; f = 1 MHz; see Fig.16 RL = 600 ; f = 1 MHz; E or Sn, square-wave between VCC and GND, tr = tf = 6 ns; see Fig.17 RL = 50 ; see Figs 13 and 18 independent (Y) common (Z) Vis(p-p) (V) 4.0 8.0 4.0 8.0 note 1 note 1 - TYP. VCC (V) VEE (V) 2.25 4.5 2.25 4.5 2.25 4.5 2.25 4.5 4.5 4.5 -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 0 -4.5 -2.25 -4.5 - - 0.04 0.02 0.12 0.06 -50 -50 -60 -60 110 220 % % % % dB dB dB dB mV mV UNIT
fmax CS
note 2 - -
2.25 4.5 - -
170 180 5 12
MHz MHz pF pF
Notes 1. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ). 2. Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
handbook, full pagewidth
10 F Vis
nYn/nZ RL channel ON CL dB
nZ/nYn
Vos
GND
MNB052
Fig.13 Test circuit for measuring sine-wave distortion and minimum frequency response.
2004 Nov 11
16
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
0.1 F Vis
nYn/nZ RL channel OFF CL dB
nZ/nYn
Vos
GND
MNB053
Fig.14 Test circuit for measuring switch OFF signal feed-through.
handbook, full pagewidth
0
-0
-0
-0
-0
-00
0
0
0
0
0
0
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.15 Typical switch OFF signal feed-through as a function of frequency.
handbook, full pagewidth
0.1 F
RL
nYn/nZ
nZ/nYn
nYn/nZ
nZ/nYn Vos CL dB GND
MNB054
Vis channel ON RL CL GND RL channel OFF RL
(a) (a) channel ON condition.
(b) (b) channel OFF condition.
Fig.16 Test circuits for measuring crosstalk between any two switches/multiplexers.
2004 Nov 11
17
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
The crosstalk is defined as follows
handbook, full pagewidth (oscilloscope output):
VCC 2RL V(p-p) nYn/nZ
Sn or E
VCC 2RL nZ/nYn
DUT 2RL 2RL CL oscilloscope GND VEE
MNB055
Fig.17 Test circuit for measuring crosstalk between control and any switch.
handbook, full pagewidth
5
0
-5 0
0
0
0
05
0
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.18 Typical frequency response.
2004 Nov 11
18
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
AC WAVEFORMS
74HC4052; 74HCT4052
V handbook, halfpage I Vis input GND tPLH VOH Vos output VOL
MNB056
50%
tPHL
50%
Fig.19 Waveforms showing the input (Vis) to output (Vos) propagation delays.
handbook, full pagewidth
tr 90% E, Sn input 10% tPLZ VM
tf
tPZL
Vos output 10% tPHZ 90% Vos output switch ON switch OFF tPZH
50%
50%
switch ON
MNB057
For 74HC4052: VM = 50 %; VI = GND to VCC. For 74HCT4052: VM = 1.3 V; VI = GND to 3 V.
Fig.20 Waveforms showing the turn-on and turn-off times.
2004 Nov 11
19
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
tW 90% negative input pulse 10% tTHL (tf) tTLH (tr) 90% positive input pulse 10% tW VM 0V
MNB059
amplitude VM 0V tTLH (tr) tTHL (tf) amplitude
FAMILY 74HC4052 74HCT4052
AMPLITUDE VCC 3.0 V
VM 50 % 1.3 V
tr and tf fmax; PULSE WIDTH < 2 ns < 2 ns OTHER 6 ns 6 ns
Fig.21 Input pulse definitions.
handbook, full pagewidth
switch VCC Vis PULSE GENERATOR VI D.U.T. RT CL VO RL
VCC open
GND VEE
MNB058
TEST tPZH tPZL tPHZ tPLZ other
SWITCH VEE VCC VEE VCC open
Vis VCC VEE VCC VEE pulse
Definitions for test circuit: RL = load resistance CL = load capacitance including jig and probe capacitance. RT = termination resistance should be equal to the output impedance ZO of the pulse generator. tr = tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.
Fig.22 Test circuit for measuring AC performance.
2004 Nov 11
20
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
PACKAGE OUTLINES
DIP16: plastic dual in-line package; 16 leads (300 mil)
74HC4052; 74HCT4052
SOT38-9
seating plane
D
ME
A2
A
L
A1
Z
e
b1
wM
c (e1)
b 16 9
b2
MH
pin 1 index E
1
8
0
5 scale
10 mm
DIMENSIONS (mm dimensions are derived from the original inch dimensions) UNIT mm inches A max. 4.32 0.17 A1 min. 0.38 0.015 A2 max. 3.56 0.14 b 1.65 1.40 0.065 0.055 b1 0.51 0.41 0.020 0.016 b2 1.14 0.76 0.045 0.030 c 0.36 0.20 0.014 0.008 D (1) 19.3 18.8 0.76 0.74 E (1) 6.45 6.24 0.254 0.246 e 2.54 0.1 e1 7.62 0.3 L 3.81 2.92 0.150 0.115 ME 8.23 7.62 0.324 0.300 MH 9.40 8.38 0.37 0.33 w 0.254 0.01 Z (1) max. 0.76 0.03
Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT38-9 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION
ISSUE DATE 97-07-24 03-03-12
2004 Nov 11
21
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
SO16: plastic small outline package; 16 leads; body width 3.9 mm; body thickness 1.47 mm
SOT109-3
D
E
A X
c y HE vMA
Z 16 9
A2 A1 pin 1 index
(A 3) Lp L
A
1 e bp
8 wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT109-3 REFERENCES IEC JEDEC MS-012AC JEITA EUROPEAN PROJECTION A max. 1.75 A1 0.25 0.10 A2 1.55 1.40 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 10.0 9.8 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 0.039 0.016 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.061 0.069 0.004 0.055
0.019 0.0100 0.39 0.014 0.0075 0.38
0.244 0.041 0.228
0.028 0.004 0.012
8o o 0
ISSUE DATE 98-12-23 03-02-19
2004 Nov 11
22
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
SSOP16: plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
D
E
A X
c y HE vM A
Z 16 9
Q A2 A1 pin 1 index Lp L 1 bp 8 wM detail X (A 3) A
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 6.4 6.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 1.00 0.55 8 o 0
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT338-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2004 Nov 11
23
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
D
E
A
X
c y HE vMA
Z
16
9
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
8
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.40 0.06 8 o 0
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT403-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18
2004 Nov 11
24
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
74HC4052; 74HCT4052
DHVQFN16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT763-1 16 terminals; body 2.5 x 3.5 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 7 vMCAB wM C y1 C
C y
1 Eh 16
8 e 9
15 Dh
10 X 2.5 scale 5 mm
0
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.6 3.4 Dh 2.15 1.85 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT763-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
2004 Nov 11
25
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer, demultiplexer
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74HC4052; 74HCT4052
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Nov 11
26
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R44/04/pp27
Date of release: 2004
Nov 11
Document order number:
9397 750 14189


▲Up To Search▲   

 
Price & Availability of 74HC4052BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X