Part Number Hot Search : 
1S311 SC2738 CS9LTSK NTE630 FEP16BTA GI750 DS1265Y SJ010889
Product Description
Full Text Search
 

To Download 74HC4052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT4052 Dual 4-channel analog multiplexer/demultiplexer
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
FEATURES * Wide analog input voltage range: 5 V. * Low "ON" resistance: 80 (typ.) at VCC - VEE = 4.5 V 70 (typ.) at VCC - VEE = 6.0 V 60 (typ.) at VCC - VEE = 9.0 V * Logic level translation: to enable 5 V logic to communicate with 5 V analog signals * Typical "break before make" built in * Output capability: non-standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT4052 are high-speed Si-gate CMOS devices and are pin compatible with the "4052" of the "4000B" series. They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA VEE = GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT4052
The 74HC/HCT4052 are dual 4-channel analog multiplexers/demultiplexers with common select logic. Each multiplexer has four independent inputs/outputs (nY0 to nY3) and a common input/output (nZ). The common channel select logics include two digital select inputs (S0 and S1) and an active LOW enable input (E). With E LOW, one of the four switches is selected (low impedance ON-state) by S0 and S1. With E HIGH, all switches are in the high impedance OFF-state, independent of S0 and S1. VCC and GND are the supply voltage pins for the digital control inputs (S0 and S1, and E). The VCC to GND ranges are 2.0 to 10.0 V for HC and 4.5 to 5.5 V for HCT. The analog inputs/outputs (nY0 to nY3, and nZ) can swing between VCC as a positive limit and VEE as a negative limit. VCC - VEE may not exceed 10.0 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically ground).
TYPICAL SYMBOL tPZH/ tPZL tPHZ/ tPLZ CI CPD CS PARAMETER turn "ON" time E or Sn to VOS turn "OFF" time E or Sn to VOS input capacitance power dissipation capacitance per switch notes 1 and 2 max. switch capacitance independent (Y) common Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + {(CL + CS) x VCC2 x fo)} where: fi = input frequency in MHz fo = output frequency in MHz {(CL +CS) x VCC2 x fo)} = sum of outputs CL = output load capacitance in pF CS = max. switch capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V (Z) 5 12 5 12 pF pF CONDITIONS HC CL = 15 pF ; RL = 1 k; VCC = 5 V 28 21 3.5 57 HCT 18 13 3.5 57 ns ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PIN DESCRIPTION PIN NO. 1, 5, 2, 4 6 7 8 10, 9 12, 14, 15, 11 13, 3 16 E VEE GND S0, S1 1Y0 to 1Y3 1Z, 2Z VCC SYMBOL 2Y0 to 2Y3
74HC/HCT4052
NAME AND FUNCTION independent inputs/outputs enable input (active LOW) negative supply voltage ground (0 V) select inputs independent inputs/outputs common inputs/outputs positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
APPLICATIONS
74HC/HCT4052
* Analog multiplexing and demultiplexing * Digital multiplexing and * demultiplexing * Signal gating FUNCTION TABLE INPUTS E L L L L H Notes 1. H = HIGH voltage level L = LOW voltage level X = don't care S1 L L H H X S0 L H L H X CHANNEL ON nY0 - nZ nY1 - nZ nY2 - nZ nY3 - nZ none
Fig.4 Functional diagram.
Fig.5 Schematic diagram (one switch).
December 1990
4
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Voltages are referenced to VEE = GND (ground = 0 V) SYMBOL VCC IIK ISK IS IEE ICC; IGND Tstg Ptot PARAMETER DC supply voltage DC digital input diode current DC switch diode current DC switch current DC VEE current DC VCC or GND current storage temperature range power dissipation per package plastic DIL plastic mini-pack (SO) PS power dissipation per switch 750 500 100 mW mW mW -65 MIN. MAX. -0.5 20 20 25 20 50 UNIT mA mA mA mA mA
74HC/HCT4052
CONDITIONS for VI < -0.5 V or VI > VCC +0.5 V for VS < -0.5 V or VS > VCC +0.5 V for -0.5 V < VS < VCC +0.5 V
+11.0 V
+150 C for temperature range: -40 to +125 C 74HC/HCT above +70 C: derate linearly with 12 mW/K above +70 C: derate linearly with 8 mW/K
Note to ratings 1. To avoid drawing VCC current out of terminals nZ, when switch current flows in terminals nYn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminals nZ, no VCC current will flow out of terminals nYn. In this case there is no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE. RECOMMENDED OPERATING CONDITIONS 74HC SYMBOL PARAMETER min. typ. max. min. typ. max. VCC VCC VI VS Tamb Tamb tr, tf DC supply voltage VCC-GND DC supply voltage VCC-VEE DC input voltage range DC switch voltage range 2.0 2.0 GND VEE 5.0 5.0 10.0 10.0 VCC VCC +85 1000 500 400 250 4.5 2.0 GND VEE -40 5.0 5.0 5.5 10.0 VCC VCC +85 V V V V C see DC and AC
CHARACTERISTICS
74HCT UNIT CONDITIONS see Fig.6 and Fig.7 see Fig.6 and Fig.7
operating ambient temperature range -40 operating ambient temperature range -40 input rise and fall times 6.0
+125 -40 6.0
+125 C 500 ns
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V
December 1990
5
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
74HC/HCT4052
Fig.6
Guaranteed operating area as a function of the supply voltages for 74HC4052.
Fig.7 Guaranteed operating area as a function of the supply voltages for 74HCT4052.
DC CHARACTERISTICS FOR 74HC/HCT For 74HC: VCC - GND or VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V For 74HCT: VCC - GND = 4.5 and 5.5 V; VCC - VEE = 2.0, 4.5, 6.0 and 9.0 V Tamb (C) 74HC/HCT SYMBOL PARAMETER +25
min. typ. max. UNIT VCC (V)
TEST CONDITIONS
VEE (V)
-40 to +85
min. max.
-40 to +125
min. max.
IS (A)
Vis
VI
RON
ON resistance (peak)
- 100 90 70 150 80 70 60 150 90 80 65 - 9 8 6
- 180 160 130 - 140 120 105 - 160 140 120
- 225 200 165 - 175 150 130 - 200 175 150
- 270 240 195 - 210 180 160 - 240 210 180

2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5
0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5 0 0 0 -4.5
100 VCC VIH 1000 to or 1000 VEE VIL 1000 100 VEE VIH 1000 or 1000 VIL 1000 100 VCC VIH 1000 or 1000 VIL 1000 VCC VH to or VEE VIL
RON
ON resistance (rail)
RON
ON resistance (rail)
RON
maximum ON resistance between any two channels
Notes to the characteristics 1. At supply voltages (VCC- VEE) approaching 2.0 V the Analog switch ON-resistance becomes extremely non-linear. There it is recommended that these devices be used to transmit digital signals only, when using these supply voltages 2. For test circuit measuring RON see Fig.8 December 1990 6
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
DC CHARACTERISTICS FOR 74HC Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85
max. UNIT VCC (V)
74HC/HCT4052
TEST CONDITIONS
VEE VI (V)
-40 to +125
min. max.
OTHER
min. typ. max. min.
VIH
HIGH level input voltage
1.5 3.15 4.2 6.3
1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3
0.5 1.35 1.8 2.7
1.5 3.15 4.2 6.3
0.5 1.35 1.8 2.7
1.5 3.15 4.2 6.3 0.5 1.35 1.8 2.7 1.0 2.0 1.0
V
2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0
6.0 0 10.0 0 10.0 0 VCC or GND
VIL
LOW level input voltage
V
II
input leakage current analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current
0.1 0.2 0.1
1.0 2.0 1.0
A
IS
A
VIH or VIL VIH or VIL VIH or VIL
VS = VCC - VEE
(see Fig.10)
VS = VCC - VEE
IS
0.2
2.0
2.0
A
10.0 0
(see Fig.10)
VS = VCC - VEE
IS
0.2
2.0
2.0
A
10.0 0
(see Fig.11)
ICC
8.0 16.0
80.0 160.0
160 320.0
A
6.0 0 10.0 0
VCC Vis = VEE or or VCC; GND VOS = VCC or VEE
December 1990
7
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25
min. typ. UNIT VCC (V)
74HC/HCT4052
TEST CONDITIONS VEE (V) OTHER
-40 to +85 -40 to +125
max. min. max. min. max.
tPHL/ tPLH
propagation delay Vis to Vos turn "ON" time E to Vos Sn to Vos turn "OFF" time E to Vos Sn to Vos
14 5 4 4 105 38 30 26 74 27 22 22
60 12 10 8 325 65 55 46 250 50 43 38
75 15 13 10 405 81 69 58 315 63 54 48
90 18 15 12 490 98 83 69 375 75 64 57
ns
2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5 2.0 4.5 6.0 4.5
0 RL = ; CL = 50 pF 0 (see Fig.18) 0 -4.5 0 RL = ; CL = 50 pF 0 see Fig.19, 20 and 21 0 -4.5 0 RL = 1 k; 0 CL = 50 pF 0 see Fig.19, 20 and 21 -4.5
tPZH/ tPZL
ns
tPHZ/ tPLZ
ns
December 1990
8
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
DC CHARACTERISTICS FOR 74HCT Voltages are referenced to GND (ground = 0) Tamb (C) 74HCT SYMBOL PARAMETER +25
min. typ. UNIT
74HC/HCT4052
TEST CONDITIONS VCC (V) VEE (V) VI OTHER
-40 to +85
max. min. max.
-40 to +125
min. max.
VIH
HIGH level input voltage LOW level input voltage input leakage current analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current
2.0
1.6
2.0
2.0
V
4.5 to 5.5 4.5 to 5.5 5.5 0
VCC or GND
VIL
1.2
0.8
0.8
0.8
V
II
0.1
1.0
1.0
A
IS
0.1
1.0
1.0
A
10.0 0
VIH or VIL VIH or VIL VIH or VIL
VS = VCC - VEE
(see Fig.10)
VS = VCC - VEE
IS
0.2
2.0
2.0
A
10.0 0
(see Fig.10)
VS = VCC - VEE
IS
0.2
2.0
2.0
A
10.0 0
(see Fig.11)
Vis = VEE or VCC; VOS = VCC or VEE other inputs at VCC or GND
ICC
8.0 16.0
80.0 160.0
160.0 320.0
A
5.5 5.0
0 VCC -5.0 or
GND
ICC
additional quiescent supply current per input pin for unit load coefficient is 1 (note 1)
100 360
450
490
A
4.5 to 5.5
0
VCC -2.1 V
Note to HCT types 1. The value of additional quiescent supply current (ICC) for a unit load of 1 is given here. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT Sn E UNIT LOAD COEFFICIENT 0.45 0.45
December 1990
9
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25
min. typ. max.
74HC/HCT4052
TEST CONDITIONS UNIT VCC (V) VEE (V) OTHER
-40 to +85
min. max.
-40 to +125
min. max.
tPHL/ tPLH
propagation delay Vis to Vos turn "ON" time E to Vos Sn to Vos
5 4 41 28
12 8 70 48
15 10 88 60
18 12 105 72
ns
4.5 4.5 4.5 4.5
0 RL = ; -4.5 CL = 50 pF (see Fig.18) 0 RL = 1 k; -4.5 CL = 50 pF see (Fig.19, 20 and 21) 0 RL = 1 k; -4.5 CL = 50 pF (Fig.19, 20 and 21)
tPZH/ tPZL
ns
tPHZ/ tPLZ
turn "OFF" time E to Vos Sn to Vos
26 21
50 38
63 48
75 57
ns
4.5 4.5
Fig.8 Test circuit for measuring RON.
Fig.9
Typical RON as a function of input voltage Vis for Vis = 0 to VCC - VEE.
Fig.10 Test circuit for measuring OFF-state current.
Fig.11 Test circuit for measuring ON-state current.
December 1990
10
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
ADDITIONAL AC CHARACTERISTICS FOR 74HC/HCT Recommended conditions and typical values GND = 0 V; Tamb = 25 C SYMBOL PARAMETER sine-wave distortion f = 1 kHz sine-wave distortion f = 10 kHz switch "OFF" signal feed-through crosstalk between any two switches/ multiplexers V(p-p) crosstalk voltage between control and any switch (peak-to-peak value) typ. 0.04 0.02 0.12 0.06 -50 -50 -60 -60 110 220 UNIT % % % % dB dB dB dB mV mV VCC (V) 2.25 4.5 2.25 4.5 2.25 4.5 2.25 4.5 4.5 4.5 VEE (V) -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 0 -4.5 Vis(p-p) (V) 4.0 8.0 4.0 8.0 note 1
74HC/HCT4052
CONDITIONS RL = 10 k; CL = 50 pF (see Fig.14) RL = 10 k; CL = 50 pF (see Fig.14) RL = 600 ; CL = 50 pF; f = 1 MHz see (Fig.12 and Fig.15) RL = 600 ; CL = 50 pF; f = 1 MHz (see Fig.16) RL = 600 ; CL = 50 pF; f = 1 MHz (E or Sn, square-wave between VCC and GND, tr = tf = 6 ns) (see Fig.17)
note 1
fmax CS
minimum frequency response (-3dB) maximum switch capacitance independent (Y) common (Z)
170 180
MHz MHz
2.25 4.5
-2.25 -4.5
note 2
RL = 50 ; CL = 50 pF see (Fig.13 and Fig.14)
5 12
pF pF
Notes to AC characteristics 1. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ). 2. Adjust input voltage Vis to 0 dBm level at VOS for 1 MHz (0 dBm = 1 mW into 50 ). General notes Vis is the input voltage at an nYn or nZ terminal, whichever is assigned as an input Vos is the output voltage at an nYn or nZ terminal, whichever is assigned as an output
December 1990
11
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
74HC/HCT4052
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.12 Typical switch "OFF" signal feed-through as a function of frequency.
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = -4.5 V; RL = 50 ; Rsource = 1 k.
Fig.13 Typical frequency response.
Fig.14 Test circuit for measuring sine-wave distortion and minimum frequency response.
Fig.15 Test circuit for measuring switch "OFF" signal feed-through.
(a) channel ON condition.
(b) channel OFF condition.
Fig.16 Test circuits for measuring crosstalk between any two switches/multiplexers.
December 1990
12
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
74HC/HCT4052
The crosstalk is defined as follows (oscilloscope output):
Fig.17 Test circuit for measuring crosstalk between control and any switch.
AC WAVEFORMS
(1)
HC : VM = 50%; VI = GND to Vcc. HCT: VM = 1.3 V; VI = GND to 3V.
Fig.18 Waveforms showing the input (Vis) to output (Vos) propagation delays.
Fig.19 Waveforms showing the turn-ON and turn-OFF times.
December 1990
13
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
TEST CIRCUIT AND WAVEFORMS
74HC/HCT4052
Conditions TEST tPZH tPZL tPHZ tPLZ others SWITCH VEE VCC VEE VCC open Vis VCC VEE VCC VEE pulse FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM 50% tr; tf fmax; PULSE WIDTH < 2 ns OTHER 6 ns 6 ns
1.3 V < 2 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). RT = termination resistance should be equal to the output impedance ZO of the pulse generator. tr = tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.20 Test circuit for measuring AC performance.
Conditions TEST tPZH tPZL tPHZ tPLZ others SWITCH VEE VCC VEE VCC open Vis VCC VEE VCC VEE pulse FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM 50% tr; tf fmax; PULSE WIDTH < 2 ns OTHER 6 ns 6 ns
1.3 V < 2 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). RT = termination resistance should be equal to the output impedance ZO of the pulse generator. tr = tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.21 Input pulse definitions.
December 1990
14
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer/demultiplexer
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
74HC/HCT4052
December 1990
15


▲Up To Search▲   

 
Price & Availability of 74HC4052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X