Part Number Hot Search : 
BT101 133BG 133BG BF423 133BG 133BG 133BG CDB4329
Product Description
Full Text Search
 

To Download 74F161APC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F161A * 74F163A Synchronous Presettable Binary Counter
April 1988 Revised July 1999
74F161A * 74F163A Synchronous Presettable Binary Counter
General Description
The 74F161A and 74F163A are high-speed synchronous modulo-16 binary counters. They are synchronously presettable for application in programmable dividers and have two types of Count Enable inputs plus a Terminal Count output for versatility in forming synchronous multi-stage counters. The 74F161A has an asynchronous MasterReset input that overrides all other inputs and forces the outputs LOW. The 74F163A has a Synchronous Reset input that overrides counting and parallel loading and allows the outputs to be simultaneously reset on the rising edge of the clock. The 74F161A and 74F163A are highspeed versions of the 74F161 and 74F163.
Features
s Synchronous counting and loading s High-speed synchronous expansion s Typical count frequency of 120 MHz
Ordering Code:
Order Number 74F161ASC 74F161ASJ 74F161APC 74F163ASC 74F163ASJ 74F163APC Package Number M16A M16D N16E M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
74F161A
74F163A
(c) 1999 Fairchild Semiconductor Corporation
DS009486
www.fairchildsemi.com
74F161A * 74F163A
Logic Symbols
74F161A IEEE/IEC
74F163A IEEE/IEC
74F161A
74F163A
Unit Loading/Fan Out
U.L. Pin Names CEP CET CP MR (74F161A) SR (74F163A) P0-P3 PE Q0-Q3 TC Description HIGH/LOW Count Enable Parallel Input Count Enable Trickle Input Clock Pulse Input (Active Rising Edge) Asynchronous Master Reset Input (Active LOW) Synchronous Reset Input (Active LOW) Parallel Data Inputs Parallel Enable Input (Active LOW) Flip-Flop Outputs Terminal Count Output 1.0/1.0 1.0/2.0 1.0/1.0 1.0/1.0 1.0/2.0 1.0/1.0 1.0/2.0 50/33.3 50/33.3 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-1.2 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-1.2 mA 20 A/-0.6 mA 20 A/-1.2 mA -1 mA/20 mA -1 mA/20 mA
www.fairchildsemi.com
2
74F161A * 74F163A
Functional Description
The 74F161A and 74F163A count in modulo-16 binary sequence. From state 15 (HHHH) they increment to state 0 (LLLL). The clock inputs of all flip-flops are driven in parallel through a clock buffer. Thus all changes of the Q outputs (except due to Master Reset of the 74F161A) occur as a result of, and synchronous with, the LOW-to-HIGH transition of the CP input signal. The circuits have four fundamental modes of operation, in order of precedence: asynchronous reset (74F161A), synchronous reset (74F163A), parallel load, count-up and hold. Five control inputs--Master Reset (MR, 74F161A), Synchronous Reset (SR, 74F163A), Parallel Enable (PE), Count Enable Parallel (CEP) and Count Enable Trickle (CET)--determine the mode of operation, as shown in the Mode Select Table. A LOW signal on MR overrides all other inputs and asynchronously forces all outputs LOW. A LOW signal on SR overrides counting and parallel loading and allows all outputs to go LOW on the next rising edge of CP. A LOW signal on PE overrides counting and allows information on the Parallel Data (Pn) inputs to be loaded into the flip-flops on the next rising edge of CP. With PE and MR ('F161A) or SR (74F163A) HIGH, CEP and CET permit counting when both are HIGH. Conversely, a LOW signal on either CEP or CET inhibits counting. The 74F161A and 74F163A use D-type edge triggered flipflops and changing the SR, PE, CEP and CET inputs when the CP is in either state does not cause errors, provided that the recommended setup and hold times, with respect to the rising edge of CP, are observed. The Terminal Count (TC) output is HIGH when CET is HIGH and the counter is in state 15. To implement synchronous multi-stage counters, the TC outputs can be used with the CEP and CET inputs in two different ways. Please refer to the 74F568 data sheet. The TC output is subject to decoding spikes due to internal race conditions and is therefore not recommended for use as a clock or asynchronous reset for flip-flops, counters or registers. Logic Equations: Count Enable = CEP * CET * PE TC = Q0 * Q1 * Q2 * Q3 * CET
Mode Select Table
SR (Note 1) L H H H H PE CET X L H H H X X H L X CE P X X H X L Action on the Rising Clock Edge () Reset (Clear) Load (PnQn) Count (Increment) No Change (Hold) No Change (Hold)
State Diagram
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Note 1: For 74F163A only
Block Diagram
3
www.fairchildsemi.com
74F161A * 74F163A
Absolute Maximum Ratings(Note 2)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 3) Input Current (Note 3) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 2: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI ICEX VID IOD IIL IOS ICC Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current -60 37 4.75 3.75 -0.6 -1.2 Output Short-Circuit Current Power Supply Current -150 55 10% VCC 5% VCC 10% VCC 2.5 2.7 0.5 5.0 7.0 50 Min 2.0 0.8 -1.2 Typ Max Units V V V V V A A A V A mA mA mA mA Min Min Min Max Max Max 0.0 0.0 Max Max Max Max IOL = 20 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V (CEP, CP, MR, P0-P3) VIN = 0.5V (CET, PE, SR) VOUT = 0V VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA
www.fairchildsemi.com
4
74F161A * 74F163A
AC Electrical Characteristics
TA = +25C Symbol Parameter Min fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL tPHL Maximum Count Frequency Propagation Delay CP to Qn (PE Input HIGH) Propagation Delay CP to Qn (PE Input LOW) Propagation Delay CP to TC Propagation Delay CET to TC Propagation Delay MR to Qn (74F161A) Propagation Delay MR to TC (74F161A) 4.5 8.0 10.5 4.5 12.5 4.5 11.5 ns 100 3.5 3.5 4.0 4.0 5.0 5.0 2.5 2.5 5.5 VCC = +5.0V CL = 50 pF Typ 120 5.5 7.5 6.0 6.0 10.0 10.0 4.5 4.5 9.0 7.5 10.0 8.5 8.5 14.0 14.0 7.5 7.5 12.0 Max TA = -55C to +125C VCC = +5.0V CL = 50 pF Min 75 3.5 3.5 4.0 4.0 5.0 5.0 2.5 2.5 5.5 9.0 11.5 10.0 10.0 16.5 15.5 9.0 9.0 14.0 Max TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 90 3.5 3.5 4.0 4.0 5.0 5.0 2.5 2.5 5.5 8.5 11.0 9.5 9.5 15.0 15.0 8.5 8.5 13.0 ns ns ns ns Max MHz Units
AC Operating Requirements
TA = +25C Symbol Parameter VCC = +5.0V Min tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tW(H) tW(L) tW(H) tW(L) tW(L) tREC Setup Time, HIGH or LOW Pn to CP Hold Time, HIGH or LOW Pn to CP Setup Time, HIGH or LOW PE or SR to CP Hold Time, HIGH or LOW PE or SR to CP Setup Time, HIGH or LOW CEP or CET to CP Hold Time, HIGH or LOW CEP or CET to CP Clock Pulse Width (Load) HIGH or LOW Clock Pulse Width (Count) HIGH or LOW MR Pulse Width, LOW (74F161A) Recovery Time MR to CP (74F161A) 6.0 6.0 6.0 ns 5.0 5.0 2.0 2.0 11.0 8.5 2.0 0 11.0 5.0 0 0 5.0 5.0 4.0 6.0 5.0 Max TA = -55C to +125C VCC = +5.0V Min 5.5 5.5 2.5 2.5 13.5 10.5 3.6 0 13.0 6.0 0 0 5.0 5.0 5.0 8.0 5.0 Max TA = 0C to +70C VCC = +5.0V Min 5.0 5.0 2.0 2.0 11.5 9.5 2.0 0 11.5 5.0 0 0 5.0 5.0 4.0 7.0 5.0 ns ns ns ns ns ns Max Units
5
www.fairchildsemi.com
74F161A * 74F163A
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
6
74F161A * 74F163A Synchronous Presettable Binary Counter
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F161APC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X