Part Number Hot Search : 
STPR120A PMFA80T HC4040 R5F21 DCS060 STPCC N101A STPCC
Product Description
Full Text Search
 

To Download 74AHC595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AHC595; 74AHCT595 8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Product specification File under Integrated Circuits, IC06 2000 Mar 15
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
FEATURES * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V CDM EIA/JESD22-C101 exceeds 1000 V * Balanced propagation delays * All inputs have Schmitt-trigger actions * Inputs accept voltages higher than VCC * For AHC only: operates with CMOS input levels * For AHCT only: operates with TTL input levels * Specified from -40 to +85 C and from-40 to +125 C. APPLICATIONS * Serial-to-parallel data conversion * Remote control holding register. DESCRIPTION
74AHC595; 74AHCT595
The 74AHC/AHCT595 are high-speed Si-gate CMOS devices and are pin compatible with Low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A. The 74AHC/AHCT595 is an 8-stage serial shift register with a storage register and 3-state outputs. The shift register has separate clocks. Data is shifted on the positive-going transitions of the SHCP input. The data in each register is transferred to the storage register on a positive-going transition of the STCP input. If both clocks are connected together, the shift register will always be one clock pulse ahead of the storage register. The shift register has a serial input (DS) and a serial standard output (Q7') for cascading. It is also provided with asynchronous reset (active LOW) for all 8 shift register stages. The storage register has 8 parallel 3-state bus driver outputs. Data in the storage register appears at the output whenever the output enable input (OE) is LOW.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns. TYPICAL SYMBOL tPHL/tPLH PARAMETER propagation delay SHCP to Q7' STCP to Qn MR to Q7' CI fmax CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; (CL x VCC2 x fo) = sum of outputs; CL = output load capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC. 3. All 9 outputs switching. input capacitance maximum clock frequency power dissipation capacitance CONDITIONS AHC CL = 15 pF; VCC = 5 V 4.0 4.2 4.4 3.0 170 CL = 50 pF; f = 1 MHz; notes 1, 2 and 3 180 3.8 4.0 4.6 3.0 170 190 ns ns ns pF MHz pF AHCT UNIT
2000 Mar 15
2
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
FUNCTION TABLE See note 1. INPUT SHCP X X X STCP X X X OE L L H L MR L L L H DS X X X H OUTPUT
74AHC595; 74AHCT595
FUNCTION Q7' L L L Q6' Qn NC L Z NC a LOW level on MR only affects the shift registers empty shift register loaded into storage register shift register clear. Parallel outputs in high impedance OFF-state. logic HIGH level shifted into shift register stage 0. Contents of all shift register stages shifted through, e.g. previous state of stage 6 (internal Q6') appears on the serial output (Q7'). contents of shift register stages (internal Qn') are transferred to the storage register and parallel output stages contents of shift register shifted through. Previous contents of the shift register is transferred to the storage register and the parallel output stages.
X
L
H
X
NC
Qn'
L
H
X
Q6'
Qn'
Note 1. H = HIGH voltage level; L = LOW voltage level; = LOW-to-HIGH transition; = HIGH-to-LOW transition; X = don't care; NC = no change; Z = high impedance OFF-state. ORDERING INFORMATION PACKAGES TYPE NUMBER 74AHC595D 74AHC595PW 74AHCT595D 74AHCT595PW TEMPERATURE RANGE -40 to +125 C PINS 16 16 16 16 PACKAGE SO TSSOP SO TSSOP MATERIAL plastic plastic plastic plastic CODE SOT109-1 SOT403-1 SOT109-1 SOT403-1
2000 Mar 15
3
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PINNING PIN 1, 2, 3, 4, 5, 6, 7 and 15 8 9 10 11 12 13 14 16 GND Q7' MR SHCP STCP OE DS VCC SYMBOL Q1, Q2, Q3, Q4, Q5, Q6, Q7 and Q0
74AHC595; 74AHCT595
DESCRIPTION parallel data output ground (0 V) serial data output master reset (active LOW) shift register clock input storage register clock input output enable input (active LOW) serial data input DC supply voltage
handbook, halfpage handbook, halfpage
11
12 9 15 1 2 3 4 5 6 7
Q1 1 Q2 2 Q3 3 Q4 4 Q5 5 Q6 6 Q7 7 GND 8
MNA551
16 VCC 15 Q0 14 DS 13 OE
SHCP STCP Q7' Q0 Q1 14 Q2 DS Q3 Q4 Q5 Q6 Q7 MR 10 OE 13
MNA552
595
12 STCP 11 SHCP 10 MR 9 Q7'
Fig.1 Pin configuration.
Fig.2 Logic symbol.
2000 Mar 15
4
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
13 handbook, halfpage 12 10 11 14 R C1/ 1D SRG8
EN3 C2
handbook, halfpage
DS 11 SHCP 14 10 MR
8-STAGE SHIFT REGISTER Q7' 9
2D
3
15 1 2 3 4 5 6 7 9 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 15 1 2 3 4 5 6 7 13 OE 3-STATE OUTPUTS 12 STCP 8-BIT STORAGE REGISTER
MNA554
MNA553
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
handbook, full pagewidth
STAGE 0 DS D FF0 CP SHCP MR R Q D
STAGES 1 TO 6 Q
STAGE 7 D FF7 CP R Q Q7'
D
Q
D
Q
LATCH CP STCP OE
LATCH CP
MNA555
Q0
Q1 Q2 Q3 Q4 Q5 Q6
Q7
Fig.5 Logic diagram.
2000 Mar 15
5
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
SH handbook, full pagewidth CP DS STCP MR OE Q0 Q1 Z-state Z-state
Q6 Q7 Q7'
Z-state Z-state
MNA556
Fig.6 Timing diagram.
2000 Mar 15
6
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
RECOMMENDED OPERATING CONDITIONS
74AHC595; 74AHCT595
74AHC SYMBOL VCC VI VO Tamb PARAMETER DC supply voltage input voltage output voltage operating ambient temperature see DC and AC characteristics per device VCC = 3.3 0.3 V VCC = 5 0.5 V CONDITIONS MIN. 2.0 0 0 -40 -40 - - TYP. MAX. MIN. 5.0 - - +25 +25 - - 5.5 5.5 VCC +85 4.5 0 0 -40
74AHCT UNIT TYP. MAX. 5.0 - - +25 +25 - - 5.5 5.5 VCC +85 V V V C
+125 -40 100 20 - -
+125 C - 20 ns/V ns/V
tr, tf
input rise and fall ratios (t/V)
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC VI IIK IOK IO ICC Tstg PD Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO packages: above 70 C the value of PD derates linearly with 8 mW/K. For TSSOP packages: above 60 C the value of PD derates linearly with 5.5 mW/K. PARAMETER DC supply voltage input voltage DC input diode current DC output clamping diode current DC output sink current DC VCC or GND current storage temperature power dissipation per package for temperature range: -40 to +125 C; note 2 VI < -0.5 V; note 1 -0.5 > VO > VCC + 0.5 V; note 1 -0.5 < VO < VCC + 0.5 V CONDITIONS MIN. MAX. UNIT -0.5 -0.5 - - - - -65 - +7.0 +7.0 -20 20 25 75 500 V V mA mA mA mA mW
+150 C
2000 Mar 15
7
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
DC CHARACTERISTICS
74AHC595; 74AHCT595
74AHC family Over recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 2.0 3.0 5.5 VIL LOW-level input voltage 2.0 3.0 5.5 VOH HIGH-level output voltage VI = VIH or VIL; IO = -50 A VI = VIH or VIL; IO = -4.0 mA VI = VIH or VIL; IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 4.0 mA VI = VIH or VIL; IO = 8.0 mA II IOZ ICC CI input leakage current 3-state output OFF-state current quiescent supply current input capacitance VI = VCC or GND 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 5.5 MIN. 1.5 2.1 - - - 1.9 2.9 4.4 - - - - - 2.0 3.0 4.5 25 TYP. - - - 0.5 0.9 1.65 - - - - - 0.1 0.1 0.1 0.36 0.36 0.1 Tamb (C) -40 to +85 - - 0.5 0.9 1.65 - - - -40 to +125 UNIT - - 0.5 0.9 1.65 - - -
MAX. MIN. MAX. MIN. MAX. 1.5 2.1 - - - 1.9 2.9 4.4 1.5 2.1 - - - 1.9 2.9 4.4 V V V V V V V V V V V V V V V V A
3.85 -
3.85 -
3.85 -
2.58 - 3.94 - - - - - - - - - - 0 0 0 - - - - - 3
2.48 - 3.8 - - - - - - - 0.1 0.1 0.1 0.44 0.44 1.0 2.5 40 10
2.40 - 3.70 - - - - - - - - - - 0.1 0.1 0.1 0.55 0.55 2.0
VI = VIH or VIL; 5.5 VO = VCC or GND VI = VCC or GND; IO = 0 5.5 -
0.25 - 4.0 10 - -
10.0 A 80 10 A pF
2000 Mar 15
8
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
74AHCT family Over recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL; IO = -50 A VI = VIH or VIL; IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 8.0 mA II IOZ input leakage current 3-state output OFF-state current VI = VIH or VIL VCC (V) - - 4.5 25 - 0.8 - - 0.1 0.36 0.1 Tamb (C) -40 to +85 - 0.8 - - 0.1 0.44 1.0 2.5 -40 to +125 UNIT - 0.8 -
MIN. TYP. MAX. MIN. MAX. MIN. MAX. 2.0 - 4.4 3.8 - - - 2.0 - 4.4 V V V V V V A
4.5 to 5.5 2.0 4.5 to 5.5 - 4.5 4.5 4.5 4.5 5.5 4.4
3.94 - - - - - 0 - - -
3.70 - - - - - 0.1 0.55 2.0
VI = VIH or VIL; 5.5 VO = VCC or GND per input pin; other inputs at VCC or GND; IO = 0 VI = VCC or GND; 5.5 IO = 0 VI = VCC - 2.1 V other inputs at VCC or GND; IO = 0
0.25 -
10.0 A
ICC ICC
quiescent supply current additional quiescent supply current per input pin input capacitance
-
- -
4.0 1.35
- -
40 1.5
- -
80 1.5
A mA
4.5 to 5.5 -
CI
-
-
3
10
-
10
-
10
pF
2000 Mar 15
9
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
AC CHARACTERISTICS Type 74AHC595 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 3.0 to 3.6 V; note 1 tPHL/tPLH propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tPHL/tPLH propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tW propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn shift clock pulse width see Figs 7 HIGH or LOW and 12 storage clock pulse width HIGH or LOW master reset pulse width LOW tsu set-up time DS to SHCP set-up time SHCP to STCP th trem fmax hold time DS to SHCP removal time MR to SHCP see Figs 10 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 8 and 12 see Figs 9 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 15 pF - - - - - 50 pF - - - - - 5.0 5.0 5.0 3.5 8.5 1.5 3.0 80 5.7 5.9 5.9 5.6 5.4 7.7 7.7 7.4 7.4 8.7 - - - - - - - 125 CL MIN. 25 TYP.
74AHC595; 74AHCT595
Tamb (C) -40 to +85 MAX. MIN. MAX. -40 to +125 MIN. MAX. UNIT
13.0 11.9 12.8 11.5 11.0 16.5 15.4 16.3 15.0 15.7 - - - - - - - -
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 3.5 8.5 1.5 3.0 60
15.0 13.5 13.7 13.5 13.0 18.5 17.0 17.2 17.0 16.2 - - - - - - - -
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 3.5 8.5 1.5 3.0 40
16.5 15.0 15.0 15.0 14.5 20.1 18.5 18.7 18.5 17.5 - - - - - - - -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz
maximum clock pulse see Figs 7, 8 frequency and 12 SHCP or STCP
2000 Mar 15
10
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 4.5 to 5.5 V; note 2 tPHL/tPLH propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tPHL/tPLH propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tW propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn shift clock pulse width see Figs 7 HIGH or LOW and 12 storage clock pulse width HIGH or LOW master reset pulse width LOW tsu set-up time DS to SHCP set-up time SHCP to STCP th trem fmax hold time DS to SHCP removal time MR to SHCP see Figs 10 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 8 and 12 see Figs 9 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 15 pF - - - - - 50 pF - - - - - 5.0 5.0 5.0 3.0 5.0 2.0 2.5 130 4.0 4.2 4.4 4.0 3.8 5.4 5.5 5.6 5.3 5.8 - - - - - - - 170 8.2 7.4 8.0 8.6 8.0 CL MIN. 25 TYP.
74AHC595; 74AHCT595
Tamb (C) -40 to +85 MAX. MIN. MAX. -40 to +125 MIN. MAX. UNIT
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 3.0 5.0 2.0 2.5 110
9.4 8.5 9.1 10.0 9.5 11.4 10.5 11.1 12.0 11.0 - - - - - - - -
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 3.0 5.0 2.0 2.5 90
10.5 9.5 10.0 11.0 10.5 12.5 11.5 12.0 13.0 12.0 - - - - - - - -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz
10.0 9.0 10.0 10.6 10.3 - - - - - - - -
maximum clock pulse see Figs 7, 8 frequency and 12 SHCP or STCP
Notes 1. Typical values at VCC = 3.3 V. 2. Typical values at VCC = 5.0 V.
2000 Mar 15
11
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Type 74AHCT595 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 4.5 to 5.5 V; note 1 tPHL/tPLH propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tPHL/tPLH propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn propagation delay SHCP to Q7' propagation delay STCP to Qn tPHL tPZH/tPZL tPHZ/tPLZ tW propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn shift clock pulse width see Figs 7 HIGH or LOW and 12 storage clock pulse width HIGH or LOW master reset pulse width LOW tsu set-up time SHCP to STCP set-up time DS to SHCP th trem fmax hold time DS to SHCP removal time MR to SHCP maximum clock pulse frequency SHCP or STCP see Figs 10 and 12 see Figs 7, 8 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 8 and 12 see Figs 9 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 see Figs 7 and 12 see Figs 8 and 12 see Figs 10 and 12 see Figs 11 and 12 15 pF - - - - - 50 pF - - - - - 5.0 5.0 5.0 5.0 3.0 2.0 3.0 130 3.8 4.0 4.6 4.8 3.6 5.2 5.3 5.8 6.2 5.8 - - - - - - - 170 8.2 7.4 8.2 9.0 6.9 CL MIN. 25 TYP.
74AHC595; 74AHCT595
Tamb (C) -40 to +85 MAX. MIN. MAX. -40 to +125 MIN. MAX. UNIT
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 3.0 2.0 3.0 110
9.0 8.5 9.5 11.0 8.0 11.0 10.5 11.5 13.0 11.0 - - - - - - - -
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 3.0 2.0 3.0 90
10.0 9.5 10.5 12.0 9.0 12.0 11.5 12.5 14.5 12.0 - - - - - - - -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz
10.0 9.0 10.5 11.6 10.3 - - - - - - - -
Note 1. Typical values at VCC = 5.0 V. 2000 Mar 15 12
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
AC WAVEFORMS
74AHC595; 74AHCT595
handbook, full pagewidth
1/fmax VI SHCP input GND tW t PLH VOH Q 7' output VOL VM(2)
MNA557
VM(1)
t PHL
FAMILY AHC AHCT Fig.7
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
50% VCC 50% VCC
The clock (SHCP) to output (Q7') propagation delays, the shift clock pulse width (tW) and maximum shift clock frequency (fmax).
handbook, full pagewidth
VI SHCP input GND t su VI STCP input GND tW t PLH VOH Q n output VOL VM(2)
MNA558
VM(1)
1/fmax
VM(1)
t PHL
FAMILY AHC AHCT Fig.8
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
50% VCC 50% VCC
The storage clock (STCP) to output (Qn) propagation delays, the storage clock pulse width (tW) and the shift clock to storage clock set-up time (tsu).
2000 Mar 15
13
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
handbook, full pagewidth
VI SHCP input GND t su th VI DS input GND VM(1) t su th VM(1)
VOH Q 7' output VOL VM(2)
MNA560
FAMILY AHC AHCT
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
The shaded areas indicate when the input is permitted to change for predictable output performance.
50% VCC 50% VCC
Fig.9 The data set-up (tsu) and hold (th) times for the DS input.
handbook, full pagewidth
VI MR input GND tW VI SHCP input GND t PHL VOH Q 7' output VOL VM(2)
MNA561
VM(1)
t rem
VM(1)
FAMILY AHC AHCT
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
50% VCC 50% VCC
Fig.10 The master reset (MR) pulse width, the master reset to output (Q7') propagation delays and the master reset to shift clock (SHCP) removal time (trem).
2000 Mar 15
14
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
handbook, full pagewidth
VI OE input GND tPLZ output LOW-to-OFF OFF-to-LOW VCC VM(2) VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
MNA450
VM(1)
tPZL
VOL + 0.3 V tPZH VOH - 0.3 V VM(2)
FAMILY AHC AHCT
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
50% VCC 50% VCC
Fig.11 3-state enable and disable times.
handbook, full pagewidth
S1 VCC PULSE GENERATOR VI D.U.T. RT CL
MNA219
VO
1000
VCC open GND
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH open VCC GND
S1
Definitions for test circuit. CL = load capacitance including jig and probe capacitance (See Chapter "AC characteristics"). RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.12 Load circuitry for switching times.
2000 Mar 15
15
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PACKAGE OUTLINES SO16: plastic small outline package; 16 leads; body width 3.9 mm
74AHC595; 74AHCT595
SOT109-1
D
E
A X
c y HE vMA
Z 16 9
Q A2 A1 pin 1 index Lp 1 e bp 8 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 0.069 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 10.0 9.8 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.050 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 0.039 0.016 Q 0.7 0.6 0.028 0.020 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.7 0.3 0.028 0.012
0.010 0.057 0.004 0.049
0.019 0.0100 0.39 0.014 0.0075 0.38
0.244 0.041 0.228
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT109-1 REFERENCES IEC 076E07 JEDEC MS-012 EIAJ EUROPEAN PROJECTION
ISSUE DATE 97-05-22 99-12-27
2000 Mar 15
16
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
D
E
A
X
c y HE vMA
Z
16
9
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
8
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.10 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.40 0.06 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT403-1 REFERENCES IEC JEDEC MO-153 EIAJ EUROPEAN PROJECTION ISSUE DATE 95-04-04 99-12-27
2000 Mar 15
17
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74AHC595; 74AHCT595
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2000 Mar 15
18
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74AHC595; 74AHCT595
Suitability of surface mount IC packages for wave and reflow soldering methods SOLDERING METHOD PACKAGE WAVE BGA, LFBGA, SQFP, TFBGA HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable suitable suitable suitable suitable suitable REFLOW(1)
2000 Mar 15
19
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 69
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613507/01/pp20
Date of release: 2000
Mar 15
Document order number:
9397 750 06822


▲Up To Search▲   

 
Price & Availability of 74AHC595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X