|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74ACTQ00 Quiet SeriesTM Quad 2-Input NAND Gate August 1990 Revised April 1999 74ACTQ00 Quiet SeriesTM Quad 2-Input NAND Gate General Description The ACTQ00 contains four 2-input NAND gates and utilizes Fairchild FACT Quiet SeriesTM technology to guarantee quiet output switching and improve dynamic threshold performance FACT Quiet Series features GTOTM output control and undershoot corrector in addition to a split ground bus for superior ACMOS performance. Features s ICC reduced by 50% s Guaranteed simultaneous switching noise level and dynamic threshold performance s Improved latch-up immunity s Outputs source/sink 24 mA s Has TTL-compatible inputs Ordering Code: Order Number 74ACTQ00SC 74ACTQ00PC Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Body 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Logic Symbol IEEE/IEC Connection Diagram Pin Assignment for DIP and SOIC Pin Descriptions Pin Names An, Bn On Description Inputs Outputs FACTTM, Quiet SeriesTM, FACT Quiet SeriesTM, and GTOTM are trademarks of Fairchild Semiconductor Corporation. (c) 1999 Fairchild Semiconductor Corporation DS010888.prf www.fairchildsemi.com 74ACTQ00 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) 50 mA -65C to +150C 50 mA -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V -0.5V to +7.0V DC Latch-up Source or Sink Current Junction Temperature (TJ) PDIP 140C 300 mA Recommended Operating Conditions Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not 4.5V to 5.5V 0V to VCC 0V to VCC -40C to +85C 125 mV/ns DC Electrical Characteristics Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOLD IOHD ICC VOLP VOLV VIHD VILD Maximum Input Leakage Current Maximum ICC/Input Minimum Dynamic Output Current (Note 3) Maximum Quiescent Supply Current Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage 5.0 5.0 1.9 1.2 2.2 0.8 V V 5.0 -0.6 -1.2 V 5.5 5.5 5.5 5.5 5.5 5.0 1.1 2.0 1.5 0.6 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 VIN = VIL or VIH 3.76 4.76 0.1 0.1 VIN = VIL or VIH 0.44 0.44 1.0 1.5 75 -75 20.0 V A mA mA mA A V IOL = 24 mA IOL = 24 mA (Note 2) VI = VCC, GND V I = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND Figure 1, Figure 2 (Note 4)(Note 5) Figure 1, Figure 2 (Note 4)(Note 5) (Note 4)(Note 6) (Note 4)(Note 6) V V IOH = -24 mA IOH = -24 mA (Note 2) IOUT = 50 A V V V VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A Units Conditions Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: DIP package. Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND. Note 6: Max number of data inputs (n) switching. (n-1) inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz. www.fairchildsemi.com 2 74ACTQ00 AC Electrical Characteristics VCC Symbol tPLH tPHL tOSHL tOSLH Parameter Propagation Delay Data to Output Propagation Delay Data to Output Output to Output Skew (Note 8) 5.0 0.5 1.0 1.0 ns 5.0 2.0 7.5 2.0 8.0 ns (V) (Note 7) 5.0 Min 2.0 TA = +25C CL = 50 pF Typ Max 7.5 TA = -40C to +85C CL = 50 pF Min 2.0 Max 8.0 ns Units Note 7: Voltage Range 5.0 is 5.0V 0.5V. Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design. Capacitance Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 74 Units pF pF VCC = OPEN VCC = 5.0V Conditions 3 www.fairchildsemi.com 74ACTQ00 FACTTM Noise Characteristics The setup of a noise characteristics measurement is critical to the accuracy and repeatability of the tests. The following is a brief description of the setup used to measure the noise characteristics of FACT. Equipment: Hewlett Packard Model 8180A Word Generator PC-163A Test Fixture Tektronics Model 7854 Oscilloscope Procedure: 1. Verify Test Fixture Loading: Standard Load 50 pF, 500. 2. Deskew the HFS generator so that no two channels have greater than 150 ps skew between them. This requires that the oscilloscope be deskewed first. It is important to deskew the word generator channels before testing. This will ensure that the outputs switch simultaneously. 3. Terminate all inputs and outputs to ensure proper loading of the outputs and that the input levels are at the correct voltage. 4. Set the HFS generator to toggle all but one output at a frequency of 1 MHz. Greater frequencies will increase DUT heating and effect the results of the measurement. 5. Set the HFS generator input levels at 0V LOW and 3V HIGH for ACT devices and 0V LOW and 5V HIGH for AC devices. Verify levels with an oscilloscope VOLP/VOLV and VOHP/VOHV: * Determine the quiet output pin that demonstrates the greatest noise levels. The worst case pin will usually be the furthest from the ground pin. Monitor the output voltages using a 50 coaxial cable plugged into a standard SMB type connector on the test fixture. Do not use an active FET probe. * Measure VOLP and VOLV on the quiet output during the worst case transition for active and enable. Measure VOHP and VOHV on the quiet output during the worst case active and enable transition. * Verify that the GND reference recorded on the oscilloscope has not drifted to ensure the accuracy and repeatability of the measurements. VILD and VIHD: * Monitor one of the switching outputs using a 50 coaxial cable plugged into a standard SMB type connector on the test fixture. Do not use an active FET probe. * First increase the input LOW voltage level, VIL, until the output begins to oscillate or steps out a min of 2 ns. Oscillation is defined as noise on the output LOW level that exceeds VIL limits, or on output HIGH levels that exceed VIH limits. The input LOW voltage level at which oscillation occurs is defined as VILD. * Next decrease the input HIGH voltage level.V IH until the output begins to oscillate or steps out a mine of 2 ns. Oscillation is defined as noise on the output LOW level that exceeds VIL limits, or on output HIGH levels that exceed VIH limits. The input HIGH voltage level at which oscillation occurs is defined as VIHD. * Verify that the GND reference recorded on the oscilloscope has not drifted to ensure the accuracy and repeatability of the measurements. Note 9: VOHV and VOLP are measured with respect to ground reference. Note 10: Input pulses have the following characteristics: f = 1 MHz, tr = 3 ns, tf = 3 ns, skew < 150 ps. FIGURE 1. Quiet Output Noise Voltage Waveforms FIGURE 2. Simultaneous Switching Test Circuit www.fairchildsemi.com 4 74ACTQ00 Physical Dimensions inches (millimeters) unless otherwise noted 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Body Package Number M14A 5 www.fairchildsemi.com 74ACTQ00 Quiet SeriesTM Quad 2-Input NAND Gate Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Plastic Dual-In-Line Package (PDIP) JEDEC MS-001, 0.300" Wide Package Number N14A LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. |
Price & Availability of 74ACTQ00 |