Part Number Hot Search : 
30KPA51A LMT393N LSZ51A HERA803G 00003 FZT751 HERA803G 10E15
Product Description
Full Text Search
 

To Download 4N25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by 4N25/D
GlobalOptoisolatorTM
6-Pin DIP Optoisolators Transistor Output
The 4N25/A, 4N26, 4N27 and 4N28 devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector. * Most Economical Optoisolator Choice for Medium Speed, Switching Applications * Meets or Exceeds All JEDEC Registered Specifications * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Applications * General Purpose Switching Circuits * Interfacing and coupling systems of different potentials and impedances * I/O Interfacing * Solid State Relays MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Reverse Voltage Forward Current -- Continuous LED Power Dissipation @ TA = 25C with Negligible Power in Output Detector Derate above 25C OUTPUT TRANSISTOR Collector-Emitter Voltage Emitter-Collector Voltage Collector-Base Voltage Collector Current -- Continuous Detector Power Dissipation @ TA = 25C with Negligible Power in Input LED Derate above 25C TOTAL DEVICE Isolation Surge Voltage(1) (Peak ac Voltage, 60 Hz, 1 sec Duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(2) Storage Temperature Range(2) Soldering Temperature (10 sec, 1/16 from case) VISO PD TA Tstg TL 7500 250 2.94 - 55 to +100 - 55 to +150 260 Vac(pk) mW mW/C C C C VCEO VECO VCBO IC PD 30 7 70 150 150 1.76 Volts Volts Volts mA mW mW/C VR IF PD 3 60 120 1.41 Volts mA mW mW/C 1 2 3 Symbol Value Unit
4N25 * 4N25A* 4N26 * 4N27 4N28
[CTR = 20% Min] [CTR = 10% Min] *Motorola Preferred Devices
STYLE 1 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
6 5 4 PIN 1. 2. 3. 4. 5. 6. LED ANODE LED CATHODE N.C. EMITTER COLLECTOR BASE
1. Isolation surge voltage is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc. REV 5
Motorola Optoelectronics Device Data (c) Motorola, Inc. 1995
1
4N25 4N25A 4N26 4N27 4N28
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED Forward Voltage (IF = 10 mA) TA = 25C TA = -55C TA = 100C VF -- -- -- -- -- 1.15 1.3 1.05 -- 18 1.5 -- -- 100 -- Volts Symbol Min Typ(1) Max Unit
Reverse Leakage Current (VR = 3 V) Capacitance (V = 0 V, f = 1 MHz) OUTPUT TRANSISTOR Collector-Emitter Dark Current (VCE = 10 V, TA = 25C (VCE = 10 V, TA = 100C) Collector-Base Dark Current (VCB = 10 V) Collector-Emitter Breakdown Voltage (IC = 1 mA) Collector-Base Breakdown Voltage (IC = 100 A) Emitter-Collector Breakdown Voltage (IE = 100 A) DC Current Gain (IC = 2 mA, VCE = 5 V) Collector-Emitter Capacitance (f = 1 MHz, VCE = 0) Collector-Base Capacitance (f = 1 MHz, VCB = 0) Emitter-Base Capacitance (f = 1 MHz, VEB = 0) COUPLED Output Collector Current (IF = 10 mA, VCE = 10 V) 4N25,25A,26 4N27,28 Collector-Emitter Saturation Voltage (IC = 2 mA, IF = 50 mA) Turn-On Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Turn-Off Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Rise Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Fall Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Isolation Voltage (f = 60 Hz, t = 1 sec)(4) Isolation Resistance (V = 500 V)(4) Isolation Capacitance (V = 0 V, f = 1 MHz)(4) 1. 2. 3. 4. 4N25,25A,26,27 4N28 All Devices
IR CJ
A pF
ICEO ICEO ICBO V(BR)CEO V(BR)CBO V(BR)ECO hFE CCE CCB CEB IC (CTR)(2)
-- -- -- -- 30 70 7 -- -- -- --
1 1 1 0.2 45 100 7.8 500 7 19 9
50 100 -- -- -- -- -- -- -- -- --
nA A nA Volts Volts Volts -- pF pF pF
mA (%) 2 (20) 1 (10) 7 (70) 5 (50) 0.15 2.8 4.5 1.2 1.3 -- -- 0.2 -- -- 0.5 -- -- -- -- -- -- -- Volts s s s s Vac(pk) pF
VCE(sat) ton toff tr tf VISO RISO CISO
-- -- -- -- -- 7500 1011 --
Always design to the specified minimum/maximum electrical limits (where applicable). Current Transfer Ratio (CTR) = IC/IF x 100%. For test circuit setup and waveforms, refer to Figure 11. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2
Motorola Optoelectronics Device Data
4N25 4N25A 4N26 4N27 4N28
TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) PULSE ONLY PULSE OR DC 1.8 I C , OUTPUT COLLECTOR CURRENT (NORMALIZED) 10 NORMALIZED TO: IF = 10 mA 1
1.6 1.4 TA = -55C 1.2 1 1 25C 100C 10 100 IF, LED FORWARD CURRENT (mA) 1000
0.1
0.01
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
I C , OUTPUT COLLECTOR CURRENT (NORMALIZED)
28 IC , COLLECTOR CURRENT (mA) 24 20 16 5 mA 12 8 4 0 0 1 2 3 4 5 6 7 8 2 mA 1 mA 9 10 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) IF = 10 mA
10 7 5 2 1 0.7 0.5 0.2 0.1 -60 -40 -20 0 20 40 60 80 100 TA, AMBIENT TEMPERATURE (C) NORMALIZED TO TA = 25C
Figure 3. Collector Current versus Collector-Emitter Voltage
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
100 NORMALIZED TO: VCE = 10 V TA = 25C t, TIME (s) 50 20 10 5 2 1 0.1 RL = 1000 RL = 100 VCC = 10 V
100
10 VCE = 30 V 1 10 V 0 20 40 60 80 100
{ {
tr tf
tf
tr
0.1 TA, AMBIENT TEMPERATURE (C)
0.2
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
100
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Rise and Fall Times (Typical Values)
Motorola Optoelectronics Device Data
3
4N25 4N25A 4N26 4N27 4N28
100 70 50 t on, TURN-ON TIME ( s) 20 10 7 5 RL = 1000 100 10 VCC = 10 V 100 70 50 t off , TURN-OFF TIME ( s) 20 RL = 1000 10 7 5 100 10 2 0.2 0.5 0.7 1 2 5 7 10 20 50 70 100 1 0.1 0.2 0.5 0.7 1 2 5 7 10 20 50 70 100 VCC = 10 V
2 1 0.1
IF, LED INPUT CURRENT (mA)
IF, LED INPUT CURRENT (mA)
Figure 7. Turn-On Switching Times (Typical Values)
I , TYPICAL COLLECTOR CURRENT (mA) C 4 IF = 0 3 20 IB = 7 A 6 A C, CAPACITANCE (pF) 5 A 2 4 A 3 A 1 2 A 1 A 0 2 4 6 8 10 12 14 16 18 20 18 16 14 12 10 8 6 4 2
Figure 8. Turn-Off Switching Times (Typical Values)
CLED CCB
f = 1 MHz
CEB CCE
0 0.05 0.1
0.2
0.5
1
2
5
10
20
50
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
V, VOLTAGE (VOLTS)
Figure 9. DC Current Gain (Detector Only)
Figure 10. Capacitances versus Voltage
TEST CIRCUIT
VCC = 10 V IF = 10 mA INPUT RL = 100 10% OUTPUT
WAVEFORMS
INPUT PULSE
OUTPUT PULSE 90% tr ton tf toff
Figure 11. Switching Time Test Circuit and Waveforms
4
Motorola Optoelectronics Device Data
4N25 4N25A 4N26 4N27 4N28
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
STYLE 1: PIN 1. 2. 3. 4. 5. 6.
ANODE CATHODE NC EMITTER COLLECTOR BASE
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
4N25 4N25A 4N26 4N27 4N28
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Optoelectronics Device Data 4N25/D
*4N25/D*


▲Up To Search▲   

 
Price & Availability of 4N25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X