Part Number Hot Search : 
LS820 AN807 85001 ADUC8 CHUMD9PT AGM3224K AD5380 V48B1
Product Description
Full Text Search
 

To Download 2SK3028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK3028 (Tentative)
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed q High-speed switching q Low ON-resistance q No secondary breakdown q Low-voltage drive q High electrostatic breakdown voltage
unit: mm
15.50.5
4.5
3.20.1
10.0
3.00.3
26.50.5
18.60.5
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
2.0 1.2
5 4.0 2.00.2 1.10.1
2.0
5 5
0.70.1
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 60 20 100 200 500 100 3 150 -55 to +150 Unit V V A A mJ
5.450.3
3.30.3 0.70.1
5.450.3
5.50.3
5
1
2
3
1: Gate 2: Drain 3: Source TOP-3E Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
Internal Connection
W C C
S G D
L = 0.1mH, IL = 100A, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on)1 RDS(on)2 | Yfs | VDSF Coss td(on) tr tf td(off) Rth(ch-c) Rth(ch-a) VDD = 30V, ID = 50A VGS = 10V, RL = 0.6 Conditions VDS = 50V, VGS = 0 VGS = 20V, VDS = 0 ID = 1mA, VGS = 0 VDS = 10V, ID = 1mA VGS = 10V, ID = 50A VGS = 4V, ID = 50A VDS = 10V, ID = 50A IDR = 50A, VGS = 0 9400 VDS = 10V, VGS = 0, f = 1MHz 3300 1800 40 280 830 2400 1.25 41.7 60 1 5 6.5 50 100 -1.2 2.5 7.5 10 min typ max 10 10 Unit A A V V m m S V pF pF pF ns ns ns ns C/W C/W
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Fall time Turn-off time (delay time) Thermal resistance between channel and case Thermal resistance between channel and atmosphere
2.0
23.4 22.00.5
s Applications
5
5
1


▲Up To Search▲   

 
Price & Availability of 2SK3028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X