![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power F-MOS FETs 2SK3026 (Tentative) Silicon N-Channel Power F-MOS FET s Features q Avalanche energy capacity guaranteed q High-speed switching q Low ON-resistance q No secondary breakdown q Low-voltage drive q High electrostatic breakdown voltage unit: mm 4.60.2 3.20.1 9.90.3 2.90.2 4.10.2 8.00.2 Solder Dip 13.7-0.2 q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply 15.00.3 3.00.2 s Applications +0.5 1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123 2.60.1 0.70.1 s Absolute Maximum Ratings (TC = 25C) Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 60 20 40 80 80 50 2 150 -55 to +150 Unit V V A A mJ 7 1: Gate 2: Drain 3: Source TO-220E Package (a) Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature * TC = 25C Ta = 25C Internal Connection W C C S G D L = 0.1mH, IL = 40A, 1 pulse s Electrical Characteristics (TC = 25C) Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on)1 RDS(on)2 | Yfs | VDSF Coss td(on) tr tf td(off) Rth(ch-c) Rth(ch-a) VDD = 30V, ID = 20A VGS = 10V, RL = 1.5 Conditions VDS = 50V, VGS = 0 VGS = 20V, VDS = 0 ID = 1mA, VGS = 0 VDS = 10V, ID = 1mA VGS = 10V, ID = 20A VGS = 4V, ID = 20A VDS = 10V, ID = 20A IDR = 20A, VGS = 0 2350 VDS = 10V, VGS = 0, f = 1MHz 810 450 15 55 180 600 2.5 62.5 19 60 1 12 16 37 -1.2 2.5 18 24 min typ max 10 10 Unit A A V V m m S V pF pF pF ns ns ns ns C/W C/W Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Fall time Turn-off time (delay time) Thermal resistance between channel and case Thermal resistance between channel and atmosphere 1 |
Price & Availability of 2SK3026
![]() |