Part Number Hot Search : 
Z5234 D4235G 10012 C00RP PDF246 1N2815A TCA520B BTS734L1
Product Description
Full Text Search
 

To Download 2SK2157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK2157
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
The 2SK2157 is a N-channel MOS FET of a vertical type and is a switching element that can be directly driven by the output of an IC operating at 5 V. This product has a low ON resistance and superb switching characteristics and is ideal for driving the actuators and DC/DC converters.
PACKAGE DIMENSIONS (in mm)
5.7 0.1 2.0 0.2
3.65 0.1 5.4 0.25
1.5 0.1
0.55
FEATURES
* New package intermediate between small-signal and power models * Can be directly driven by output of 5-V IC * Low ON resistance RDS(on) 0.15 @VGS = 4 V, ID = 2.5 A RDS(on) 0.10 @VGS = 10 V, ID = 2.5 A
1.0
S 0.5 0.1
D
G
0.5 0.1 2.1 4.2 0.85 0.1
0.41 0.05
EQUIVALENT CIRCUIT
Drain (D)
Gate (G) Gate protection diode Source (S) Marking: NA4
Internal diode PIN CONNECTIONS S: Source D: Drain G: Gate
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
PARAMETER Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (Pulse) SYMBOL VDSS VGSS ID(DC) ID(pulse) PW 10 ms, Duty cycle 50 % 7.5 cm2 x 0.7 mm, ceramic substrate used VGS = 0 VDS = 0 TEST CONDITIONS RATING 30 20 5.0 10.0 UNIT V V A A
Total Power Dissipation Channel Temperature Storage Temperature
PT Tch Tstg
2.0 150 -55 to +150
W C C
Document No. D11233EJ1V0DS00 (1st edition) Date Published June 1996 P Printed in Japan
1996
2SK2157
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Drain Cut-Off Current Gate Leakage Current Gate Cut-Off Voltage Forward Transfer Admittance Drain to Source On-State Resistance Drain to Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time SYMBOL IDSS IGSS VGS(off) |yfs| RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf VDD = 10 V, ID = 2.5 A VGS(on) = 10 V, RG = 10 RL = 4 TEST CONDITIONS VDS = 30 V, VGS = 0 VGS = 20 V, VDS = 0 VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 2.5 A VGS = 4 V, ID =2.5 A VGS = 10 V, ID = 2.5 A VDS = 10 V, VGS = 0, f = 1.0 MHz 1.5 2.0 0.09 0.06 650 400 120 85 450 285 315 0.15 0.10 1.9 MIN. TYP. MAX. 1.0 10 2.5 UNIT
A A
V S pF pF pF ns ns ns ns
2
2SK2157
TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 80 ID - Drain Current - A 10 5 2 1 0.5
FORWARD BIAS SAFE OPERATING AREA
10 PW
1 m s
m
s
dT - Derating Factor - %
=
10
0
60
m
s
40
DS
20 0.2 Single Pulse 0 30 60 90 120 150 0.1 1 2 5 10 20 50 100
TA - Ambient Temperature - C DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 10 8 ID - Drain Current - A
10 V 4.5 4.0 V V
VDS - Drain to Source Voltage - V
TRANSFER CHARACTERISTICS 10 VDS = 10 V
3.5 V 6
ID - Drain Current - A
1 TA = 75 C 25 C -25 C 0.1
4 3.0 V 2 2.5 V 0 1 2 VGS = 2.0 V 3 4 5
0.01
0.001 0.5
1
1.5
2
2.5
3
3.5
4
VDS - Drain to Source Voltate -V FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT |yfs| - Forward Transfer Admittance - S 10 VDS = 10 V
VGS - Gate to Source Voltage - V DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 0.3 VGS = 4 V
1
TA = -25 C 25 C 75 C
RDS(on) - Drain to Source On-State Resistance -
0.2 TA = 75 C 0.1 25 C -25 C
0.1
0.01 0.001
0.01
0.1
1
0 0.001
0.01
0.1
1
10
ID - Drain Current - A
ID - Drain Current - A
3
2SK2157
RDS(on) - Drain to Source On-State Resistance -
RDS(on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 0.2 VGS = 4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 0.15
0.1
0.1
TA = 75 C 25 C -25 C
ID = 5 A 0.05 2.5 A
0 0.001
0.01
0.1
1
10
0
4
8
12
16
20
ID - Drain Current - A CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 1 000
Ciss, Coss, Crss - Capacitance - pF
VGS - Gate to Source Voltage - V
SWITCHING CHARACTERISTICS 1 000
td(on), tr, td(off), tf - Switching Time - ns
500 200 100 50 20 10 1
Ciss Coss
500 200 100 50
VDD = 10 V VGS(on) = 10 V td(off) tf tr
Crss
td(on) 20 10 0.1 0.2 0.5 1 2 5 10
VGS = 0 f = 1 MHz 2
5
10
20
50
100
VDS - Drain to Source Voltage - V SOURCE TO DRAIN DIODE FORWARD VOLTAGE 10
ISD - Diode Forward Current - A
ID - Drain Current - A
1
0.1
0.01
0.001 0.2
0.4
0.6
0.8
1
VSD - Source to Drain Voltage - V
4
2SK2157
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. TEI-1202 IEI-1209 C10535E MEI-1202 X10679E
5
2SK2157
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11


▲Up To Search▲   

 
Price & Availability of 2SK2157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X