Part Number Hot Search : 
TEF6624 PIC30F HI7106C MAX7491 EDZ33 752E052 C7WP08L8 SG117AK
Product Description
Full Text Search
 

To Download 2SK1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Junction FETs (Small Signal)
2SK1103
Silicon N-Channel Junction FET
For switching Complementary to 2SJ163
0.650.15
+0.2
unit: mm
0.650.15
2.8 -0.3
1.5 -0.05
+0.25
s Features
2.9 -0.05 1.90.2
+0.2
q Low ON-resistance q Low-noise characteristics
0.95
1
0.95
3
0.4 -0.05
+0.1
s Absolute Maximum Ratings (Ta = 25C)
Parameter Gate to Drain voltage Drain current Gate current Allowable power dissipation Channel temperature Storage temperature Symbol VGDS ID IG PD Tch Tstg Ratings -65 20 10 150 150 -55 to +150 Unit
0.8
2
1.45
V mA mA mW C C
+0.2 1.1 -0.1
1: Source 2: Drain 3: Gate
JEDEC: TO-236 EIAJ: SC-59 Mini Type Package (3-pin)
Marking Symbol (Example): 4L s Electrical Characteristics (Ta = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Gate to Drain voltage Gate to Source cut-off voltage Forward transfer admittance Drain to Source ON-resistance Symbol IDSS* IGSS VGDS VGSC | Yfs | RDS(on) Conditions VDS = 10V, VGS = 0 VGS = -30V, VDS = 0 IG = -10A, VDS = 0 VDS = 10V, ID = 10A VDS = 10V, ID = 1mA, f = 1kHz VDS = 10mV, VGS = 0 VDS = 10V, VGS = 0, f = 1MHz 1.8 -65 -1.5 2.5 300 7 1.5 -3.5 min 0.2 typ max 6 -10 Unit mA nA V V mS pF pF
Input capacitance (Common Source) Ciss Reverse transfer capacitance (Common Source) Crss
*
IDSS rank classification Runk IDSS (mA) O 0.2 to 1 4LO P 0.6 to 1.5 4LP Q 1 to 3 4LQ R 2.5 to 6 4LR
Marking Symbol
0 to 0.1
0.1 to 0.3 0.40.2
0.16 -0.06
+0.1
1
Silicon Junction FETs (Small Signal)
PD Ta
320 2.5 Ta=25C 280 2.0 2.0 VGS=0V 1.5 - 0.1V - 0.2V 1.0 - 0.3V - 0.4V 0.5 40 0 0 20 40 60 80 100 120 140 160 0 0 1 2 3 4 5 6 0 -1.2
2SK1103
ID VDS
2.5
ID VGS
Allowable power dissipation PD (mW)
Drain current ID (mA)
Drain current ID (mA)
240 200 160 120 80
Ta=-25C 1.5 25C 1.0 75C
0.5
-1.0 - 0.8 - 0.6 - 0.4 - 0.2
0
Ambient temperature Ta (C)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
| Yfs | VGS
5 2.5 VDS=10V Ta=25C 4
| Yfs | ID
Forward transfer admittance |Yfs| (mS)
VDS=10V Ta=25C
Ciss, Coss, Crss VDS
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
10 VGS=0 f=1MHz Ta=25C 8
Forward transfer admittance |Yfs| (mS)
2.0 IDSS=10mA 1.5
3 IDSS=10mA 2
6
Ciss
1.0
4
1
0.5
2
Coss Crss
0 -1.6
0 -1.2 - 0.8 - 0.4 0 0 1 2 3 4 5 6 7 8
0 1 3 10 30 100
Gate to source voltage VGS (V)
Drain current ID (mA)
Drain to source voltage VDS (V)
2


▲Up To Search▲   

 
Price & Availability of 2SK1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X