Part Number Hot Search : 
S9S08EL 25ETT 05EVAL 12VDC DD1300 W91651B KBPC2514 002D2
Product Description
Full Text Search
 

To Download 2SJ609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN6671
2SJ609
P-Channel Silicon MOSFET
2SJ609
DC / DC Converter Applications
Features
* * *
Package Dimensions
unit : mm 2190
8.0 1.0
Low ON-resistance. Ultrahigh-speed switching. 4V drive.
[2SJ609]
1.4
4.0 1.0 3.3
3.0
1.6 0.8
1.5
3.0
0.8 0.75
7.5
15.5
11.0
0.7
1
2
3
1 : Source 2 : Drain 3 : Gate
1.7
2.4
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Tc=25C Conditions
4.8
SANYO : TO-126ML
Ratings --60 20 --5 --20 1 10 150 --55 to +150
Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Symbol V(BR)DSS IDSS IGSS Conditions ID=--1mA, VGS=0 VDS=-60V, VGS=0 VGS=16V, VDS=0 Ratings min --60 --10 10 typ max Unit V A A
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
90100 TS IM TA-2920 No.6671-1/4
2SJ609
Continued from preceding page.
Parameter Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=--10V, ID=-1mA VDS=--10V, ID=-3A ID=--3A, VGS=--10V ID=--1A, VGS=--4V VDS=--20V, f=1MHz VDS=--20V, f=1MHz VDS=--20V, f=1MHz See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit VDS=--10V, VGS=-10V, ID=--5A VDS=--10V, VGS=-10V, ID=--5A VDS=--10V, VGS=--10V, ID=-5A IS=--5A, VGS=0 Ratings min --1.0 3.2 4.6 225 305 350 90 25 8 15 37 28 12 1.7 2.9 --0.91 --1.2 295 425 typ max --2.4 Unit V S m m pF pF pF ns ns ns ns nC nC nC V
Switching Time Test Circuit
VDD= --30V VIN 0V --10V VIN PW=10s D.C.1% ID= --3A RL=10
D
VOUT
G
P.G
50
2SJ609
S
--5.0 --4.5
ID -- VDS
.0V --5
--10
ID -- VGS
VDS= --10V
C --25 Tc=
--0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0
.0V
0V --6
--4.0
--8
Drain Current, ID -- A
Drain Current, ID -- A
--8 .
--3.5 --3.0 --2.5 --2.0 --1.5 --1.0 --0.5 0 0 --0.2
--7 --6 --5 --4 --3 --2
--1 0
.0V
--3.0V
VGS= --2.5V
--0.4 --0.6 --0.8 --1.0 --1.2 --1.4 --1.6 --1.8 --2.0
--1 0 --4.5 --5.0
Drain-to-Source Voltage, VDS -- V
IT02593
Gate-to-Source Voltage, VGS -- V
No.6671-2/4
25
IT02594
C
--3.5V
75
. --4
C
0V
--9
2SJ609
600
RDS(on) -- VGS
Tc=25C
600
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
500
500
400
400
ID= --1A --3A
300
300
V --1 --10 I D= S= , VG --3A I D=
G A, V
-S=
4V
200
200
100
100 0 --2 --4 --6 --8 --10 --12 --14 --16 --18 --20
0 --60
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 --0.001 2 3 57 --0.01 2 3 5 7--0.1 23 5 7--1.0 23
yfs -- ID
IT02595 --10 7 5 3 2 --1.0 7 5 3 2 --0.1 7 5 3 2 5 7 --10 IT02597 --0.01 --0.4
Case Temperature, Tc -- C
IT02596
IF -- VSD
VGS= 0
Forward Transfer Admittance, yfs -- S
VDS= --10V
Forward Current, IF -- A
Tc
=
25
C
--0.6
--25 C
--0.8
75
Tc=
--2
25C
C 5
C
75
C
--1.0
--1.2 IT02598
Drain Current, ID -- A
5 3
SW Time -- ID
Diode Forward Voltage, VSD -- V
1000 7 5
Ciss, Coss, Crss -- VDS
f=1MHz Ciss
Switching Time, SW Time -- ns
2 100 7 5 3 2 10 7 5 3 2
VDD= --30V VGS= --10V
tf
td(off)
Ciss, Coss, Crss -- pF
3 2
100 7 5 3 2
Coss
td(on)
tr
Crss
1.0 --0.1
10 2 3 5 7 --1.0 2 3 5 7 --10 0 --10 --20 --30 --40 --50 --60 IT02599
Drain Current, ID -- A
--10 --9
IT02601 --100 7 5 3 2
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
ASO
Gate-to-Source Voltage, VGS -- V
VDS= --10V ID= --5A
IDP= --20A ID= --5A
--8 --7 --6 --5 --4 --3 --2 --1 0 0 1 2 3 4 5 6 7 8 9 10 11 12
Drain Current, ID -- A
--10 7 5 3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
DC 100m op s era tio n
Operation in this area is limited by RDS(on). Tc=25C Single pulse
2 3 5 7 --1.0 2 3 5 7 --10 2
<10s 100 s 1m 10 s ms
--0.01 --0.1
3
5 7 --100 IT02602
Total Gate Charge, Qg -- nC
IT02600
Drain-to-Source Voltage, VDS -- V
No.6671-3/4
2SJ609
1.2
PD -- Ta
Allowable Power Dissipation, PD -- W
12
PD -- Tc
Allowable Power Dissipation, PD -- W
1.0
10
0.8
8
0.6
6
0.4
4
0.2
2
0 0 20 40 60 80 100 120 140 160
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT02603
Case Temperature, Tc -- C
IT02604
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of September, 2000. Specifications and information herein are subject to change without notice.
PS No.6671-4/4


▲Up To Search▲   

 
Price & Availability of 2SJ609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X