|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SJ550(L),2SJ550(S) Silicon P Channel MOS FET High Speed Power Switching ADE-208-633A (Z) 2nd. Edition Jun 1998 Features * Low on-resistance R DS(on) = 0.075 typ. * Low drive current. * 4V gate drive devices. * High speed switching. Outline LDPAK 4 4 D 1 1 2 3 G 2 3 1. Gate 2. Drain 3. Source 4. Drain S 2SJ550(L),2SJ550(S) Absolute Maximum Ratings (Ta = 25C) Item Drain to source voltage Gate to source voltage Drain current Drain peak current Symbol VDSS VGSS ID I D(pulse) Note1 Ratings -60 20 -15 -60 -15 Unit V V A A A A mJ W C C Body-drain diode reverse drain current I DR Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Note: I AP Note3 Note3 Note2 -15 19 50 150 -55 to +150 EAR Pch Tch Tstg 1. PW 10s, duty cycle 1 % 2. Value at Tc = 25C 3. Value at Tch = 25C, Rg 50 Electrical Characteristics (Ta = 25C) Item Symbol Min -60 20 -- -- -1.0 -- -- 6.5 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.075 0.105 11 850 420 110 12 75 125 75 -1.1 70 Max -- -- -10 10 -2.0 0.095 0.155 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I F = -15A, VGS = 0 I F = -15A, VGS = 0 diF/ dt =50A/s Test Conditions I D = -10mA, VGS = 0 I G = 100A, VDS = 0 VDS = -60 V, VGS = 0 VGS = 16V, VDS = 0 I D = -1mA, VDS = -10V I D = -8A, VGS = -10V Note4 I D = -8A, VGS = -4V Note4 I D = -8A, VDS = -10V Note4 VDS = -10V VGS = 0 f = 1MHz VGS = -10V, I D = -8A RL = 3.75 Drain to source breakdown voltage V(BR)DSS Gate to source breakdown voltage V(BR)GSS Zero gate voltege drain current Gate to source leak current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time I DSS I GSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf Body-drain diode forward voltage VDF Body-drain diode reverse recovery time Note: 4. Pulse test t rr 2 2SJ550(L),2SJ550(S) Main Characteristics Power vs. Temperature Derating 80 1000 Maximum Safe Operation Area 300 100 30 10 3 1 0.3 DC Pch (W) 60 I D (A) 10 s PW Op Channel Dissipation 10 = at Drain Current 1 10 ion 40 m 0 s er m (T s ho t) ) s( 1s 20 Operation in this area is limited by R DS(on) c= 25 C 0 50 100 150 Tc (C) 200 Case Temperature Ta = 25 C 0.1 3 30 0.1 0.3 1 10 100 Drain to Source Voltage V DS (V) Typical Output Characteristics -20 -10 V -6 V -4 V -20 Pulse Test -3.5 V Typical Transfer Characteristics V DS = -10 V I D (A) -12 ID Drain Current (A) -16 -16 -12 Drain Current -8 -3 V -4 VGS = -2.5 V 0 -2 -4 -6 -8 V DS (V) -10 -8 Tc = 75C -4 25C -25C -1 -2 -3 -4 V GS (V) -5 0 Drain to Source Voltage Gate to Source Voltage 3 2SJ550(L),2SJ550(S) Drain to Source Saturation Voltage vs. Gate to Source Voltage Static Drain to Source on State Resistance vs. Drain Current 10 3 1 0.3 0.1 VGS = -4 V -10 V -3.2 -2.4 -1.6 I D = -15 A -0.8 -10 A -5 A -12 -4 -8 Gate to Source Voltage -16 -20 V GS (V) 0 Drain to Source On State Resistance R DS(on) ( ) -4.0 Drain to Source Saturation Voltage V DS(on) (V) 0.03 0.01 -0.1 -0.3 -1 -3 -10 -30 Drain Current I D (A) -100 Static Drain to Source on State Resistance R DS(on) ( ) Forward Transfer Admittance |y fs | (S) Static Drain to Source on State Resistance vs. Temperature 0.40 100 30 Forward Transfer Admittance vs. Drain Current V DS = -10 V Tc = -25 C 0.32 10 3 1 0.3 0.1 -0.1 -0.3 75 C 25 C 0.24 I D = -15 A -10 A -5 A VGS = -4 V -5, -10, -15 A -10 V 0.16 0.08 0 -40 0 40 80 Tc 120 (C) 160 -1 -3 -10 -30 -100 Case Temperature Drain Current I D (A) 4 2SJ550(L),2SJ550(S) Body-Drain Diode Reverse Recovery Time Typical Capacitance vs. Drain to Source Voltage VGS = 0 f = 1 MHz Ciss 500 Reverse Recovery Time trr (ns) 10000 3000 1000 300 100 100 50 Capacitance C (pF) 200 Coss 20 10 5 -0.1 di / dt = 50 A / s VGS = 0, Ta = 25 C -0.3 -1 -3 -10 -20 Reverse Drain Current I DR (A) Crss 30 10 0 -10 -20 -30 -40 -50 Drain to Source Voltage V DS (V) Dynamic Input Characteristics 0 V DS (V) 0 V GS (V) 1000 Switching Characteristics Switching Time t (ns) -20 V DD = -10 V -25 V -50 V -4 V GS = -10 V, V DD = -30 V 500 PW = 5 s, duty < 1 % 200 100 50 tr 20 t d(on) 10 -0.1 -0.2 -0.5 -1 -2 -5 -10 -20 I D (A) Drain to Source Voltage -40 V DS V DD = -50 V -25 V -10 V V GS -8 Gate to Source Voltage t d(off) tf -60 -12 -80 -16 -20 40 I = -15 A -100 D 0 8 16 Gate Charge 24 32 Qg (nc) Drain Current 5 2SJ550(L),2SJ550(S) Reverse Drain Current vs. Source to Drain Voltage Maximum Avalanche Energy vs. Channel Temperature Derating I AP = -15 A V DD = -25 V duty < 0.1 % Rg > 50 Repetitive Avalanche Energy EAR (mJ) -20 20 Reverse Drain Current I DR (A) -16 -10 V -12 -5 V V GS = 0, 5 V 16 12 -8 8 -4 4 0 25 0 -0.4 -0.8 -1.2 -1.6 -2.0 Source to Drain Voltage V SD (V) 50 75 100 125 150 Channel Temperature Tch (C) Avalanche Test Circuit EAR = Avalanche Waveform 1 2 * L * I AP * 2 VDSS VDSS - V DD V DS Monitor L I AP Monitor V (BR)DSS I AP VDD ID V DS Rg Vin -15 V D. U. T 50 0 VDD 6 2SJ550(L),2SJ550(S) Normalized Transient Thermal Impedance vs. Pulse Width 3 Normalized Transient Thermal Impedance s (t) Tc = 25C 1 D=1 0.5 0.3 0.2 0.1 0.1 0.05 ch - c(t) = s (t) * ch - c ch - c = 2.5 C/W, Tc = 25 C PDM PW T 0.03 0.02 1 lse 0.0 t pu o h 1s D= PW T 0.01 10 100 1m 10 m Pulse Width 100 m PW (S) 1 10 Switching Time Test Circuit Vin Monitor D.U.T. RL Vout Monitor Vin 10% Waveform 90% Vin 50 -10 V V DD = -30 V Vout td(on) 90% 10% tr td(off) 90% 10% tf 7 2SJ550(L),2SJ550(S) Package Dimensions Unit: mm (1.4) 10.2 0.3 4.44 0.2 1.3 0.2 11.3 0.5 8.6 0.3 10.0 +0.3 -0.5 (1.4) 10.2 0.3 4.44 0.2 1.3 0.2 (1.5) 11.0 0.5 (1.5) 0.76 0.1 (1.5) 8.6 0.3 10.0 +0.3 -0.5 1.2 0.2 0.86 +0.2 -0.1 1.27 0.2 2.59 0.2 1.27 0.2 0.4 0.1 1.2 0.2 2.54 0.5 0.86 +0.2 -0.1 2.54 0.5 3.0 +0.3 -0.5 0.1 +0.2 -0.1 2.59 0.2 0.4 0.1 2.54 0.5 2.54 0.5 L type S type Hitachi Code EIAJ JEDEC LDPAK -- -- 8 Cautions 1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products. Hitachi, Ltd. Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 URL NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to: Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan. |
Price & Availability of 2SJ550 |