Part Number Hot Search : 
SP50001 M300004 SQS460EN JANTXV HER202 338M00 OA406 SZ45D0
Product Description
Full Text Search
 

To Download 2SJ517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ517
Silicon P Channel MOS FET High Speed Power Switching
ADE-208-575B (Z) 3rd. Edition Jun 1998 Features
* Low on-resistance R DS(on) = 0.18 typ. (at V GS =-4V, ID =-1A) * Low drive current * High speed switching * 2.5V gate drive devices.
Outline
UPAK
3
D
2
1
4
G
S
1. Gate 2. Drain 3. Source 4. Drain
2SJ517
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Note: Symbol VDSS VGSS ID I D(pulse) I DR Pch Tch Tstg
Note2 Note1
Ratings -20 10 -2 -4 -2 1 150 -55 to +150
Unit V V A A A W C C
1. PW 100s, duty cycle 10 % 2. When using aluminium ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics (Ta = 25C)
Item Symbol Min -20 10 -- -- -0.5 -- -- 1.8 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.18 0.27 3.0 320 190 90 14 75 90 90 -0.95 70 Max -- -- -10 10 -1.5 0.24 0.43 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I F = -2A, VGS = 0 I F = -2A, VGS = 0 diF/ dt =50A/s Test Conditions I D = -10mA, VGS = 0 I G = 100A, VDS = 0 VDS = -20 V, VGS = 0 VGS = 8V, VDS = 0 I D = -1mA, VDS = -10V I D = -1A, VGS = -4VNote3 I D = -1A, VGS = -2.5V Note3 I D = -1A, VDS = -10V Note3 VDS = -10V VGS = 0 f = 1MHz I D = -1A, RL = 10 VGS = -4V Drain to source breakdown voltage V(BR)DSS Gate to source breakdown voltage V(BR)GSS Zero gate voltege drain current Gate to source leak current Gate to source cutoff voltage Static drain to source on state resistance Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time I DSS I GSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf
Body-drain diode forward voltage VDF Body-drain diode reverse recovery time Note: 3. Pulse test 4. Marking is "YY". t rr
2
2SJ517
Main Characteristics
Power vs. Temperature Derating 2.0
-10
Maximum Safe Operation Area
Pch (W)
I D (A)
Test Condition : When using the aliminium Ceramic board (12.5 x 20 x 70 mm) 1.5
-3
10
PW =
s
) ot sh s s 0 (1 10 1 m s m
-1
10
Channel Dissipation
Drain Current
D C
1.0
-0.3
0.5
Operation in -0.1 this area is limited by R DS(on) -0.03
0
50
100
150 Ta (C)
200
Ambient Temperature
Ta = 25 C -0.01 -0.1 -0.3 -1 -3 -10 -30 -100 Drain to Source Voltage V DS (V)
Typical Output Characteristics -5 -10 V -4 V -3 V -4 -5 Pulse Test -2.5 V
Typical Transfer Characteristics
O
n tio ra pe
I D (A)
(A)
-4 -25C Tc = 75C -3 25C
-3
Drain Current
-2
-2 V
Drain Current
ID
VGS = -1.5 V
-2
-1
-1 V DS = -10 V Pulse Test 0 -1 -2 -3 Gate to Source Voltage -4 -5 V GS (V)
0
-2 -4 -6 Drain to Source Voltage
-8 -10 V DS (V)
3
2SJ517
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage V DS(on) (V)
Pulse Test
Drain to Source On State Resistance R DS(on) ( )
-1.0
Static Drain to Source on State Resistance vs. Drain Current 1 0.5 VGS = -2.5 V 0.2 -4 V 0.1
-0.8
-0.6
-0.4 I D = -2 A -0.2 -1 A -0.5 A -4 -2 -6 Gate to Source Voltage -8 -10 V GS (V)
0.05
0.02
0
Pulse Test 0.01 -0.1 -0.2 -0.5 -1 -2 -5 Drain Current I D (A)
-10
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |y fs | (S)
Static Drain to Source on State Resistance vs. Temperature 0.5 Pulse Test I D = -2 A 0.4 VGS = -2.5 V -1 A -0.5 A
Forward Transfer Admittance vs. Drain Current 10 5 Tc = -25 C
2 1 0.5 25 C
0.3
75 C
0.2 -4 V
-0.5, -1, -2 A
0.1 0 -40
0.2 0.1 -0.1 -0.2
V DS = -10 V Pulse Test -0.5 -1 -2 -5 Drain Current I D (A) -10
0 40 80 120 160 Case Temperature Tc (C)
4
2SJ517
Body-Drain Diode Reverse Recovery Time 500
Reverse Recovery Time trr (ns)
Typical Capacitance vs. Drain to Source Voltage 1000
Capacitance C (pF)
200 100 50
500 Ciss 200 100 50 Coss Crss
20 10 di / dt = 50 A / s V GS = 0, Ta = 25 C
20 10 0
5 -0.1 -0.2 -0.5 -1 -2 -5 -10 Reverse Drain Current I DR (A)
VGS = 0 f = 1 MHz -4 -8 -12 -16 -20
Drain to Source Voltage V DS (V)
Dynamic Input Characteristics
V DS (V)
Switching Characteristics 0 500
V GS (V)
0 V DD = -5 V -10 V -10 V DS
Switching Time t (ns)
-4
200 t d(off) 100 tf 50 tr
Drain to Source Voltage
-20 V DD = -5 V -10 V V GS -40 -50 0 4 8 12 16 Gate Charge Qg (nc)
-8
-30
-12
Gate to Source Voltage
20 10 5 -0.1 -0.2
t d(on) V GS = -4 V, V DD = -10 V duty < 1 % -0.5 -1 -2 -5 Drain Current I D (A) -10
-16 -20 20
5
2SJ517
Reverse Drain Current vs. Source to Drain Voltage -5 Reverse Drain Current I DR (A)
-4 -4 V V GS = 0, 5V -2.5 V
-3
-2
-1 Pulse Test 0 -0.4 -0.8 -1.2 -1.6 -2.0 Source to Drain Voltage V SD (V)
Switching Time Test Circuit Vin Monitor D.U.T. RL Vout Monitor Vin 10%
Waveform
90% Vin 4V 50 V DD = -10 V Vout td(on) 90% 10% tr td(off) 90% 10% tf
6
2SJ517
Package Dimensions
Unit: mm
4.5 0.1
0.4
1.8 max
1.5 0.1 0.44 max
f1
1.5 1.5 3.0
0.8 min
0.53 max 0.48 max
1
2
3
2.5 0.1 4.25 max
4
0.44 max
Hitachi Code EIAJ JEDEC
UPAK SC-62 UPAK
7
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of 2SJ517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X