Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download 2SJ486 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ486
Silicon P Channel MOS FET Low FrequencyPower Switching
ADE-208-512 A 2nd. Edition Features
* Low on-resistance R DS(on) = 0.5 typ. (at V GS = -4V, ID = -100 mA) * 2.5V gate drive devices. * Small package (MPAK).
Outline
MPAK
3 1
D
2
G
1. Source 2. Gate 3. Drain
S
2SJ486
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Channel dissipation Channel temperature Storage temperature Note: 1. PW 10s, duty cycle 1 % Symbol VDSS VGSS ID I D(pulse)* Pch Tch Tstg
1
Ratings -30 10 -0.3 -0.6 150 150 -55 to +150
Unit V V A A mW C C
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Zero gate voltege drain current Gate to source leak current Symbol V(BR)DSS V(BR)GSS I DSS I GSS Min -30 10 -- -- -0.5 -- Typ -- -- -- -- -- 0.5 Max -- -- -1.0 5.0 -1.5 0.65 Unit V V A A V S Test Conditions I D = -10A, VGS = 0 I G = 100A, VDS = 0 VDS = -30 V, VGS = 0 VGS = 6.5V, VDS = 0 I D = -10A, VDS = -5V I D = -100mA VGS = -4V*1 -- 0.7 1.2 I D = -40mA VGS = -2.5V*1 Forward transfer admittance |yfs| Ciss Coss 0.4 0.65 -- I D = -100mA VDS = -10V*1 Input capacitance Output capacitance -- -- -- -- -- -- -- 45 76 5.4 120 340 850 550 -- -- -- -- -- -- -- pF pF pF ns ns ns ns VDS = -10V VGS = 0 f = 1MHz VGS = -4V I D = -150mA RL = 66.6
Gate to source cutoff voltage VGS(off) Static drain to source on state RDS(on) resistance RDS(on)
Reverse transfer capacitance Crss Turn-on delay time Rise time Turn-off delay time Fall time Notes: 1. Pulse test 2. Marking is "ZU-". t d(on) tr t d(off) tf
2
2SJ486
Main Characteristics
Power vs. Temperature Derating 200
Pch (mW) I D (A)
-1
Maximum Safe Operation Area
PW
1 ms
-0.3 -0.1 -0.03 -0.01
150
= (1 10 sh ms ot )
D C O
Channel Dissipation
Drain Current
100
Operation in this area is limited by R DS(on)
pe ra tio n
50
-0.003 -0.001 -0.1
Ta = 25 C
-0.3 -1 -3 -10 -30 -100
0
50
100
150 Ta (C)
200
Ambient Temperature
Drain to Source Voltage
V DS (V)
Typical Output Characteristics -1.0 -10 V -1.0 -5 V -4 V
I D (A)
Typical Transfer Characteristics V DS = -10 V Pulse Test
-2.5 V -2 V
ID
(A)
-0.8
-0.8
-0.6
-0.6
Drain Current
Drain Current
Tc = 75 C 25 C -25 C
-0.4 Ta = 25C Pulse Test VGS = -1.5 V 0 -0.2 -0.4 -0.6 Drain to Source Voltage -0.8 -1.0 V DS (V)
-0.4
-0.2
-0.2
0
-1 -2 -3 Gate to Source Voltage
-4 -5 V GS (V)
3
2SJ486
Drain to Source Saturation Voltage vs. Gate to Source Voltage Static Drain to Source on State Resistance vs. Drain Current 10 Ta = 25C Pulse Test 5 2 1 VGS = -2.5 V -4 V
Drain to Source Saturation Voltage V DS(on) (V)
Ta = 25C Pulse Test
-0.4
-0.3
-0.2 -0.2 A -0.1 A 0 -2 -4 -6 Gate to Source Voltage -8 V GS (V) -10
-0.1
Drain to Source On State Resistance R DS(on) ( )
-0.5
0.5
0.2 0.1
-0.01 -0.03 -0.1 -0.3 -1 -3 -10
Drain Current
I D (A)
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |y fs | (S)
Static Drain to Source on State Resistance vs. Temperature 2.0 Pulse Test 1.4 -0.1, -0.2 A 1.2 V GS = -2.5 V -0.1, -0.2 A -4 V
Forward Transfer Admittance vs. Drain Current 5 V DS = -10 V Pulse Test 2 1 0.5 75 C 0.2 0.1 0.05 -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 Drain Current I D (A) Ta = -25 C 25 C
0.8
0.4 0 -40
0 40 80 120 160 Case Temperature Tc (C)
-1
4
2SJ486
Typical Capacitance vs. Drain to Source Voltage 1000 300 100 30 10 Crss 3 1 0 -4 -8 -12 -16 -20 Drain to Source Voltage V DS (V) VGS = 0 f = 1 MHz Switching Time t (ns) 10000 3000 1000 300 100 30 10 -0.05 tf tr t d(on) t d(off) Switching Characteristics
Capacitance C (pF)
Coss Ciss
V GS = -4 V, V DD = -10 V PW = 5 s, duty < 1 % -0.1 -0.2 Drain Current -0.5 I D (A) -1
Reverse Drain Current vs. Source to Drain Voltage -1.0 Reverse Drain Current I DR (A) Pulse Test
-0.8
-0.6 -5 V -0.4
V GS = 0, 5 V
-0.2
0
-0.4
-0.8
-1.2
-1.6
-2.0
Source to Drain Voltage
V SD (V)
5
2SJ486
Switching Time Test Circuit Vin Monitor D.U.T. RL 90% Vin -10 V 50 V DD = -10 V Vout td(on) 90% 10% tr td(off) 90% 10% tf Vout Monitor Vin 10% Waveform
6
2SJ486
Package Dimensions
Unit: mm
0.65 - 0.3
+ 0.1
0.4 - 0.05
+ 0.10
0.16 - 0.06
+ 0.10
2.8 - 0.6
+ 0.2
0.95 1.9
0.95
+ 0.3
2.8 - 0.1
0.3
0.65 - 0.3
+ 0.1
1.5
0 ~ 0.1
1.1- 0.1
+ 0.2
MPAK Hitachi Code SC-59A EIAJ TO-236Mod JEDEC
7
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of 2SJ486

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X