Part Number Hot Search : 
R5000R SY2333 C2879 FCT24 LUR39D 7C603 KL191YGX 1008CR18
Product Description
Full Text Search
 

To Download 2SJ475-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ475-01
FAP-III Series
> Features
High Current Low On-Resistance No Secondary Breakdown Low Driving Power High Forward Transconductance
P-channel MOS-FET
-60V
0,06
25A
50W
> Outline Drawing
> Applications
- Motor Control - General Purpose Power Amplifier - DC-DC converters
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Maximum Avalanche Energy Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) V GS E AV PD T ch T stg Rating -60 25 100 20 325,9 50 150 -55 ~ +150 Unit V A A V mJ W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I V t Q
GSS DS(on)
fs iss oss rss d(on) r d(off) f AV SD rr rr
Test conditions ID=-1mA VGS=0V ID=-1mA VDS=VGS VDS=-60V Tch=25C VGS=0V Tch=125C VGS=20V VDS=0V ID=-12,5A VGS=-4V ID=-12,5A VGS=-10V ID=-12,5A VDS=-25V VDS=-25V VGS=0V f=1MHz VCC=-30V ID=-25A VGS=-10V RGS=10 Tch=25C L=100H IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. -60 -1,0
Typ. -1,5 -10 -0,2 10 0,08 0,045 15 2000 700 450 15 80 190 90 -2,0 160 0,9
Max. -2,5 -500 -1,0 100 0,11 0,06 3000 1050 680 25 120 290 140 -3,0
7,5
-25
Unit V V A mA nA S pF pF pF ns ns ns ns A V ns C
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 75 2,50
Unit C/W C/W
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX -75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com
P-channel MOS-FET
-60V
0,06
2SJ475-01
FAP-III Series
Drain-Source On-State Resistance vs. Tch
RDS(on) = f(Tch); ID=-12,5A; VGS=10V
25A
50W
> Characteristics
Typical Output Characteristics
ID=f(VDS); 80s pulse test; TC=25C
Typical Transfer Characteristics
ID=f(VGS); 80s pulse test; VDS=-25V; Tch=25C
ID [A]
RDS(ON) []
2
ID [A]
1
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
RDS(on)=f(ID); 80s pulse test; TC=25C
Typical Forward Transconductance vs. ID
gfs=f(ID); 80s pulse test; VDS=-25V; Tch=25C
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch); ID=-1mA; VDS=VGS
RDS(ON) []
gfs [S]
5
VGS(th) [V]
4
6
ID [A]
ID [A]
Tch [C]
Typical Capacitances vs. VDS
C=f(VDS); VGS=0V; f=1MHz
Typical Gate Charge Characteristic
VGS=f(Qg); ID=-25A; Tc=25C
Maximum Avalanche Current vs. starting Tch
IAV=f(starting Tch)
C [F]
VDS [V]
8
VGS [V]
IAV [A]
7
9
VDS [V]
Qg [nC]
starting Tch [C]
Maximum Avalanche Energy vs. starting Tch
EAV=f(starting Tch); VCC=-24V; IAV>=-25A
Safe Operation Area
ID=f(VDS): D=0,01, Tc=25C
Zth(ch-c) [K/W]
Transient Thermal impedance
Zthch=f(t) parameter:D=t/T
EAV [mJ]
10
ID [A]
12
Starting Tch [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SJ475-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X