Part Number Hot Search : 
273ML C1202 UT54AC BG24064A SI9200EY 23C6422 79C43 V131MC01
Product Description
Full Text Search
 

To Download 2SJ356 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ356
P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
The 2SJ356 is a P-channel MOS FET of a vertical type and is a switching element that can be directly driven by the output of an IC operating at 5 V. This product has a low ON resistance and superb switching characteristics and is ideal for driving the actuators and DC/DC converters.
PACKAGE DIMENSIONS (in mm)
4.5 0.1 1.6 0.2 1.5 0.1
FEATURES
* Can be directly driven by 5-V IC * Low ON resistance RDS(on) = 0.95 MAX. @VGS = -4 V, ID = -1.0 A RDS(on) = 0.50 MAX. @VGS = -10 V, ID = -1.0 A
0.8 MIN.
S 0.42 0.06 1.5
D
G
0.47 0.06 3.0
0.42 0.06
4.0 0.25
0.41 +0.03 -0.05
EQUIVALENT CIRCUIT
Drain (D)
Gate (G) Gate protection diode Source (S)
Internal PIN CONNECTIONS diode S: Source D: Drain G: Gate Marking: PR
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
PARAMETER Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (Pulse) SYMBOL VDSS VGSS ID(DC) ID(pulse) PW 10 ms Duty cycle 1 % 16 cm2 x 0.7 mm, ceramic substrate used VGS = 0 VDS = 0 TEST CONDITIONS RATING -60 -20/+10 2.0 4.0 UNIT V V A A
Total Power Dissipation Channel Temperature Storage Temperature
PT Tch Tstg
2.5 0.1
2.0
W C C
150 -55 to +150
The internal diode connected between the gate and source of this product is to protect the product from static electricity. If the product is used in a circuit where the rated voltage of the product may be exceeded, connect a protection circuit. Take adequate preventive measures against static electricity when handling this product.
The information in this document is subject to change without notice. Document No. D11218EJ1V0DS00 (1st edition) Date Published June 1996 P Printed in Japan
1996
2SJ356
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Drain Cut-Off Current Gate Leakage Current Gate Cut-Off Voltage Forward Transfer Admittance Drain to Source On-State Resistance Drain to Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Input Charge Gate to Source Charge Gate to Drain Charge Internal Diode Reverse Recovery Time Internal Diode Reverse Recovery Charge SYMBOL IDSS IGSS VGS(off) |yfs| RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD trr Qrr VDS = -48 V, VGS = -10 V, ID = -2.0 A, IG = -2 mA IF = 2.0 A, di/dt = 50 A/s VDD = -25 V, ID = -1.0 A VGS(on) = -10 V RG = 10 , RL = 25 TEST CONDITIONS VDS = -60 V, VGS = 0 VGS = -16/+10 V, VDS = 0 VDS = -10 V, ID = -1 mA VDS = -10 V, ID = -1.0 A VGS = -4 V, ID = -1.0 A VGS = -10 V, ID = -1.0 A VDS = -10 V, VGS = 0, f = 1.0 MHz -1.0 1.0 0.65 0.41 270 145 55 4.3 21 115 75 11.6 1.0 3.8 82 94 0.95 0.50 -1.4 MIN. TYP. MAX. -10 10 -2.0 UNIT
A A
V S pF pF pF ns ns ns ns nC nC nC ns nC
TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 -10 -5
FORWARD BIAS SAFE OPERATING AREA
dT - Derating Factor -%
80
1
m
ID - Drain Current - A
-2 -1 -0.5 -0.2 -0.1 -0.05 -0.5 Single pulse
10
s
m
s
60
PW
DC
=
10
0
40
m
s
20
0
25 50 75 100 125 TA - Ambient Temperature - C
150
-1 -2 -5 -10 -20 -50 -100 VDS - Drain to Source Voltage - V
2
2SJ356
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE -5 Pulsed -4 ID - Drain Current - A ID - Drain Current - A -1 -10
TRANSFER CHARACTERISTICS VDS = -10 V Pulsed
TA = 150 C -0.1 TA = -25 C -0.01 -0.001 TA = 0 C TA = 25 C TA = 75 C
-3
-1 0
.5 -4
V
V
-4.0 V -3.5 V -3.0 V
-2
-1 -2.5 V VGS = -2.0 V 0
-0.0001 -0.00001
-1 -2 -3 -4 VDS - Drain to Source Voltage - V
-5
-1
-2 -3 -4 VGS - Gate to Source Voltage - V
10 |yfs| - Forward Transfer Admittance - S
RDS(on) - Drain to Source On-State Resistance -
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT VDS = -10 V Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 1.5 VGS = -4 V Pulsed
1 TA = -25 C 0.1 TA = 0 C TA = 25 C TA = 75 C 0.01 TA = 150C
1
TA = 150 C TA = 75 C
0.5
TA = 25 C TA = 0 C TA = -25 C
0.001 -0.0001
-0.001 -0.01 -0.1 ID - Drain Current - A
-1
0 -0.001
-0.01 -0.1 -1 ID - Drain Current - A
-10
RDS(on) - Drain to Source On-State Resistance -
1 VGS = -10 V Pulsed 0.8 TA = 150 C 0.6 TA = 75 C 0.4 TA = 25 C
RDS(on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 1 Pulsed
0.8 ID = 2.0 A 0.6
0.2
TA = 0 C TA = -25 C
0.4
ID = 1.0 A
0 -0.001
-0.01 -0.1 -1 ID - Drain Current - A
-10
0.2
0
-2
-4 -6 -8 -10 -12 -14 -16 -18 -20 VGS - Gate to Source Voltage - V
3
2SJ356
SOURCE TO DRAIN DIODE FORWARD VOLTAGE -10
ISD - Diode Forward Current -A
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10 000
Ciss, Coss, Crss - Capacitance - pF
VGS = 0 Pulsed
-1
1 000 Ciss 100 Coss Crss VGS = 0 f = 1 MHz -10 VDS - Drain to Source Voltage - V -100
-0.1
-0.01
-0.001
-0.0001 -0.2
-0.4 -0.6 -0.8 -1.0 VSD - Source to Drain Voltage - V
-1.2
10 -1
SWITCHING CHARACTERISTICS 1 000
td(on), tr, td(off), tf - Switching Time - ns
REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT 1 000
trr - Reverse Recovery Time - ns
VDD = -25 V VGS(on) = -10 V
VGS = 0 di/dt = 50 A/ s
td(off) 100 tf tr 10
100
td(on)
0
-1 ID - Drain Current - A
-10
10 -0.05 -0.1
-0.5 -1 -5 IF - Diode Forward Current -A
-10
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
rth(j-a) - Transient Thermal Resistance - C/W
1 000 Single pulse Using ceramic substrate of 7.5 cm2 x 0.7 mm 100
10
1 1m
10 m
100 m 1 PW - Pulse Width - s
10
100
4
2SJ356
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. TEI-1202 IEI-1209 C10535E MEI-1202 X10679E
5
2SJ356
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11


▲Up To Search▲   

 
Price & Availability of 2SJ356

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X