Part Number Hot Search : 
BC63916 RL104 LT1081IN L2596 74LV2G04 HER103L 150200 84C10
Product Description
Full Text Search
 

To Download 2SD2138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2138, 2SD2138A
Silicon NPN triple diffusion planar type Darlington
For power amplification Complementary to 2SB1418 and 2SB1418A
5.00.1
Unit: mm
q q
2.50.2
High forward current transfer ratio hFE which has satisfactory linearity Allowing supply with the radial taping
13.00.2 4.20.2
s Features
10.00.2
1.0
90
1.20.1
18.00.5 Solder Dip
s
Absolute Maximum Ratings (TC=25C)
Parameter Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings 60 80 60 80 5 4 2 15 2 150 -55 to +150 Unit V 2SD2138 2SD2138A 2SD2138
C1.0 2.250.2
0.350.1
0.650.1 1.050.1 0.550.1 0.550.1
Collector to base voltage Collector to
C1.0
emitter voltage 2SD2138A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A
2.50.2
123
2.50.2
1:Base 2:Collector 3:Emitter MT4 Type Package
Internal Connection
W C C
E B C
s Electrical Characteristics
Parameter Collector cutoff current Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD2138 2SD2138A 2SD2138 2SD2138A 2SD2138 2SD2138A
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE1 hFE2 VBE VCE(sat) fT ton toff
*
Conditions VCE = 60V, IE = 0 VCE = 80V, IE = 0 VCE = 30V, IB = 0 VCE = 40V, IB = 0 VEB = 5V, IC = 0 IC = 30mA, IB = 0 VCE = 4V, IC = 1A VCE = 4V, IC = 2A VCE = 4V, IC = 2A IC = 2A, IB = 8mA VCE = 10V, IC = 0.5A, f = 1MHz IC = 2A, IB1 = 8mA, IB2 = -8mA, VCC = 50V
min
typ
max 100 100 100 100 100
Unit A A A V
60 80 1000 2000 10000 2.8 2.5 20 0.4 4
Forward current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Transition frequency Turn-on time Turn-off time
*h FE2
V V MHz s s
Rank classification
Q P 2000 to 5000 4000 to 10000
Rank hFE2
1
Power Transistors
PC -- Ta
20 6 (1) TC=Ta (2) Without heat sink (PC=2.0W) TC=25C 5
2SD2138, 2SD2138A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=250 30 10 3 1 25C 100C 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C
VCE(sat) -- IC
Collector power dissipation PC (W)
Collector current IC (A)
15 (1)
IB=2mA 4
10
3
1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA 0.6mA 0.4mA
2
0.2mA
5
1 (2) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
IC -- VBE
6 VCE=4V 5 105
hFE -- IC
Collector output capacitance Cob (pF)
VCE=4V 1000
Cob -- VCB
IE=0 f=1MHz TC=25C
Forward current transfer ratio hFE
25C
Collector current IC (A)
TC=100C 4
-25C
TC=100C 104
300
25C
100
3
30
-25C 103
2
10
1
3
0 0 1 2 3 4
102 0.01 0.03
1 0.1 0.3 1 3 10 1 3 10 30 100
Base to emitter voltage VBE (V)
Collector current IC (A)
Collector to base voltage VCB (V)
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C 10000
Rth(t) -- t
Note: Rth was measured at Ta=25C and under natural convection. (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
10 ICP 3 1 0.3 10ms 0.1 0.03 0.01 1 3 10 30 IC DC t=1ms
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
1000
100 (1) (2) 10
2SD2138A
2SD2138
1
100
300
1000
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SD2138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X