|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors 2SC5659 / 2SC4618 / 2SC4098 / 2SC2413 / 2SC2058S High-frequency Amplifier Transistor (25V, 50mA, 300MHz) 2SC5659 / 2SC4618 / 2SC4098 / 2SC2413K / 2SC2058S !Features 1) Low collector capacitance. (Cob : Typ. 1.3pF) 2) Low rbb, high gain, and excellent noise characteristics. !External dimensions (Units : mm) 2SC5659 0.2 1.2 0.32 1.2 0.8 (2) (3) (1) 0.2 0.4 0.4 0.8 ROHM : VMT3 Unit V V V mA W C C 0.13 0to0.1 !Absolute maximum ratings (Ta=25C) Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation 2SC5659, 2SC4618 2SC4098, 2SC2413K 2SC2058S Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 40 25 5 50 0.15 0.2 0.3 150 -55~+150 0.5 0.22 0.15Max. (1) Base (2) Emitter (3) Collector (1) (2) 0.2 0.5 0.5 2SC4618 0.3 (3) 1.0 0.8 1.6 0.15 0.55 0.7 Junction temperature Storage temperature 0.2 1.6 0.1Min. 0.65 0.65 Type Package hFE Marking Code Basic ordering unit (pieces) 2SC5659 VMT3 NPQ A T2L 2SC4618 EMT3 NPQ A TL 2SC4098 UMT3 NPQ A T106 3000 2SC2413K 2SC2058S SMT3 NPQ A T146 3000 SPT P TP 5000 0.3 (3) 1.25 2.1 0.15 0.2 - (2) 8000 3000 Denotes hFE ROHM : UMT3 EIAJ : SC-70 0.1to0.4 0to0.1 0.7 0.9 1.3 2.0 !Packaging specifications and hFE (1) 2SC4098 0to0.1 ROHM : EMT3 EIAJ : SC-75A (1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain) Each lead has same dimensions (1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain) 2SC2413K 0.4 (3) (1) 1.6 2.8 0.15 0.3to0.6 ROHM : SMT3 EIAJ : SC-59 0to0.1 0.8 1.1 0.95 0.95 1.9 2.9 (2) Each lead has same dimensions (1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain) 2SC5058S 3 4 2 (15Min.) 3Min. 0.45 2.5 5 0.5 0.45 ROHM : SPT EIAJ : SC-72 (1) (2) (3) Taping specifications (1) Emitter (2) Collector (3) Base Transistors !Electrical characteristics (Ta=25C) Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance 2SC5659, 2SC4618, 2SC4098, 2SC2413K 2SC5659 / 2SC4618 / 2SC4098 / 2SC2413 / 2SC2058S Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. 40 25 5 56 82 150 Typ. 0.1 300 1.3 Max. 0.5 0.5 0.3 270 180 2.2 Unit V V V A A V MHz pF IC=50A IC=1mA IE=50A VCB=24V VEB=3V IC/IB=10mA/1mA VCE=6V, IC=1mA VCE=6V, IE=-1mA, f=100MHz VCB=6V, IE=0A, f=1MHz Conditions 2SC2058S |
Price & Availability of 2SC2413K |