Part Number Hot Search : 
REF19 SD120 40011 MMBT390 AD831 CS830 GE272K PCA9556
Product Description
Full Text Search
 

To Download 2SA1601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Switching Power Transistor
LSV Series
2SA1601
(TP15T4)
-15A PNP
OUTLINE DIMENSIONS
Case : ITO-220 Unit : mm
RATINGS
*oeAbsolute Maximum Ratings Item Symbol Conditions Ratings Unit Storage TemperatureTstg -55*150 *Z Junction Temperature Tj 150 *Z Collector to Base Voltage V -60 V CBO Collector to Emitter Voltage V -40 V CEO Emitter to Base Voltage V -7 V EBO Collector Current DCC I -15 A Collector Current Peak I -30 A CP Base Current DC I -2 A B Base Current Peak I -3 A BP Total Transistor Dissipation = 25*Z P 45 W T Tc Dielectric Strength Vdis Terminal to case, AC 12minute kV Mounting Torque TOR (Recommended torque : 0.3Nm) 0.5 Nm *oeElectrical Characteristics (Tc=25*Z) Conditions Ratings Item Symbol Unit Collector to EmitterV (sus)I = -0.1A Sustaining Voltage Min -40 V C CEO Collector Cutoff Current At rated Voltage I Max -0.1 mA CBO I Max -0.1 CEO Emitter Cutoff Current At rated Voltage I Max -0.1 mA EBO DC Current Gain h = Min 70 FE V = -2V, -7.5A CE C I Collector to Emitter V (sat) I = -7.5A Saturation Voltage Max -0.3 V CE C Base to Emitter Saturation B -0.4A V (sat)IVoltage = Max -1.2 V BE Thermal Resistance AEjcJunction to case Max 2.77 *Z/W Transition Frequency fT V = -10V,-1.5A = TYP 50 MHz CE C I Turn on Time ton Max 0.3 I = -7.5A C Storage Time = ts I = -0.75A, I Max 1.5 Es B1 B2 -0.75A R= 4, V = -4V L BB2 Fall Time tf Max 0.5
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SA1601
hFE - I C
VCE = -2V
1000
Tc = 150C
100C
25C
50C
0C
100 -25C
DC Current Gain hFE
-55C
10 -0.001 -0.01
-0.1
-1
-10
-20
Collector Current IC [A]
2SA1601
Saturation Voltage
-3 -2A -4A -7.5A -10A -15A -22A -2.5
-3
IC = -1A
-2.5
-2
-2
-1.5 -22A
-1.5
-1 -2A -4A -7.5A -10A
Collector-Emitter Voltage VCE [V]
IC = -1A
-0.5
-0.5
Tc = 25C 0 -0.01 -0.1 -1 -3
0 -0.001
Base Current IB [A]
Base-Emitter Voltage VBE [V]
-15A -1
2SA1601
1
Switching Time - IC
ts
tf
Switching Time tSW [s]
0.1
ton
IB1 = 0.1IC IB2 = 0.1IC VBB2 = -4V VCC = -30V Tc = 25C 0.01 0 -5 -10 -15
Collector Current IC [A]
2SA1601
1
Switching Time - Tc
ts
tf
Switching Time tSW [s]
ton
0.1
IC = -7.5A IB1 = -0.75A IB2 = -0.75A VBB2 = -4V R L = 4 0.01 0 50 100 150
Case Temperature Tc [C]
2SA1601
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
Time t [s]
2SA1601
-30 10ms -15 DC -10 PT limit
Forward Bias SOA
1ms
Collector Current IC [A]
-1
IS/B limit
-0.1
Tc = 25C Single Pulse -0.01 -1 -10 -40
Collector-Emitter Voltage VCE [V]
2SA1601
100
Collector Current Derating
Collector Current Derating [%]
80
IS/B limit
60
40
PT limit
20
VCE = fixed 0 0 50 100 150
Case Temperature Tc [C]


▲Up To Search▲   

 
Price & Availability of 2SA1601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X