Part Number Hot Search : 
1N5346B 1010S AHC3G KBPC801 USFB13A 30106 MIHW1018 30106
Product Description
Full Text Search
 

To Download 2N7002LT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Small Signal MOSFET 115 mAmps, 60 Volts
N-Channel SOT-23
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Drain Current - Continuous TC = 25C (Note 1.) - Continuous TC = 100C (Note 1.) - Pulsed (Note 2.) Gate-Source Voltage - Continuous - Non-repetitive (tp 50 s) Symbol VDSS VDGR ID ID IDM Value 60 60 115 75 800 Unit Vdc Vdc mAdc
L2N7002LT1
3
1 2
CASE 318, STYLE 21 SOT- 23 (TO-236AB)
VGS VGSM
20 40
Vdc Vpk
115 mAMPS 60 VOLTS R DS(on) = 7.5 W
N - Channel 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(Note 4.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 RJA TJ, Tstg 417 -55 to +150 C/W C Unit mW mW/C C/W mW mW/C
1
RJA PD
2
MARKING DIAGRAM & PIN ASSIGNMENT
Drain
3
1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. 3. FR-5 = 1.0 x 0.75 x 0.062 in. 4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
1
702 W
2
Gate 702 W
Source = Device Code = Work Week
ORDERING INFORMATION
Device 2N7002LT1 2N7002LT3 Package SOT-23 SOT-23 Shipping 3000 Tape & Reel 10,000 Tape & Reel
L2N7002LT1-1/3
LESHAN RADIO COMPANY, LTD.
L2N7002LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 60 Vdc) Gate-Body Leakage Current, Forward (VGS = 20 Vdc) Gate-Body Leakage Current, Reverse (VGS = -20 Vdc) TJ = 25C TJ = 125C V(BR)DSS IDSS IGSSF IGSSR 60 - - - - - - - - - - 1.0 500 100 -100 Vdc Adc nAdc nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) On-State Drain Current (VDS 2.0 VDS(on), VGS = 10 Vdc) Static Drain-Source On-State Voltage (VGS = 10 Vdc, ID = 500 mAdc) (VGS = 5.0 Vdc, ID = 50 mAdc) Static Drain-Source On-State Resistance (VGS = 10 V, ID = 500 mAdc) TC = 25C TC = 125C (VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25C TC = 125C Forward Transconductance (VDS 2.0 VDS(on), ID = 200 mAdc) VGS(th) ID(on) VDS(on) - - rDS(on) - - - - gFS 80 - - - - - 7.5 13.5 7.5 13.5 - mmhos - - 3.75 0.375 Ohms 1.0 500 - - 2.5 - Vdc mA Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - - - - 50 25 5.0 pF pF pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn-On Delay Time Turn-Off Delay Time (V DD = 25 Vdc , ID ^ 500 mAdc, RG = 25 , RL = 50 , Vgen = 10 V) td(on) td(off) - - - - 20 40 ns ns
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage (IS = 11.5 mAdc, VGS = 0 V) Source Current Continuous (Body Diode) Source Current Pulsed 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. VSD IS ISM - - - - - - -1.5 -115 -800 Vdc mAdc mAdc
L2N7002LT1-2/3
LESHAN RADIO COMPANY, LTD.
L2N7002LT1
TYPICAL ELECTRICAL CHARACTERISTICS
2.0 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAIN SOURCE VOLTAGE (VOLTS) TA = 25C VGS = 10 V 9V 8V 7V 6V 5V 4V 3V 9.0 10 I D, DRAIN CURRENT (AMPS) 0.8 0.6 0.4 0.2 1.0 VDS = 10 V -55C 125C 25C
0
1.0
2.0 3.0 4.0 5.0 6.0 7.0 8.0 VGS, GATE SOURCE VOLTAGE (VOLTS)
9.0
10
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
VGS(th), THRESHOLD VOLTAGE (NORMALIZED)
2.4
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1.0 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
L2N7002LT1-3/3


▲Up To Search▲   

 
Price & Availability of 2N7002LT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X