Part Number Hot Search : 
F5L60 BA6446FM 32F103 HSC106M AD8004 FFM101 IRF9Z20 08M92VLA
Product Description
Full Text Search
 

To Download 2N7002-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002-01
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * * * Low On-Resistance: RDS(ON) Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage
G E D G H K J L M
SOT-23
A D TOP VIEW B S C
Dim A B C D E G H J K L M
Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076
Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178
Mechanical Data
* * * * * Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: K7A Weight: 0.008 grams (approx.)
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage
@ TA = 25C unless otherwise specified Symbol VDSS VDGR Continuous Pulsed Continuous Continuous @ 100C Pulsed VGSS ID Pd RqJA Tj, TSTG Value 60 60 20 40 115 73 800 200 1.60 625 -55 to +150 Units V V V mA mW mW/C K/W C
Characteristic Drain-Gate Voltage RGS 1.0MW Gate-Source Voltage Drain Current (Note 1)
Total Power Dissipation (Note 1) Derating above TA = 25C Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Pulse width 300ms, duty cycle 2%.
DS30026 Rev. C-5
1 of 3
2N7002-01
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 2) Gate Threshold Voltage Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time
@ TA = 25C unless otherwise specified Symbol BVDSS @ TC = 25C @ TC = 125C IDSS IGSS VGS(th) @ Tj = 25C @ Tj = 125C RDS (ON) ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) Min 60 3/4 3/4 1.0 3/4 3/4 80 3/4 3/4 3/4 3/4 3/4 Typ 70 3/4 3/4 3/4 3.2 4.4 1.0 3/4 22 11 2.0 7.0 11 Max 3/4 1.0 500 10 2.0 7.5 13.5 0.5 3/4 50 25 5.0 20 20 Unit V A nA V W A mS pF pF pF ns ns VDD = 30V, ID = 0.2A, RL = 150W, VGEN = 10V, RGEN = 25W VDS = 25V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 10mA VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID =-250mA VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A VGS = 10V, VDS = 7.5V VDS =10V, ID = 0.2A
Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Pulse width 300ms, duty cycle 2%.
DS30026 Rev. C-5
2 of 3
2N7002-01
1.0
0.8
ID, DRAIN-SOURCE CURRENT (A)
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
0.6
VGS = 10V 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V
7
Tj = 25C
6 5
VGS = 5.0V
5.5V
4 3 2 1 0
5.0V
0.4
VGS = 10V
0.2
0
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics
ID, DRAIN CURRENT (A) Fig. 2 On-Resistance vs Drain Current
2.0
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
6 5 4
ID = 50mA
1.5
VGS = 10V, ID = 0.5A
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
ID = 500mA
1.0
VGS = 5.0V, ID = 0.05A
3 2
0.5
1 0
0
-55
-30
-5
20
45
70
95
120
145
0
2
4
6
8
10
12
14
16
18
Tj, JUNCTION TEMPERATURE (C) Fig. 3 On-Resistance vs Junction Temperature
VGS, GATE TO SOURCE VOLTAGE (V) Fig. 4 On-Resistance vs. Gate-Source Voltage
DS30026 Rev. C-5
3 of 3
2N7002-01


▲Up To Search▲   

 
Price & Availability of 2N7002-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X