Part Number Hot Search : 
MPC8241 16X5R 7C1041 PVB5WFW B0812BC1 75005 LB381 100EL
Product Description
Full Text Search
 

To Download 25C320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25C320
32K 5.0V SPITM Bus Serial EEPROM
FEATURES
* * * * SPI modes 0,0 and 1,1 3.0 MHz Clock Rate Single 5V Supply Low Power CMOS Technology - Max Write Current: 5 mA - Read Current: 1.0 mA at 5.5V, 3MHz - Standby Current: 1 A typical 4096 x 8 Organization 32 Byte Page Sequential Read Self-timed ERASE and WRITE Cycles Block Write Protection - Protect none, 1/4, 1/2, or all of Array Built-in Write Protection - Power On/Off Data Protection Circuitry - Write Enable Latch - Write Protect Pin High Reliability - Endurance: 1M cycles (guaranteed) - Data Retention: >200 years - ESD protection: >4000V 8-pin PDIP/SOIC, 14-pin TSSOP Temperature ranges supported - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
PACKAGE TYPES
DIP/SOIC CS SO WP VSS 1 25C320 2 3 4 8 7 6 5 VCC HOLD SCK SI
* * * * * *
TSSOP
CS 1 SO 2 NC 3 NC 4 NC 5 WP 6 VSS 7 14 VCC 13 HOLD 12 NC 11 NC 10 NC 9 SCK 8 SI
25C320
*
BLOCK DIAGRAM
Status Register HV Generator
* *
EEPROM I/O Control Logic Memory Control Logic X Dec Page Latches WP SI SO CS SCK HOLD Sense Amp. R/W Control Y Decoder Array
DESCRIPTION
The Microchip Technology Inc. 25C320 is a 32K-bit serial Electrically Erasable PROM (EEPROM). The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus. There are two other inputs that provide the end user with additional flexibility. Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of chip select, allowing the host to service higher priority interrupts. Also write operations to the Status Register can be disabled via the write protect pin (WP).
Vcc Vss
SPI is a trademark of Motorola.
(c) 1996 Microchip Technology Inc.
Preliminary
This document was created with FrameMaker 4 0 4
DS21159B-page 1
25C320
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
FIGURE 1-1: AC TEST CIRCUIT
Vcc
2.25 K VCC ........................................................................ 7.0V All inputs and outputs w.r.t. VSS ....... -0.6V to VCC+1.0V Storage temperature ............................ -65C to 150C Ambient temperature under bias.......... -65C to 125C Soldering temperature of leads (10 seconds) .................................................... +300C ESD protection on all pins..................................... 4 kV
*Notice: Stresses above those listed under `Maximum ratings' may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended period of time may affect device reliability
SO 1.8 K 100 pF
1.2
AC Test Conditions
TABLE 1-1:
Name CS SO SI SCK WP VSS VCC HOLD NC
PIN FUNCTION TABLE
Function Chip Select Input Serial Data Output Serial Data Input Serial Clock Input Write Protect Pin Ground Supply Voltage Hold Input No Connect
AC Waveform: VLO = 0.2V VHI = Vcc - 0.2V VHI = 4.0V
(Note 1) (Note 2)
Timing Measurement Reference Level Input 0.5 VCC Output 0.5 VCC Note 1: For VCC 4.0V 2: For VCC > 4.0V
TABLE 1-2:
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted: VCC = 4.5V to 5.5V Commercial (C): Tamb = 0C to +70C Industrial (I): Tamb =-40C to +85C Automotive (E): Tamb = -40C to +125C Parameter High level input voltage Low level input voltage Low level output voltage High level output voltage Input leakage current Output leakage current Internal Capacitance (all inputs and outputs) Operating Current Symbol VIH VIL VOL VOH ILI ILO CINT ICC write ICC read Standby Current
Note:
Min 2.0 -0.3 -- VCC-0.5 -10 -10 -- ---- -- --
Max VCC+1 0.8 0.4 -- 10 10 7 5 1 5
Units V V V V A A pF mA mA A
Test Conditions
IOL=2.1 mA IOH=-400 A CS=VIH, VIN=GND to VCC CS=VIH, VOUT=GND to VCC Tamb=25C, FCLK=1.0 MHz, VCC=5.5V (Note) VCC=5.5V; SO=Open VCC=5.5V; SO=Open, FCLK=3.0 MHz CS=VCC=5.5V; VIN=Gnd or VCC
ICCS
This parameter is periodically sampled and not 100% tested.
DS21159B-page 2
Preliminary
(c) 1996 Microchip Technology Inc.
25C320
FIGURE 1-2: SERIAL INPUT TIMING
tCSD CS tCSS SCK tSU SI msb in tHD lsb in tR tCLD tF tCSH
SO
high impedance
FIGURE 1-3: SERIAL OUTPUT TIMING
CS tHI SCK tV SO msb out tHO tDIS lsb out tLO tCSH
SI
don't care
FIGURE 1-4: HOLD TIMING
CS tHS SCK tHZ SO n+2 n+1 n high impedance tHV n tSU n n-1 n-1 tHH tHS tHH
don't care SI HOLD n+2 n+1 n
(c) 1996 Microchip Technology Inc.
Preliminary
DS21159B-page 3
25C320
TABLE 1-3: AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted: VCC = 4.5V to 5.5V Commercial (C): Tamb = 0C to +70C Industrial (I): Tamb = +40C to +85C Automotive (E): Tamb = -40C to +125C Symbol fSCK tCSS tCSH tCSD tSU tHD tR tF tHI tLO tCLD tV tHO tDIS tHS tHH tHZ tHV tWC -- Parameter Clock Frequency CS Setup Time CS Hold Time CS Disable Time Data Setup Time Data Hold Time CLK Rise Time CLK Fall Time Clock High Time Clock Low Time Clock Delay Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD Setup Time HOLD Hold Time HOLD Low to Output High-Z HOLD High to Output Valid Internal Write Cycle Time Endurance Min -- 100 100 250 30 50 -- -- 150 150 50 -- 0 -- 100 100 100 100 -- 1M Max 3 -- -- -- -- -- 2 2 -- -- -- 150 -- 200 -- -- -- -- 5 -- Units MHz ns ns ns ns ns s s ns ns ns ns ns ns ns ns ns ns Test Conditions
(Note 1) (Note 1)
(Note 1)
(Note 1)
(Note 1) ms (Note 2) E/W Cycles 25C, Vcc = 5.0V, Block Mode (Note 3)
Note 1: This parameter is periodically sampled and not 100% tested. 2: tWC begins on the rising edge of CS after a valid write sequence and ends when the internal self-timed write cycle is complete. 3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which can be obtained on our BBS or website.
DS21159B-page 4
Preliminary
(c) 1996 Microchip Technology Inc.
25C320
2.0 PRINCIPLES OF OPERATION
The 25C320 is a 4096-byte EEPROM designed to interface directly with the serial peripheral interface (SPI) port of many of today's popular microcontroller families, including Microchip's midrange PIC16CXX microcontrollers. It may also interface with microcontrollers that do not have a built-in SPI port by using discrete I/O lines programmed properly with software. The 25C320 contains an 8-bit instruction register. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The CS pin must be low and the HOLD pin must be high for the entire operation. If the WPEN bit in the status register is set, the WP pin must be held high to allow writing to the nonvolatile bits in the status register. Table 2-1 contains a list of the possible instruction bytes and format for device operation. All instructions, addresses and data are transferred MSB first, LSB last. Data is sampled on the first rising edge of SCK after CS goes low. If the clock line is shared with other peripheral devices on the SPI bus, the user can assert the HOLD input and place the 25C320 in `HOLD' mode. After releasing the HOLD pin, operation will resume from the point when the HOLD was asserted. The Write Enable Latch (WEL) bit indicates the status of the write enable latch. When set to a `1' the latch allows writes to the array and status register, when set to a `0' the latch prohibits writes to the array and status register. The state of this bit can always be updated via the WREN or WRDI commands regardless of the state of write protection on the status register. This bit is read only. The Block Protection (BP0 and BP1) bits indicate which blocks are currently write protected. These bits are set by the user issuing the WRSR instruction. These bits are non-volatile. The Write Protect Enable (WPEN) bit is a nonvolatile bit that is available as an enable bit for the WP pin. The Write Protect (WP) pin and the Write Protect Enable (WPEN) bit in the status register control the programmable hardware write protect feature. Hardware write protection is enabled when the WP pin is low and the WPEN bit is high. Hardware write protection is disabled when either the WP pin is high or the WPEN bit is low. When the chip is hardware write protected, only writes to nonvolatile bits in the status register are disabled. See Table 2-2 for matrix of functionality on the WPEN bit and Figure 2-1 for a flowchart of Table 2-2. See Figure 3-5 for RDSR timing sequence.
2.1
Write Enable (WREN) and Write Disable (WRDI)
TABLE 2-1:
INSTRUCTION SET
Description
The 25C320 contains a write enable latch. This latch must be set before any write operation will be completed internally. The WREN instruction will set the latch, and the WRDI will reset the latch. The following is a list of conditions under which the write enable latch will be reset: * * * * Power-up WRDI instruction successfully executed WRSR instruction successfully executed WRITE instruction successfully executed
Instruction Instruction Name Format WREN WRDI
RDSR WRSR
2.2
Read Status Register (RDSR)
READ
The RDSR instruction provides access to the status register. The status register may be read at any time, even during a write cycle. The status register is formatted as follows: 7 WPEN 654 XXX 3 BP1 2 BP0 1 WEL 0 WIP
WRITE
0000 0110 Set the write enable latch (enable write operations) 0000 0100 Reset the write enable latch (disable write operations) 0000 0101 Read status register 0000 0001 Write status register (write protect enable and block write protection bits) 0000 0011 Read data from memory array beginning at selected address 0000 0010 Write data to Memory Array beginning at Selected Address
The Write-In-Process (WIP) bit indicates whether the 25C320 is busy with a write operation. When set to a `1' a write is in progress, when set to a `0' no write is in progress. This bit is read only.
(c) 1996 Microchip Technology Inc.
Preliminary
DS21159B-page 5
25C320
TABLE 2-2:
WPEN 0 0 1 1 X X
WRITE PROTECT FUNCTIONALITY MATRIX
WP X X Low Low High High WEL 0 1 0 1 0 1 Protected Blocks Protected Protected Protected Protected Protected Protected Unprotected Blocks Protected Writable Protected Writable Protected Writable Status Register Protected Writable Protected Protected Protected Writable
FIGURE 2-1: WRITE TO STATUS REGISTER AND/OR ARRAY FLOWCHART
CS Returns High
Write to Status Reg? Yes
No
Write to array? Yes
No
To other Commands
WEL = 1? Yes No
No WEL = 1? Yes
No
WP is low? Yes
Write to the Unprotected Block
No
WPEN = 1? Yes
Do not write to Array
Write to Status Register
Do not write to Status Register From other Commands Continue
DS21159B-page 6
Preliminary
(c) 1996 Microchip Technology Inc.
25C320
2.3 Write Status Register (WRSR)
The WRSR instruction allows the user to select one of four protection options for the array by writing to the appropriate bits in the status register. The array is divided up into four segments. The user has the ability to write protect none, one, two, or all four of the segments of the array. The partitioning is controlled as illustrated in Table 2-3. See Figure 3-6 for WRSR timing sequence. Once the write enable latch is set, the user may proceed by setting the CS low, issuing a write instruction, followed by the 16-bit address, with the four MSBs of the address being don't care bits, and then the data to be written. Up to 32 bytes of data can be sent to the 25C320 before a write cycle is necessary. The only restriction is that all of the bytes must reside in the same page. A page address begins with XXXX XXXX XXX0 0000 and ends with XXXX XXXX XXX1 1111. If the internal address counter reaches XXXX XXXX XXX1 1111 and the clock continues, the counter will roll back to the first address of the page and overwrite any data in the page that may have been written. For the data to be actually written to the array, the CS must be brought high after the least significant bit (D0) of the nth data byte has been clocked in. If CS is brought high at any other time, the write operation will not be completed. Refer to Figure 3-3 and Figure 3-4 for more detailed illustrations on the byte write sequence and the page write sequence respectively. While the write is in progress, the status register may be read to check the status of the WPEN, WIP, WEL, BP1, and BP0 bits. A read attempt of a memory array location will not be possible during a write cycle. When a write cycle is completed, the write enable latch is reset.
TABLE 2-3:
BP1 0 0 1 1
ARRAY PROTECTION
BP0 0 1 0 1 Array Addresses Write Protected none upper 1/4 0C00h - 0FFFh upper 1/2 0800h - 0FFFh all 0000h - 0FFFh
3.0
3.1
DEVICE OPERATION
Clock and Data Timing
Data input on the SI pin is latched on the rising edge of SCK. Data is output on the SO pin after the falling edge of SCK.
3.4
Data Protection
3.2
Read Sequence
The following protection has been implemented to prevent inadvertent writes to the array: * The write enable latch is reset on power-up. * A write enable instruction must be issued to set the write enable latch. * After a successful byte write, page write, or status register write, the write enable latch is reset. * CS must be set high after the proper number of clock cycles to start an internal write cycle. * Access to the array during an internal write cycle is ignored and programming is continued.
The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the 25C320 followed by the 16-bit address, with the four MSBs of the address being don't care bits. After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached (0FFFh) the address counter rolls over to address 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by setting CS high (Figure 3-1).
3.5
Power On State
The 25C320 powers on in the following state: * * * * The device is in low power standby mode (CS=1). The write enable latch is reset. SO is in high impedance state. A low level on CS is required to enter active state.
3.3
Write Sequence
Prior to any attempt to write data to the 25C320, the write enable latch must be set by issuing the WREN instruction (Figure 3-2). This is done by setting CS low and then clocking the proper instruction into the 25C320. After all eight bits of the instruction are transmitted, the CS must be brought high to set the write enable latch. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write enable latch will not have been properly set.
(c) 1996 Microchip Technology Inc.
Preliminary
DS21159B-page 7
25C320
FIGURE 3-1: READ SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 0 1 16 bit address 1 15 14 13 12 2 1 0 data out 7 6 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 21 22 23 24 25 26 27 28 29 30 31
high impedance SO
FIGURE 3-2: WRITE ENABLE SEQUENCE
CS 0 SCK SI SO 0 0 0 0 0 1 1 0 1 2 3 4 5 6 7
high impedance
FIGURE 3-3: WRITE SEQUENCE
CS Twc 0 SCK instruction SI 0 0 0 0 0 0 1 16 bit address 0 15 14 13 12 2 1 0 7 6 data byte 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 21 22 23 24 25 26 27 28 29 30 31
high impedance SO
DS21159B-page 8
Preliminary
(c) 1996 Microchip Technology Inc.
25C320
FIGURE 3-4: PAGE WRITE SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 0 1 16-bit address 0 15 14 13 12 2 1 0 7 6 data byte 1 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 21 22 23 24 25 26 27 28 29 30 31
CS 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 SCK data byte 2 SI 7 6 5 4 3 2 1 0 7 6 data byte 3 5 4 3 2 1 0 7 data byte n (32 max) 6 5 4 3 2 1 0
FIGURE 3-5: READ STATUS REGISTER SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 1 0 1 data from status register 65432 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
high impedance SO
7
0
FIGURE 3-6: WRITE STATUS REGISTER SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 0 0 1 7 6 data to status register 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
high impedance SO
(c) 1996 Microchip Technology Inc.
Preliminary
DS21159B-page 9
25C320
4.0
4.1
PIN DESCRIPTIONS
Chip Select (CS)
4.5
Write Protect (WP)
A low level on this pin selects the device. A high level deselects the device and forces it into standby mode. However, a programming cycle which is already in progress will be completed, regardless of the CS input signal. If CS is brought high during a program cycle, the device will go into standby mode as soon as the programming cycle is complete. As soon as the device is deselected, SO goes to the high impedance state, allowing multiple parts to share the same SPI bus. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle. After power-up, a low level on CS is required prior to any sequence being initiated.
This pin is used in conjunction with the WPEN bit in the status register to prohibit writes to the non-volatile bits in the status register. When WP is low and WPEN is high, writing to the non-volatile bits in the status register is disabled. All other operations function normally. When WP is high, all functions, including writes to the non-volatile bits in the status register operate normally. If the WPEN bit is set WP going low during a status register write sequence will disable writing to the status register. If an internal write cycle has already begun, WP going low will have no effect on the write. The WP pin function is blocked when the WPEN bit in the status register is low. This allows the user to install the 25C320 in a system with the WP pin grounded and still be able to write to the status register. The WP pin functions will be enabled when the WPEN bit is set high.
4.2
Serial Input (SI)
The SI pin is used to transfer data into the device. It receives instructions, addresses, and data to be written to the memory. Input is latched on the rising edge of the serial clock. It is possible for the SI pin and the SO pin to be tied together. With SI and SO tied together, two way communication of data can occur using only one microcontroller I/O line.
4.6
Hold (HOLD)
4.3
Serial Output (SO)
The SO pin is used to transfer data out of the 25C320. During a read cycle, data is shifted out on this pin after the falling edge of the serial clock. It is possible for the SI pin and the SO pin to be tied together. With SI and SO tied together, two-way communication of data can occur using only one microcontroller I/O line.
4.4
Serial Clock (SCK)
The HOLD pin is used to suspend transmission to the 25C320 while in the middle of a serial sequence without having to re-transmit the entire sequence over at a later time. It should be held high any time this function is not being used. Once the device is selected and a serial sequence is underway, the HOLD pin may be pulled low to pause further serial communication without resetting the serial sequence. The HOLD pin must be brought low while SCK is low, otherwise the HOLD function will not be evoked until the next SCK high to low transition. The 25C320 must remain selected during this sequence. The SI, SCK, and SO pins are in a high impedance state during the time the part is paused and transitions on these pins will be ignored. To resume serial communication, HOLD must be brought high while the SCK pin is low, otherwise serial communication will not resume.
The SCK is used to synchronize the communication between a master and the 25C320. Instructions, addresses, or data present on the SI pin are latched on the rising edge of the clock input, while data on the SO pin is updated after the falling edge of the clock input.
DS21159B-page 10
Preliminary
(c) 1996 Microchip Technology Inc.
25C320
25C320 Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use the listed part numbers, and refer to the factory or the listed sales offices.
25C320 -
/P Package: P = PDIP (300 mil Body), 8-lead SN = SOIC (150 mil Body), 8-lead ST = TSSOP (4.4 mm Body), 14-lead Temperature Range: Blank = 0C to +70C I = -40C to +85C E = -40C to +125C Device: 25C320 25C320T 32K SPI Bus Serial EEPROM 32K SPI Bus Serial EEPROM (Tape and Reel)
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office (see next page) 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277 3. The Microchip's Bulletin Board, via your local CompuServe number (CompuServe membership NOT required). Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
(c) 1996 Microchip Technology Inc.
Preliminary
DS21159B-page 11
WORLDWIDE SALES & SERVICE
AMERICAS
Corporate Office Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602 786-7200 Fax: 602 786-7277 Technical Support: 602 786-7627 Web: http://www.microchip.com Atlanta Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770 640-0034 Fax: 770 640-0307 Boston Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508 480-9990 Fax: 508 480-8575 Chicago Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 708 285-0071 Fax: 708 285-0075 Dallas Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972 991-7177 Fax: 972 991-8588 Dayton Microchip Technology Inc. Suite 150 Two Prestige Place Miamisburg, OH 45342 Tel: 513 291-1654 Fax: 513 291-9175 Los Angeles Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 714 263-1888 Fax: 714 263-1338 New York Microchip Technology Inc. 150 Motor Parkway, Suite 416 Hauppauge, NY 11788 Tel: 516 273-5305 Fax: 516 273-5335 San Jose Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408 436-7950 Fax: 408 436-7955 Toronto Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905 405-6279 Fax: 905 405-6253
ASIA/PACIFIC
Hong Kong Microchip Technology RM 3801B, Tower Two Metroplaza 223 Hing Fong Road Kwai Fong, N.T. Hong Kong Tel: 852 2 401 1200 Fax: 852 2 401 3431 India Microchip Technology No. 6, Legacy, Convent Road Bangalore 560 025 India Tel: 91 80 526 3148 Fax: 91 80 559 9840 Korea Microchip Technology 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku, Seoul, Korea Tel: 82 2 554 7200 Fax: 82 2 558 5934 Shanghai Microchip Technology Unit 406 of Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hongiao District Shanghai, Peoples Republic of China Tel: 86 21 6275 5700 Fax: 011 86 21 6275 5060 Singapore Microchip Technology 200 Middle Road #10-03 Prime Centre Singapore 188980 Tel: 65 334 8870 Fax: 65 334 8850 Taiwan, R.O.C Microchip Technology 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886 2 717 7175 Fax: 886 2 545 0139
EUROPE
United Kingdom Arizona Microchip Technology Ltd. Unit 6, The Courtyard Meadow Bank, Furlong Road Bourne End, Buckinghamshire SL8 5AJ Tel: 44 1628 850303 Fax: 44 1628 850178 France Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy - France Tel: 33 1 69 53 63 20 Fax: 33 1 69 30 90 79 Germany Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Muenchen, Germany Tel: 49 89 627 144 0 Fax: 49 89 627 144 44 Italy Arizona Microchip Technology SRL Centro Direzionale Colleone Pas Taurus 1 Viale Colleoni 1 20041 Agrate Brianza Milan Italy Tel: 39 39 6899939 Fax: 39 39 689 9883
JAPAN
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shin Yokohama Kohoku-Ku, Yokohama Kanagawa 222 Japan Tel: 81 45 471 6166 Fax: 81 45 471 6122
11/7/96
All rights reserved. (c) 1996, Microchip Technology Incorporated, USA. 11/96
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21159B-page 12
Preliminary
(c) 1996 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 25C320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X