Part Number Hot Search : 
CN8PBF CGRC303 41256 2412SE PZM11NB BU2508AW ICL3222E TLE8263E
Product Description
Full Text Search
 

To Download 24IMP12-0505-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMP Series
1...12 Watt DC-DC Converters
Input voltage range up to 72 V DC 1, 2 or 3 outputs up to 30 V DC 1500 V DC I/O electric strength test voltage * Wide input range * Short circuit protection * Low cost
Selection chart
Output 1 Output 2 Output 3 Uo nom Io nom Uo nom Io nom Uo nom Io nom [V DC] [mA] [V DC] [mA] [V DC] [mA] 3.3 1500 3.3 3000 5 200 5 500 5 1000 5 2400 12 84 12 250 12 500 12 1000 15 66 15 200 15 400 15 800 +5 100 -5 100 +5 250 -5 250 +5 500 -5 500 +5 1200 -5 1200 +12 42 -12 42 +12 125 -12 125 12 125 12 125 +12 250 -12 250 +12 500 -12 500 +15 33 -15 33 15 100 15 100 +15 100 -15 100 +15 200 -15 200 +15 400 -15 400 5 250 5 250 5 1500 +12 200 -12 200 5 1500 +15 160 -15 160 Type Input voltage 4.5...5.5 V DC 5 IMP 6-03-7 5 IMP 1-05-7 5 IMP 6-05-7 5 IMP 1-12-7 5 IMP 6-12-7 5 IMP 1-15-7 5 IMP 6-15-7 5 IMP 1-0505-7 5 IMP 6-0505-7 5 IMP 1-1212-7 5 IMP 6-1212-7 5 IMP 1-1515-7 5 IMP 6-1515-7 Type Input voltage 10...36 V DC 24 IMP 6-03-7 24 IMP 12-03-7 24 IMP 3-05-7 24 IMP 6-05-7 24 IMP 12-05-7 24 IMP 3-12-7 24 IMP 6-12-7 24 IMP 12-12-7 24 IMP 3-15-7 24 IMP 6-15-7 24 IMP 12-15-7 24 IMP 3-0505-7 24 IMP 6-0505-7 24 IMP 12-0505-7 24 IMP 3-1212-7 24 IMP 3-12-12-7 24 IMP 6-1212-7 24 IMP 12-1212-7 24 IMP 3-15-15-7 24 IMP 3-1515-7 24 IMP 6-1515-7 24 IMP 12-1515-7 24 IMP 3-05-05-7 24 IMP 12-051212-7 24 IMP 12-051515-7 Type Input voltage 18...72 V DC 48 IMP 6-03-7 48 IMP 12-03-7 48 IMP 3-05-7 48 IMP 6-05-7 48 IMP 12-05-7 48 IMP 3-12-7 48 IMP 6-12-7 48 IMP 12-12-7 48 IMP 3-15-7 48 IMP 6-15-7 48 IMP 12-15-7 48 IMP 3-0505-7 48 IMP 6-0505-7 48 IMP 12-0505-7 48 IMP 3-1212-7 48 IMP 3-12-12-7 48 IMP 6-1212-7 48 IMP 12-1212-7 48 IMP 3-15-15-7 48 IMP 3-1515-7 48 IMP 6-1515-7 48 IMP 12-1515-7 48 IMP 3-05-05-7 48 IMP 12-051212-7 48 IMP 12-051515-7 Opt.
S S S S S S S S S S S S -
www.power-one.ch
Edition 6/11.2001
1
Board Mountable
Input
Input voltage continuous range, 5 V (IMP 1, IMP 6) continuous range, 24 V continuous range, 48 V shunt diode
IMP Series
4.5...5.5 V DC 10...36 V DC 18...72 V DC
Reverse voltage protection
Output
Output voltage setting accuracy Minimum load Line regulation Load regulation Output voltage switching noise Efficiency
Ui nom, lo nom recommended Ui min...Ui max, lo nom Ui nom , 0...100% lo nom , regulated outputs tracking outputs Ui nom , 20...100% lo nom, peak-peak, total Ui nom , lo nom
2% Uo nom 20% lo nom 1% Uo nom 2% Uo nom max. 6% Uo nom max. 3% Uo nom up to 83%
Control and protection
Overload protection No-load protection Remote shut down
Ui min, full load
positive logic (floating or high signal = on)
125% Pi nom
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O conducted with external filter 1500 V DC class B
Environmental
Operating ambient temperature Storage temperature Relative humidity MTBF
Ui nom , lo nom non operational non condensing MIL-HDBK-217F, N2
-25...71C -40...100C 95% >3'700'000 h
Options
Industry standard pinout IMP 1 and IMP 3 S
Accessories
DIN and chassis mounting bracket
www.power-one.ch
Edition 6/11.2001
2
IMP Series
Mechanical data
1...12 Watt DC-DC Converters
European Projection
Tolerances 0.3 mm (0.012") unless otherwise indicated.
IMP 1, IMP 3
31.8 (1.25") 2.54 (0.1")
Pin allocation IMP 1
Pin 1 2 10 11 12 13 15 23 24 Single output unit Vi+ Vi+ Vo- Vo+ Vi- Vi- Dual output unit Vi+ Vi+ COM COM Vo- Vo+ Vi- Vi-
15.24 (0.6")
Measuring point of case temperature TC
S09034
3 (0.12")
o 0.5 (0.02") ( )
12 (0.47")
20.3 (0.8")
Industry standard pinout (option S)
Pin 2 3 9 10 11 14 15 16 22 23 Single output Vi- Vi- n.c. n.c. n.c. Vo+ n.c. Vo- Vi+ Vi+ Dual output Vi- Vi- COM n.c. Vo- Vo+ n.c. COM Vi+ Vi+
Alternative pinout IMP 3
Pin 1 2 9 10 11 12 13 15 16 20 23 24 Single output Dual output Double output Vi+ Vi+ Vi+ Vi+ Vi+ Vi+ Go1 COM COM Vo- Vo1 Vo+ Vo- Vo2 Vo+ Go2 SD SD SD Vi- Vi- Vi- Vi- Vi- Vi-
www.power-one.ch
Edition 6/11.2001
3
Board Mountable
IMP 6, IMP 12 with single or dual output
5 (0.2") 12 (0.47") 50.8 (2") 5.08 (0.2")
IMP Series
S09035
Vi-
o 1(0.04")
Vi+
20.32 (0.8") 50.8 (2")
COM Vo- Vo+
2 x 10.2 (0.4") Measuring point of case temperature TC
IMP 12 with triple output
50.8 (2") 5 (0.2") 12 (0.47") 12.7 (0.5") 3 x 5.08 (0.2")
S09047
o 1(0.04")
SD
Vi- Vi+
45.72 (1.8")
Vo3-
COM
Vo1+
Vo2+
5 x 10.16 (0.42") Measuring point of case temperature TC
www.power-one.ch
Edition 6/11.2001
50.8 (2")
4


▲Up To Search▲   

 
Price & Availability of 24IMP12-0505-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X