Part Number Hot Search : 
LV4924VH 02M48RT KCU20A30 CHIPS LB11990W 476M0 5ETP12 220MC
Product Description
Full Text Search
 

To Download 24C64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
Part Number 24AA64 24LC64
100
24AA64/24LC64
PACKAGE TYPE
Temp Ranges I I, E
A2 Vss 3 4
64K I2CTMCMOS Serial EEPROM
DEVICE SELECTION TABLE
Vcc Range 1.8-5.5V 2.5-5.5V Max Clock Frequency 400 kHz 400 kHz
PDIP
A0 A1 1 8 Vcc WP SCL SDA
24xx64
2
7 6 5
kHz for Vcc < 2.5V. 100 kHz for E temperature range.
FEATURES
* Low power CMOS technology - Maximum write current 3 mA at 5.5V - Maximum read current 400 A at 5.5V - Standby current 100 nA typical at 5.5V * 2-wire serial interface bus, I2C compatible * Cascadable for up to eight devices * Self-timed ERASE/WRITE cycle * 32-byte page or byte write modes available * 5 ms max write cycle time * Hardware write protect for entire array * Output slope control to eliminate ground bounce * Schmitt trigger inputs for noise suppression * 1,000,000 erase/write cycles guaranteed * Electrostatic discharge protection > 4000V * Data retention > 200 years * 8-pin PDIP, SOIC (150 and 208 mil) and TSSOP packages; 14-pin SOIC package * Temperature ranges: - Industrial (I): -40C to +85C - Automotive (E) -40C to +125C
SOIC A0 A1 A2 VSS 1 8
VCC WP SCL SDA
24xx64
2 3 4
7 6 5
TSSOP WP Vcc A0 A1
1 2 3 4 8 7 6 5
SCL SDA Vss A2
24xx64
BLOCK DIAGRAM
A0...A2 WP
HV GENERATOR
DESCRIPTION
The Microchip Technology Inc. 24AA64/24LC64 (24xx64*) is a 8K x 8 (64K bit) Serial Electrically Erasable PROM capable of operation across a broad voltage range (1.8V to 5.5V). It has been developed for advanced, low power applications such as personal communications or data acquisition. This device also has a page-write capability of up to 32 bytes of data. This device is capable of both random and sequential reads up to the 64K boundary. Functional address lines allow up to eight devices on the same bus, for up to 512 Kbits address space. This device is available in the standard 8-pin plastic DIP, 8-pin SOIC (150 and 208 mil), and 8-pin TSSOP.
I/O CONTROL LOGIC MEMORY CONTROL LOGIC XDEC EEPROM ARRAY PAGE LATCHES
I/O
SCL
YDEC
SDA VCC VSS
SENSE AMP R/W CONTROL
I2C is a trademark of Philips Corporation.
*24xx64 is used in this document as a generic part number for the 24AA64/24LC64 devices.
(c) 1998 Microchip Technology Inc.
DS21189B-page 1
24AA64/24LC64
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
TABLE 1-1
Name A0,A1,A2 VSS SDA SCL WP VCC
PIN FUNCTION TABLE
Function User Configurable Chip Selects Ground Serial Data Serial Clock Write Protect Input +1.8 to 5.5V (24AA64) +2.5 to 5.5V (24LC64)
Vcc .................................................................................................7.0V All inputs and outputs w.r.t. Vss............................... -0.6V to Vcc +1.0V Storage temperature ................................................... -65C to +150C Ambient temp. with power applied............................... -65C to +125C Soldering temperature of leads (10 seconds) ........................... +300C ESD protection on all pins........................................................... 4 kV *Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-2
DC CHARACTERISTICS
Industrial (I): VCC = +1.8V to 5.5V Automotive (E): VCC = 4.5V to 5.5V Symbol Min Max Tamb = -40C to +85C Tamb = -40C to 125C Units Conditions
All parameters apply across the recommended operating ranges unless otherwise noted. Parameter A0, A1, A2, SCL, SDA, and WP pins: High level input voltage Low level input voltage Hysteresis of Schmitt Trigger inputs (SDA, SCL pins) Low level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Operating current Standby current
VIH VIL VHYS VOL ILI ILO CIN, COUT ICC Write ICC Read ICCS
0.7 VCC -- 0.05 VCC -- -10 -10 -- -- -- --
-- 0.3 VCC 0.2 VCC -- 0.40 10 10 10 3 400 1
V V V V V A A pF mA A A
VCC 2.5V VCC < 2.5V VCC > 2.5V (Note) IOL = 3.0 mA @ VCC = 4.5V IOL = 2.1 mA @ VCC = 2.5V VIN = Vss to VCC, WP = VSS VIN = Vss or VCC, WP = VCC VOUT = Vss to VCC VCC = 5.0V (Note) Tamb = 25C, fc= 1 MHz VCC = 5.5V VCC = 5.5V, SCL = 400 kHz SCL = SDA = VCC = 5.5V A0, A1, A2, WP = VSS
Note: This parameter is periodically sampled and not 100% tested.
FIGURE 1-1:
BUS TIMING DATA
TF THIGH VHYS TR
SCL
TSU:STA TLOW THD:DAT TSU:DAT TSU:STO
SDA IN
THD:STA TSP TAA TBUF
SDA OUT
WP
(protected) (unprotected)
TSU:WP
THD:WP
DS21189B-page 2
(c) 1998 Microchip Technology Inc.
24AA64/24LC64
TABLE 1-3 AC CHARACTERISTICS
Tamb = -40C to +85C Tamb = -40C to 125C
Conditions 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V (Note 1) 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V (Note 2) 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V 4.5V VCC 5.5V (E Temp range) 1.8V VCC 2.5V 2.5V VCC 5.5V CB 100 pF (Note 1) (Notes 1 and 3) All parameters apply across the spec- Industrial (I): VCC = +1.8V to 5.5V ified operating ranges unless otherAutomotive (E): VCC = +4.5V to 5.5V wise noted. Parameter Clock frequency Symbol FCLK Min -- -- -- 4000 4000 600 4700 4700 1300 -- -- -- -- 4000 4000 600 4700 4700 600 0 250 250 100 4000 4000 600 4000 4000 600 4700 4000 1300 -- -- -- 4700 4700 1300 10 -- -- 1M Max 100 100 400 -- -- -- -- -- -- 1000 1000 300 300 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3500 3500 900 -- -- -- 250 50 5 -- Units kHz
Clock high time
THIGH
ns
Clock low time
TLOW
ns
SDA and SCL rise time (Note 1) SDA and SCL fall time START condition hold time
TR
ns
TF THD:STA
ns ns
START condition setup time
TSU:STA
ns
Data input hold time Data input setup time
THD:DAT TSU:DAT
ns ns
STOP condition setup time
TSU:STO
ns
WP setup time
TSU:WP
ns
WP hold time
THD:WP
ns
Output valid from clock (Note 2) Bus free time: Time the bus must be free before a new transmission can start Output fall time from VIH minimum to VIL maximum Input filter spike suppression (SDA and SCL pins) Write cycle time (byte or page) Endurance Note 1: 2: 3: 4:
TAA
ns
TBUF
ns
TOF TSP TWC
ns ns ms cycles
25C, VCC = 5.0V, Block Mode (Note 4)
Not 100% tested. CB = total capacitance of one bus line in pF. As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which can be obtained on Microchip's BBS or website.
(c) 1998 Microchip Technology Inc.
DS21189B-page 3
24AA64/24LC64
2.0
2.1
PIN DESCRIPTIONS
A0, A1, A2 Chip Address Inputs
4.0
BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH will be interpreted as a START or STOP condition. Accordingly, the following bus conditions have been defined (Figure 4-1).
The A0,A1,A2 inputs are used by the 24xx64 for multiple device operation. The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. Up to eight devices may be connected to the same bus by using different chip select bit combinations. These inputs must be connected to either VCC or VSS.
2.2
SDA Serial Data
4.1
Bus not Busy (A)
This is a bi-directional pin used to transfer addresses and data into and data out of the device. It is an opendrain terminal, therefore, the SDA bus requires a pullup resistor to VCC (typical 10 k for 100 kHz, 2 k for 400 kHz) For normal data transfer SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions.
Both data and clock lines remain HIGH.
4.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All commands must be preceded by a START condition.
4.3
Stop Data Transfer (C)
2.3
SCL Serial Clock
This input is used to synchronize the data transfer from and to the device.
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All operations must end with a STOP condition.
4.4
Data Valid (D)
2.4
WP
This pin can be connected to either Vss, Vcc or left floating. An internal pull-down resistor on this pin will keep the device in the unprotected state if left floating. If tied to Vss or left floating, normal memory operation is enabled (read/write the entire memory 0000-1FFF). If tied to VCC, WRITE operations are inhibited. Read operations are not affected.
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of the data bytes transferred between the START and STOP conditions is determined by the master device.
3.0
FUNCTIONAL DESCRIPTION
The 24xx64 supports a bi-directional two-wire bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter, and a device receiving data as a receiver. The bus must be controlled by a master device which generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions while the 24xx64 works as a slave. Both master and slave can operate as a transmitter or receiver but the master device determines which mode is activated.
4.5
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge signal after the reception of each byte. The master device must generate an extra clock pulse which is associated with this acknowledge bit. Note: The 24xx64 does not generate any acknowledge bits if an internal programming cycle is in progress.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. During reads, a master must signal an end of data to the slave by NOT generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave (24xx64) will leave the data line HIGH to enable the master to generate the STOP condition.
(c) 1998 Microchip Technology Inc.
DS21189B-page 4
24AA64/24LC64
FIGURE 4-1:
(A) SCL (B)
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
(D) (D) (C) (A)
SDA
START CONDITION
ADDRESS OR DATA ACKNOWLEDGE ALLOWED VALID TO CHANGE
STOP CONDITION
FIGURE 4-2:
ACKNOWLEDGE TIMING
Acknowledge Bit
SCL SDA
1
2
3
4
5
6
7
8
9
1
2
3
Data from transmitter Transmitter must release the SDA line at this point allowing the Receiver to pull the SDA line low to acknowledge the previous eight bits of data.
Data from transmitter Receiver must release the SDA line at this point so the Transmitter can continue sending data.
(c) 1998 Microchip Technology Inc.
DS21189B-page 5
24AA64/24LC64
5.0 DEVICE ADDRESSING
FIGURE 5-1: CONTROL BYTE FORMAT
Read/Write Bit Chip Select Bits 0 A2 A1 A0 R/W ACK
A control byte is the first byte received following the start condition from the master device (Figure 5-1). The control byte consists of a four bit control code; for the 24xx64 this is set as 1010 binary for read and write operations. The next three bits of the control byte are the chip select bits (A2, A1, A0). The chip select bits allow the use of up to eight 24xx64 devices on the same bus and are used to select which device is accessed. The chip select bits in the control byte must correspond to the logic levels on the corresponding A2, A1, and A0 pins for the device to respond. These bits are in effect the three most significant bits of the word address. The last bit of the control byte defines the operation to be performed. When set to a one a read operation is selected, and when set to a zero a write operation is selected. The next two bytes received define the address of the first data byte (Figure 5-2). Because only A12...A0 are used, the upper three address bits are don't care bits. The upper address bits are transferred first, followed by the less significant bits. Following the start condition, the 24xx64 monitors the SDA bus checking the device type identifier being transmitted. Upon receiving a 1010 code and appropriate device select bits, the slave device outputs an acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24xx64 will select a read or write operation.
Control Code S 1 0 1
Slave Address Start Bit Acknowledge Bit
5.1
Contiguous Addressing Across Multiple Devices
The chip select bits A2, A1, A0 can be used to expand the contiguous address space for up to 512K bits by adding up to eight 24xx64's on the same bus. In this case, software can use A0 of the control byte as address bit A13, A1 as address bit A14, and A2 as address bit A15. It is not possible to sequentially read across device boundaries.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
ADDRESS HIGH BYTE ADDRESS LOW BYTE
CONTROL BYTE
1
0
1
0
A 2
A 1
A 0 R/W
X
X
X
AAA 12 11 10
A 9
A 8
A 7
*
*
*
*
*
*
A 0
CONTROL CODE
CHIP SELECT BITS
X = Don't Care Bit
DS21189B-page 6
(c) 1998 Microchip Technology Inc.
24AA64/24LC64
6.0
6.1
WRITE OPERATIONS
Byte Write
6.2
Page Write
Following the start condition from the master, the control code (four bits), the chip select (three bits), and the R/W bit (which is a logic low) are clocked onto the bus by the master transmitter. This indicates to the addressed slave receiver that the address high byte will follow after it has generated an acknowledge bit during the ninth clock cycle. Therefore, the next byte transmitted by the master is the high-order byte of the word address and will be written into the address pointer of the 24xx64. The next byte is the least significant address byte. After receiving another acknowledge signal from the 24xx64 the master device will transmit the data word to be written into the addressed memory location. The 24xx64 acknowledges again and the master generates a stop condition. This initiates the internal write cycle, and during this time the 24xx64 will not generate acknowledge signals (Figure 6-1). If an attempt is made to write to the array with the WP pin held high, the device will acknowledge the command but no write cycle will occur, no data will be written and the device will immediately accept a new command. After a byte write command, the internal address counter will point to the address location following the one that was just written.
The write control byte, word address and the first data byte are transmitted to the 24xx64 in the same way as in a byte write. But instead of generating a stop condition, the master transmits up to 31 additional bytes which are temporarily stored in the on-chip page buffer and will be written into memory after the master has transmitted a stop condition. After receipt of each word, the five lower address pointer bits are internally incremented by one. If the master should transmit more than 32 bytes prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the stop condition is received, an internal write cycle will begin (Figure 6-2). If an attempt is made to write to the array with the WP pin held high, the device will acknowledge the command but no write cycle will occur, no data will be written and the device will immediately accept a new command.
6.3
Write Protection
The WP pin allows the user to write protect the entire array (0000-1FFF) when the pin is tied to Vcc. If tied to VSS or left floating, the write protection is disabled. The WP pin is sampled at the STOP bit for every write command (Figure 1-1) Toggling the WP pin after the STOP bit will have no effect on the execution of the write cycle.
FIGURE 6-1:
BYTE WRITE
S T A R T CONTROL BYTE ADDRESS HIGH BYTE ADDRESS LOW BYTE S T O P P A C K A C K A C K
BUS ACTIVITY MASTER
DATA
SDA LINE
S1 0 1 0 AAA 0 210 A C K
XXX
BUS ACTIVITY X = don't care bit
FIGURE 6-2:
PAGE WRITE
S T A R T S T O P
P
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY X = don't care bit
CONTROL BYTE
AAA
ADDRESS HIGH BYTE XXX A C K A C K
ADDRESS LOW BYTE
DATA BYTE 0
DATA BYTE 31
S10 1 0 2 1 00
A C K
A C K
A C K
(c) 1998 Microchip Technology Inc.
DS21189B-page 7
24AA64/24LC64
7.0 ACKNOWLEDGE POLLING
FIGURE 7-1:
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the stop condition for a write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a start condition followed by the control byte for a write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If no ACK is returned, then the start bit and control byte must be re-sent. If the cycle is complete, then the device will return the ACK and the master can then proceed with the next read or write command. See Figure 7-1 for flow diagram.
ACKNOWLEDGE POLLING FLOW
Send Write Command
Send Stop Condition to Initiate Write Cycle
Send Start
Send Control Byte with R/W = 0
Did Device Acknowledge (ACK = 0)? YES Next Operation
NO
DS21189B-page 8
(c) 1998 Microchip Technology Inc.
24AA64/24LC64
8.0 READ OPERATION
8.2 Random Read
Read operations are initiated in the same way as write operations with the exception that the R/W bit of the control byte is set to one. There are three basic types of read operations: current address read, random read, and sequential read. Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the 24xx64 as part of a write operation (R/W bit set to 0). After the word address is sent, the master generates a start condition following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the master issues the control byte again but with the R/W bit set to a one. The 24xx64 will then issue an acknowledge and transmit the 8-bit data word. The master will not acknowledge the transfer but does generate a stop condition which causes the 24xx64 to discontinue transmission (Figure 8-2). After a random read command, the internal address counter will point to the address location following the one that was just read.
8.1
Current Address Read
The 24xx64 contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous read access was to address n (n is any legal address), the next current address read operation would access data from address n + 1. Upon receipt of the control byte with R/W bit set to one, the 24xx64 issues an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24xx64 discontinues transmission (Figure 8-1).
8.3
Sequential Read
FIGURE 8-1:
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T
CURRENT ADDRESS READ
CONTROL BYTE DATA BYTE S T O P P A C K N O A C K
S 1 0 1 0 AAA 1 210
Sequential reads are initiated in the same way as a random read except that after the 24xx64 transmits the first data byte, the master issues an acknowledge as opposed to the stop condition used in a random read. This acknowledge directs the 24xx64 to transmit the next sequentially addressed 8-bit word (Figure 8-3). Following the final byte transmitted to the master, the master will NOT generate an acknowledge but will generate a stop condition. To provide sequential reads the 24xx64 contains an internal address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory contents to be serially read during one operation. The internal address pointer will automatically roll over from address 1FFF to address 0000 if the master acknowledges the byte received from the array address 1FFF.
FIGURE 8-2:
BUS ACTIVITY MASTER
RANDOM READ
S T A R T
CONTROL BYTE ADDRESS HIGH BYTE XXX ADDRESS LOW BYTE
S T A R T
CONTROL BYTE
DATA BYTE
S T O P P
SDA LINE BUS ACTIVITY
X = Don't Care Bit
S1 0 1 0 AAA0 210 A C K
S 1 0 1 0 A A A1 210 A C K A C K A C K N O A C K S T O P P
FIGURE 8-3:
SEQUENTIAL READ
CONTROL BYTE DATA n DATA n + 1 DATA n + 2 DATA n + X
BUS ACTIVITY MASTER SDA LINE
BUS ACTIVITY
A C K
A C K
A C K
A C K
N O A C K
(c) 1998 Microchip Technology Inc.
DS21189B-page 9
24AA64/24LC64
NOTES:
DS21189B-page 10
(c) 1998 Microchip Technology Inc.
24AA64/24LC64
24xx64 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 24xx64 -- /P Package: Temperature Range: P SN SM ST = = = = Plastic DIP (300 mil Body), 8-lead Plastic SOIC (150 mil Body, EIAJ standard), 8-lead Plastic SOIC (208 mil Body, EIAJ standard), 8-lead TSSOP, 8-lead
I = -40C to +85C E = -40C to -125C 24AA64 24AA64T 24LC64 24LC64T 64K bit 1.8V I2C Serial EEPROM 64K bit 1.8V I2C Serial EEPROM (Tape and Reel) 64K bit 2.5V I2C Serial EEPROM 64K bit 2.5V I2C Serial EEPROM (Tape and Reel)
Device:
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office (see last page). 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277. 3. The Microchip's Bulletin Board, via your local CompuServe number (CompuServe membership NOT required). Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
(c) 1998 Microchip Technology Inc.
DS21189B-page 11
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602-786-7200 Fax: 602-786-7277 Technical Support: 602 786-7627 Web: http://www.microchip.com
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific RM 3801B, Tower Two Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-1189-21-5858 Fax: 44-1189-21-5835
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
France
Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Muchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-39-6899939 Fax: 39-39-6899883
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hong Qiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
Dallas
Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972-991-7177 Fax: 972-991-8588
Singapore
Microchip Technology Taiwan Singapore Branch 200 Middle Road #07-02 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
JAPAN
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa 222 Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122 12/30/97
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 714-263-1888 Fax: 714-263-1338
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 516-273-5305 Fax: 516-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
All rights reserved. (c) 1998, Microchip Technology Incorporated, USA. 1/98
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended for suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21189B-page 12
(c) 1998 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24C64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X