Part Number Hot Search : 
TCD2551 BD680 SQ2163 2SD82 2SD904 070VK02 DTC643TK PT100MF
Product Description
Full Text Search
 

To Download 24C640-EP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M 25AA640/25LC640/25C640
64K SPITM Bus Serial EEPROM
PACKAGE TYPES
Temp Ranges C,I C,I C,I,E CS SO WP VSS PDIP/SOIC 1 25xx640 2 3 4 8 7 6 5 VCC HOLD SCK SI Max Clock Frequency 1 MHz 2 MHz 3 MHz
DEVICE SELECTION TABLE
Part Number 25AA640 25LC640 25C640 VCC Range 1.8-5.5V 2.5-5.5V 4.5-5.5V
FEATURES
* Low power CMOS technology - Write current: 3 mA typical - Read current: 500 A typical - Standby current: 500 nA typical * 8192 x 8 bit organization * 32 byte page * Write cycle time: 5ms max. * Self-timed ERASE and WRITE cycles * Block write protection - Protect none, 1/4, 1/2, or all of array * Built-in write protection - Power on/off data protection circuitry - Write enable latch - Write protect pin * Sequential read * High reliability - Endurance: 1M cycles (guaranteed) - Data retention: > 200 years - ESD protection: > 4000 V * 8-pin PDIP, SOIC, and TSSOP packages * Temperature ranges supported: - Commercial: (C) 0C to +70C - Industrial: (I) -40C to +85C - Automotive: (E) (25C640) -40C to +125C
TSSOP HOLD VCC CS SO 1 2 3 4 8 7 6 5 SCK SI VSS WP 25xx640
BLOCK DIAGRAM
Status Register HV Generator
EEPROM I/O Control Logic Memory Control Logic X Dec Page Latches Array
DESCRIPTION
The Microchip Technology Inc. 25AA640/25LC640/ 25C640 (25xx640*) is a 64K bit serial Electrically Erasable PROM. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input. Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of chip select, allowing the host to service higher priority interrupts.
SI SO CS SCK HOLD WP VCC VSS Sense Amp. R/W Control Y Decoder
*25xx640 is used in this document as a generic part number for the 25AA640/25LC640/25C640 devices. SPI is a trademark of Motorola.
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 1
25AA640/25LC640/25C640
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
FIGURE 1-1:
AC TEST CIRCUIT
VCC
Vcc ...................................................................................7.0V All inputs and outputs w.r.t. Vss.................. -0.6V to Vcc+1.0V Storage temperature ....................................... -65C to 150C Ambient temperature under bias..................... -65C to 125C Soldering temperature of leads (10 seconds) ............. +300C ESD protection on all pins.................................................4kV
*Notice: Stresses above those listed under `Maximum ratings' may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability
2.25 K SO 1.8 K 100 pF
1.2
AC Test Conditions
AC Waveform:
TABLE 1-1:
Name CS SO SI SCK WP VSS VCC HOLD
PIN FUNCTION TABLE
Function Chip Select Input Serial Data Output Serial Data Input Serial Clock Input Write Protect Pin Ground Supply Voltage Hold Input
VLO = 0.2V VH I = VCC - 0.2V VH I = 4.0V Input Output Note 1: For VCC 4.0V 2: For VCC > 4.0V (Note 1) (Note 2) 0.5 VCC 0.5 VCC
Timing Measurement Reference Level
TABLE 1-2:
DC CHARACTERISTICS
Commercial (C): Industrial (I): Automotive (E): Tamb = 0C to +70C Tamb = -40C to +85C Tamb = -40C to +125C VCC = 1.8V to 5.5V VCC = 1.8V to 5.5V VCC = 4.5V to 5.5V (25C640 only)
All parameters apply over the specified operating ranges unless otherwise noted.
Parameter High level input voltage Low level input voltage Low level output voltage High level output voltage Input leakage current Output leakage current Internal Capacitance (all inputs and outputs)
Symbol VIH1 VIH2 VIL1 VIL2 VOL VOL VOH ILI ILO CINT ICC Read
Min 2.0 0.7 VCC -0.3 -0.3 -- -- VCC -0.5 -10 -10 -- -- -- -- -- -- --
Max VCC+1 VCC+1 0.8 0.3 VCC 0.4 0.2 -- 10 10 7 1 500 5 3 5 1
Units V V V V V V V A A pF mA A mA mA A A
Test Conditions VCC 2.7V (Note) VCC< 2.7V (Note) VCC 2.7V (Note) VCC < 2.7V (Note) IOL = 2.1 mA IOL = 1.0 mA, VCC < 2.5V IOH =-400 A CS = VCC, VIN = VSS TO VCC CS = VCC, VOUT = VSS TO VCC TAMB = 25C, CLK = 1.0 MHz, VCC = 5.0V (Note) VCC = 5.5V; FCLK=3.0 MHz; SO = Open VCC = 2.5V; FCLK=2.0 MHz; SO = Open VCC= 5.5V VCC = 2.5V CS = Vcc = 5.5V, Inputs tied to VCC or VSS CS = Vcc = 2.5V, Inputs tied to VCC or VSS
Operating Current
ICC Write ICCS
Standby Current
Note: This parameter is periodically sampled and not 100% tested.
DS21223A-page 2
Preliminary
(c) 1997 Microchip Technology Inc.
25AA640/25LC640/25C640
TABLE 1-3: AC CHARACTERISTICS
Commercial (C): Industrial (I): Automotive (E): Symbol FCLK Tamb = 0C to +70C Tamb = -40C to +85C Tamb = -40C to +125C Min -- -- -- 100 250 500 150 250 475 500 30 50 50 50 100 100 -- -- 150 250 475 150 250 475 50 50 -- -- -- 0 -- -- -- 100 100 200 100 100 200 100 150 200 100 150 200 -- 1M Max 3 2 1 -- -- -- -- -- -- -- -- -- -- -- -- -- 2 2 -- -- -- -- -- -- -- -- 150 250 475 -- 200 250 500 -- -- -- -- -- -- -- -- -- -- -- -- 5 -- VCC = 1.8V to 5.5V VCC = 1.8V to 5.5V VCC = 4.5V to 5.5V (25C640 only) Units MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns s s ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms E/W Cycles (Note 2) VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V (Note 1) VCC = 4.5V to 5.5V (Note 1) VCC = 2.5V to 4.5V (Note 1) VCC = 1.8V to 2.5V (Note 1) VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V (Note 1) VCC = 2.5V to 4.5V (Note 1) VCC = 1.8V to 2.5V (Note 1) VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V (Note 1) (Note 1) VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V Test Conditions VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V VCC = 4.5V to 5.5V VCC = 2.5V to 4.5V VCC = 1.8V to 2.5V All parameters apply over the specified operating ranges unless otherwise noted. Parameter Clock Frequency
CS Setup Time
TCSS
CS Hold Time
TCSH
CS Disable Time Data Setup Time
TCSD TSU
Data Hold Time
THD
CLK Rise Time CLK Fall Time Clock High Time
TR TF THI
Clock Low Time
TLO
Clock Delay Time Clock Enable Time Output Valid from Clock Low Output Hold Time Output Disable Time
TCLD TCLE TV
THO TDIS
HOLD Setup Time
THS
HOLD Hold Time
THH
HOLD Low to Output High-Z
THZ
HOLD High to Output Valid
THV
Internal Write Cycle Time Endurance Note 1: 2:
TWC --
This parameter is periodically sampled and not 100% tested. This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which can be obtained on Microchip's BBS or website.
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 3
25AA640/25LC640/25C640
FIGURE 1-2:
CS
THS THH THS THH
HOLD TIMING
SCK
THZ THV
SO
n+2
n+1
n
high impedance
n
TSU
n-1
SI HOLD
n+2
n+1
n
don't care
n
n-1
FIGURE 1-3:
SERIAL INPUT TIMING
TCSD
CS TCSS Mode 1,1 SCK Mode 0,0 Tsu SI MSB in THD LSB in TR TF TCSH
TCLE TCLD
SO
high impedance
FIGURE 1-4:
CS
SERIAL OUTPUT TIMING
TCSH
THI
TLO
Mode 1,1 Mode 0,0
SCK TV THO SO MSB out TDIS LSB out
SI
don't care
DS21223A-page 4
Preliminary
(c) 1997 Microchip Technology Inc.
25AA640/25LC640/25C640
2.0
2.1
PIN DESCRIPTIONS
Chip Select (CS)
2.5
Write Protect (WP)
A low level on this pin selects the device. A high level deselects the device and forces it into standby mode. However, a programming cycle which is already initiated or in progress will be completed, regardless of the CS input signal. If CS is brought high during a program cycle, the device will go in standby mode as soon as the programming cycle is complete. As soon as the device is deselected, SO goes to the high impedance state, allowing multiple parts to share the same SPI bus. A low to high transition on CS after a valid write sequence initiates an internal write cycle. After powerup, a high to low transition on CS is required prior to any sequence being initiated.
This pin is used in conjunction with the WPEN bit in the status register to prohibit writes to the non-volatile bits in the status register. When WP is low and WPEN is high, writing to the non-volatile bits in the status register is disabled. All other operations function normally. When WP is high, all functions, including writes to the non-volatile bits in the status register operate normally. If the WPEN bit is set, WP low during a status register write sequence will disable writing to the status register. If an internal write cycle has already begun, WP going low will have no effect on the write. The WP pin function is blocked when the WPEN bit in the status register is low. This allows the user to install the 25AA640/25LC640/25C640 in a system with WP pin grounded and still be able to write to the status register. The WP pin functions will be enabled when the WPEN bit is set high.
2.2
Serial Input (SI)
The SI pin is used to transfer data into the device. It receives instructions, addresses, and data. Data is latched on the rising edge of the serial clock.
2.6
Hold (HOLD)
2.3
Serial Output (SO)
The SO pin is used to transfer data out of the 25xx640. During a read cycle, data is shifted out on this pin after the falling edge of the serial clock.
2.4
Serial Clock (SCK)
The SCK is used to synchronize the communication between a master and the 25xx640. Instructions, addresses, or data present on the SI pin are latched on the rising edge of the clock input, while data on the SO pin is updated after the falling edge of the clock input.
The HOLD pin is used to suspend transmission to the 25xx640 while in the middle of a serial sequence without having to re-transmit the entire sequence over at a later time. It must be held high any time this function is not being used. Once the device is selected and a serial sequence is underway, the HOLD pin may be pulled low to pause further serial communication without resetting the serial sequence. The HOLD pin must be brought low while SCK is low, otherwise the HOLD function will not be invoked until the next SCK high to low transition. The 25xx640 must remain selected during this sequence. The SI, SCK, and SO pins are in a high impedance state during the time the part is paused and transitions on these pins will be ignored. To resume serial communication, HOLD must be brought high while the SCK pin is low, otherwise serial communication will not resume. Lowering the HOLD line at any time will tri-state the SO line.
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 5
25AA640/25LC640/25C640
3.0
3.1
FUNCTIONAL DESCRIPTION
PRINCIPLES OF OPERATION
3.3
Write Sequence
The 25xx640 is a 8192 byte Serial EEPROM designed to interface directly with the Serial Peripheral Interface (SPI) port of many of today's popular microcontroller families, including Microchip's PIC16C6X/7X microcontrollers. It may also interface with microcontrollers that do not have a built-in SPI port by using discrete I/O lines programmed properly with the software. The 25xx640 contains an 8-bit instruction register. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The CS pin must be low and the HOLD pin must be high for the entire operation. Table 3-1 contains a list of the possible instruction bytes and format for device operation. All instructions, addresses, and data are transferred MSB first, LSB last. Data is sampled on the first rising edge of SCK after CS goes low. If the clock line is shared with other peripheral devices on the SPI bus, the user can assert the HOLD input and place the 25xx640 in `HOLD' mode. After releasing the HOLD pin, operation will resume from the point when the HOLD was asserted.
Prior to any attempt to write data to the 25xx640 array or status register, the write enable latch must be set by issuing the WREN instruction (Figure 3-4). This is done by setting CS low and then clocking out the proper instruction into the 25xx640. After all eight bits of the instruction are transmitted, the CS must be brought high to set the write enable latch. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write enable latch will not have been properly set. Once the write enable latch is set, the user may proceed by setting the CS low, issuing a write instruction, followed by the address, and then the data to be written. Up to 32 bytes of data can be sent to the 25xx640 before a write cycle is necessary. The only restriction is that all of the bytes must reside in the same page. A page address begins with XXX0 0000 and ends with XXX1 1111. If the internal address counter reaches XXX1 1111 and the clock continues, the counter will roll back to the first address of the page and overwrite any data in the page that may have been written. For the data to be actually written to the array, the CS must be brought high after the least significant bit (D0) of the nth data byte has been clocked in. If CS is brought high at any other time, the write operation will not be completed. Refer to Figure 3-2 and Figure 3-3 for more detailed illustrations on the byte write sequence and the page write sequence respectively. While the write is in progress, the status register may be read to check the status of the WPEN, WIP, WEL, BP1, and BP0 bits (Figure 3-6). A read attempt of a memory array location will not be possible during a write cycle. When the write cycle is completed, the write enable latch is reset.
3.2
Read Sequence
The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the 25xx640 followed by the 16-bit address with the three MSB's of the address being don't care bits. After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached (1FFFh), the address counter rolls over to address 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by raising the CS pin (Figure 3-1).
TABLE 3-1:
READ WRITE WREN WRDI RDSR WRSR
INSTRUCTION SET
Instruction Format 0000 0011 0000 0010 0000 0110 0000 0100 0000 0101 0000 0001 Description Read data from memory array beginning at selected address Write data to memory array beginning at selected address Set the write enable latch (enable write operations) Reset the write enable latch (disable write operations) Read status register Write status register
Instruction Name
DS21223A-page 6
Preliminary
(c) 1997 Microchip Technology Inc.
25AA640/25LC640/25C640
FIGURE 3-1:
CS 0 SCK instruction SI 0 0 0 0 0 0 1 1 16 bit address 15 14 13 12 2 1 0 data out 7 6 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 21 22 23 24 25 26 27 28 29 30 31
READ SEQUENCE
high impedance SO
FIGURE 3-2:
BYTE WRITE SEQUENCE
CS
Twc
instruction SI 0 0 0 0 0 0 1 0
16 bit address 15 14 13 12 2 1 0 7 6 5
data byte 4 3 2 1 0
high impedance SO
FIGURE 3-3:
CS 0 SCK 1
PAGE WRITE SEQUENCE
2
3
4
5
6
7
8
9 10 11
21 22 23 24 25 26 27 28 29 30 31
instruction SI 0 0 0 0 0 0 1 0
16 bit address 15 14 13 12 2 1 0 7 6 5
data byte 1 4 3 2 1 0
CS 32 33 SCK data byte 2 SI 7 6 5 4 3 2 1 0 7 6 data byte 3 5 4 3 2 1 0 7 data byte n (32 max) 6 5 4 3 2 1 0 34 35 36 37 38 39 40 41 42 43 44 45 46 47
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 7
25AA640/25LC640/25C640
3.4 Write Enable (WREN) and Write Disable (WRDI)
The following is a list of conditions under which the write enable latch will be reset: * * * * Power-up WRDI instruction successfully executed WRSR instruction successfully executed WRITE instruction successfully executed
The 25xx640 contains a write enable latch. See Table 3-3 for the Write Protect Functionality Matrix. This latch must be set before any write operation will be completed internally. The WREN instruction will set the latch, and the WRDI will reset the latch.
FIGURE 3-4:
WRITE ENABLE SEQUENCE
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
1
0
high impedance SO
FIGURE 3-5:
WRITE DISABLE SEQUENCE
CS 0 SCK 1 2 3 4 5 6 7
SI
0
0
0
0
0
1
1 0
0
high impedance SO
DS21223A-page 8
Preliminary
(c) 1997 Microchip Technology Inc.
25AA640/25LC640/25C640
3.5 Read Status Register (RDSR)
The RDSR instruction provides access to the status register. The status register may be read at any time, even during a write cycle. The status register is formatted as follows: 7 WPEN 6 X 5 X 4 X 3 BP1 2 BP0 1 WEL 0 WIP divided up into four segments. The user has the ability to write protect none, one, two, or all four of the segments of the array. The partitioning is controlled as illustrated in Table 3-2. The Write Protect Enable (WPEN) bit is a non-volatile bit that is available as an enable bit for the WP pin. The Write Protect (WP) pin and the Write Protect Enable (WPEN) bit in the status register control the programmable hardware write protect feature. Hardware write protection is enabled when WP pin is low and the WPEN bit is high. Hardware write protection is disabled when either the WP pin is high or the WPEN bit is low. When the chip is hardware write protected, only writes to non-volatile bits in the status register are disabled. See Table 3-3 for a matrix of functionality on the WPEN bit. See Figure 3-7 for WRSR timing sequence
The Write-In-Process (WIP) bit indicates whether the 25xx640 is busy with a write operation. When set to a `1' a write is in progress, when set to a `0' no write is in progress. This bit is read only. The Write Enable Latch (WEL) bit indicates the status of the write enable latch. When set to a `1' the latch allows writes to the array and status register, when set to a `0' the latch prohibits writes to the array and status register. The state of this bit can always be updated via the WREN or WRDI commands regardless of the state of write protection on the status register. This bit is read only. The Block Protection (BP0 and BP1) bits indicate which blocks are currently write protected. These bits are set by the user issuing the WRSR instruction. These bits are non-volatile. See Figure 3-6 for RDSR timing sequence
TABLE 3-2:
BP1 0 0 1 1
ARRAY PROTECTION
BP0 0 1 0 1 Array Addresses Write Protected none upper 1/4 (1800h - 1FFFh) upper 1/2 (1000h - 1FFFh) all (0000h - 1FFFh)
3.6
Write Status Register(WRSR)
The WRSR instruction allows the user to select one of four levels of protection for the array by writing to the appropriate bits in the status register. The array is
FIGURE 3-6:
READ STATUS REGISTER SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 1 0 1 data from status register 65432 10 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
high impedance SO
7
FIGURE 3-7:
WRITE STATUS REGISTER SEQUENCE
CS 0 SCK instruction SI 0 0 0 0 0 0 0 1 7 6 data to status register 5 4 3 2 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
high impedance SO
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 9
25AA640/25LC640/25C640
3.7 Data Protection 3.8 Power On State
The following protection has been implemented to prevent inadvertent writes to the array: * The write enable latch is reset on power-up. * A write enable instruction must be issued to set the write enable latch. * After a byte write, page write, or status register write, the write enable latch is reset. * CS must be set high after the proper number of clock cycles to start an internal write cycle. * Access to the array during an internal write cycle is ignored and programming is continued. The 25xx640 powers on in the following state: * * * * The device is in low power standby mode (CS = 1). The write enable latch is reset. SO is in high impedance state. A high to low transition on CS is required to enter the active state.
.
TABLE 3-3:
WPEN X 0 1 X
WRITE PROTECT FUNCTIONALITY MATRIX
WP X X Low High WEL 0 1 1 1 Protected Blocks Protected Protected Protected Protected Unprotected Blocks Protected Writable Writable Writable Status Register Protected Writable Protected Writable
DS21223A-page 10
Preliminary
(c) 1997 Microchip Technology Inc.
25AA640/25LC640/25C640
25AA640/25LC640/25C640 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 25xx640 -- /P Package: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead ST = TSSOP, 8-lead Blank = 0C to +70C I = -40C to +85C E = -40C to +125C 25AA640 25AA640T 25AA640X 25AA640XT 25LC640 25LC640T 25LC640X 25LC640XT 25C640 25C640T 25C640X 25C640XT 64K bit 1.8V SPI Serial EEPROM 64K bit 1.8V SPI Serial EEPROM Tape and Reel 64K bit 1.8V SPI Serial EEPROM in alternate pinout (ST only) 64K bit 1.8V SPI Serial EEPROM in alternate pinout Tape and Reel (ST only) 64K bit 2.5V SPI Serial EEPROM 64K bit 2.5V SPI Serial EEPROM Tape and Reel 64K bit 2.5V SPI Serial EEPROM in alternate pinout (ST only) 64K bit 2.5V SPI Serial EEPROM in alternate pinout Tape and Reel (ST only) 64K bit 5.0V SPI Serial EEPROM 64K bit 5.0V SPI Serial EEPROM Tape and Reel 64K bit 5.0V SPI Serial EEPROM in alternate pinout (ST only) 64K bit 5.0V SPI Serial EEPROM in alternate pinout Tape and Reel (ST only)
Temperature Range:
Devices:
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office. 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277. 3. The Microchip's Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
(c) 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 11
M
WORLDWIDE SALES & SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602-786-7200 Fax: 602-786-7277 Technical Support: 602 786-7627 Web: http://www.microchip.com
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific RM 3801B, Tower Two Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. Unit 6, The Courtyard Meadow Bank, Furlong Road Bourne End, Buckinghamshire SL8 5AJ Tel: 44-1628-851077 Fax: 44-1628-850259
France
Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-4036 Fax: 91-80-559-9840
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Muchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-39-6899939 Fax: 39-39-6899883
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hong Qiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
Dallas
Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972-991-7177 Fax: 972-991-8588
Singapore
Microchip Technology Taiwan Singapore Branch 200 Middle Road #07-02 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
JAPAN
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa 222 Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122 8/29/97
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 714-263-1888 Fax: 714-263-1338
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886 2-717-7175 Fax: 886-2-545-0139
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 416 Hauppauge, NY 11788 Tel: 516-273-5305 Fax: 516-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
All rights reserved. (c) 1997, Microchip Technology Incorporated, USA. 9/97
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended for suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21223A-page 12
(c) 1997 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24C640-EP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X