Part Number Hot Search : 
LT0490 LB1651 A107M SK1040D1 AV03L 4N100 FAN6754 FG4000B
Product Description
Full Text Search
 

To Download 24C21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * *
2-Wire Serial Interface Schmitt Trigger, Filtered Inputs For Noise Suppression DDC1TM/ DDC2TM Interface Compliant for Monitor Identification Low Voltage Operation - 2.5 (VCC = 2.5V to 5.5V) Internally Organized 128 x 8 100 kHz (2.5V) Compatibility 8-Byte Page Write Mode Write Protection Available Self-timed Write Cycle (10 ms max) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years - ESD Protection: >3000V 8-Pin PDIP and JEDEC SOIC Packages
2-Wire Serial EEPROM
1K (128 x 8)
*
Description
The AT24C21 provides 1024 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 128 words of 8 bits each. The device is optimized for use in applications requiring data storage and serial transmission of configuration and control information. The AT24C21 features two modes of operation: Transmit-Only Mode and Bidirectional Mode. Upon power-up, the AT24C21 will be in the Transmit-Only Mode, sending a serial-bit stream of the entire memory contents, clocked via the VCLK pin. The Bidirectional Mode is selected by a valid high-to-low transition on the SCL pin and offers byte selectable read/write capability of the entire memory array. The AT24C21 is available in space saving 8-pin PDIP and 8-pin SOIC packages.
AT24C21
Pin Configurations
Pin Name NC SDA SCL VCLK Function No Connect Serial Data Serial Clock Input (Bidirectional Mode) Serial Clock Input (Transmit-Only Mode) 8-Pin PDIP 8-Pin SOIC
2-Wire, 1K Serial EEPROM
Rev. 0405E-07/98
1
Absolute Maximum Ratings*
Operating Temperature ................................. -55C to +125C Storage Temperature .................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage........................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open drain or open collector devices.
SERIAL CLOCK (VCLK): Upon power-up, the device is in the Transmit-Only mode and will transmit the entire memory contents via the SDA pin with positive signals on the VCLK pin.
Memory Organization
AT24C21, 1K SERIAL EEPROM: Internally organized with 128 pages of one byte each. The 1K requires a 7-bit data word address for random word addressing.
2
AT24C21
AT24C21
DC Characteristics
Applicable over recommended operating range from: TAI = -40C to +85C, TAC = 0C to +70C, VCC = +2.5V to +5.5V (unless otherwise noted).
Symbol VCC ICC ICC ISB ILI ILO VIL Parameter Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current .......VCC = 2.5V .......VCC = 5.0V Input Leakage Current Output Leakage Current Input Low Level(1) SCL, SDA Pin Input Low Level VCLK Pin Input High Level(1) SCL, SDA Pin Input High Level VCLK Pin Output Low Level VCC = 3.0V IOL = 2.1 mA READ at 100 KHz WRITE at 100 KHz VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VOUT = VCC or VSS -0.6 VCC 2.7V VCC < 2.7V VCC x 0.7 2.0 Test Condition Min 2.5 0.4 2.0 3.0 12.0 0.10 0.05 Typ Max 5.5 1.0 3.0 4.0 30.0 1.0 1.0 VCC x 0.3 0.8 0.2 x VCC VCC + 0.5 0.40 Units V mA mA A A A A V V V V V V
VIH VOL Note:
1. VIL min and VIH max are for reference only and not tested.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +1.8V.
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL, VCLK) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
Transmit-Only Mode
Symbol Parameter Min TVAA TVHIGH TVLOW TVHZ TVPU Output valid from VCLK VCLK high-time VCLK low-time Mode transition time Transmit-Only power-up time 0 4.0 4.7 500 2.5-volt Max 500 ns s s ns ns Units
3
AC Characteristics
Applicable over recommended operating range from TA = -40C to +85C, VCC = +2.5V to +5.5V C L = 1 TTL Gate and 100 pF (unless otherwise noted).
2.5-volt Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(1) Note: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time (SDA and SCL pins)
(1)
Min 0 4.7 4.0
Max 100
Units KHz s s
NA 0.1 4.7 4.0 4.7 0 250 1.0 300 4.0 100 10 1M 3.5
ns s s s s s ns s ns s ns ms Write Cycles
Clock Low to Data Out Valid Time the bus must be free before a new transmission can start Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time
(1)
Inputs Fall Time(1) Stop Set-up Time Data Out Hold Time Write Cycle Time 5.0V, 25C, Page Mode
1. This parameter is characterized and is not 100% tested.
4
AT24C21
AT24C21
Functional Description
The AT24C21 has two modes of operation: the TransmitOnly Mode and the Bidirectional Mode. There is a separate 2-wire protocol to support each mode, each having a separate clock input (SCL and VCLK) and both modes sharing a common Bidirectional data line (SDA). The AT24C21 enters the Transmit-Only Mode upon powering up the device. In this mode, the device transmits data on the SDA pin upon a clock signal on the VCLK pin. The device will remain in the Transmit-Only Mode until a valid high-to-low transition takes place on the SCL pin. The device will switch into the Bidirectional Mode when a valid transition on the SCL pin is recognized. Once the device has transitioned to the Bidirectional Mode, there is no way to return to the Transmit-Only Mode, except to power down (reset) the device. word is followed by a 9th "don't care" bit which will be in high impedance state (refer to Figure 1). The AT24C21 will continuously cycle through the entire memory array in incremental sequence as long a VCLK is present and no falling edges on SCL are received. When the maximum address (7FH) is reached, the output will wrap around to the zero location (00H) and continue. The Bidirectional mode clock (SCL) pin must be held high for the device to remain in the Transmit-Only mode. Upon power-up, the AT24C21 will not output valid data until it has been initialized. During initialization, data will not be available until after the first nine clocks are sent to the device (refer to Figure 2). The starting address for the Transmit-Only mode can be determined during initialization. If the SDA pin is held high during the first eight clocks (refer to Figure 2), the starting address will be 7FH. If the SDA pin is low during the first eight clocks, the starting address will be 00H. During the ninth clock, SDA should be in high impedance.
Transmit-Only Mode (DDC1)
The AT24C21 will power up in the Transmit-Only Mode. In this mode, the device will output one bit of data on the SDA pin on each rising edge on the VCLK pin. Data is transmitted in 8 bit words with the most significant bit first. Each Figure 1. Transmit-Only Mode
Figure 2. Device Initialization for Transmit-Only Mode
5
Bidirectional Mode (DDC2)
This mode supports a 2-wire, Bidirectional data transmission protocol. The AT24C21 can be switched into the Bidirectional Mode by issuing a valid high to low transition on the SCL pin (refer to Figure 3). After the device is in the Bidirectional Mode, all inputs to the VCLK pin are ignored, except when a logic high is required to enable write capability. All byte and page writes and byte and sequential reads are supported in this mode.
received each word. This happens during the ninth clock cycle.
Device Addressing
The AT24C21 requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 4). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all the EEPROM devices. The next three bits are don't care for the AT24C21. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the chip will return to a standby state. STANDBY MODE: The AT24C21 features a low power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the completion of any internal operations. MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: (a) Clock up to 9 cycles, (b) look for SDA high in each cycle while SCL is high and then (c) create a start condition as SDA is high.
Bidirectional Mode Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Data Validity timing diagram). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Start and Stop Definition timing diagram). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read or write sequence, the stop command will place the EEPROM in a standby power mode (refer to Start and Stop Definition timing diagram). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has Figure 3. Mode Transition
6
AT24C21
AT24C21
Bus Timing SCL: Serial Clock, SDA: Serial Data I/O
Write Cycle Timing SCL: Serial Clock, SDA: Serial Data I/O
SCL
SDA
8th BIT WORD n
ACK tWR STOP CONDITION
(1)
START CONDITION
Note:
1.
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
7
Data Validity
Start and Stop Definition
Output Acknowledge
8
AT24C21
AT24C21
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word addresses following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle , tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 5). It is required that VCLK be held at a high logic level in order to program the device. This applies to byte write and page write operation. Note that VCLK can go low while the device is in its self-timed program operation and not affect programming. PAGE WRITE: The AT24C21 is capable of an 8-byte page write. A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to seven more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 6). The data word address lower three bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than eight data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. It is required that VCLK be held at a high logic level in order to program the device. This applies to byte write and page write operation. Note that VCLK can go low while the device is in its self-timed program operation and not affect programming. ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero allowing the read or write sequence to continue. WRITE PROTECTION: When VCLK pin is connected to GND and in the Bidirectional Mode, the entire memory is protected and becomes ROM only. This protects the device memory from any inadvertent write operations. NOISE PROTECTION: Special internal circuitry placed on the SDA and SCL pins prevent small noise spikes from activating the device. Furthermore, the AT24C21 employs a low VCC detector circuit which disables the erase\write logic whenever VCC falls below 1.5 volts.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte of the first page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (refer to Figure 7). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 8). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 9).
9
Figure 4. Device Address
Figure 5. Byte Write
Figure 6. Page Write
(*=Don't care bits) Figure 7. Current Address Read
Figure 8. Random Read
10
AT24C21
AT24C21
Figure 9. Sequential Read
(*=Don't care bits)
11
Ordering Information
tWR (max) (ms) 10 ICC (max) (A) 3000 3000 ISB (max) (A) 4 4 fMAX (KHz) 100 100 Ordering Code AT24C21-10PC-2.5 AT24C21-10SC-2.5 AT24C21-10PI-2.5 AT24C21-10SI-2.5 Package 8P3 8S1 8P3 8S1 Operation Range Commercial (0C to 70C) Industrial (-40C to 85C)
Package Type 8P3 8S1 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Options -2.5 Low-Voltage (2.5V to 5.5V)
12
AT24C21
AT24C21
Packaging Information
8P3, 8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
.400 (10.16) .355 (9.02) PIN 1 .280 (7.11) .240 (6.10) .037 (.940) .027 (.690)
8S1, 8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Dimension in Inches and (Millimeters)
.020 (.508) .013 (.330)
PIN 1
.157 (3.99) .150 (3.81)
.244 (6.20) .228 (5.79)
.300 (7.62) REF
.050 (1.27) BSC
.210 (5.33) MAX SEATING PLANE .150 (3.81) .115 (2.92) .070 (1.78) .045 (1.14)
.100 (2.54) BSC
.196 (4.98) .189 (4.80)
.015 (.380) MIN .022 (.559) .014 (.356)
.068 (1.73) .053 (1.35)
.010 (.254) .004 (.102)
.325 (8.26) .300 (7.62)
.012 (.305) .008 (.203)
0 REF 15 .430 (10.9) MAX
0 REF 8 .050 (1.27) .016 (.406)
.010 (.254) .007 (.203)
13


▲Up To Search▲   

 
Price & Availability of 24C21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X