Part Number Hot Search : 
80ZFP ST9146N BUZ905 6L01I C1704 00C11 MBRS1650 60UFD
Product Description
Full Text Search
 

To Download X9241AYP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATION NOTE AVAILABLE
AN20 * AN42-48 * AN50-53 * AN73 * AN99 * AN115 * AN120 * AN124 * AN133 * AN134 * AN135
Low Power/2-Wire Serial Bus
X9241A
Quad Digitally Controlled Potentiometer (XDCPTM)
FEATURES * Four potentiometers in one package * 2-wire serial interface * Register oriented format --Direct read/write/transfer of wiper positions --Store as many as four positions per potentiometer * Terminal Voltages: +5V, -3.0V * Cascade resistor arrays * Low power CMOS * High Reliability --Endurance-100,000 data changes per bit per register --Register data retention-100 years * 16-bytes of nonvolatile memory * 3 resistor array values --2K to 50K mask programmable --Cascadable for values of 500 to 200K * Resolution: 64 taps each pot * 20-lead plastic DIP, 20-lead TSSOP and 20-lead SOIC packages DESCRIPTION The X9241A integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated microcircuit. The digitally controlled potentiometer is implemented using 63 resistive elements in a series array. Between each element are tap points connected to the wiper terminal through switches. The position of the wiper on the array is controlled by the user through the 2-wire bus interface. Each potentiometer has associated with it a volatile Wiper Counter Register (WCR) and 4 nonvolatile Data Registers (DR0:DR3) that can be directly written to and read by the user. The contents of the WCR controls the position of the wiper on the resistor array through the switches. Power up recalls the contents of DR0 to the WCR. The XDCP can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing.
BLOCK DIAGRAM
VCC VSS R0 R1 Wiper Counter Register (WCR) VH0/RH0 R0 R1 Wiper Counter Register (WCR) Register Array Pot 2 VH2/ RH2 VL2/RL2 VW2/RW2
R2 R3 SCL SDA A0 A1 A2 A3
VL0/RL0 VW0/RW0
R2 R3
Interface and Control Circuitry Data
8
R0 R1 Wiper Counter Register (WCR) Register Array Pot 1
VH1/RH1
R0 R1 Wiper Counter Register (WCR) Register Array Pot 3
VH3/RH3
R2 R3
VL1/RL1 VW1/RW1
R2 R3
VL3/RL3 VW3/RW3
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
1 of 18
X9241A
PIN DESCRIPTIONS Host Interface Pins Serial Clock (SCL) The SCL input is used to clock data into and out of the X9241A. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. For selecting typical values, refer to the guidelines for calculating typical values on the bus pull-up resistors graph. Address The Address inputs are used to set the least significant 4 bits of the 8-bit slave address. A match in the slave address serial data stream must be made with the Address input in order to initiate communication with the X9241A. Potentiometer Pins VH/RH(VH0/RH0--VH3/RH3), VL/RL (VL0/RL0--VL3/RL3) The RH and RL inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. VW/RW (VW0/RW0--VW3/RW3) The wiper outputs are equivalent to the wiper output of a mechanical potentiometer.
VW0/RW0 VL0/RL0 VH0/RH0 A0 A2 VW1/RW1 VL1/RL1 VH1/RH1 SDA VSS
PIN CONFIGURATION
DIP/SOIC/TSSOP 1 2 3 4 5 6 7 8 9 10 X9241A 20 19 18 17 16 15 14 13 12 11 VCC VW3/RW3 VL3/RL3 VH3/RH3 A1 A3 SCL VW2/RW2 VL2/RL2 VH2/RH2
PIN NAMES Symbol
SCL SDA A0-A3 VH0/RH0-VH3/RH3, VL0/RL0-VL3/RL3 VW0/RW0-VW3/RW3
Description
Serial Clock Serial Data Address Potentiometer Pins (terminal equivalent) Potentiometer Pins (wiper equivalent)
PRINCIPLES OF OPERATION The X9241A is a highly integrated microcircuit incorporating four resistor arrays, their associated registers and counters and the serial interface logic providing direct communication between the host and the XDCP potentiometers.
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
2 of 18
X9241A
Serial Interface The X9241A supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the X9241A will be considered a slave device in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW periods (tLOW). SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Start Condition All commands to the X9241A are preceded by the start condition, which is a HIGH to LOW transition of SDA while SCL is HIGH (tHIGH). The X9241A continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition is met. Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA while SCL is HIGH. Acknowledge Acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. The transmitting device, either the master or the slave, will release the SDA bus after transmitting eight bits. The master generates a ninth clock cycle and during this period the receiver pulls the SDA line LOW to acknowledge that it successfully received the eight bits of data. See Figure 7. The X9241A will respond with an acknowledge after recognition of a start condition and its slave address and once again after successful receipt of the command byte. If the command is followed by a data byte the X9241A will respond with a final acknowledge. Array Description The X9241A is comprised of four resistor arrays. Each array contains 63 discrete resistive segments that are connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (VH/RH and VL/RL inputs). At both ends of each array and between each resistor segment is a FET switch connected to the wiper (VW/ RW) output. Within each individual array only one switch may be turned on at a time. These switches are controlled by the Wiper Counter Register (WCR). The six least significant bits of the WCR are decoded to select, and enable, one of sixty-four switches. The WCR may be written directly, or it can be changed by transferring the contents of one of four associated Data Registers into the WCR. These Data Registers and the WCR can be read and written by the host system. Device Addressing Following a start condition the master must output the address of the slave it is accessing. The most significant four bits of the slave address are the device type identifier (refer to Figure 1 below). For the X9241A this is fixed as 0101[B]. Figure 1. Slave Address
Device Type Identifier 0 1 0 1 A3 A2 A1 A0
Device Address
The next four bits of the slave address are the device address. The physical device address is defined by the state of the A0-A3 inputs. The X9241A compares the serial data stream with the address input state; a successful compare of all four address bits is required for the X9241A to respond with an acknowledge.
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
3 of 18
X9241A
Acknowledge Polling The disabling of the inputs, during the internal nonvolatile write operation, can be used to take advantage of the typical 5ms EEPROM write cycle time. Once the stop condition is issued to indicate the end of the nonvolatile write command the X9241A initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the device slave address. If the X9241A is still busy with the write operation no ACK will be returned. If the X9241A has completed the write operation an ACK will be returned and the master can then proceed with the next operation. Flow 1. ACK Polling Sequence
Instructions Nonvolatile Write Command Completed Enter ACK Polling Register Select
Instruction Structure The next byte sent to the X9241A contains the instruction and register pointer information. The four most significant bits are the instruction. The next four bits point to one of four pots and when applicable they point to one of four associated registers. The format is shown below in Figure 2. Figure 2. Instruction Byte Format
Potentiometer Select I3 I2 I1 I0 P1 P0 R1 R0
Issue START
The four high order bits define the instruction. The next two bits (P1 and P0) select which one of the four potentiometers is to be affected by the instruction. The last two bits (R1 and R0) select one of the four registers that is to be acted upon when a register oriented instruction is issued.
Issue STOP
Issue Slave Address
ACK Returned? Yes
No
FurTher OperaTion? Yes Issue Instruction
No
Issue STOP
Four of the nine instructions end with the transmission of the instruction byte. The basic sequence is illustrated in Figure 3. These two-byte instructions exchange data between the WCR and one of the data registers. A transfer from a Data Register to a WCR is essentially a write to a static RAM. The response of the wiper to this action will be delayed tSTPWV. A transfer from WCR current wiper position, to a Data Register is a write to nonvolatile memory and takes a minimum of tWR to complete. The transfer can occur between one of the four potentiometers and one of its associated registers; or it may occur globally, wherein the transfer occurs between all four of the potentiometers and one of their associated registers. Four instructions require a three-byte sequence to complete. These instructions transfer data between the host and the X9241A; either between the host and one of the Data Registers or directly between the host and the WCR. These instructions are: Read WCR, read the current wiper position of the selected pot; Write WCR, change current wiper position of the selected pot; Read Data Register, read the contents of the selected nonvolatile register; Write Data Register, write a new value to the selected Data Register. The sequence of operations is shown in Figure 4.
Proceed
Proceed
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
4 of 18
X9241A
The Increment/Decrement command is different from the other commands. Once the command is issued and the X9241A has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a fine tuning capability to the host. For each SCL clock pulse (tHIGH) while SDA is HIGH, the selected wiper will move one Figure 3. Two-Byte Instruction Sequence
SCL
resistor segment towards the VH/RH terminal. Similarly, for each SCL clock pulse while SDA is LOW, the selected wiper will move one resistor segment towards the VL/RL terminal. A detailed illustration of the sequence and timing for this operation are shown in Figures 5 and 6 respectively.
SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0 P1 P0 R1 R0 A C K S T O P
Figure 4. Three-Byte Instruction Sequence
SCL
SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0 P1 P0 R1 R0 A CM DW D5 D4 D3 D2 D1 D0 A C C K K S T O P
Figure 5. Increment/Decrement Instruction Sequence
SCL
SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0
X
X
P1 P0 R1 R0
A C K
I N C 1
I N C 2
I N C n
D E C 1
D E C n
S T O P
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
5 of 18
X9241A
Figure 6. Increment/Decrement Timing Limits
INC/DEC CMD ISSUED SCL
tCLWV
SDA
Voltage Out VW/RW
Table 1. Instruction Set Instruction Format Instruction
Read WCR Write WCR Read Data Register Write Data Register XFR Data Register to WCR XFR WCR to Data Register Global XFR Data Register to WCR Global XFR WCR to Data Register Increment/ Decrement Wiper
I3
1 1 1 1 1
I2
0 0 0 1 1
I1
0 1 1 0 0
I0
1 0 1 0 1
P1
1/0(10) 1/0 1/0 1/0 1/0
P0
1/0 1/0 1/0 1/0 1/0
R1
X(11) X 1/0 1/0 1/0
R0
X X 1/0 1/0 1/0
Operation
Read the contents of the Wiper Counter Register pointed to by P1-P0 Write new value to the Wiper Counter Register pointed to by P1-P0 Read the contents of the Register pointed to by P1-P0 and R1-R0 Write new value to the Register pointed to by P1-P0 and R1-R0 Transfer the contents of the Register pointed to by P1-P0 and R1-R0 to its associated WCR Transfer the contents of the WCR pointed to by P1-P0 to the Register pointed to by R1-R0 Transfer the contents of the Data Registers pointed to by R1-R0 of all four pots to their respective WCR Transfer the contents of all WCRs to their respective data Registers pointed to by R1-R0 of all four pots Enable Increment/decrement of the WCR pointed to by P1-P0
1
1
1
0
1/0
1/0
1/0
1/0
0
0
0
1
X
X
1/0
1/0
1
0
0
0
X
X
1/0
1/0
0
0
1
0
1/0
1/0
X
X
Notes: (10) 1/0 = data is one or zero (11) X = Not applicable or don't care; that is, a data register is not involved in the operation and need not be addressed (typical)
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
6 of 18
X9241A
Figure 7. Acknowledge Response from Receiver
SCL from Master
1
8
9
Data Output from Transmitter
Data Output from Receiver
START
Acknowledge
DETAILED OPERATION All four XDCP potentiometers share the serial interface and share a common architecture. Each potentiometer is comprised of a resistor array, a Wiper Counter Register and four Data Registers. A detailed discussion of the register organization and array operation follows. Wiper Counter Register The X9241A contains four volatile Wiper Counter Registers (WCR), one for each XDCP potentiometer. The WCR can be envisioned as a 6-bit parallel and serial load counter with its outputs decoded to select one of sixty-four switches along its resistor array. The contents of the WCR can be altered in four ways: it may be written directly by the host via the Write WCR instruction (serial load); it may be written indirectly by transferring the contents of one of four associated Data Registers via the XFR Data Register instruction (parallel load); it can be modified one step at a time by the increment/decrement instruction; finally, it is loaded with the contents of its Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are lost when the X9241A is powered-down. Although the register is automatically loaded with the value in DR0 upon power-up, it should be noted this may be different from the value present at power-down. Data Registers Each potentiometer has four nonvolatile Data Registers. These can be read or written directly by the host and data can be transferred between any of the four Data Registers and the WCR. It should be noted all operations changing data in one of these registers is a nonvolatile operation and will take a maximum of 10ms. If the application does not require storage of multiple settings for the potentiometer, these registers can be used as regular memory locations that could possibly store system parameters or user preference data.
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
7 of 18
X9241A
Figure 8. Detailed Potentiometer Block Diagram
Serial Data Path From Interface Circuitry Register 0 8 Register 1 6
Serial Bus Input
VH/RH
Parallel Bus Input Wiper Counter Register
Register 2
Register 3
C o u n t e r
2 If WCR = 00[H] then VW/RW = VL/RL If WCR = 3F[H] then VW/RW = VH/RH UP/DN Modified SCL
INC/DEC Logic UP/DN CLK
D e c o d e VL/RL
DW Cascade Control Logic CM VW/RW
Cascade Mode The X9241A provides a mechanism for cascading the arrays. That is, the sixty-three resistor elements of one array may be cascaded (linked) with the resistor elements of an adjacent array. The VL/RL of the higher order array must be connected to the VH/RH of the lower order array (See Figure 9). Cascade Control Bits The data byte, for the three-byte commands, contains 6 bits (LSBs) for defining the wiper position plus two high order bits, CM (Cascade Mode) and DW (Disable Wiper, normal operation). The state of the CM bit (bit 7 of WCR) enables or disables cascade mode. When the CM bit of the WCR is set to "0" the potentiometer is in the normal operation mode. When the CM bit of the WCR is set to "1" the potentiometer is cascaded with its adjacent higher order potentiometer. For example; if bit 7 of WCR2 is set to "1", pot 2 will be cascaded to pot 3.
REV 1.1.13 12/09/02
The state of DW enables or disables the wiper. When the DW bit of the WCR is set to "0" the wiper is enabled; when set to "1" the wiper is disabled. If the wiper is disabled, the wiper terminal will be electrically isolated and float. When operating in cascade mode VH/RH, VL/RL and the wiper terminals of the cascaded arrays must be electrically connected externally. All but one of the wipers must be disabled. The user can alter the wiper position by writing directly to the WCR or indirectly by transferring the contents of the Data Registers to the WCR or by using the Increment/Decrement command. When using the Increment/Decrement command the wiper position will automatically transition between arrays. The current position of the wiper can be determined by reading the WCR registers; if the DW bit is "0", the wiper in that array is active. If the current wiper position is to be maintained on power-down a global XFR WCR to Data Register command must be issued to store the position in NV memory before power-down.
Characteristics subject to change without notice.
www.xicor.com
8 of 18
X9241A
Figure 9. Cascading Arrays
Pot 0 WCR0 VL0/RL0 VH0/RH0 VW0/RW0 Pot 1 WCR1 VL1/RL1 VH1/RH1 VW1/RW1 Pot 2 WCR2 VL2/RL2 VH2/RH2 VW2/RW2 Pot 3 WCR3 = External Connection VL3/RL3 VH3/RH3 VW3/RW3
It is possible to connect three or all four potentiometers in cascade mode. It is also possible to connect POT 3 to POT 0 as a cascade. The requirements for external connections of VL/RL, VH/RH and the wipers are the same in these cases.
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
9 of 18
X9241A
ABSOLUTE MAXIMUM RATINGS Temperature under bias ........................-65 to +135C Storage temperature .............................-65 to +150C Voltage on SCK, SCL or any address input with respect to VSS .........................-1V to +7V Voltage on any VH/RH, VW/RW or VL/RL referenced to VSS ....................................... +6V/-4V V = |VH/RH-VL/RL| .............................................. 10V Lead temperature (soldering, 10 seconds)........ 300C IW (10 seconds).................................................. 6mA RECOMMENDED OPERATING CONDITIONS Product
X9241A
COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those indicated in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Temperature Range
Commercial Industrial
Min.
0C -40C
Max.
+70C +85C
Supply Voltage
5V 10% 5V 10%
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Limits Symbol
RTOTAL IW RW VTERM Power rating Wiper current Wiper resistance Voltage on any VH/RH, VW/RW or VL/RL Pin Noise Resolution(4) Absolute linearity
(1)
Parameter
End to end resistance
Min.
-20
Typ.
Max.
+20 50
Unit
% mW mA V dBV
Test Condition
25C, each pot See Note 7, 8 Wiper Current = 1mA See Note 7
40 -3.0 120 1.6
130 +5
Ref: 1KHz See Note 5 See Note 5 Rw(n)(actual)-Rw(n)(expected) Rw(n + 1)-[Rw(n) + MI] See Note 5 See Note 5 See Circuit #3 and Note 5 VIN = VTERM. Device is in stand-by mode.
0.4 1 0.2
% MI(3) MI(3) ppm/C ppm/C pF A
Relative linearity(2) Temperature Coefficient of RTOTAL Ratiometric temperature coefficient CH/CL/CW Potentiometer capacitances lAL RH, RI, RW leakage current 15/15/25 0.1 300
20 1
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
10 of 18
X9241A
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Symbol
lCC ISB ILI ILO VIH VIL VOL
Parameter
Supply current (active) VCC current (standby) Input leakage current Output leakage current Input HIGH voltage Input LOW voltage Output LOW voltage
Min.
Limits Typ.
Max.
3
Unit
mA A A A V V V
Test Condition
fSCL = 100kHz, SDA = Open, Other Inputs = VSS SCL = SDA = VCC, Addr. = VSS VIN = VSS to VCC VOUT = VSS to VCC
200
2 -1
500 10 10 VCC + 1 0.8 0.4
IOL = 3mA
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer. (2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a measure of the error in step size. (3) MI = RTOT/63 or (RH-RL)/63, single pot (4) Max. = all four arrays cascaded together, Typical = individual array resolutions.
ENDURANCE AND DATA RETENTION Parameter
Minimum endurance Data retention
Min.
100,000 100
Unit
Data changes per bit per register Years
CAPACITANCE Symbol
CI/O CIN
(5) (5)
Parameter
Input/output capacitance (SDA) Input capacitance (A0, A1, A2, A3 and SCL)
Max.
19 12
Unit
pF pF
Test Condition
VI/O = 0V VIN = 0V
POWER-UP TIMING Symbol
tPUR
(6) (6)
Parameter
Power-up to initiation of read operation Power-up to initiation of write operation VCC Power up ramp rate
Min.
Typ.
Max.
1 5
Unit
ms ms V/msec
tPUW
tRVCC
0.2
50
POWER-UP REQUIREMENTS (Power Up sequencing can affect correct recall of the wiper registers) The preferred power-on sequence is as follows: First Vcc, then the potentiometer pins. It is suggested that Vcc reach 90% of its final value before power is applied to the potentiometer pins. The Vcc ramp rate specification should be met, and any glitches or slope changes in the Vcc line should be held to <100mV if possible. Also, Vcc should not reverse polarity by more than 0.5V.
Notes: (5) This parameter is guaranteed by characterization or sample testing. (6) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are guaranteed by design. (7) This parameter is guaranteed by design. (8) Maximum Wiper Current is derated over temperature. See the Wiper Current Derating Curve. (9) Ti value denotes the maximum noise glitch pulse width that the device will ignore on either SCL or SDA pins. Any noise glitch pulse width that is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure to the device. REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
11 of 18
X9241A
A.C. CONDITIONS OF TEST
Input pulse levels Input rise and fall times Input and output timing levels VCC x 0.1 to VCC x 0.9 10ns VCC x 0.5
Resistance (K)
Guidelines for Calculating Typical Values of Bus Pull-Up Resistors
120 100 80 60 40 20 0 0 20 40 60 80 100 120 Bus Capacitance (pF) Min. Resistance V RMIN = CC MAX =1.8K IOL MIN t RMAX = R CBUS Max. Resistance
SYMBOL TABLE
WAVEFORM
INPUTS Must be steady May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed N/A
OUTPUTS Will be steady Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
DCP Wiper Current De-rating Curve
Maximum DCP Wiper Current 7 6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 Ambient Temperature (C) 80 90
Equivalent A.C. Test Circuit
5V 1533 SDA Output 100pF
Circuit #3 SPICE Macro Model
Macro Model RH RTOTAL RL CH CW 10pF 25pF RW CL 10pF
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
12 of 18
X9241A
A.C. CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Limits Symbol
fSCL(5) tLOW tR tF Ti
(5) (5)
Parameter
SCL clock frequency Clock LOW period Clock HIGH period SCL and SDA rise time SCL and SDA fall time Noise suppression time constant (glitch filter) Start condition setup time (for a repeated start condition) Start condition hold time Data in setup time Data in hold time SCL LOW to SDA data out valid Data out hold time
Min.
0 4700 4000
Max.
100
Unit
kHz ns ns
Reference Figure
10 10 10 10 10 10 10 & 12 10 & 12 10 10 11 11 10 & 12 10 13 13 6
tHIGH
(5)
1000 300 20 4700 4000 250 0 3500 50 4700 4700 10 500 1000 0.2 50
ns ns ns ns ns ns ns ns ns ns ns ms s s mV/s
(5)
(5)(9) (5)
tSU:STA
tHD:STA(5) tSU:DAT(5) tHD:DAT tAA
(5) (5) (5) (5)
tDH
tSU:STO tBUF tWR
(5)
Stop condition setup time Bus free time prior to new transmission Write cycle time (nonvolatile write operation) Wiper response time from stop generation Wiper response from SCL LOW VCC power-up rate
(5)
tSTPWV(5) tCLWV(5) tR VCC
Figure 10. Input Bus Timing
tHIGH SCL tSU:STA SDA (Data in) tBUF tHD:STA tHD:DAT tSU:DAT tSU:STO tLOW tF tR
Figure 11. Output Bus Timing
SCL tAA SDA SDAOUT (ACK) tDH SDAOUT SDAOUT
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
13 of 18
X9241A
Figure 12. Start Stop Timing
Start Condition SCL tSU:STA SDA (Data in) tHD:STA tSU:STO Stop Condition
Figure 13. Write Cycle and Wiper Response Timing
SCL
Clock 8
Clock 9
STOP tWR tSTPWV
START
SDA
SDAIN
ACK
Wiper Output
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
14 of 18
X9241A
PACKAGING INFORMATION 20-Lead Plastic Dual In-Line Package Type P
1.060 (26.92) 0.980 (24.89)
0.280 (7.11) 0.240 (6.096) Pin 1 Index Pin 1 0.900 (23.66) Ref. -- 0.005 (0.127)
Seating Plane (3.81) 0.150 (2.92) 0.1150
0.195 (4.95) 0.115 (2.92) -- 0.015 (0.38)
0.10 (BSC) (2.54)
0.070 (1.778) 0.045 (1.143)
0.022 (0.559) 0.014 (0.356)
0.300 (7.62) (BSC)
0.014 (0.356) 0.008 (0.2032)
0 15
NOTE: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
15 of 18
X9241A
PACKAGING INFORMATION 20-Lead Plastic Small Outline Gull Wing Package Type S
0.290 (7.37) 0.393 (10.00) 0.299 (7.60) 0.420 (10.65) Pin 1 Index Pin 1
0.014 (0.35) 0.020 (0.50) 0.496 (12.60) 0.508 (12.90) (4X) 7
0.092 (2.35) 0.105 (2.65) 0.003 (0.10) 0.012 (0.30) 0.050"Typical
0.050 (1.27)
0.010 (0.25) X 45 0.020 (0.50) 0.420" 0.007 (0.18) 0.011 (0.28) 0.015 (0.40) 0.050 (1.27) 0.030" Typical 20 Places
0.050" Typical
0-8
FOOTPRINT
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
16 of 18
X9241A
PACKAGING INFORMATION 20-Lead Plastic, TSSOP, Package Type V
.025 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.260 (6.6) .252 (6.4)
.047 (1.20) .0075 (.19) .0118 (.30) .002 (.05) .006 (.15)
.010 (.25) Gage Plane 0 - 8 .019 (.50) .029 (.75) Detail A (20X) Seating Plane
.031 (.80) .041 (1.05) See Detail "A"
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
17 of 18
X9241A
Ordering Information X9241A Device Y P T V V CC Limits Blank = 5V 10% Temperature Range Blank = Commercial = 0 to +70C I = Industrial = -40 to +85C Package P = 20-Lead Plastic DIP S = 20-Lead SOIC V = 20-Lead TSSOP Potentiometer Organization Pot 0 Pot 1 Pot 2 Pot 3 Y = 2K 2K 2K 2K W = 10K 10K 10K 10K U = 50K 50K 50K 50K M = 2K 10K 10K 50K
LIMITED WARRANTY
(c)Xicor, Inc. 2000 Patents Pending
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied. TRADEMARK DISCLAIMER: Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, and XDCP are also trademarks of Xicor, Inc. All others belong to their respective owners. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691; 5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
REV 1.1.13 12/09/02
www.xicor.com
Characteristics subject to change without notice.
18 of 18


▲Up To Search▲   

 
Price & Availability of X9241AYP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X