Part Number Hot Search : 
Q30RV11 221M35 VIS102B 11238 ALVCH MK325 P2N50 2SA101
Product Description
Full Text Search
 

To Download UPD703037A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUITS
PD703037A, 703037AY, 70F3037A, 70F3037AY
V850/SB2 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
TM
The PD703037A, 703037AY, 70F3037A, and 70F3037AY (V850/SB2) are 32-/16-bit single-chip microcontrollers of the V850 FamilyTM for AV equipment. 32-bit CPU, ROM, RAM, timer/counters, serial interfaces, A/D converter, DMA controller, and so on are integrated on a single chip. The PD70F3037A and 70F3037AY have flash memory in place of the internal mask ROM of the PD703037A and 703037AY. Because flash memory allows the program to be written and erased electrically with the device mounted on the board, these products are ideal for the evaluation stages of system development, small-scale production, and rapid development of new products. The PD703034A, 703034AY, 703035A, 703035AY, 70F3035A, and 70F3035AY with different ROM/RAM capacity are also available. Detailed function descriptions are provided in the following user's manuals. Be sure to read them before designing. TM V850/SB1 , V850/SB2 User's Manual Hardware: U13850E V850 Family User's Manual Architecture: U10243E
FEATURES
{ Number of instructions: 74 { Minimum instruction execution time: 76.9 ns (@ internal 13 MHz operation) { General-purpose registers: 32 bits x 32 registers { Instruction set: Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions, load/store instructions { Memory space: 16 MB linear address space { Internal memory ROM: 512 KB (PD703037A, 703037AY: mask ROM) 512 KB (PD70F3037A, 70F3037AY: flash memory) RAM: 24 KB (PD703037A, 703037AY, 70F3037A, 70F3037AY) { Interrupt/exception: PD703037A, 70F3037A, (external: 8, internal: 33 sources, exception: 1 source)
PD703037AY, 70F3037AY (external: 8, internal: 34 sources, exception: 1 source)
{ I/O lines Total: 83 { Timer/counters: 16-bit timer (2 channels: TM0, TM1) 8-bit timer (6 channels: TM2 to TM7) { Watch timer: 1 channel { Watchdog timer: 1 channel { IEBus controller: 1 channel
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. U14894EJ1V0DS00 (1st edition) Date Published August 2000 J CP(K) Printed in Japan
(c)
2000
PD703037A, 703037AY, 70F3037A, 70F3037AY
{ Serial interface * Asynchronous serial interface (UART0, UART1) * Clocked serial interface (CSI0 to CSI3) * 3-wire variable length serial interface (CSI4) 2 2 2 * I C bus interface (I C0, I C1) (PD703037AY, 70F3037AY only) { 10-bit resolution A/D converter: 12 channels { DMA controller: 6 channels { Real-time output port: 8 bits x 1 channel or 4 bits x 2 channels { ROM correction: 4 places can be corrected { Power-saving function: HALT/IDLE/STOP modes { Packages: 100-pin plastic QFP (14 x 20) { PD70F3037A, 70F3037AY * Can be replaced with PD703037A and 703037AY (internal mask ROM) in mass production
APPLICATIONS
{ AV equipment (audio, car audio, VCR, TV, etc.)
ORDERING INFORMATION
Part Number Package 100-pin plastic QFP (14 x 20) 100-pin plastic QFP (14 x 20) 100-pin plastic QFP (14 x 20) 100-pin plastic QFP (14 x 20) Internal ROM Mask ROM (512 KB) Mask ROM (512 KB) Flash memory (512 KB) Flash memory (512 KB)
PD703037AGF-xxx xxx-3BA xxx PD703037AYGF-xxx xxx-3BA xxx Note PD70F3037AGF-3BA PD70F3037AYGF-3BA
Note
Note Under development Remarks 1. xxx indicates ROM code suffix. 2. ROMless versions are not provided.
2
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
PIN CONFIGURATION (Top View)
100-pin plastic QFP (14 x 20) * PD703037AGF-xxx-3BA * PD703037AYGF-xxx-3BA * PD70F3037AGF-3BA * PD70F3037AYGF-3BA
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
P14/SO1/TXD0 P15/SCK1/ASCK0 P20/SI2/SDA1Note 2 P21/SO2 P22/SCK2/SCL1Note 2 P23/RXD1/SI3 P24/TXD1/SO3 P25/ASCK1/SCK3 EVDD EVSS P26/TI2/TO2 P27/TI3/TO3 P30/TI00 P31/TI01 P32/TI10/SI4 P33/TI11/SO4 P34/TO0/A13/SCK4 P35/TO1/A14 P36/TI4/TO4/A15 P37/TI5/TO5 IC/VPPNote 1 P100/RTP0/KR0/A5 P101/RTP1/KR1/A6 P102/RTP2/KR2/A7 P103/RTP3/KR3/A8 P104/RTP4/KR4/A9/IERX P105/RTP5/KR5/A10/IETX P106/RTP6/KR6/A11 P107/RTP7/KR7/A12 P110/WAIT/A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
P13/SI1/RXD0 P12/SCK0/SCL0Note 2 P11/SO0 P10/SI0/SDA0Note 2 P07/INTP6 P06/INTP5/RTPTRG P05/INTP4/ADTRG P04/INTP3 P03/INTP2 P02/INTP1 P01/INTP0 P00/NMI P83/ANI11 P82/ANI10 P81/ANI9 P80/ANI8 P77/ANI7 P76/ANI6 P75/ANI5 P74/ANI4
Notes 1. 2.
IC: Connect directly to VSS (PD703037A, 703037AY). VPP: Connect to VSS in normal operation mode (PD70F3037A, 70F3037AY). SCL0, SCL1, SDA0, and SDA1 are available only in the PD703037AY, 70F3037AY.
P111/A2 P112/A3 P113/A4 RESET XT1 XT2 REGC X2 X1 VSS VDD CLKOUT P90/LBEN/WRL P91/UBEN P92/R/W/WRH P93/DSTB/RD P94/ASTB P95/HLDAK P96/HLDRQ P40/AD0
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
P73/ANI3 P72/ANI2 P71/ANI1 P70/ANI0 AVREF AVSS AVDD P65/A21 P64/A20 P63/A19 P62/A18 P61/A17 P60/A16 P57/AD15 P56/AD14 P55/AD13 P54/AD12 P53/AD11 P52/AD10 P51/AD9 P50/AD8 BVSS BVDD P47/AD7 P46/AD6 P45/AD5 P44/AD4 P43/AD3 P42/AD2 P41/AD1
Data Sheet U14894EJ1V0DS00
3
PD703037A, 703037AY, 70F3037A, 70F3037AY
PIN IDENTIFICATION
A1 to A21: AD0 to AD15: ADTRG: ANI0 to ANI11: ASCK0, ASCK1: ASTB: AVDD: AVREF: AVSS: BVDD: BVSS: CLKOUT: DSTB: EVDD: EVSS: HLDAK: HLDRQ: IC: IERX: IETX: INTP0 to INTP6: KR0 to KR7: LBEN: NMI: P00 to P07: P10 to P15: P20 to P27: P30 to P37: P40 to P47: P50 to P57: P60 to P65: Address Bus Address/Data Bus AD Trigger Input Analog Input Asynchronous Serial Clock Address Strobe Analog Power Supply Analog Reference Voltage Analog Ground Power Supply for Bus Interface Ground for Bus Interface Clock Output Data Strobe Power Supply for Port Ground for Port Hold Acknowledge Hold Request Internally Connected IEBus Receive Data IEBus Transmit Data Interrupt Request from Peripherals Key Return Lower Byte Enable Non-Maskable Interrupt Request Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 Port 6 P70 to P77: P80 to P83: P90 to P96: P100 to P107: P110 to P113: RD: REGC: RESET: RTP0 to RTP7: RTPTRG: R/W: RXD0, RXD1: SCK0 to SCK4: SCL0, SCL1: SDA0, SDA1: SI0 to SI4: SO0 to SO4: TI00, TI01, TI10, : TI11, TI2 to TI5 TO0 to TO5: TXD0, TXD1: UBEN: VDD: VPP: VSS: WAIT: WRH: WRL: X1, X2: XT1, XT2: Timer Output Transmit Data Upper Byte Enable Power Supply Programming Power Supply Ground Wait Write Strobe High Level Data Write Strobe Low Level Data Crystal for Main Clock Crystal for Sub-clock Port 7 Port 8 Port 9 Port 10 Port 11 Read Regulator Clock Reset Real-time Output Port RTP Trigger Input Read/Write Status Receive Data Serial Clock Serial Clock Serial Data Serial Input Serial Output Timer Input
4
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
INTERNAL BLOCK DIAGRAM
NMI INTP0 to INTP6 TI00, TI01, TI10, TI11 TO0, TO1 TI2/TO2 TI3/TO3 TI4/TO4 TI5/TO5 SO0 SI0/SDA0Note 3 SCK0/SCL0Note 3 SO2 SI2/SDA1Note 3 SCK2/SCL1Note 3 SO1/TXD0 SI1/RXD0 SCK1/ASCK0 SO3/TXD1 SI3/RXD1 SCK3/ASCK1 SO4 SI4 SCK4 KR0 to KR7
ROM INTC
Note 1
CPU PC 32-bit barrel shifter ROM correction Multiplier 16 x 16 32 BCU ALU Instruction queue HLDRQ (P96) HLDAK (P95) ASTB (P94) DSTB/RD (P93) R/W/WRH (P92) UBEN (P91) LBEN/WRL (P90) WAIT (P110) A1 to A12 (P100 to P107, P110 to P113) A13 to A15 (P34 to P36) A16 to A21 (P60 to P65) AD0 to AD15 (P40 to P47, P50 to P57)
Timer/counters 16-bit timer : TM0, TM1 8-bit timer : TM2 to TM7 SIO CSI0/I2C0Note 3 CSI2/I2C1Note 3 RAM
System registers General registers 32 bits x 32
Note 2
CSI1/UART0 Ports CSI3/UART1 Variable length CSI4 Key return function DMAC: 6ch Watch timer Watchdog timer VSS BVDD BVSS EVDD EVSS VPPNote 4 ICNote 5 RTP A/D converter CG CLKOUT X1 X2 XT1 XT2 RESET
P110 to P113 P100 to P107 P90 to P96 P80 to P83 P70 to P77 P60 to P65 P50 to P57 P40 to P47 P30 to P37 P20 to P27 P10 to P15 P00 to P07
RTP0 to RTP7 RTPTRG AVDD AVREF AVSS ANI0 to ANI11 ADTRG
3.0 V Regulator
VDD
IETX IERX
IEBus
Notes 1. 2. 3. 4. 5.
PD703037A, 703037AY:
512 KB (mask ROM)
PD70F3037A, 70F3037AY: 512 KB (flash memory) PD703037A, 703037AY, 70F3037A, 70F3037AY: 24 KB
I2C bus interface and SDAn and SCLn pins (n = 0, 1) are available only in the PD703037AY and 70F3037AY.
PD70F3037A, 70F3037AY PD703037A, 703037AY
REGC
Data Sheet U14894EJ1V0DS00
5
PD703037A, 703037AY, 70F3037A, 70F3037AY
CONTENTS
1. 2.
DIFFERENCES AMONG PRODUCTS................................................................................................7 PIN FUNCTIONS ..................................................................................................................................8
2.1 2.2 2.3 Port Pins .....................................................................................................................................................8 Non-Port Pins ...........................................................................................................................................10 Pin I/O Circuits and Recommended Connection of Unused Pins........................................................14
3.
PROGRAMMING FLASH MEMORY (PD70F3037A, 70F3037AY ONLY) ....................................18
3.1 3.2 3.3 Selecting Communication Mode.............................................................................................................18 Function of Flash Memory Programming ..............................................................................................19 Connecting Dedicated Flash Programmer.............................................................................................19
4.
ELECTRICAL SPECIFICATIONS ......................................................................................................21
4.1 Flash Memory Programming Mode (PD70F3037A, 70F3037AY only) ................................................46
5. 6.
PACKAGE DRAWINGS .....................................................................................................................47 RECOMMENDED SOLDERING CONDITIONS ................................................................................48
6
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
1. DIFFERENCES AMONG PRODUCTS
Part Number Internal 2 IC None Provided None Provided None Provided None Provided None Provided Flash memory Provided (VPP) Mask ROM 512 KB 24 KB None 100-pin QFP (14 x 20) Flash memory Provided (VPP) Mask ROM 256 KB 16 KB None ROM Type Mask ROM Size 128 KB RAM Size 12 KB Flash Memory Programming Pin None Package
PD703034A PD703034AY PD703035A PD703035AY PD70F3035A PD70F3035AY PD703037A PD703037AY PD70F3037A PD70F3037AY
100-pin QFP (14 x 20)/ 100-pin LQFP (14 x 14) 100-pin QFP (14 x 20)/ 100-pin LQFP (14 x 14)
Cautions 1.
There are differences in noise immunity and noise radiation between the flash memory and mask ROM versions. When pre-producing an application set with the flash memory version and then mass-producing it with the mask ROM version, be sure to conduct sufficient evaluations for the commercial samples (not engineering samples) of the mask ROM version.
2. When replacing the flash memory versions with mask ROM versions, write the same code in the empty area of the internal ROM.
Data Sheet U14894EJ1V0DS00
7
PD703037A, 703037AY, 70F3037A, 70F3037AY
2. PIN FUNCTIONS 2.1 Port Pins
(1/2)
Pin Name P00 P01 P02 P03 P04 P05 P06 P07 P10 P11 P12 P13 P14 P15 P20 P21 P22 P23 P24 P25 P26 P27 P30 P31 P32 P33 P34 P35 P36 P37 P40 to P47 I/O No Port 4 8-bit I/O port Input/output can be specified in 1-bit units. Port 5 8-bit I/O port Input/output can be specified in 1-bit units. I/O Yes Port 3 8-bit I/O port Input/output can be specified in 1-bit units. I/O Yes Port 2 8-bit I/O port Input/output can be specified in 1-bit units. I/O Yes Port 1 6-bit I/O port Input/output can be specified in 1-bit units. I/O I/O PULL Yes Function Port 0 8-bit I/O port Input/output can be specified in 1-bit units. Alternate Function NMI INTP0 INTP1 INTP2 INTP3 INTP4/ADTRG INTP5/RTPTRG INTP6 SI0/SDA0 SO0 SCK0/SCL0 SI1/RXD0 SO1/TXD0 SCK1/ASCK0 SI2/SDA1 SO2 SCK2/SCL1 SI3/RXD1 SO3/TXD1 SCK3/ASCK1 TI2/TO2 TI3/TO3 TI00 TI01 TI10/SI4 TI11/SO4 TO0/A13/SCK4 TO1/A14 TI4/TO4/A15 TI5/TO5 AD0 to AD7
P50 to P57
I/O
No
AD8 to AD15
Remark
PULL: On-chip pull-up resistor
8
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(2/2)
Pin Name P60 to P65 I/O I/O PULL No Function Port 6 6-bit I/O port Input/output can be specified in 1-bit units. Port 7 8-bit input port Port 8 4-bit input port Port 9 7-bit I/O port Input/output can be specified in 1-bit units. Alternate Function A16 to A21
P70 to P77
Input
No
ANI0 to ANI7
P80 to P83
Input
No
ANI8 to ANI11
P90 P91 P92 P93 P94 P95 P96 P100 P101 P102 P103 P104 P105 P106 P107 P110 P111 P112 P113
I/O
No
LBEN/WRL UBEN R/W/WRH DSTB/RD ASTB HLDAK HLDRQ
I/O
Yes
Port 10 8-bit I/O port Input/output can be specified in 1-bit units.
RTP0/A5/KR0 RTP1/A6/KR1 RTP2/A7/KR2 RTP3/A8/KR3 RTP4/A9/KR4/IERX RTP5/A10/KR5/IETX RTP6/A11/KR6 RTP7/A12/KR7
I/O
Yes
Port 11 4-bit I/O port Input/output can be specified in 1-bit units.
A1/WAIT A2 A3 A4
Remark
PULL: On-chip pull-up resistor
Data Sheet U14894EJ1V0DS00
9
PD703037A, 703037AY, 70F3037A, 70F3037AY
2.2 Non-Port Pins
(1/4)
Pin Name A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 to A21 AD0 to AD7 AD8 to AD15 ADTRG ANI0 to ANI7 ANI8 to ANI11 ASCK0 ASCK1 ASTB AVDD AVREF AVSS BVDD BVSS CLKOUT DSTB EVDD EVSS HLDAK HLDRQ IC Output - Input - - - Output Output - - Output Input - No - - - - - - No - - No No - Input Yes Baud rate clock input for UART0 Baud rate clock input for UART1 External address strobe output Positive power supply for A/D converter and alternate port Reference voltage input for A/D converter Ground potential for A/D converter and alternate port Positive power supply for bus interface and alternate port Ground potential for bus interface and alternate port Internal system clock output External data strobe output Positive power supply for I/O ports and alternate-function pins (except bus interface alternate port) Ground potential for I/O ports and alternate-function pins (except bus interface alternate port) Bus hold acknowledge output Bus hold request input Internally connected (PD703037A, 703037AY only) P95 P96 - P93/RD - - Input Input Yes No Output I/O No No High-order address bus used for external memory expansion 16-bit multiplexed address/data bus used for external memory expansion A/D converter external trigger input Analog input to A/D converter I/O Output PULL Yes Function Low-order address bus used for external memory expansion Alternate Function P110/WAIT P111 P112 P113 P100/RTP0/KR0 P101/RTP1/KR1 P102/RTP2/KR2 P103/RTP3/KR3 P104/RTP4/KR4/IERX P105/RTP5/KR5/IETX P106/RTP6/KR6 P107/RTP7/KR7 P34/TO0/SCK4 P35/TO1 P36/TO4/TI4 P60 to P65 P40 to P47 P50 to P57 P05/INTP4 P70 to P77 P80 to P83 P15/SCK1 P25/SCK3 P94 - - - - - -
Remark
PULL: On-chip pull-up resistor
10
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(2/4)
Pin Name IERX IETX INTP0 INTP1 INTP2 INTP3 INTP4 INTP5 INTP6 Input Yes External interrupt request input (digital noise elimination supporting remote controller) Key return input Input Yes External interrupt request input (digital noise elimination) I/O Input Output Input Yes PULL Yes IEBus data input IEBus data output External interrupt request input (analog noise elimination) Function Alternate Function P104/RTP4/A9/KR4 P105/RTP5/A10/KR5 P01 P02 P03 P04 P05/ADTRG P06/RTPTRG P07
KR0 KR1 KR2 KR3 KR4 KR5 KR6 KR7 LBEN NMI RD REGC RESET RTP0 RTP1 RTP2 RTP3 RTP4 RTP5 RTP6 RTP7 RTPTRG R/W RXD0 RXD1
Input
Yes
P100/RTP0/A5 P101/RTP1/A6 P102/RTP2/A7 P103/RTP3/A8 P104/RTP4/A9/IERX P105/RTP5/A10/IETX P106/RTP6/A11 P107/RTP7/A12
Output Input Output - Input Output
No Yes No - - Yes
External data bus's low-order byte enable output Non-maskable interrupt request input Read strobe output Regulator output stabilization capacitance connection System reset input Real-time output port
P90/WRL P00 P93/DSTB - - P100/KR0/A5 P101/KR1/A6 P102/KR2/A7 P103/KR3/A8 P104/KR4/A9/IERX P105/KR5/A10/IETX P106/KR6/A11 P107/KR7/A12
Input Output Input
Yes No Yes
Real-time output port external trigger input External read/write status output Serial receive data input for UART0 and UART1
P06/INTP5 P92/WRH P13/SI1 P23/SI3
Remark
PULL: On-chip pull-up resistor
Data Sheet U14894EJ1V0DS00
11
PD703037A, 703037AY, 70F3037A, 70F3037AY
(3/4)
Pin Name SCK0 SCK1 SCK2 SCK3 SCK4 SCL0 SCL1 SDA0 SDA1 SI0 SI1 SI2 SI3 SI4 SO0 SO1 SO2 SO3 SO4 TI00 TI01 TI10 Output Input Yes Yes Serial transmit data output (3-wire type) for variable length CSI4 External count clock input for TM0/external capture trigger input for TM0 External capture trigger input for TM0 External count clock input for TM1/external capture trigger input for TM1 External capture trigger input for TM1 Input Yes External count clock input for TM2 to TM5 Input Output Yes Yes Serial receive data input (3-wire type) for variable length CSI4 Serial transmit data output (3-wire type) for CSI0 to CSI3 Input Yes I/O Yes I/O I/O Yes Yes Serial clock I/O (3-wire type) for variable length CSI4 Serial clock I/O for I C0 and I C1 (PD703037AY, 70F3037AY only) Serial transmit/receive data I/O for I C0 and I C1 (PD703037AY, 70F3037AY only) Serial receive data input (3-wire type) for CSI0 to CSI3
2 2 2 2
I/O I/O
PULL Yes
Function Serial clock I/O (3-wire type) for CSI0 to CSI3
Alternate Function P12/SCL0 P15/ASCK0 P22/SCL1 P25/ASCK1 P34/TO0/A13 P12/SCK0 P22/SCK2 P10/SI0 P20/SI2 P10/SDA0 P13/RXD0 P20/SDA1 P23/RXD1 P32/TI10 P11 P14/TXD0 P21 P24/TXD1 P33/TI11 P30 P31 P32/SI4
TI11 TI2 TI3 TI4 TI5 TO0 TO1 TO2 TO3 TO4 TO5 TXD0 TXD1 UBEN VDD Output - No - Output Yes Output Yes Output Yes
P33/SO4 P26/TO2 P27/TO3 P36/TO4/A15 P37/TO5
Pulse signal output for TM0 and TM1
P34/A13/SCK4 P35/A14
Pulse signal output for TM2 to TM5
P26/TI2 P27/TI3 P36/TI4/A15 P37/TI5
Serial transmit data output for UART0 and UART1
P14/SO1 P24/SO3
High-order byte enable output for external data bus Positive power supply pin
P91 -
Remark
PULL: On-chip pull-up resistor
12
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(4/4)
Pin Name VPP VSS WAIT WRH I/O - - Input Output PULL - - Yes No Function High voltage apply pin for program write/verify (PD70F3037A, 70F3037AY only) Ground potential Control signal input for inserting wait in bus cycle High-order byte write strobe signal output for external data bus Low-order byte write strobe signal output for external data bus Resonator connection for main clock P110/A1 P92/R/W Alternate Function - -
WRL X1 X2 XT1 XT2
Output Input - Input -
No No
P90/LBEN - -
No
Resonator connection for subsystem clock
- -
Remark
PULL: On-chip pull-up resistor
Data Sheet U14894EJ1V0DS00
13
PD703037A, 703037AY, 70F3037A, 70F3037AY
2.3 Pin I/O Circuits and Recommended Connection of Unused Pins
The input/output circuit type of each pin and recommended connection of unused pins are show in Table 2-1. For the input/output schematic circuit diagram of each type, refer to Figure 2-1. Table 2-1. Types of Pin I/O Circuits and Recommended Connection of Unused Pins (1/2)
Pin Alternate Function I/O Circuit Type 8-A I/O Buffer Power Supply EVDD Recommended Connection of Unused Pins
P00 P01 P02 P03 P04 P05 P06 P07 P10 P11 P12 P13 P14 P15 P20 P21 P22 P23 P24 P25 P26 P27 P30 P31 P32 P33 P34 P35 P36 P37 P40 to P47 P50 to P57 P60 to P65
NMI INTP0 INTP1 INTP2 INTP3 INTP4/ADTRG INTP5/RTPTRG INTP6 SI0/SDA0 SO0 SCK0/SCL0 SI1/RXD0 SO0/TXD0 SCK1/ASCK0 SI2/SDA1 SO2 SCK2/SCL1 SI3/RXD1 SO3/TXD1 SCK3/ASCK1 TI2/TO2 TI3/TO3 TI00 TI01 TI10/SI4 TI11/SO4 TO0/A13/SCK4 TO1/A14 TI4/TO4/A15 TI5/TO5 AD0 to AD7 AD8 to AD15 A16 to A21
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
10-A 26 10-A 8-A 26 10-A 10-A 26 10-A
EVDD
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
EVDD
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
26 10-A 8-A
8-A
EVDD
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
5-A 8-A
5 5 5
BVDD BVDD BVDD
Input state:
Independently connect to BVDD or BVSS via a resistor. Output state: Leave open.
14
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Table 2-1. Types of Pin I/O Circuits and Recommended Connection of Unused Pins (2/2)
Pin Alternate Function I/O Circuit Type 9 9 5 I/O Buffer Power Supply AVDD AVDD BVDD Input state: Independently connect to BVDD or BVSS via a resistor. Output state: Leave open. Recommended Connection of Unused Pins
P70 to P77 P80 to P83 P90 P91 P92 P93 P94 P95 P96 P100 P101 P102 P103 P104 P105 P106 P107 P110 P111 P112 P113 CLKOUT RESET XT1 XT2 AVREF IC
Note 1
ANI0 to ANI7 ANI8 to ANI11 LBEN/WRL UBEN R/W/WRH DSTB/RD ASTB HLDAK HLDRQ RTP0/A5/KR0 RTP1/A6/KR1 RTP2/A7/KR2 RTP3/A8/KR3 RTP4/A9/KR4/IERX RTP5/A10/KR5/IETX RTP6/A11/KR6 RTP7/A12/KR7 A1/WAIT A2 A3 A4 - - - - - - -
Independently connect to AVDD or AVSS via a resistor.
26
10-A
EVDD
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
5-A
EVDD
Input state:
Independently connect to EVDD or EVSS via a resistor. Output state: Leave open.
4 2 16 16 - - -
BVDD EVDD - - - - -
Leave open. - Connect to VSS via a resistor. Leave open. Connect to AVSS via a resistor. Connect directly to VSS. Connect to VSS.
VPP
Note 2
Notes 1. 2.
PD703037A, 703037AY PD70F3037A, 70F3037AY
Caution Three power supply systems are available to supply power to the I/O buffers of the V850/SB2 pins: EVDD, BVDD, and AVDD. The voltage ranges that can be used for these I/O buffer power supplies are shown below. EVDD, BVDD: 3.0 to 5.5 V AVDD: 4.5 to 5.5 V The electrical characteristics differ depending on whether the power supply voltage range is 3.0 V to under 4.0 V, or 4.0 to 5.5 V.
Data Sheet U14894EJ1V0DS00
15
PD703037A, 703037AY, 70F3037A, 70F3037AY
Figure 2-1. Pin Input/Output Circuits (1/2)
Type 2
Type 5-A
VDD
Pullup enable Data
P-ch VDD P-ch IN/OUT
IN
Output disable Schmitt-triggered input with hysteresis characteristics Input enable Type 4 VDD Data P-ch OUT Output disable N-ch Pullup enable Data Type 8-A
N-ch
VDD
P-ch VDD P-ch IN/OUT
Output disable Push-pull output that can be set for high-impedance output (both P-ch and N-ch off)
N-ch
Type 5 VDD Data P-ch IN/OUT Output disable N-ch
Type 9
P-ch IN N-ch
+ -
Comparator
VREF (threshold voltage)
Input enable
Input enable
Caution VDD in the circuit diagrams can be read as EVDD, BVDD, or AVDD, as appropriate.
16
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Figure 2-1. Pin Input/Output Circuits (2/2)
Type 10-A
VDD
Type 26
VDD
Pullup enable VDD Data P-ch
P-ch
Pullup enable VDD Data IN/OUT P-ch
P-ch
IN/OUT Open drain Output disable N-ch
Open drain Output disable
N-ch
Type 16 Feedback cut-off P-ch
XT1
XT2
Caution VDD in the circuit diagrams can be read as EVDD, BVDD, or AVDD, as appropriate.
Data Sheet U14894EJ1V0DS00
17
PD703037A, 703037AY, 70F3037A, 70F3037AY
3. PROGRAMMING FLASH MEMORY (PD70F3037A, 70F3037AY ONLY)
There are the following two methods for writing a program to the flash memory. (1) On-board programming Write a program to the flash memory using a dedicated flash programmer after the PD70F3037A and 70F3037AY have been mounted on the target board. Also mount a connector, etc. on the target board to communicate with the dedicated flash programmer. (2) Off-board programming Write a program using a dedicated adapter before the PD70F3037A and 70F3037AY have been mounted on the target board.
3.1 Selecting Communication Mode
To write to the flash memory, use a dedicated flash programmer and serial communication. Select a serial communication mode from those listed in Table 3-1 in the format shown in Figure 3-1. Each communication mode is selected by the number of VPP pulses shown in Table 3-1. Table 3-1. Communication Modes
Communication Mode CSI0 SO0 (serial data output) SI0 (serial data input) SCK0 (serial clock input) SO0 (serial data output) SI0 (serial data input) SCK0 (serial clock input) P15 (3-wire + handshake signal output of handshake communication) TXD0 (serial data output) RXD0 (serial data input) Pins Used Number of VPP Pulses 0
CSI0 + HS
3
UART0
8
Figure 3-1. Communication Mode Selecting Format
7.8 V VPP 3.0 V VSS EVDD RESET VSS
18
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
3.2 Function of Flash Memory Programming
Operations such as writing to flash memory are performed by various command/data transmission and reception operations according to the selected communication mode. The major functions are shown below. Table 3-2. Major Functions of Flash Memory Programming
Function Category Verify Erase Command Batch verify Batch erase Write back Blank check Data write Batch blank check High-speed write Compares the contents of the entire memory and the input data. Erases the contents of the entire memory. Writes back the contents which is overerased. Checks the erase state of the entire memory. Writes data by the specification of the write start address and the number of bytes to be written, and executes verify check. Writes data from the address following the high-speed write command executed immediately before, and executes verify check. Reads out the status of operations. Sets the oscillation frequency. Description
Continuous write
System setting/control
Status read out Oscillation frequency setting Erase time setting Write time setting Write back time setting Baud rate setting Silicon signature Reset
Sets the erase time of batch erase. Sets the write time of data write. Sets the write back time. Sets the baud rate when using UART0. Reads out the silicon signature information. Restarts the system of flash programmer.
3.3 Connecting Dedicated Flash Programmer
The connection of the dedicated flash programmer and the PD70F3037A or 70F3037AY differs according to the communication mode. The connections for each communication mode are shown below. Figure 3-2. Connection of Dedicated Flash Programmer in CSI0 Mode
Dedicated flash programmer
PD70F3037A, 70F3037AY
VPP VDD GND RESET SI SO SCK
VPP VDD VSS RESET SO0 SI0 SCK0
Data Sheet U14894EJ1V0DS00
19
PD703037A, 703037AY, 70F3037A, 70F3037AY
Figure 3-3. Connection of Dedicated Flash Programmer in CSI0 + HS Mode
Dedicated flash programmer VPP VDD GND RESET SI SO SCK HS
PD70F3037A, 70F3037AY
VPP VDD VSS RESET SO0 SI0 SCK0 P15
Figure 3-4. Connection of Dedicated Flash Programmer in UART0 Mode
Dedicated flash programmer
PD70F3037A, 70F3037AY
VPP VDD GND RESET RxD TxD
VPP VDD VSS RESET TXD0 RXD0
20
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
4. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA = 25 C, VSS = 0 V)
Parameter Supply voltage Symbol VDD AVDD BVDD EVDD AVSS BVSS EVSS Input voltage VI1 VI2 VI3 Analog input voltage Analog reference input voltage Output current, low VIAN AVREF IOL VDD pin AVDD pin BVDD pin EVDD pin AVSS pin BVSS pin EVSS pin Note 1 (BVDD pin) Note 2 (EVDD pin) VPP pin (PD70F3037A, 70F3037AY only) Note 3 (AVDD pin) AVREF pin Per pin Total for P00 to P07, P10 to P15, P20 to P25 Total for P26, P27, P30 to P37, P100 to P107, P110 to P113 Total for P40 to P47, P90 to P96, CLKOUT Total for P50 to P57, P60 to P65 Output current, high IOH Per pin Total for P00 to P07, P10 to P15, P20 to P25 Total for P26, P27, P30 to P37, P100 to P107, P110 to P113 Total for P40 to P47, P90 to P96, CLKOUT Total for P50 to P57, P60 to P65 Output voltage VO1 VO2 Operating ambient temperature TA Note 1 (BVDD pin) Note 2 (EVDD pin) Normal operation mode Flash memory programming mode (PD70F3037A, 70F3037AY only) Storage temperature Tstg Conditions Ratings -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +0.5 -0.5 to +0.5 -0.5 to +0.5 -0.5 to BVDD + 0.5 -0.5 to EVDD + 0.5 -0.5 to +8.5 -0.5 to AVDD + 0.5 -0.5 to AVDD + 0.5 4.0 25
Note 4 Note 4
Unit V V V V V V V V V V V V mA mA
Note 4
Note 4
25
mA
25 25 -4.0 -25
mA mA mA mA
-25
mA
-25 -25 -0.5 to BVDD + 0.5 -0.5 to EVDD + 0.5 -40 to +85 10 to 85
Note 4
mA mA V V C C C C
Note 4
PD703037A, 703037AY PD70F3037A, 70F3037AY
-65 to +150 -40 to +125
Notes 1. Ports 4, 5, 6, 9, CLKOUT, and their alternate-function pins 2. Ports 0, 1, 2, 3, 10, 11, RESET, and their alternate-function pins 3. Ports 7, 8, and their alternate-function pins 4. Be sure not to exceed the absolute maximum ratings (MAX. value) of each supply voltage.
Data Sheet U14894EJ1V0DS00
21
PD703037A, 703037AY, 70F3037A, 70F3037AY
Cautions 1. Do not directly connect the output (or I/O) pins of IC products to each other, or to VDD, VCC, and GND. Open-drain pins or open-collector pins, however, can be directly connected to each other. Direct connection of the output pins between an IC product and an external circuit is possible, if the output pins can be set to the high-impedance state and the output timing of the external circuit is designed to avoid output conflict. 2. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded. The ratings and conditions indicated for DC characteristics and AC characteristics represent the quality assurance range during normal operation. Capacitance (TA = 25 C)
Parameter Input capacitance I/O capacitance Output capacitance Symbol CI CIO CO Conditions fC = 1 MHz Unmeasured pins returned to 0 V MIN. TYP. MAX. 15 15 15 Unit pF pF pF
Operating Conditions (1) Operating frequency
Operating Frequency (fXX) 2 to 13 MHz 32.768 kHz Other than IDLE mode IDLE mode VDD 4.0 to 5.5 V 4.0 to 5.5 V 3.5 to 5.5 V AVDD 4.5 to 5.5 V 4.5 to 5.5 V 4.5 to 5.5 V BVDD 3.0 to 5.5 V 3.0 to 5.5 V 3.0 to 5.5 V EVDD 3.0 to 5.5 V 3.0 to 5.5 V 3.0 to 5.5 V Remark Note 1 - Note 2
Notes 1. During STOP mode (subsystem oscillator operating), VDD = 3.5 to 5.5 V. Shifting to STOP mode or restoring from STOP mode must be performed at VDD = 4.0 V min. 2. Shifting to IDLE mode or restoring from IDLE mode must be performed at VDD = 4.0 V min. (2) CPU operating frequency
Parameter CPU operating frequency Symbol fCPU Conditions Main system clock operation Subsystem clock operation MIN. 0.25 32.768 TYP. MAX. 13 Unit MHz kHz
22
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Recommended Oscillator (1) Main system clock oscillator (TA = -40 to +85 C) (a) Connection of ceramic resonator or crystal resonator
X1
X2
Parameter Oscillation frequency Oscillation stabilization time
Symbol fXX - -
Conditions
MIN. 2
TYP.
MAX. 13
Unit MHz s s
Upon reset release Upon STOP mode release
2 /fXX Note
19
Note The TYP. value differs depending on the setting of the oscillation stabilization time select register (OSTS). Cautions 1. Main system clock oscillator operates on the output voltage of the on-chip regulator. External clock input is prohibited. 2. When using the main system clock oscillator, wire as follows in the area enclosed by the broken lines in the above figure to avoid an adverse effect from wiring capacitance. * Keep the wiring length as short as possible. * Do not cross the wiring with the other signal lines. * Do not route the wiring near a signal line through which a high fluctuating current flows. * Always make the ground point of the oscillator capacitor the same potential as VSS. * Do not ground the capacitor to a ground pattern through which a high current flows. * Do not fetch signals from the oscillator. 3. Ensure that the duty ratio of oscillation waveform is not greater than 5.5:4.5. 4. Sufficiently evaluate the matching between the PD703037A, 703037AY, 70F3037A, 70F3037AY and the resonator.
Data Sheet U14894EJ1V0DS00
23
PD703037A, 703037AY, 70F3037A, 70F3037AY
(2) Subsystem clock oscillator (TA = -40 to +85 C) (a) Connection of crystal resonator
XT1
XT2
Parameter Oscillation frequency Oscillation stabilization time
Symbol fXT -
Conditions
MIN. 32
TYP. 32.768 10
MAX. 35
Unit kHz s
Cautions 1. Subsystem clock oscillator operates on the output voltage of the on-chip regulator. External clock input is prohibited. 2. When using the subsystem clock oscillator, wire as follows in the area enclosed by the broken lines in the above figure to avoid an adverse effect from wiring capacitance. * Keep the wiring length as short as possible. * Do not cross the wiring with the other signal lines. * Do not route the wiring near a signal line through which a high fluctuating current flows. * Always make the ground point of the oscillator capacitor the same potential as VSS. * Do not ground the capacitor to a ground pattern through which a high current flows. * Do not fetch signals from the oscillator. 3. Sufficiently evaluate the matching between the PD703037A, 703037AY, 70F3037A, 70F3037AY and the resonator.
24
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
DC Characteristics (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = EVDD = 3.0 to 5.5 V, AVDD = 4.5 to 5.5 V, VSS = AVSS = BVSS = EVSS = 0 V) (1/2)
Parameter Input voltage, high Symbol VIH1 Note 1 Conditions 4.0 V BVDD 5.5 V 3.0 V BVDD < 4.0 V VIH2 Note 2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V VIH3 Note 3 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V VIH4 Input voltage, low VIL1 VIL2 VIL3 VIL4 Output voltage, high VOH1 Note 4 Note 1 Note 2 Note 3 Note 4 Note 1 3.0 V BVDD 5.5 V, IOH = -100 A 4.0 V BVDD 5.5 V, IOH = -3 mA VOH2 Notes 2, 3 (except RESET) 3.0 V EVDD 5.5 V, IOH = -100 A 4.0 V EVDD 5.5 V, IOH = -3 mA Output voltage, low VOL IOL = 3 mA, 3.0 V BVDD, EVDD 5.5 V IOL = 3 mA, 4.0 V BVDD, EVDD 5.5 V Input leakage current, high Input leakage current, low Output leakage current, high Output leakage current, low ILIH ILIL ILOH ILOL VI = VDD = BVDD = EVDD = AVDD VI = 0 V 4.5 V AVDD 5.5 V MIN. 0.7BVDD 0.8BVDD 0.7EVDD 0.8EVDD 0.7EVDD 0.8EVDD 0.7AVDD BVSS EVSS EVSS AVSS BVDD - 0.5 TYP. MAX. BVDD BVDD EVDD EVDD EVDD EVDD AVDD 0.3BVDD 0.3EVDD 0.3EVDD 0.3AVDD Unit V V V V V V V V V V V V
BVDD - 1.0
V
EVDD - 0.5
V
EVDD - 1.0
V
0.5
V
0.4
V
5 -5 5 -5
A A A A
Notes 1. Ports 4, 5, 6, 9, CLKOUT, and their alternate-function pins 2. P11, P14, P21, P24, P34, P35, P110 to P113, and their alternate-function pins 3. P00 to P07, P10, P12, P13, P15, P20, P22, P23, P25 to P27, P30 to P33, P36, P37, P100 to P107, RESET, and their alternate-function pins 4. Ports 7, 8, and their alternate-function pins
Data Sheet U14894EJ1V0DS00
25
PD703037A, 703037AY, 70F3037A, 70F3037AY
DC Characteristics (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = EVDD = 3.0 to 5.5 V, AVDD = 4.5 to 5.5 V, VSS = AVSS = BVSS = EVSS = 0 V) (2/2)
Parameter Supply current Symbol IDD1 IDD2 IDD3 Conditions In normal operation mode In HALT mode In IDLE Note 2 mode In STOP mode
Note 1 Note 1
MIN.
TYP. 15 6 1
MAX. 25 13 4
Unit mA mA mA
PD703037A, PD703037AY
Watch timer operating
IDD4
Watch timer, subsystem oscillator operating Subsystem oscillator stopped, XT1 = VSS
13
70
A A A A
8
70
IDD5
In normal operation mode Note 3 (subsystem operation) In IDLE mode (subsystem Note 3 operation) In normal operation mode In HALT mode In IDLE Note 2 mode In STOP mode
Note 1 Note 1
50
150
IDD6
13
70
PD70F3037A, PD70F3037AY
IDD1 IDD2 IDD3
30 9 1
58 20 4
mA mA mA
Watch timer operating
IDD4
Watch timer, subsystem oscillator operating Subsystem oscillator stopped, XT1 = VSS
13
100
A A A A
k
8
100
IDD5
In normal operation mode Note 3 (subsystem operation) In IDLE mode (subsystem Note 3 operation) VIN = 0 V 10
300
900
IDD6
170
340
Pull-up resistance
RL
30
100
Notes 1. fCPU = fXX = 13 MHz, all peripheral functions operating, output buffer: OFF 2. fXX = 13 MHz 3. fCPU = fXT = 32.768 kHz, main system clock oscillator stopped Remark TYP. values are reference values for when TA = 25 C, VDD = BVDD = EVDD = AVDD = 5.0 V. The current consumed by the output buffer is not included.
26
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Data Retention Characteristics (TA = -40 to +85 C)
Parameter Data retention voltage Symbol VDDDR Conditions STOP mode (all functions not operating) VDD = VDDDR, XT1 = VSS (subsystem stopped) MIN. 3.0
Note
TYP.
MAX. 5.5
Unit V
Data retention current
IDDDR
PD703037A, PD703037AY PD70F3037A, PD70F3037AY
200 200 0
8
70
A A s s
ms
8
100
Supply voltage rise time Supply voltage fall time Supply voltage hold time (from STOP mode setting) STOP release signal input time Data retention high-level input voltage Data retention low-level input voltage
tRVD tFVD tHVD
tDREL VIHDR VILDR All input ports All input ports
0 0.9VDDDR 0 VDDDR 0.1VDDDR
ms V V
Note
During STOP mode (subsystem oscillator operating), VDD = 3.5 to 5.5 V. restoring from STOP mode must be performed at VDD = 4.0 V min.
Shifting to STOP mode or
Remark
TYP. values are reference values for when TA = 25 C.
Setting STOP mode
VDD tFVD tHVD
V DDDR tRVD tDREL
RESET (input)
V IHDR
NMI, INTPn (input) (Released by falling edge)
V IHDR
NMI, INTPn (input) (Released by rising edge)
V ILDR
Data Sheet U14894EJ1V0DS00
27
PD703037A, 703037AY, 70F3037A, 70F3037AY
AC Characteristics (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = EVDD = 3.0 to 5.5 V, AVDD = 4.5 to 5.5 V, VSS = AVSS = BVSS = EVSS = 0 V) AC test input waveform (VDD: EVDD, BVDD, AVDD)
VDD Input signal 0V
VIH Test points VIL
VIH VIL
AC test output test points (VDD: EVDD, BVDD)
VDD Output signal 0V
VOH Test points VOL
VOH VOL
Load conditions
DUT (Device under test) CL = 50 pF
Caution If the load capacitance exceeds 50 pF due to the circuit configuration, bring the load capacitance of the device to 50 pF or less by inserting a buffer or by some other means.
28
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(1) Clock timing (a) TA = -40 to +85 C, VDD = BVDD = 4.0 to 5.5 V, VSS = BVSS = 0 V
Parameter CLKOUT output cycle CLKOUT high-level width CLKOUT low-level width CLKOUT rise time CLKOUT fall time Symbol <1> <2> <3> <4> <5> tCYK tWKH tWKL tKR tKF Conditions MIN. 76.9 ns 0.4tCYK - 12 0.4tCYK - 12 12 12 MAX. 31.2 s ns ns ns ns Unit
(b) TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = 3.0 to 4.0 V, VSS = BVSS = 0 V
Parameter CLKOUT output cycle CLKOUT high-level width CLKOUT low-level width CLKOUT rise time CLKOUT fall time Symbol <1> <2> <3> <4> <5> tCYK tWKH tWKL tKR tKF Conditions MIN. 76.9 ns 0.4tCYK - 15 0.4tCYK - 15 15 15 MAX. 31.2 s ns ns ns ns Unit
<1> <2> CLKOUT (output) <4> <5> <3>
Data Sheet U14894EJ1V0DS00
29
PD703037A, 703037AY, 70F3037A, 70F3037AY
(2) Output waveform (other than port 4, port 5, port 6, port 9, X1, and CLKOUT) (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = EVDD = 3.0 to 5.5 V, VSS = BVSS = EVSS = 0 V)
Parameter Output rise time Output fall time Symbol <6> <7> tOR tOF Conditions MIN. MAX. 20 20 Unit ns ns
<6>
<7>
Output signal
(3) Reset timing
Parameter RESET pin high-level width RESET pin low-level width Symbol <8> <9> tWRSH tWRSL Conditions MIN. 500 500 MAX. Unit ns ns
<8>
<9>
RESET (input)
30
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(4) Bus timing (a) Clock asynchronous (TA = -40 to +85 C, VDD = BVDD = 4.0 to 5.5 V, VSS = BVSS = 0 V)
Parameter Address setup time (to ASTB) Address hold time (from ASTB) Address float from DSTB Data input setup time from address Data input setup time from DSTB Delay time from ASTB to DSTB Data input hold time (from DSTB) Address output time from DSTB Delay time from DSTB to ASTB Delay time from DSTB to ASTB DSTB low-level width ASTB high-level width Data output time from DSTB Data output setup time (to DSTB) Data output hold time (from DSTB) WAIT setup time (to address) Symbol <10> <11> <12> <13> <14> <15> <16> <17> <18> <19> <20> <21> <22> <23> <24> <25> <26> WAIT hold time (from address) <27> <28> WAIT setup time (to ASTB) <29> <30> WAIT hold time (from ASTB) <31> <32> HLDRQ high-level width HLDAK low-level width Bus output delay time from HLDAK Delay time from HLDRQ to HLDAK Delay time from HLDRQ to HLDAK <33> <34> <35> <36> <37> tSAST tHSTA tFDA tSAID tSDID tDSTD tHDID tDDA tDDST1 tDDST2 tWDL tWSTH tDDOD tSODD tHDOD tSAWT1 tSAWT2 tHAWT1 tHAWT2 tSSTWT1 tSSTWT2 tHSTWT1 tHSTWT2 tWHQH tWHAL tDHAC tDHQHA1 tDHQHA2 0.5T n1 n1 n1 n1 n1 n1 n1 n1 nT (1 + n)T T + 10 T - 15 -6 (2n + 7.5)T + 25 1.5T + 25 (0.5 + n)T (1.5 + n)T T - 32 (1 + n)T - 32 (1 + n)T - 25 T - 20 1.5T - 40 (1.5 + n)T - 40 0.5T - 15 0 (1 + i)T - 15 0.5T - 15 (1.5 + i)T - 15 (1 + n)T - 22 T - 15 10 Conditions MIN. 0.5T - 16 0.5T - 15 0 (2 + n)T - 40 (1 + n)T - 40 MAX. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Remarks 1. T: 1/fCPU (fCPU: CPU clock frequency) 2. n: Number of wait clocks inserted in the bus cycle. The sampling timing changes when a programmable wait is inserted. 3. i: Number of idle cycles inserted in the bus cycle. 4. The values in the above specifications are values for when clocks with a 5:5 duty ratio are input from X1.
Data Sheet U14894EJ1V0DS00
31
PD703037A, 703037AY, 70F3037A, 70F3037AY
(b) Clock asynchronous (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = 3.0 to 4.0 V, VSS = BVSS = 0 V)
Parameter Address setup time (to ASTB) Address hold time (from ASTB) Address float from DSTB Data input setup time from address Data input setup time from DSTB Delay time from ASTB to DSTB Data input hold time (from DSTB) Address output time from DSTB Delay time from DSTB to ASTB Delay time from DSTB to ASTB DSTB low-level width ASTB high-level width Data output time from DSTB Data output setup time (to DSTB) Data output hold time (from DSTB) WAIT setup time (to address) Symbol <10> <11> <12> <13> <14> <15> <16> <17> <18> <19> <20> <21> <22> <23> <24> <25> <26> WAIT hold time (from address) <27> <28> WAIT setup time (to ASTB) <29> <30> WAIT hold time (from ASTB) <31> <32> HLDRQ high-level width HLDAK low-level width Bus output delay time from HLDAK Delay time from HLDRQ to HLDAK Delay time from HLDRQ to HLDAK <33> <34> <35> <36> <37> tSAST tHSTA tFDA tSAID tSDID tDSTD tHDID tDDA tDDST1 tDDST2 tWDL tWSTH tDDOD tSODD tHDOD tSAWT1 tSAWT2 tHAWT1 tHAWT2 tSSTWT1 tSSTWT2 tHSTWT1 tHSTWT2 tWHQH tWHAL tDHAC tDHQHA1 tDHQHA2 0.5T n1 n1 n1 n1 n1 n1 n1 n1 nT (1 + n)T T + 10 T - 25 -6 (2n + 7.5)T + 25 1.5T + 25 (0.5 + n)T (1.5 + n)T T - 45 (1 + n)T - 45 (1 + n)T - 35 T - 25 1.5T - 55 (1.5 + n)T - 55 0.5T - 15 0 (1 + i)T - 15 0.5T - 15 (1.5 + i)T - 15 (1 + n)T - 35 T - 15 10 Conditions MIN. 0.5T - 20 0.5T - 22 0 (2 + n)T - 50 (1 + n)T - 50 MAX. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Remarks 1. T: 1/fCPU (fCPU: CPU clock frequency) 2. n: Number of wait clocks inserted in the bus cycle. The sampling timing changes when a programmable wait is inserted. 3. i: Number of idle cycles inserted in the bus cycle. 4. The values in the above specifications are values for when clocks with a 5:5 duty ratio are input from X1.
32
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(c) Clock synchronous (TA = -40 to +85 C, VDD = BVDD = 4.0 to 5.5 V, VSS = BVSS = 0 V)
Parameter Delay time from CLKOUT to address Delay time from CLKOUT to address float Delay time from CLKOUT to ASTB Delay time from CLKOUT to DSTB Data input setup time (to CLKOUT) Data input hold time (from CLKOUT) Data output delay time from CLKOUT WAIT setup time (to CLKOUT) WAIT hold time (from CLKOUT) HLDRQ setup time (to CLKOUT) HLDRQ hold time (from CLKOUT) Delay time from CLKOUT to address float (during bus hold) Delay time from CLKOUT to HLDAK Symbol <38> <39> tDKA tFKA Conditions MIN. 0 -12 MAX. 19 10 Unit ns ns
<40> <41> <42> <43> <44> <45> <46> <47> <48> <49>
tDKST tDKD tSIDK tHKID tDKOD tSWTK tHKWT tSHQK tHKHQ tDKF
0 0 20 5
19 19
ns ns ns ns
19 20 5 20 5 19
ns ns ns ns ns ns
<50>
tDKHA
19
ns
Remark The values in the above specifications are values for when clocks with a 5:5 duty ratio are input from X1.
(d) Clock synchronous (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, BVDD = 3.0 to 4.0 V, VSS = BVSS = 0 V)
Parameter Delay time from CLKOUT to address Delay time from CLKOUT to address float Delay time from CLKOUT to ASTB Delay time from CLKOUT to DSTB Data input setup time (to CLKOUT) Data input hold time (from CLKOUT) Data output delay time from CLKOUT WAIT setup time (to CLKOUT) WAIT hold time (from CLKOUT) HLDRQ setup time (to CLKOUT) HLDRQ hold time (from CLKOUT) Delay time from CLKOUT to address float (during bus hold) Delay time from CLKOUT to HLDAK Symbol <38> <39> tDKA tFKA Conditions MIN. 0 -16 MAX. 22 10 Unit ns ns
<40> <41> <42> <43> <44> <45> <46> <47> <48> <49>
tDKST tDKD tSIDK tHKID tDKOD tSWTK tHKWT tSHQK tHKHQ tDKF
0 0 20 5
19 22
ns ns ns ns
22 24 5 24 5 19
ns ns ns ns ns ns
<50>
tDKHA
19
ns
Remark The values in the above specifications are values for when clocks with a 5:5 duty ratio are input from X1.
Data Sheet U14894EJ1V0DS00
33
PD703037A, 703037AY, 70F3037A, 70F3037AY
(e) Read cycle (CLKOUT synchronous/asynchronous, 1 wait)
T1
CLKOUT (output)
T2
TW
T3
<38>
A1 to A15 (output) A16 to A21 (output) Note (output)
<13> <39>
<42>
<43>
AD0 to AD15 (I/O)
Address
Data
<40> <10> <11> <16> <40>
ASTB (output)
<21>
<41> <12> <15> <14>
<41> <18> <17> <19>
DSTB, RD (output) <20> <45>
<29><45> <46> <31> <30> <32> WAIT (input) <25> <27> <26> <28>
<46>
Note R/W, UBEN, LBEN Remark The broken lines indicate high impedance.
34
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(f) Write cycle (CLKOUT synchronous/asynchronous, 1 wait)
T1
CLKOUT (output)
T2
TW
T3
<38>
A1 to A15 (output) A16 to A21 (output) Note (output)
<44>
AD0 to AD15 (I/O)
Address
Data
<40> <10> <11> <40>
ASTB (output)
<21>
<41> <22> <15> <23>
<41> <18> <24>
DSTB, WRL, WRH (output) <20> <45>
<29><45> <46> <31> <30> <32> WAIT (input) <25> <27> <26> <28>
<46>
Note R/W, UBEN, LBEN Remark The broken lines indicate high impedance.
Data Sheet U14894EJ1V0DS00
35
PD703037A, 703037AY, 70F3037A, 70F3037AY
(g) Bus hold timing
TH
CLKOUT (output)
TH
TH
TH
TI
<47> <47> <48> HLDRQ (input) <50> <36> HLDAK (output) <34> <49>
A16 to A19 (output) Note (output)
<33>
<50> <37>
<35>
A1 to A15 (output)
AD0 to AD15 (I/O)
Data
ASTB (output)
DSTB, RD (output) WRL, WRH (output)
Note R/W, UBEN, LBEN Remark The broken lines indicate high impedance.
36
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(5) Interrupt timing (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = AVSS = BVSS = EVSS = 0 V)
Parameter NMI high-level width NMI low-level width INTPn high-level width Symbol <51> <52> <53> tWNIH tWNIL tWITH n = 0 to 3, analog noise elimination n = 4, 5, digital noise elimination n = 6, digital noise elimination INTPn low-level width <54> tWITL n = 0 to 3, analog noise elimination n = 4, 5, digital noise elimination n = 6, digital noise elimination Conditions MIN. 500 500 500 3T + 20 3Tsmp + 20 500 3T + 20 3Tsmp + 20 MAX. Unit ns ns ns ns ns ns ns ns
Remarks 1. T: 1/fXX 2. Tsmp: Noise elimination sampling clock cycle
<51>
<52>
NMI (input)
<53>
<54>
INTPn (input)
Remark n = 0 to 6
Data Sheet U14894EJ1V0DS00
37
PD703037A, 703037AY, 70F3037A, 70F3037AY
(6) RPU timing (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = AVSS = BVSS = EVSS = 0 V)
Parameter TIn0, TIn1 high-level width TIn0, TIn1 low-level width TIm high-level width TIm low-level width Symbol <55> <56> <57> <58> tTIHn tTILn tTIHm tTILm Conditions n = 0, 1 n = 0, 1 m = 2 to 5 m = 2 to 5 MIN. 2Tsam + 20 2Tsam + 20 3T + 20 3T + 20
Note
MAX.
Unit ns ns ns ns
Note
Note Tsam (count clock cycle) can select the following cycles by setting the PRMn2 to PRMn0 bits of prescaler mode registers n0, n1 (PRMn0, PRMn1). When n = 0 (TM0), Tsam = 2T, 4T, 16T, 64T, 256T, or 1/INTWTNI cycle When n = 1 (TM1), Tsam = 2T, 4T, 16T, 32T, 128T, or 256T cycle However, when the TIn0 valid edge is selected as the count clock cycle, Tsam = 4T. Remark T: 1/fXX
<55>
<56>
TIn0, TIn1 (input)
<57>
<58>
TIm (input)
Remark
n = 0, 1 m = 2 to 5
38
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(7) Asynchronous serial interface (UART0, UART1) timing (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter ASCKn cycle time ASCKn high-level width ASCKn low-level width Symbol <59> <60> <61> tKCY13 tKH13 tKSO13 Conditions MIN. 200 80 80 MAX. Unit ns ns ns
Remark n = 0, 1
<59> <60> <61>
ASCKn (input)
Remark n = 0, 1
Data Sheet U14894EJ1V0DS00
39
PD703037A, 703037AY, 70F3037A, 70F3037AY
(8) 3-wire serial interface (CSI0 to CSI3) timing (a) Master mode (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter SCKn cycle SCKn high-level width SCKn low-level width SIn setup time (to SCKn) SIn hold time (from SCKn) Delay time from SCKn to SOn output Symbol <62> <63> <64> <65> <66> <67> tKCY1 tKH1 tKL1 tSIK1 tKSI1 tKSO1 Conditions MIN. 400 140 140 50 50 60 MAX. Unit ns ns ns ns ns ns
Remark n = 0 to 3 (b) Slave mode (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter SCKn cycle SCKn high-level width SCKn low-level width SIn setup time (to SCKn) SIn hold time (from SCKn) Delay time from SCKn to SOn output Symbol <62> <63> <64> <65> <66> <67> tKCY2 tKH2 tKL2 tSIK2 tKSI2 tKSO2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V Conditions MIN. 400 140 140 50 50 70 100 MAX. Unit ns ns ns ns ns ns ns
Remark n = 0 to 3
<62> <63> <64>
SCKn (I/O)
<65>
<66>
SIn (input)
Input data
<67>
SOn (output)
Output data
Remarks 1. The broken lines indicate high impedance. 2. n = 0 to 3
40
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(9) 3-wire variable length serial interface (CSI4) timing (1/2) (a) Master mode (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter SCK4 cycle Symbol <68> tKCY1 Conditions 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SCK4 high-level width <69> tKH1 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SCK4 low-level width <70> tKL1 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SI4 setup time (to SCK4) <71> tSIK1 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SI4 hold time (from SCK4) Delay time from SCK4 to SO4 output <72> <73> tKSI1 tKSO1 MIN. 200 400 60 140 60 140 25 50 20 55 MAX. Unit ns ns ns ns ns ns ns ns ns ns
(b) Slave mode (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter SCK4 cycle Symbol <68> tKCY2 Conditions 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SCK4 high-level width <69> tKH2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SCK4 low-level width <70> tKL2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SI4 setup time (to SCK4) <71> tSIK2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V SI4 hold time (from SCK4) Delay time from SCK4 to SO4 output <72> <73> tKSI2 tKSO2 4.0 V EVDD 5.5 V 3.0 V EVDD < 4.0 V MIN. 200 400 60 140 60 140 25 50 20 55 100 MAX. Unit ns ns ns ns ns ns ns ns ns ns ns
Data Sheet U14894EJ1V0DS00
41
PD703037A, 703037AY, 70F3037A, 70F3037AY
(9) 3-wire variable length serial interface (CSI4) timing (2/2)
<68> <69> <70>
SCK4 (I/O)
<71>
<72>
SI4 (input)
Input data
<73>
SO4 (output)
Output data
Remark
The broken lines indicate high impedance.
42
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
(10) I C bus mode (PD703037AY, 70F3037AY only)
2
(TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V) (1/2)
Parameter Symbol Normal Mode MIN. SCLn clock frequency Bus-free time (between stop/start conditions) Hold time
Note 1
High-Speed Mode MIN. 0 1.3 MAX. 400 -
Unit
MAX. 100 -
- <74>
fCLK tBUF
0 4.7
kHz
s s s s s s
<75> <76> <77> <78>
tHD:STA tLOW tHIGH tSU:STA
4.0 4.7 4.0 4.7
- - - -
0.6 1.3 0.6 0.6
- - - -
SCLn clock low-level width SCLn clock high-level width Setup time for start/restart conditions Data hold time CBUS compatible master I C mode Data setup time SDAn and SCLn signal rise time SDAn and SCLn signal fall time Stop condition setup time Pulse width of spike suppressed by input filter Capacitance load of each bus line
2
<79>
tHD:DAT
5.0
-
-
-
0 <80> <81> tSU:DAT tR
Note 2
- - 1,000
0
Note 2
0.9
Note 3
s
ns ns
250 -
100
Note 4
-
Note 5
20 + 0.1Cb
300
<82>
tF
-
300
20 + 0.1Cb
Note 5
300
ns
<83> <84>
tSU:STO tSP
4.0 -
- -
0.6 0
- 50
s
ns
-
Cb
-
400
-
400
pF
Notes 1. At the start condition, the first clock pulse is generated after the hold time. 2. The system requires a minimum of 300 ns hold time internally for the SDAn signal (at VIHmin.. of SCLn signal) in order to occupy the undefined area at the falling edge of SCLn. 3. If the system does not extend the SCLn signal low hold time (tLOW), only the maximum data hold time (tHD:DAT) needs to be satisfied.
2 2 4. The high-speed mode I C bus can be used in the normal-mode I C bus system. In this case, set the
high-speed mode I2C bus so that it meets the following conditions. * If the system does not extend the SCLn signal low state hold time: tHD:DAT 250 ns * If the system extends the SCLn signal low state hold time: Transmit the following data bit to the SDAn line prior to the SCLn line release (tRmax. + tSU:DAT = 1,000 + 250 = 1,250 ns: Normal mode I2C bus specification). 5. Cb: Total capacitance of one bus line (unit: pF)
Remark n = 0, 1
Data Sheet U14894EJ1V0DS00
43
PD703037A, 703037AY, 70F3037A, 70F3037AY
(10) I C bus mode (PD703037AY, 70F3037AY only)
2
(TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V) (2/2)
<76>
<77>
SCLn (I/O)
<82> <75> <81> <79> <80> <78> <75> <84> <83>
SDAn (I/O)
<74>
Stop condition
Start condition
Restart condition
Stop condition
Remark
n = 0, 1
A/D Converter Characteristics (TA = -40 to +85 C, VDD = AVDD = AVREF, VSS = AVSS = 0 V, Output pin load capacitance: CL = 50 pF)
Parameter Resolution Overall error
Note 1
Symbol - - ADM2 = 00H ADM2 = 01H
Conditions
MIN. 10
TYP. 10
MAX. 10 0.6 1.0
Unit bit %FSR %FSR
Conversion time Zero-scale error Full-scale error
Note 1
tCONV AINL AINL ADM2 = 00H ADM2 = 01H
5
10 0.4 0.4 0.6 4.0 6.0 4.0 6.0
s
%FSR %FSR %FSR LSB LSB LSB LSB V V V mA mA mA
Note 1
Integral linearity error
Note 2
INL
ADM2 = 00H ADM2 = 01H
Differential linearity error
Note 2
DNL
ADM2 = 00H ADM2 = 01H
Analog reference voltage Analog power supply voltage Analog input voltage AVREF input current AVDD current
AVREF AVDD VIAN AIREF AIDD
AVREF = AVDD
4.5 4.5 AVSS 1
5.5 5.5 AVREF 2 6 8
ADM2 = 00H ADM2 = 01H
3 4
Notes 1. Excluding quantization error (0.05 %FSR) 2. Excluding quantization error (0.5 LSB) Remarks 1. LSB: Least Significant Bit FSR: Full Scale Range 2. ADM2: A/D converter mode register 2
44
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
IEBus Controller Characteristics (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, EVDD = 3.0 to 5.5 V, VSS = EVSS = 0 V)
Parameter IEBus system frequency clock Symbol fS Conditions Communication mode: fixed to mode 1 MIN. TYP. 6.0 6.29
Note 1
MAX.
Unit MHz MHz
Notes 1, 2
Notes 1. 6.0 MHz and 6.29 MHz cannot be used together for the IEBus system clock frequency. 2. Although the system clock specified in the IEBus specification is 6.0 MHz, operation is guaranteed at 6.29 MHz system clock in the V850/SB2.
Regulator (TA = -40 to +85 C, VDD = 4.0 to 5.5 V, VSS = 0 V)
Parameter Output stabilization time Symbol <85> tREG Conditions Stabilization capacitance C = 1 F (Connected to REGC pin) MIN. 1 TYP. MAX. Unit ms
VDD
<85>
BVDD, EVDD
RESET (input)
Cautions 1. Be sure to start inputting supply voltage (VDD) when RESET = VSS = EVSS = BVSS = 0 V (the above state), and make RESET high level after the tREG period has elapsed. 2. If supply voltage (BVDD or EVDD) is input before the tREG period has elapsed following the input of supply voltage (VDD), data may be driven from the pins until the tREG period has elapsed because the I/O buffer power supply was turned on while the circuit was in an undefined state. To avoid this situation, it is recommended to input supply voltage (BVDD or EVDD) after the tREG period has elapsed following the input of supply voltage (VDD).
Data Sheet U14894EJ1V0DS00
45
PD703037A, 703037AY, 70F3037A, 70F3037AY
4.1 Flash Memory Programming Mode (PD70F3037A, 70F3037AY only)
Basic Characteristics (TA = 10 to 85 C)
Parameter Operating frequency Power supply voltage Write current Symbol fX VDD IDDW IPPW Erase current IDDE IPPE VPP power supply voltage VPP0 VPP1 Write count
Note
Conditions
MIN. 2 4.5
TYP.
MAX. 13 5.5 61 50 61 100
Unit MHz V mA mA mA mA V V times s s
When VPP = VPP1
VDD pin VPP pin
When VPP = VPP1
VDD pin VPP pin
During normal operation During flash memory programming
0 7.5 20 0.2 7.8 20 0.2
0.54 8.1 20 0.2 20
CWRT tER tERT
Unit erase time Total erase time
Note Erase/write are regarded as 1 cycle.
46
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
5. PACKAGE DRAWINGS
100-PIN PLASTIC QFP (14x20)
A B
80 81
51 50
detail of lead end S CD Q R
100 1
31 30
F G H I
M
J
P
K S N S L M
NOTE Each lead centerline is located within 0.15 mm of its true position (T.P.) at maximum material condition.
ITEM A B C D F G H I J K L M N P Q R S
MILLIMETERS 23.60.4 20.00.2 14.00.2 17.60.4 0.8 0.6 0.300.10 0.15 0.65 (T.P.) 1.80.2 0.80.2 0.15+0.10 -0.05 0.10 2.70.1 0.10.1 55 3.0 MAX.
P100GF-65-3BA1-4
Data Sheet U14894EJ1V0DS00
47
PD703037A, 703037AY, 70F3037A, 70F3037AY
6. RECOMMENDED SOLDERING CONDITIONS
The PD703037A, 703037AY, 70F3037A, and 70F3037AY should be soldered and mounted under the following recommended conditions. For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology Manual (C10535E). For soldering methods and conditions other than those recommended below, contact your NEC sales representative. Table 6-1. Surface Mounting Type Soldering Conditions (1/2) xxx-3BA: 100-pin plastic QFP (14 x 20) xxx PD703037AGF-xxx xxx-3BA: 100-pin plastic QFP (14 x 20) xxx PD703037AYGF-xxx
Soldering Method Soldering Conditions Recommended Condition Symbol IR35-207-2
Infrared reflow
Package peak temperature: 235 C, Time: 30 seconds MAX. (at 210 C or higher), Count: Two times or less Note Exposure limit: 7 days (after that, prebake at 125 C for 20 hours) Non-heat-resistance trays, such as magazine and taping trays, cannot be baked before unpacking.
VPS
Package peak temperature: 215 C, Time: 40 seconds MAX. (at 200 C or higher), Count: Two times or less Note Exposure limit: 7 days (after that, prebake at 125 C for 20 hours) Non-heat-resistance trays, such as magazine and taping trays, cannot be baked before unpacking.
VP15-207-2
Wave soldering
Solder bath temperature: 260 C MAX., Time: 10 seconds MAX., Count: once Preheating temperature: 120 C MAX. (package surface temperature) Note Exposure limit: 7 days (after that, prebake at 125 C for 20 hours) Pin temperature: 300 C MAX., Time: 3 seconds MAX. (per pin row)
WS60-207-1
Partial heating
-
Note After opening the dry pack, store it at 25 C or less and 65% RH or less for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating).
48
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Table 6-1. Surface Mounting Type Soldering Conditions (2/2)
PD70F3037AGF-3BA: 100-pin plastic QFP (14 x 20) PD70F3037AYGF-3BA: 100-pin plastic QFP (14 x 20)
Soldering Method Soldering Conditions Recommended Condition Symbol IR35-203-2
Infrared reflow
Package peak temperature: 235 C, Time: 30 seconds MAX. (at 210 C or higher), Count: Two times or less Note Exposure limit: 3 days (after that, prebake at 125 C for 20 to 72 hours) Non-heat-resistance trays, such as magazine and taping trays, cannot be baked before unpacking.
VPS
Package peak temperature: 215 C, Time: 25 to 40 seconds MAX. (at 200 C or higher), Count: Two times or less Note Exposure limit: 3 days (after that, prebake at 125 C for 20 to 72 hours) Non-heat-resistance trays, such as magazine and taping trays, cannot be baked before unpacking.
VP15-203-2
Wave soldering
Solder bath temperature: 260 C MAX., Time: 10 seconds MAX., Count: once Preheating temperature: 120 C MAX. (package surface temperature) Note Exposure limit: 3 days (after that, prebake at 125 C for 20 to 72 hours) Pin temperature: 300 C MAX., Time: 3 seconds MAX. (per pin row)
WS60-203-1
Partial heating
-
Note After opening the dry pack, store it at 25 C or less and 65% RH or less for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating).
Data Sheet U14894EJ1V0DS00
49
PD703037A, 703037AY, 70F3037A, 70F3037AY
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
Caution
Purchase of NEC I C components conveys a license under the Philips I C Patent Rights to use these components in an I C system, provided that the system conforms to the I C Standard Specification as defined by Philips.
2 2
2
2
Related document PD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY Data Sheet (U14734E) Reference document Electrical Characteristics for Microcomputer (IEI-601) Note This document number is that of the Japanese version. V850/SB1, V850/SB2, and V850 Family are trademarks of NEC Corporation.
Note
50
Data Sheet U14894EJ1V0DS00
PD703037A, 703037AY, 70F3037A, 70F3037AY
Regional Information
Some information contained in this document may vary from country to country. Before using any NEC product in your application, pIease contact the NEC office in your country to obtain a list of authorized representatives and distributors. They will verify:
* * * * *
Device availability Ordering information Product release schedule Availability of related technical literature Development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, AC supply voltages, and so forth) Network requirements
*
In addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country.
NEC Electronics Inc. (U.S.)
Santa Clara, California Tel: 408-588-6000 800-366-9782 Fax: 408-588-6130 800-729-9288
NEC Electronics (Germany) GmbH
Benelux Office Eindhoven, The Netherlands Tel: 040-2445845 Fax: 040-2444580
NEC Electronics Hong Kong Ltd.
Hong Kong Tel: 2886-9318 Fax: 2886-9022/9044
NEC Electronics Hong Kong Ltd. NEC Electronics (France) S.A.
Velizy-Villacoublay, France Tel: 01-30-67 58 00 Fax: 01-30-67 58 99 Seoul Branch Seoul, Korea Tel: 02-528-0303 Fax: 02-528-4411
NEC Electronics (Germany) GmbH
Duesseldorf, Germany Tel: 0211-65 03 02 Fax: 0211-65 03 490
NEC Electronics (France) S.A. NEC Electronics (UK) Ltd.
Milton Keynes, UK Tel: 01908-691-133 Fax: 01908-670-290 Madrid Office Madrid, Spain Tel: 91-504-2787 Fax: 91-504-2860
NEC Electronics Singapore Pte. Ltd.
United Square, Singapore Tel: 65-253-8311 Fax: 65-250-3583
NEC Electronics Taiwan Ltd. NEC Electronics Italiana s.r.l.
Milano, Italy Tel: 02-66 75 41 Fax: 02-66 75 42 99
NEC Electronics (Germany) GmbH
Scandinavia Office Taeby, Sweden Tel: 08-63 80 820 Fax: 08-63 80 388
Taipei, Taiwan Tel: 02-2719-2377 Fax: 02-2719-5951
NEC do Brasil S.A.
Electron Devices Division Guarulhos-SP Brasil Tel: 55-11-6462-6810 Fax: 55-11-6462-6829
J00.7
Data Sheet U14894EJ1V0DS00
51
PD703032A, 703032AY, 70F3032A, 70F3032AY
The export of these products from Japan is regulated by the Japanese government. The export of some or all of these products may be prohibited without governmental license. To export or re-export some or all of these products from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
* The information in this document is current as of June, 2000. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPD703037A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X