|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET PD6124A, 6600A 4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION MOS INTEGRATED CIRCUIT DESCRIPTION The PD6124A and 6600A are 4-bit single-chip microcontrollers for infrared remote controllers for TVs, VCRs, stereos, cassette decks, air conditions, etc. These microcontrollers consist of ROM, RAM, a 4-bit parallel-processing ALU, a programmable timer, key input/ output ports, and transmit output ports. Functioning is controlled by a program. A one-time PROM, model PD61P24, to which a program can be written only once is also available. This one-time PROM is ideal for evaluation of programs running in a PD6124A or 6600A, and for small-scale production of such systems. FEATURES * * * * Transmitter for programmable infrared remote controller 19 types of instructions Instruction execution time: 17.6 s (with 455-kHz ceramic resonator) Program memory (ROM) capacity * PD6124A: 1002 x 10 bits * PD6600A: 512 x 10 bits * * * * * * Transmission-in-progress indication pin (S-OUT): 1 pin Transmit carrier frequency (REM) fOSC/12, fOSC/8 Standby operation (HALT/STOP mode) Low power consumption Current consumption in STOP mode (TA = 25C) Low-voltage operation * * * * * Data memory (RAM) capacity: 32 x 5 bits 9-bit programmable timer: 1 channel I/O pins (KI/O): 8 pins Input pins (KI): 4 pins Serial input pins (S-IN): 1 pin Caution PD6124A: VDD = 2.2 to 5.5 V PD6600A: VDD = 2.2 to 3.6 V To use the NEC transmission format, ask NEC to supply the custom code. Do not use R0 when using a register as an operand of the branch instruction. The information in this document is subject to change without notice. Document No. U12391EJ5V0DS00 (5th edition) (Previous No. IC-1927) Date Published June 1997 N Printed in Japan The mark shows major revised points. (c) 1989 PD6124A, 6600A ORDERING INFORMATION Part Number Package 20-pin plastic shrink DIP (300 mil) 20-pin plastic SOP (300 mil) 20-pin plastic shrink DIP (300 mil) 20-pin plastic SOP (300 mil) PD6124ACS-XXX PD6124AGS-XXX PD6600ACS-XXX PD6600AGS-XXX Remark XXX indicates ROM code suffix. PIN CONFIGURATION (TOP VIEW) K I/O1 1 K I/O0 2 S-IN 3 S-OUT 4 REM 5 V DD 6 OSC-OUT 7 OSC-IN 8 VSS 9 AC 10 20 K I/O2 19 K I/O3 18 K I/O4 17 K I/O5 16 K I/O6 15 K I/O7 14 K I0 13 K I1 12 K I2 11 K I3 2 PD6124A, 6600A BLOCK DIAGRAM ROM D.P. ROM D.P. PC(L) PC(H) L H M P X ROM (L) ROM (H) Note CNTL CNTL (L) (H) 32 x 5 bits SP ADD DEC M P X RAM RAM To S-OUT TIMER TIMER (L) (H) 10 bits OSC MOD ALU ACC KEY KEY OUT(L) OUT(H) KEY IN Watchdog Lowvoltage timer detector function circuit OSC-IN S-OUT REM OSC-OUT S-IN KI/O0-KI/O7 K I0 -KI3 AC Note ROM capacity depends on the products. DIFFERENCES AMONG PRODUCTS Item ROM Capacity RAM Capacity I/O Pins S-IN Pins Current Consumption (fOSC = STOP) (MAX.) S-IN High Level Input Current (MAX.) Transmit Carrier Frequency Low-voltage Detector (Reset) Circuit Supply Current Package VDD = 2.2 to 5.5 V * 20-pin plastic SOP (300 mil) * 20-pin plastic shrink DIP (300 mil) VDD = 2.2 to 3.6 V fOSC/12, fOSC/8 Provided 30 A Product Name PD6124A 1002 x 10 bits (Mark ROM) 32 x 5 bits 8 (KI/O0-KI/O7) Provided 2 A PD6600A 512 x 10 bits (Mask ROM) 3 PD6124A, 6600A 1. PROGRAM COUNTER (PC) ......... 9 BITS 10 BITS : PD6600A : PD6124A The program counter (PC) is a binary counter, which holds the address information for the program memory. Figure 1-1. Program Counter Organization (a) PC 8 PC 7 PC 6 PC 5 PD6600A PC 4 PC 3 PC 2 PC 1 PC 0 PC (b) PC 9 PC 8 PC 7 PC 6 PC 5 PD6124A PC 4 PC 3 PC 2 PC 1 PC 0 PC Normally, the program counter contents are automatically incremented each time an instruction is executed, according to the number of instruction bytes. When executing a jump instruction (JMP0, JC, JF), the program counter indicates the jump destination. Immediate data or the data memory contents are loaded to all or some bits of the PC. When executing the call instruction (CALL0), the PC contents are incremented (+1) and saved into the stack memory. Then, a value needed for each jump instruction will be loaded. When executing the return instruction (RET), the stack memory contents are double incremented (+2) and loaded into the PC. When "all clear" is input or on reset, the PC contents are cleared to "000H". 2. STACK POINTER (SP) ......... 2 BITS This 2-bit register holds the start address information for the stack area. The stack area is shared with the data memory. The SP contents are incremented, when the call instruction (CALL0) is executed. They are decremented, when the return instruction (RET) is executed. The stack pointer is cleared to "00B" after reset or "all clear" is input, and indicates the highest address FH for the data memory as the stack area. The figure below shows the relationship for the stack pointer and the data memory area. Data memory RC RD RE RF (SP) 11B 10B 01B 00B If the stack pointer overflows or underflows, it is determined that the CPU overflows, and the PC internal reset signal will be generated. 4 PD6124A, 6600A 3. PROGRAM MEMORY (ROM) ......... 512 STEPS x 10 BITS : PD6600A 1002 STEPS x 10 BITS : PD6124A The program memory (ROM) is configured in 10 bits steps. It is addressed by the program counter. Program and table data are stored in the program memory. Figure 3-1. Program Memory Map (a) 000H 0FFH 100H 1FFH 0 PD6600A 000H 0FFH 100H 1FFH 200H 2FFH 300H 3E9H 3EAH 3FFH (b) PD6124A 0 1 1 Test program area 4. DATA MEMORY (RAM) ......... 32 WORDS x 5 BITS The data memory is a RAM of 32 words x 5 bits. The data memory stores processing data. In some cases, the 0 data memory is processed in 8-bit units. R0 may be used as the data pointer for the ROM. After power application, the RAM will be undefined. The RAM retains the previous data on reset. 0 1 Figure 4-1. Data Memory Organization 1 0 R0 1 . . . RB RC . . . RF SP-3 SP-2 SP-1 SP-0 Caution Avoid using the RAM areas RD, RE, and RF in a CALL routine as much as possible because these areas are also used as stack memory areas (to prevent program hang-up in case the value of the SP is destroyed due to some reason such as noise). When using these RAM areas as general-purpose RAM areas, be sure to include stack pointer checking in the main routine. 5 PD6124A, 6600A 5. DATA POINTER (R0) R0 (R10, R00) for the data memory can serve as the data pointer for the ROM. R0 specifies the low-order 8 bits in the ROM address. The high-order 2 bits in the ROM address are specified by the control register. Table referencing for ROM data can be easily executed by calling the ROM contents by setting the ROM address to the data pointer. On reset or "all clear" is input, it becomes undefined. Figure 5-1. Data Pointer Organization Control registers (P1 ) AD9Note AD 8 AD 7 AD 6 R10 R00 AD 5 AD 4 AD 3 AD 2 AD 1 AD 0 R0 Note PD6600A: AD9 = 0 6. ACCUMULATOR (A) ......... 4 BITS The accumulator (A) is a 4-bit register. The accumulator plays a major role in each operation. On reset or "all clear" is input, it becomes undefined. Figure 6-1. Accumulator Organization A3 A2 A1 A0 A 7. ARITHMETIC LOGIC UNIT (ALU) ......... 4 BITS The arithmetic logic unit (ALU) is a 4-bit operation circuit, and executes simple operations, such as arithmetic operations. 8. FLAGS (1) Status flag When the status for each pin is checked by the STTS instruction, if the condition coincides with the condition specified by the STTS instruction, the status flag (F) is set (to 1). On reset or "all clear" is input, it becomes undefined. (2) Carry flag When the INC (increment) instruction or the RL (rotate left) instruction is executed, if a carry is generated from the MSB for the accumulator, the carry flag (C) is set (to 1). The carry flag (C) is also set (to 1), if the contents for the accumulator are "FH", when the SCAF instruction is executed. On reset or "all clear" is input, it becomes undefined. 6 PD6124A, 6600A 9. SYSTEM CLOCK GENERATOR The system clock generator consists of a resonator, which uses a ceramic resonator (400kHz to 500kHz). Figure 9-1. System Clock Generator OSC-IN STOP mode OSC-OUT o System clock In the STOP mode (oscillation stop HALT instruction), the oscillator in the system clock generator stops its operation, and the system clock o is stopped. 7 PD6124A, 6600A 10. TIMER The timer block determines the transmission output pattern. The timer consists of 10 bits, of which 9 bits serve as the 9-bit down counter and the remaining 1 bit serves as the 1-bit latch, which determines the carrier output validity. The 9-bit down counter is decremented (-1) every 8/fOSC(s) in synchronization with the machine cycle, after starting down count operation. Down counting stops after all of the 9 bits become 0. When down counting is stopped, the signal indicating that the timer operation has stopped, is output. If the CPU is at standby (HALT TIMER) for the timer operation completion, the standby (HALT) condition is released and the next instruction will be executed. If the next instruction again sets the value of the down counter, down counting continues without any error (the carrier output of the REM pin is not affected). Set the down count time according to the following calculation; (set value (HEX) + 1) x 8/fOSC. Setting the value to the timer is done by the timer manipulation instruction. When the down counter is operating, the remote control transmission carrier can be output to the REM pin. Whether or not to output the carrier can be selected by the MSB for the timer register block. Set "1", when outputting the carrier, or "0", when not outputting the carrier. If all the down counter bits become "0", when outputting the carrier, the carrier output will be stopped. When not outputting the carrier, the REM pin output will become low level. A signal in synchronization with the REM output is output to the S-OUT pin. However, the waveform for the S-OUT pin is low, when the carrier is being output to the REM pin, or it is high, when the carrier is not being output to the REM pin. If the HALT instruction, which initiates the oscillation stop mode, is executed when the down counter is operating, the oscillation stop mode is initiated after down counting is stopped (after 0). Timer operation STOP/RUN is controlled by the control register (P1). (Refer to 13. CONTROL REGISTER (P1).) At reset (all clear) time, the REM pin goes low and S-OUT pin goes high. All 10 bits of the timer are cleared to 000H. Cautions 1. Because the timer clock is not synchronized with the carrier output, the pulse width may be shortened at the beginning and end of the carrier output. 2. Reset caused by the low-voltage detector circuit causes the S-OUT pin to output low level. Figure 10-1. Timer Block Organization Set by timer mainpulation instruction MSB 1/0 From low-voltage detector (reset) circuit Clear Zero detection circuit S-OUT 9-bit down counter fosc/8 REM Carrier (fosc/12, fosc/8) Selected by control register D 2 of control register P 1 (Timer RUN/STOP) 8 PD6124A, 6600A 11. PIN FUNCTIONS 11.1 KI/O PIN (P0) This is the 8-bit I/O pin for key-scan output. When the control register (P1) is set for the input port, the port can be used as an 8-bit input pin. When the port is set for the input mode, all of these pins are pulled down to the VSS level inside the LSI. At reset (all cleared), the value of I/O mode and output latch becomes undefined. Figure 11-1. KI/O Pin Organization P10 P00 (P 1 ) Control register P0 KI/O7 KI/O6 KI/O5 KI/O4 KI/O3 KI/O2 KI/O1 KI/O0 11.2 KI/O PULL-DOWN RESISTOR CONFIGURATION V DD Input/output selection P-ch Pin N-ch V SS CMOS Output signal Input signal R Pull-down resistor N-ch When KI/O is set to the input mode, pull-down resistor R is turned on. 9 PD6124A, 6600A 11.3 KI PIN (P12) This is the 4-bit pin for key input. All of these pins can be pulled down to the VSS level by mask option. Figure 11-2. KI Pin Organization P12 P2 KI3 KI2 KI1 KI0 Mask option 11.4 KI PULL-DOWN RESISTOR CONFIGURATION V DD P-ch Pin KI pull-down resistor switch (Mask option) Pull-down resistor V SS Input signal N-ch V SS When the pull-down resistor switch is turned on (set 1) by the mask option, pull-down resistor R is turned on. Caution When using the pin as the key switch, turn on the pull-down resistor switch by the mask option. 10 PD6124A, 6600A 11.5 S-OUT PIN By going low whenever the carrier frequency is output from the REM pin, the S-OUT pin indicates that communication is in progress. The S-OUT pin is CMOS output. The S-OUT pin goes high on reset. 11.6 S-IN PIN (D0 BIT OF P1) To input serial data, use the S-IN pin. When control register (P1) is set to serial input mode, the S-IN pin is connected as an input to the LSB of the accumulator; the S-IN pin can be pulled down to the VSS level by a mask option from within the LSI. In this state, if the rotate-left accumulator instruction (RL A) is executed, the data on the S-IN pin is copied to the LSB of the accumulator. If the control register is released from serial input mode, the S-IN pin goes into a high-impedance state, but no through current flows internally. When the RL A instruction is executed, the MSB is copied to the LSB. At reset (all cleared), the S-IN pin goes into a high-impedance state. Caution The PD6123 is not provided with an S-IN pin. Figure 11-3. Configuration of the S-IN Pin CY A3 A2 A1 A0 Mask option Control register S-IN 11 PD6124A, 6600A 12. PORT REGISTER (Px) KI/O, KI, and the control register are handled as port registers. The table below shows the relations between the port registers and pins. Table 12-1. Relations between Port Registers and Pins Input Mode Read Pin status Pin status Write Output latch - Read Pin status - Output Mode Write Output latch - On Reset Undefined [input mode, output latch] Input mode High impedance (D0 of P1 register = 0) Pin Name KI/O KI S-IN Pin status is read by RL A instruction when D0 of P1 register = 1. P1x (H) K I/O7-4 P 10 Control register (H) P 11 K I3-0 P 12 P 02 P 01 P 00 P0x (L) K I/O3-0 P0 Control register (L) P1 P2 12 PD6124A, 6600A 13. CONTROL REGISTER (P1) The control register contains of 10 bits. The controllable items are shown in Table 13-1. Table 13-1. Control Register (P1) (1/2) (a) PD6124A Bit Name D9 D8 D7 - D6 HALT D5 D.P. AD 9 AD 9 =0 AD 9 =1 D4 D.P. AD 8 AD 8 =0 AD 8 =1 D3 MOD D2 Timer D1 K I/O D0 RL A CC A0 A3 S-IN Test mode 0 Set Value 1 Be sure to set 0. NOP OSC STOP f OSC/8 f OSC/12 STOP RUN IN OUT D0 .......................... Specifies data to be input to A0 when the accumulator is shifted to the left. 0: A3, 1:S-IN D1 .......................... Specifies the status of KI/O, as follows: 0: input mode, 1: output mode D2 .......................... Specifies the status of the timer, as follows: 0: Count stop, 1: Count execution D3 .......................... Specifies the carrier frequency output from the REM pin. 0: fOSC/8, 1: fOSC/12 D4, D5 ................. Specify the high-order 2 bits of the ROM data pointer. D6 .......................... Determines what happen to the oscillation circuit when the HALT instruction is executed. 0: Oscillation does not stop 1: Oscillation stops (STOP mode) D7 .......................... Be sure to set this bit to 0. D8, D9 ................. These bits specify test modes. Be sure to set them to 0. Remark D0 = D8 = D9 = 0 on reset, and the other bits are undefined. 13 PD6124A, 6600A Table 13-1. Control Register (P1) (2/2) (b) PD6600A Bit Name D9 D8 D7 - D6 HALT D5 D.P. AD 9 D4 D.P. AD 8 AD 8 =0 D3 MOD D2 Timer D1 K I/O D0 RL A CC A0 A3 S-IN Test mode 0 Set Value 1 Be sure to set 0. NOP OSC STOP Be sure to set 0. f OSC/8 f OSC/12 STOP RUN IN OUT AD 8 =1 D0 .......................... Specifies data to be input to A0 when the accumulator is shifted to the left. 0: A3, 1:S-IN D1 .......................... Specifies the status of KI/O, as follows: 0: input mode, 1: output mode D2 .......................... Specifies the status of the timer, as follows: 0: Count stop, 1: Count execution D3 .......................... Specifies the carrier frequency output from the REM pin. 0: fOSC/8, 1: fOSC/12 D4 .......................... Specify the MSB of the ROM data pointer. D5 .......................... Be sure to reset them to 0. D6 .......................... Determines what happen to the oscillation circuit when the HALT instruction is executed. 0: Oscillation does not stop 1: Oscillation stops (STOP mode) D7 .......................... Be sure to set this bit to 0. D8, D9 ................. These bits specify test modes. Be sure to set them to 0. Remark D0 = D8 = D9 = 0 on reset, and the other bits are undefined. 14 PD6124A, 6600A 14. STANDBY FUNCTION (HALT INSTRUCTION) The PD6600A is provided with the standby mode (HALT instruction), in order to reduce the power consumption, when not executing the program. Clock oscillation can be stopped in the standby mode (STOP mode). In the standby mode, the program execution stops. However, the contents of the internal registers and the data memory are all retained. 14.1 STOP MODE (OSCILLATION STOP HALT INSTRUCTION) In the STOP mode, the operation of the system clock generator (ceramic resonator oscillation circuit) stops. Therefore, operations requiring the system clock will stop. If the HALT instruction is executed during timer operation, the program counter stops. The oscillation stop mode will be initiated, after the timer count down operation is completed. 14.2 HALT MODE (OSCILLATION CONTINUE HALT INSTRUCTION) The CPU stops its operation, until the HALT release condition is satisfied. The system clock operation continues in this mode. 14.3 (1) (2) (3) (4) Remark STANDBY RELEASE CONDITIONS S-IN input KI/O input KI input Timer count down operation completion Either high level or low level can be specified for setting a release condition by input. Table 14-1. Standby Mode Releasing Condition Releasing Condition S-IN K I/O D3 D2 D1 D0 Remarks When RL A 3 is selected, the standby mode is always released. Valid only in the IN mode. 0 0 0 0 0 1 0/1 0 0 0 1 1 0 1 KI Timer Released when 0. Releasing condition: "0"***Low level detection "1"***High level detection 15 PD6124A, 6600A 15. AC PIN (ALL CLEAR PIN) Internal part of the CPU including the program counter can be reset by setting the AC pin to the low level. WATCHDOG TIMER FUNCTION A power-on reset function and a CR watchdog timer function, that can be controlled by program, can be realized by connecting a 0.1 F capacitor across the AC pin and the VSS. V DD Charge mode Charge start instruction 0.1 F Execute HALT instruction immediately before NOP. (Charge for 0.4 ms or more) Discharge mode Discharge start instruction 0.1 F Discharge starts after the NOP instruction execution. (Discharge time is about 5 ms from VDD to VthL) Charge-discharge pattern V V DD V thL The pattern must be controlled by the program, in such a manner that the C charge level will not go below VthL. t Caution When the watchdog timer function is not used, switch to charging mode by executing a NOP instruction immediately before a HALT instruction at the beginning of the program. (Be sure to connect the capacitor.) 16 PD6124A, 6600A 16. LOW-VOLTAGE DETECTOR (RESET) CIRCUIT The PD6124A and 6600A are internally provided with the low-voltage detector (reset) circuit, in order to prevent program hang-up. When VDD goes down to 1 V or below, an internal reset signal is generated. In the reset condition, a low level is output to the S-OUT pin. AC pin Internal reset signal Reset circuit To S-OUT pin Caution The low-voltage detector circuit starts operating at a voltage ranging from 1 to 2.2 V. Hence, if the supply voltage is 2 V or lower, the program counter may hang up before the low-voltage detector circuit operates. 17. MASK OPTIONS (PLA DATA) The following items can be selected by mask option selection: * Provide/not provide KI, S-IN pin pull-down resistor * Carrier duty selection (1/2, 1/3) at fOSC/12 * Hang-up detection specification Mask option data should be registered at the object code end. BIT ASSIGNMENT BY SWITCH SELECTION Address MSB Corresponding Portion 7 KI pull-down resistor Note KI3 6 K I2 5 K I1 4 K I0 3 2 0 1 0 LSB 0 1 Duty S-IN 0 0 0 Duty selection 0 0 S-IN pull-down resistor 0 2 Hang-up detection KI/O ALL HALT S-IN HALT KI/O HALT KI 0 Note The setting (bit) positions differ from the PD6125A and 6126A. 17 PD6124A, 6600A SWITCH FOR DATA (1) Pull-down resistor When 0 ... Not provided (OFF) When 1 ... Provided (ON) Modulation duty (at fOSC/12) When 0 ... 1/2 duty When 1 ... 1/3 duty Hang-up detection <1> KI/O ALL If the switch for hang-up detection KI/O ALL is set to ON (1) by mask option, the system is reset if, in oscillation HALT (STOP) mode, the KI/O pin is in input mode, or if at least one of the KI/O pins is low (AC pin discharge mode). When 0 ... No reset function (OFF) When 1 ... Reset function (ON) Caution To use a pin as a key source of a key matrix, be sure to set the switch to ON by mask option. (2) (3) Figure 17-1. Hang-up Detection KI/O ALL Configuration Diagram K I/O0 output signal K I/O1 output signal K I/O2 output signal K I/O3 output signal K I/O4 output signal K I/O5 output signal K I/O6 output signal K I/O7 output signal Hang-up detection KI/O ALL switch (Mask option) To RESET circuit VDD KI/O input/output selection <2> HALT releasing condition specification (S-IN, KI/O, KI) If the condition specified by mask option to be unused is satisfied in the HALT mode, the system is reset. When 0 ... Used When 1 ... Unused Caution Be sure to specify the HALT mode of the unused releasing condition to be unused (set). 18 PD6124A, 6600A 18. PROGRAM DEVELOPMENT TOOLS To develop programs for the PD6124A and 6600A, an assembler and an emulator for the PD612X series are available from I.C. Corp. For details, contact IC Corp. IC Corporation 6th Barnet Gotanda Bldg. 1-9-5 Higashi-Gotanda, Shinagawa-ku Tel. 03-3447-3793 Fax. 03-3440-5606 Caution To develop the programs for the PD6124A and 6600A, use the PD6124 because the PD6124A and 6600A are not available as the target devices for assembly and emulation. The upper limit of ROM addresses is different in the PD6124A/6600A and PD6124. Make sure that the program does not exceed 512 steps by checking the end address of the assembly listing after assembling the program. The mask option of the PD6124A/6600A is the same as that of the PD6124. 19. ORDERING ROM CODE <1> To generate the data required for ordering a mask ROM, after assembling the program, convert the HEX file to a ROM file by using the PROM utility program "UPDPROM". Caution When using "UPDPROM" select "27256" for PROM TYPE. <2> Confirm that the instruction ROM code data is stored in addresses 0 through 7D3H (3FFH in PD6600A) of the PROM. Also confirm that the mask option ROM code data are stored in addresses 7FF0H through 7FF2H. 19 PD6124A, 6600A 20. INSTRUCTION SET ACCUMULATOR MANIPULATION INSTRUCTIONS Rr ANL ANL ANL ANL ORL ORL ORL ORL XRL XRL XRL XRL INC RL A, Rr A, @R0H A, @R0L A, #data A, Rr A, @R0H A, @R0L A, #data A, Rr A, @R0H A, @R0L A, #data A A - D10 D30 D31 R10 D00 R11 D01 R12 D02 R1F D0F R00 D20 R01 D21 R0F D2F E00 E10 E30 E31 A00 A10 A30 A31 A13 F13 E01 E02 E0F E20 E21 E2F A01 A02 A0F A20 A21 A2F INPUT/OUTPUT INSTRUCTIONS PP IN OUT ANL ORL XRL A, PP , A, A, A, PP A PP PP PP P10 F18 218 D18 E18 A18 P11 F19 219 D19 E19 A19 P12 F1A 21A D1A E1A A1Z P00 F38 238 D38 E38 A38 P01 F39 239 D39 E39 A39 P02 F3A 23A D3A E3A A3A PP OUT PP #data P0 318 P1 319 P2 31A P1P and P0P operate in pair format DATA TRANSFER INSTRUCTIONS Rr MOV MOV MOV MOV MOV A, R r A, @R 0 H A, @R 0 H A, #data Rr , A F10 F30 F31 200 201 202 20F 220 221 22F R10 F00 R11 F01 R12 F02 R1F F0F R00 F20 R01 F21 R0F F2F Rr MOV MOV Rr , #data Rr , @R 0 R0 300 320 R1 301 321 R2 302 322 RF 30F 32F R1r and R0r operate in pair format 20 PD6124A, 6600A BRANCH INSTRUCTIONS Rr JMP0 JMP0 JC JC JNC JNC JF JF JNF JNF addr Rr Note - 411 - 611 - 631 - 711 - 731 - R0 R1 R2 RF Pair register - 401 402 40F addr RrNote addr RrNote addr RrNote addr RrNote - 601 602 622 60F - - 621 62F 701 702 70F - 721 722 72F Note r = 1 through F r = 0 canot be used. SUBROUTINE INSTRUCTIONS PP CALL0 RET addr P0 312 412 P1 411 TIMER/COUNTER MANIPULATION INSTRUCTIONS Tt MOV MOV MOV MOV A, Tt , T, T, Tt A #data @R 0 T0-1 - 31F 33F T1 F1F 21F T0 F3F 23F OTHER INSTRUCTIONS R 00 HALT #data STTS R 0r STTS #data SCAF NOP 111 120 131 D13 000 121 122 12F R 01 R 02 R 0F 21 PD6124A, 6600A 21. APPLICATION CIRCUIT EXAMPLE Key matrix 1 VDD VDD 2 3 Infrared LED SE303 series SE313 SE307-C SE1003-C KI/O1 KI/O0 S-IN KI/O2 KI/O3 KI/O4 KI/O5 20 19 18 17 16 15 Mode select switch 14 13 12 11 Transmission indication 4 S-OUT KI/O6 KI/O7 2SC3616, 3618 2SD1615, 1616 2SC2001 100 pF 3.0 V 100 pF 5 6 7 8 47 F + 9 10 0.1 F REM VDD OSC-OUT OSC-IN VSS AC KI0 KI1 KI2 KI3 PD6124A PD6600A Caution The ceramic resonator start up capacitor value must be determined, by taking the voltage level and the oscillation start up characteristics for the ceramic resonator into consideration. 22 PD6124A, 6600A 22. (1) ELECTRICAL SPECIFICATIONS PD6124A Electrical Specifications ABSOLUTE MAXIMUM RATINGS (TA = 25 C) Parameter Supply Voltage Input Voltage Operating Ambient Temperature Storage Temperature Symbol VDD VIN TA Tstg Ratings -0.3 to +7.0 -0.3 to VDD + 0.3 -20 to +75 -40 to +125 Unit V V C C Caution Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality of the product may be degraded. The absolute maximum rating therefore specifies the upper or lower limit of the value at which the product can be used without physical damages. Be sure to use the product(s) within the ratings. RECOMMENDED OPERATING RANGE (TA = -20 to +75 C) Parameter Supply Voltage Oscillation Frequency Symbol VDD fOSC MIN. 2.2 400 TYP. MAX. 5.5 500 Unit V kHz 23 PD6124A, 6600A DC CHARACTERISTICS (VDD = 3.0 V, fOSC = 455 kHz, TA = 25 C) Parameter Supply Voltage Current Consumption 1 Current Consumption 2 REM High Level Output Current REM Low Level Output Current S-OUT High Level Output Current S-OUT Low Level Output Current KI High Level Input Current KI High Level Input Current KI Low Level Input Current KI/O High Level Input Current KI/O High Level Input Current KI/O Low Level Input Current KI/O High Level Output Current KI/O Low Level Output Current S-IN High Level Input Current S-IN High Level Input Current S-IN Low Level Input Current KI High Level Input Voltage KI Low Level Input Voltage KI/O High Level Input Voltage KI/O Low Level Input Voltage S-IN High Level Input Voltage S-IN Low Level Input Voltage AC Pull-Up Resistor AC Pull-Down Resistor AC High Level Input Voltage AC Low Level Input Voltage Symbol VDD IDD1 IDD2 IOH1 IOL1 IOH2 IOL2 IIH1 IIH1' IIL1 IIH2 IIH2' IIL2 IOH3 IOL3 IIH3 IIH3' IIL3 VIH1 VIL1 VIH2 VIL2 IIH3 IIL3 R1 R2 VIH4 VIL4 VI = 0 V VI = 2.7 V VI = 3.0 V fOSC = 455 kHz fOSC = STOP VO = 1.0 V VO = 0.3 V VO = 2.7 V VO = 0.3 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V V0 = 2.5 V V0 = 2.1 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V 2.1 0 1.3 0 1.1 0 0.3 150 1.8 0 -1.5 25 6 -2.0 50 10 -5 0.5 -0.3 1 10 -8 1.5 -1.0 1.5 30 0.2 -0.2 30 0.2 -0.2 -4.0 100 30 0.2 -0.2 3.0 0.9 3.0 0.4 3.0 0.4 3.0 1500 3.0 1.2 2.5 -2.0 Conditions MIN. 2.2 0.3 TYP. MAX. 5.5 1.0 2.0 Unit V mA A mA mA mA mA A A A A A A mA A A A A V V V V V V k k V V 24 PD6124A, 6600A (2) PD6600A Electrical Specifications ABSOLUTE MAXIMUM RATINGS (TA = 25 C) Parameter Supply Voltage Input Voltage Operating Ambient Temperature Storage Temperature Symbol VDD VIN TA Tstg Ratings -0.3 to +7.0 -0.3 to VDD + 0.3 -20 to +75 -40 to +125 Unit V V C C Caution Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality of the product may be degraded. The absolute maximum rating therefore specifies the upper or lower limit of the value at which the product can be used without physical damages. Be sure to use the product(s) within the ratings. RECOMMENDED OPERATING RANGE (TA = -20 to +75 C) Parameter Supply Voltage Oscillation Frequency Symbol VDD fOSC MIN. 2.2 400 TYP. MAX. 3.6 500 Unit V kHz 25 PD6124A, 6600A DC CHARACTERISTICS (VDD = 3.0 V, fOSC = 455 kHz, TA = 25 C) Parameter Supply Voltage Current Consumption 1 Current Consumption 2 REM High Level Output Current REM Low Level Output Current S-OUT High Level Output Current S-OUT Low Level Output Current KI High Level Input Current KI High Level Input Current KI Low Level Input Current KI/O High Level Input Current KI/O High Level Input Current KI/O Low Level Input Current KI/O High Level Output Current KI/O Low Level Output Current S-IN High Level Input Current S-IN High Level Input Current S-IN Low Level Input Current KI High Level Input Voltage KI Low Level Input Voltage KI/O High Level Input Voltage KI/O Low Level Input Voltage S-IN High Level Input Voltage S-IN Low Level Input Voltage AC Pull-Up Resistor AC Pull-Down Resistor AC High Level Input Voltage AC Low Level Input Voltage Symbol VDD IDD1 IDD2 IOH1 IOL1 IOH2 IOL2 IIH1 IIH1' IIL1 IIH2 IIH2' IIL2 IOH3 IOL3 IIH3 IIH3' IIL3 VIH1 VIL1 VIH2 VIL2 IIH3 IIL3 R1 R2 VIH4 VIL4 VI = 0 V VI = 2.7 V VI = 3.0 V fOSC = 455 kHz fOSC = STOP VO = 1.0 V VO = 0.3 V VO = 2.7 V VO = 0.3 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V VO = 2.5 V VO = 2.1 V VI = 3.0 V VI = 3.0 V, without pull-down resistor VI = 0 V 2.1 0 1.3 0 1.1 0 0.3 150 1.8 0 400 -1.5 25 6 -2.0 50 10 -5 0.5 -0.3 1 10 -8 1.5 -1.0 1.5 30 0.2 -0.2 30 0.2 -0.2 -4.0 100 30 0.2 -0.2 3.0 0.9 3.0 0.4 3.0 0.4 3.0 1500 3.0 1.2 2.5 -2.0 Conditions MIN. 2.2 0.3 TYP. MAX. 3.6 1.0 2.0 Unit V mA A mA mA mA mA A A A A A A mA A A A A V V V V V V k k V V RECOMMENDED CERAMIC RESONATOR (Common in PD6124A and 6600A) External Capacitance (pF) Manufacturer Murata Mfg. Co., Ltd. Product CSB375P CSB400P CSB455E CSB480E CSB500E Toko Ceramic Co., Ltd. CRK400 CRK455 CRK500 C1 220 220 100 100 100 100 100 100 C2 220 220 100 100 100 100 100 100 Oscillation Voltage Range (V) MIN. 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 MAX. 3.3 5.0 5.0 5.0 3.3 6.0 6.0 6.0 Remarks 26 PD6124A, 6600A 23. CHARACTERISTICS CURVE (REFERENCE VALUE) (Common in PD6124A and 6600A) I OL vs V OL characteristic examples (REM) (T A = 25 3C) High-level output current I OH [mA] I OH vs V OH characteristic examples (REM) (T A = 25 3C) -10.0 V DD = 3 V Low-level output current I OL [mA] 5.0 4.0 3.0 2.0 1.0 V DD = 3 V -5.0 0 0.2 0.4 0.6 0.8 1.0 0 0.5 1.0 1.5 2.0 2.5 3.0 Low-level output voltage VOL [V] High-level output voltage VOH [V] I 5.0 Low-level output current I OL [mA] OL vs V OL characteristic examples (S-OUT) (T A = 25 3C) High-level output current I OH [mA] I OH vs V OH characteristic examples (S-OUT) (T A = 25 3C) V DD = 3 V 4.0 -3.0 V DD = 3 V 3.0 2.0 -2.0 -1.0 1.0 0 0.2 0.4 0.6 0.8 1.0 0 2.0 2.2 2.4 2.6 2.8 3.0 low-level output voltage VOL [V] High-level output voltage V OH [V] I OL vs V OL characteristic examples (KI/O0 -K I/O3 ) (T A = 25 3C) [ A] I OL vs V OL characteristic examples (KI/O0 -K I/O7 ) (T A = 25 3C) [ A] OL Low-level output current I 50 V DD = 3 V Low-level output current I OL V DD = 3 V 50 0 1.0 2.0 3.0 0 1.0 2.0 3.0 Low-level output voltage VOL [V] Low-level output voltage VOL [V] 27 PD6124A, 6600A I OH vs V OH characteristic examples (K I/O0 -K I/O7 ) (T A = 25 3C) High-level output current I OH [mA] -4.0 -3.0 V DD = 3 V -2.0 -1.0 0 2.2 2.4 2.6 2.8 3.0 High-level output voltage V OH [V] 28 PD6124A, 6600A 24. PACKAGE DRAWINGS 20-Pin Plastic SOP (300 mil) (units in mm) 20 PIN PLASTIC SOP (300 mil) 20 11 detail of lead end 1 A 10 H G P I J F K E C D NOTE N M M B L ITEM A B C D E F G H I J K L M N P MILLIMETERS 13.00 MAX. 0.78 MAX. 1.27 (T.P.) 0.40 +0.10 -0.05 0.10.1 1.8 MAX. 1.55 7.70.3 5.6 1.1 0.20 +0.10 -0.05 0.60.2 0.12 0.10 3 +7 -3 INCHES 0.512 MAX. 0.031 MAX. 0.050 (T.P.) 0.016 +0.004 -0.003 0.0040.004 0.071 MAX. 0.061 0.3030.012 0.220 0.043 0.008 +0.004 -0.002 0.024 +0.008 -0.009 0.005 0.004 3 +7 -3 Each lead centerline is located within 0.12 mm (0.005 inch) of its true position (T.P.) at maximum material condition. P20GM-50-300B, C-4 29 PD6124A, 6600A 20PIN PLASTIC SHRINK DIP (300 mil) 20 11 1 A I 10 K L J H G F D N M C B M R NOTES 1) Each lead centerline is located within 0.17 mm (0.007 inch) of its true position (T.P.) at maximum material condition. 2) ltem "K" to center of leads when formed parallel. ITEM A B C D F G H I J K L M N R MILLIMETERS 19.57 MAX. 1.78 MAX. 1.778 (T.P.) 0.500.10 0.85 MIN. 3.20.3 0.51 MIN. 4.31 MAX. 5.08 MAX. 7.62 (T.P.) 6.5 0.25 +0.10 -0.05 0.17 0~15 INCHES 0.771 MAX. 0.070 MAX. 0.070 (T.P.) 0.020 +0.004 -0.005 0.033 MIN. 0.1260.012 0.020 MIN. 0.170 MAX. 0.200 MAX. 0.300 (T.P.) 0.256 0.010 +0.004 -0.003 0.007 0~15 P20C-70-300B-1 30 PD6124A, 6600A 20-PIN SHRINK DIP FOR ES (REFERENCE) (UNITS IN mm) fig. 20 1 22.8 11.0 1.2 1.06 4.8 0.2 0.46 1.0 1.778 3.4 7.8 31 PD6124A, 6600A 25. RECOMMENDED SOLDERING CONDITIONS It is recommended that PD6124A and 6600A be soldered under the following conditions. For details on the recommended soldering conditions, refer to Information Document "Semiconductor Device Mounting Technology Manual" (C10535E). For other soldering methods and conditions, consult NEC. Table 25-1. Soldering Conditions of Surface-Mount Type PD6124AGS-XXX: 20-pin plastic SOP (300 mil) PD6600AGS-XXX: 20-pin plastic SOP (300 mil) Soldering Method Infrared Reflow VPS Soldering Conditions Package peak temperature: 230C, time: 30 seconds max. (210C min.), number of times: 1 Package peak temperature: 215C, time: 40 seconds max. (200C min.), number of times: 1 Soldering bath temperature: 260C max., time: 10 seconds max., number of times: 1 Pre-heating temperature: 120C max. (package surface temperature) Partial Heating Pin temperature: 300C max., time: 3 seconds max. (per side) WS60-00-1 Symbol for Recommended Condition IR30-00-1 VP15-00-1 Wave Soldering - Caution Do not use two or more soldering methods in combination (except the partial heating method). Table 25-2. Soldering Conditions of Through-Hole Type PD6124ACS-XXX: 20-pin plastic shrink DIP (300 mil) PD6600ACS-XXX: 20-pin plastic shrink DIP (300 mil) Soldering Method Wave Soldering (Only for pin part) Partial Heating Soldering Conditions Soldering bath temperature: 260C max., time: 10 seconds max. Pin temperature: 300C max., time: 30 seconds max. Caution The wave soldering must be performed at the pin part only. Note that the solder must not be directly contacted to the package body. 32 PD6124A, 6600A APPENDIX PD612x SERIES PRODUCT LIST Part Number Item ROM capacity PD6124A 1002 x 10 bits (mask ROM) 32 x 5 bits 8 pins (KI/O0-7) PD6600A 512 x 10 bits (mask ROM) PD61P24 PD6125A PD6126A 1002 x 10 bits 1002 x 10 bits (one-time PROM) (mask ROM) RAM capacity I/O pin 12 pins (KI/O0-7, I/O00-03) 16 pins (KI/O0-7, I/O00-03, I/O10-13) S-IN pin Current consumption (fOSC = STOP) (MAX.) S-IN high-level input current (MAX.) Transmission carrier frequency Low-voltage detection (reset) function Mask option Supply voltage Package Provided 2 A 30 A fOSC/12, fOSC/8 Provided None 1 A 15 A Provided None (fixed) Provided VDD = 2.0 to 5.5 V VDD = 2.2 to 3.6 V VDD = 2.2 to 5.5 V VDD = 2.0 to 6.0 V * 20-pin plastic SOP (300 mil) * 20-pin plastic shrink DIP (300 mil) * 24-pin plastic SOP (300 mil) * 24-pin plastic shrink DIP (300 mil) * 28-pin plastic SOP (375 mil) 33 PD6124A, 6600A NOTES FOR CMOS DEVICES 1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS device behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function. 34 PD6124A, 6600A Regional Information Some information contained in this document may vary from country to country. Before using any NEC product in your application, please contact the NEC office in your country to obtain a list of authorized representatives and distributors. They will verify: * Device availability * Ordering information * Product release schedule * Availability of related technical literature * Development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, AC supply voltages, and so forth) * Network requirements In addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country. NEC Electronics Inc. (U.S.) Santa Clara, California Tel: 800-366-9782 Fax: 800-729-9288 NEC Electronics (Germany) GmbH Benelux Office Eindhoven, The Netherlands Tel: 040-2445845 Fax: 040-2444580 NEC Electronics Hong Kong Ltd. Hong Kong Tel: 2886-9318 Fax: 2886-9022/9044 NEC Electronics (Germany) GmbH Duesseldorf, Germany Tel: 0211-65 03 02 Fax: 0211-65 03 490 NEC Electronics Hong Kong Ltd. NEC Electronics (France) S.A. Velizy-Villacoublay, France Tel: 01-30-67 58 00 Fax: 01-30-67 58 99 Seoul Branch Seoul, Korea Tel: 02-528-0303 Fax: 02-528-4411 NEC Electronics (UK) Ltd. Milton Keynes, UK Tel: 01908-691-133 Fax: 01908-670-290 NEC Electronics (France) S.A. Spain Office Madrid, Spain Tel: 01-504-2787 Fax: 01-504-2860 NEC Electronics Singapore Pte. Ltd. United Square, Singapore 1130 Tel: 253-8311 Fax: 250-3583 NEC Electronics Italiana s.r.1. Milano, Italy Tel: 02-66 75 41 Fax: 02-66 75 42 99 NEC Electronics Taiwan Ltd. NEC Electronics (Germany) GmbH Scandinavia Office Taeby, Sweden Tel: 08-63 80 820 Fax: 08-63 80 388 Taipei, Taiwan Tel: 02-719-2377 Fax: 02-719-5951 NEC do Brasil S.A. Sao Paulo-SP, Brasil Tel: 011-889-1680 Fax: 011-889-1689 J96. 8 35 PD6124A, 6600A [MEMO] The export of this product from Japan is regulated by the Japanese government. To export this product may be prohibited without governmental license, the need for which must be judged by the customer. The export or re-export of this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative. The application circuits and their parameters are for reference only and are not intended for use in actual design-ins. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product. M4 96.5 |
Price & Availability of UPD6124A |