Part Number Hot Search : 
2N7627UC AN970 BC860CL LC72711W ZL40814 2045C 4744A 1N5264UR
Product Description
Full Text Search
 

To Download UPD16681A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD16681A
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
DESCRIPTION
The PD16681A is a single-chip controller driver that can display Japanese text; including JIS Level 1 kanji, JIS Level 2 kanji, hiragana, and katakana. Each chip can display up to four lines containing up to eight full width characters (11 x 12 dots), or up to four lines containing up to 16 half width characters (5 x 12 dots), as well 96 pictographs.
FEATURES
* LCD controller/driver for dot matrix display of JIS Level 1 and JIS Level 2 kanji sets * On-chip ROM for character generation -JIS Level 1 + Level 2 kanji (11 x 12 dots) : 6,355 characters -JIS non-kanji characters (11 x 12 dots) : 453 characters -Other characters (symbols, etc.) (11 x 12 dots): 256 characters -Half width alphanumeric characters (5 x 12 dots) : 192 characters * On-chip RAM for character generation -8 types (12 x 13 dots) * On-chip boost circuit : switchable between 3x and 4x modes * RAM for pictograph data displays : 96 bits * Outputs : 96 segments, 52 commons * Duty settings : 1/39 or 1/52 * Switchable data inputs : serial or 8-bit parallel * On-chip divider resistor * Selectable bias settings (1/8 bias, 1/7 bias, or 1/6 bias) * On-chip oscillation circuit
ORDERING INFORMATION
Part number Package Wafer Chip (COG compliant) ROM code Standard Standard
PD16681A-001 PD16681AP-001
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. S14207EJ2V0DS00 (2nd edition) Date Published March 2000 NS CP(K) Printed in Japan
The mark 5 shows major revised points.
(c)
1999,2000
PD16681A
1. BLOCK DIAGRAM
OSCOUT OSCIN /RESET Oscillation Circuit SEGINV COMINV VDD VLCD VSS Index Register Control Register Common Driver Display Data RAM COM1 to COM51 PCOM1,PCOM2 Timing Generator OSCBRI
WS STB E/SCK D0/DATA D1 to D7 8 TESTOUT I/O Buffer
RAM Address Counter
8
96 bits Shift Register
96 bits Latch Circuit
Segment Driver
SEG1 to SEG96
RAM Data Register
8
8
8 4 8 3
Address Formation Circuit 12 Full-width Character Generator ROM 7 Half-width Character Generator ROM
Pictograph Data RAM
Character Generator RAM
6
6
6
6
Display Attribute Control Circuit DACHA D/A Converter Cursor Control Circuit DC/DC Converter OP Amp. LCD Voltage Generator 6 Parallel/Serial Conversion Circuit Smooth Scroll Control Circuit
C1+, C1 - C2+, C2 C3+, C3- VEXT
-
AMPIN(+)
AMPIN(-)
AMPCHA VLC1
VLC2 VLC3
VLCBS1 VLCBS2
VLCBS3 VLC4
VLC5
AMPOUT
Remark
/xxx indicates active low signals.
2
Data Sheet S14207EJ2V0DS00
PD16681A
2. PIN CONFIGURATION (Pad Layout)
Chip size : 2.80 x 10.48 mm
2
241 1
219 218
Y X
82 83 107
108
Data Sheet S14207EJ2V0DS00
3
PD16681A
Table 2-1. Pad Layout
PAD No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60
Pin Name DUMMY1 VLCBS1 VLCBS1 VLCBS2 VLCBS2 VLCBS3 VLCBS3 AMPOUT AMPOUT AMPIN(-) AMPIN(-) AMPIN(+) AMPIN(+) VLC5 VLC5 VLC5 VLC4 VLC4 VLC4 VLC3 VLC3 VLC3 VLC2 VLC2 VLC2 VLC1 VLC1 VLC1 VLCD VLCD VLCD C1 C1
+ + +
X (m) -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273
Y (m) 4800 4680 4560 4440 4320 4200 4080 3960 3840 3720 3600 3480 3360 3240 3120 3000 2880 2760 2640 2520 2400 2280 2160 2040 1920 1800 1680 1560 1440 1320 1200 1080 960 840 720 600 480 360 240 120 0 -120 -240 -360 -480 -600 -720 -840 -960 -1080 -1200 -1320 -1440 -1560 -1680 -1800 -1920 -2040 -2160 -2280
PAD No. 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120
Pin Name DACHA AMPCHA SEGINV COMINV OSCIN OSCOUT OSCBRI D0/DATA D1 D2 D3 D4 D5 D6 D7 WS STB E/SCK /RESET TESTOUT DUMMY2 DUMMY3 DUMMY4 DUMMY5 COM27 COM28 COM29 COM30 COM31 COM32 COM33 COM34 COM35 COM36 COM37 COM38 COM39 COM40 COM41 COM42 COM43 COM44 COM45 COM46 COM47 DUMMY6 DUMMY7 DUMMY8 COM48 COM49 COM50 COM51 DUMMY9 PCOM2 SEG96 SEG95 SEG94 SEG93 SEG92 SEG91
X (m) -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1273 -1120 -1030 -940 -850 -760 -670 -580 -490 -400 -310 -220 -130 -40 50 140 230 320 410 500 590 680 770 860 950 1040 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273
Y (m) -2400 -2520 -2640 -2760 -2880 -3000 -3120 -3240 -3360 -3480 -3600 -3720 -3840 -3960 -4080 -4200 -4320 -4440 -4560 -4680 -4800 -4920 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -5113 -4905 -4815 -4725 -4635 -4545 -4455 -4365 -4275 -4185 -4095 -4005 -3915 -3825
PAD No. 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180
Pin Name SEG90 SEG89 SEG88 SEG87 SEG86 SEG85 SEG84 SEG83 SEG82 SEG81 SEG80 SEG79 SEG78 SEG77 SEG76 SEG75 SEG74 SEG73 SEG72 SEG71 SEG70 SEG69 SEG68 SEG67 SEG66 SEG65 SEG64 SEG63 SEG62 SEG61 SEG60 SEG59 SEG58 SEG57 SEG56 SEG55 SEG54 SEG53 SEG52 SEG51 SEG50 SEG49 SEG48 SEG47 SEG46 SEG45 SEG44 SEG43 SEG42 SEG41 SEG40 SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32 SEG31
X (m) 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273
Y (m) -3735 -3645 -3555 -3465 -3375 -3285 -3195 -3105 -3015 -2925 -2835 -2745 -2655 -2565 -2475 -2385 -2295 -2205 -2115 -2025 -1935 -1845 -1755 -1665 -1575 -1485 -1395 -1305 -1215 -1125 -1035 -945 -855 -765 -675 -585 -495 -405 -315 -225 -135 -45 45 135 225 315 405 495 585 675 765 855 945 1035 1125 1215 1305 1395 1485 1575
PAD No. 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 241
Pin Name SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24 SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16 SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9 SEG8 SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 COM26 COM25 COM24 COM23 COM22 COM21 DUMMY10 DUMMY11 DUMMY12 COM20 COM19 COM18 COM17 COM16 COM15 COM14 COM13 COM12 COM11 COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 PCOM1 DUMMY13
X (m) 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 1273 950 860 770 680 590 500 410 320 230 140 50 -40 -130 -220 -310 -400 -490 -580 -670 -760 -850 -940 -1030
Y (m) 1665 1755 1845 1935 2025 2115 2205 2295 2385 2475 2565 2655 2745 2835 2925 3015 3105 3195 3285 3375 3465 3555 3645 3735 3825 3915 4005 4095 4185 4275 4365 4455 4545 4635 4725 4815 4905 4995 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113 5113
C1 C1- C1- C1- C2 C2
+ + +
C2 C2- C2- C2- C3 C3
+ + +
C3 C3- C3- C3- VDD1 VDD1 VDD2 VDD2 VDD2 VSS VSS VSS VSS VSS VEXT
4
Data Sheet S14207EJ2V0DS00
PD16681A
3. PIN FUNCTIONS
3.1 Power Supply System Pins
Pin Symbol VDD Pin Name Logic power supply pin Boost circuit power supply pin VSS Logic ground Driver ground VLCD Driver power supply pins 29-31 - Power supply pins for driver. Output pin for internal boost circuit. Connect a 1-F capacitor between these pins and the VSS pins for boosting. If not using the internal boost circuit, a direct driver power supply can be input. VLC1 - VLC5 Reference power supply pins for driver 14-28 - These are reference power supply pins for the LCD driver. Leave these pins open if an internal bias has been selected. Connect a capacitor to ground. When selecting an internal bias, the bias value can be changed connecting these pins outside of the IC. These are capacitor connection pins for the boost circuit. Connect a 1-F capacitor. 55-59 - Ground pins for logic and driver circuit Pad No. 50-54 I/O - Description Power supply pins for logic and boost circuit
VLCBS1 - VLCBS3 Bias value setting pins C1 , C1 C2 , C2 C3 , C3
+ + + -
2-7 32-49
- -
Capacitor connection pins
Data Sheet S14207EJ2V0DS00
5
PD16681A
3.2 Logic System Pins
Pin Symbol WS Pin Name Select word length Pad No. 76 I/O I Description Use this pin to select the word length. An 8-bit parallel interface is used for high level and a serial interface is used for low level. This setting cannot be changed after the power has been switched on. Use this pin to select whether or not to use the D/A converter for regulating the LCD driver voltage. Select high level to use the D/A converter or low level to not use it. This is used for the device's select signal and strobe signal for communication. Communication is initialized at the rising edge or falling edge of STB. Command data receive standby status occurs at the falling edge of STB. Communication is enabled when STB is low. Also, enabled status or the shift clock is ignored when STB is high. E/SCK Enable/shift clock 78 I This is an input enable pin for data when the parallel interface is used. During the read-in operation, data is captured in the interface buffer at the signal's rising edge. During a read-out operation, data is read-out from the interface buffer at the signal's falling edge. When using a serial interface, this pin is used for the data shift clock. During the read-in operation, data is captured in the shift register at the signal's rising edge. During a read-out operation, data is read from the shift register at the signal's falling edge. D0/DATA Data bus/data 68 I/O This pin is used for data bus bit D0 when using the parallel interface. When using the serial interface, it is an I/O pin (tri-state) for commands and display data. D1-D7 Data bus 69-75 I/O These pins are used for data bus bits D1 to D7 when using the parallel interface. It should be fixed high or low when using the serial interface. TESTOUT /RESET AMPCHA Test output Reset Op amp switch for LCD driver's power supply level Reference power supply switch Segment direction switch Common scan direction switch Oscillator pins 80 79 62 O I I This is a test output pin. Leave this pin open when using the device. This pin is used for internal resets at low-level. This pin is used to control the op amp that works with the LCD driver's power supply level. High-power mode is set when at low level and normal mode is set when at high level. This pin is used to select the reference power supply circuit's supply mode. High level sets external mode and low level sets internal mode. This pin is used to control the segment output direction. Low level sets forward direction and high level sets reverse direction. This pin is used to switch the common scan direction. Low level sets forward direction and high level sets reverse direction. These pins are connected to a 100-k resistance. When using an external oscillator, input to OSCIN and leave OSCOUT open. This is an input pin for the 2-Hz external clock. Internally, it is divided by half to generate a 1-Hz signal that is used as the synchronization signal for the blink function.
DACHA
Select D/A converter
61
I
STB
Strobe
77
I
VEXT SEGINV COMINV OSCIN OSCOUT OSCBRI
60 63 64 65 66
I I I I O I
External clock for blink function
67
6
Data Sheet S14207EJ2V0DS00
PD16681A
3.3 Driver System Pins
Pin Symbol Pin Name Pad No. 115-210 85-105 109-112 211-216 220-239 PCOM1, PCOM2 AMPIN(+) Op amp inputs Pictograph common 240 114 10-13 I O I/O O O Segment output pins Common output pins 1/52 duty : Use COM1 to COM51 1/39 duty : Use COM1 to COM19, COM27 to COM45 and leave COM20 to COM26, COM46 to COM51 open Common output pins for pictographs The same signal is output from PCOM1 and PCOM2. These are input pins for the op amp that regulates the LCD driver voltage. Leave the AMPIN(+) pin unconnected when using the on-chip D/A converter. When not using the D/A converter, a reference voltage must AMPIN(-) be input. Connect the AMPIN(-) pin to a resistor used to regulate the LCD voltage. (See diagram below.) AMPOUT Op amp outputs 8,9 O These are output pins for the op amp that regulates the LCD driver voltage. Normally, they are connected to resistors that are used to regulate the LCD voltage. (See diagram below.) Since the AMPOUT pins are used to stabilize the on-chip amp's output, we recommend connecting them to a capacitor that is rated between 0.1 and 1.0 F. DUMMY DUMMY pins 1,81-84, 106-108, 113, 217-219, 241 - DUMMY pins are not connected to the internal circuit. Leave open if they are not used. Description
SEG1 - SEG96 Segment COM1 COM51 Common
Figure 3-1. Voltage Control Circuit
DACHA
D/A converter Reference power supply circuit VEXT
AMPIN(+)
+ -
AMPIN(-)
AMPOUT
VLC1
VLC2
VLC3
VLCBS1
VLCBS2
VLCBS3
VLC4
VLC5
VSS
R2 R1 C1
Data Sheet S14207EJ2V0DS00
7
PD16681A
4. POWER SUPPLY CIRCUIT
A switchable (3x or 4x) boost circuit is included to generate a current for driving the LCD. A connection to a boostrelated capacitor is used to switch the boost circuit's setting. The VEXT pin (H: external, L: internal) is used to switch between using an external LCD driver power supply or the on-chip boost circuit.
4.1 Boost Circuit When using the internal power supply, connect the boost-related capacitor between C1 and C1-, C2+ and C2-, and
+
C3+ and C3-. Also, connect the capacitor for level stabilization between VLCD and VSS, and set VEXT low to boost the potential between VDD and VSS from 3 to 4 times. Since the boost circuit uses signals from the internal oscillation circuit, the oscillation circuit must be operating. The relation between the boosted voltage and the potential is described below. The C1 , C1-, C2+, C2-, C3+, C3- and VDD pins all relate to the boost circuit, so the wire impedance should be
+
minimized. Figure 4-1. 3x and 4x Boost Mode
VLCD = 4VDD = 12 V (During 4x boost mode) VLCD = 3VDD = 9 V (During 3x boost mode Note )
VDD = 3 V VSS = 0 V
Note When set for 3x boost, connect boost-related capacitors between C2- and C3+ and C1+ and C1-.
8
Data Sheet S14207EJ2V0DS00
PD16681A
4.2 Regulation of LCD Driver Voltage 4.2.1 When not using internal power supply select or D/A converter (VEXT = L, DACHA = L) When using the internal power supply, the boosted voltage is used as the power supply for the op amp incorporated in the IC for the LCD driver's voltage. A common mode amplifier circuit can be configured by connecting external resistors R1 and R2 and inputting the reference voltage VREF to AMPIN(+), and this configuration can be used to regulate the potential of the LCD driver voltage VLC1. If using a thermistor to regulate the LCD driver voltage to suit the liquid crystals' temperature characteristics, we recommend connecting in parallel to R2. The LCD driver voltage VLC1 can be determined using the following formula. R2' VLC1 = AMP OUT = 1 + VREF R1 R2 x Rth R2' = R2 + Rth
Figure 4-2. When Not Using Internal Power Supply Select or D/A Converter
DACHA D/A converter VREF + AMPIN(+) - To internal drive circuit
AMPIN(-)
AMPOUT Rth
VLC1
R2 R1 C1
4.2.2 When using internal power supply select and D/A converter (VEXT = L, DACHA = H) Using the D/A converter enables commands to be entered to control the reference voltage VREF that is input to the + input of the op amp for the LCD driver voltage. The D/A converter function sets 6-bit data to the D/A converter set register to set one of the 64 modes for the reference voltage VREF between VDD and 1/2 VDD. The formula for VLC1 is the same as in 4.2.1 When not using internal power supply select or D/A converter (VEXT = L, DACHA = L) above.
Data Sheet S14207EJ2V0DS00
9
PD16681A
Figure 4-3. Using Internal Power Supply Select and D/A Converter
VDD D/A converter VREF + - To internal drive circuit VDD
DACHA
AMPIN(+) OPEN
AMPIN(-)
AMPOUT Rth
VLC1
R2 R1 C1
4.2.3 When using an external power supply (VEXT = H) When an external power supply is used for the LCD driver voltage, the op amp incorporate in the PD16681A (used for the LCD driver voltage) is in OFF mode. Consequently, the LCD driver's op amp and D/A converter function cannot be used when using an external power supply. Instead, regulate the LCD driver voltage by inputting directly to the VLCD and VLC1 pins. Cautions 1. Maintain the following relation for the voltage input to the VLCD and VLC1 pins : VLCD > VLC1 2. Since the DACHA, AMPIN(+), and AMPIN(-) pins are CMOS inputs, they should be fixed either high or - low. 3. The AMPOUT pin should be left unconnected. 4.3 Reference Voltage 4.3.1 When using internal power supply (VEXT = L) When using the internal power supply, the PD16681A's on-chip divider resistor is used to create the six-level potential (VLC1, VLC2, VLC3, VLC4, VLC5, and VSS) required for the LCD driver. 4.3.2 When using an external power supply (VEXT = H) When use of an external power supply has been selected, the op amp incorporated in the PD16681A for the LCD driver level power supply is in OFF mode, so a reference potential must be directly input to VLC1, VLC2, VLC3, VLC4, and VLC5. Ordinarily, these levels are generated by dividing the resistance. Since large resistance values result in poorer LCD display quality, be sure to select a resistance value that suits the type of LCD panel to be used. The display quality can be improved by connecting capacitors between the level pins and ground pins. As with the resistance values described above, the capacitance values of the capacitors should be selected to suit the divided resistance values and the type of LCD panel to be used. 10
Data Sheet S14207EJ2V0DS00
PD16681A
4.4 Control of Op Amp for Level Power Supply
Input to the AMPCHA pin is used to control the op amp for the LCD driver level power supply. * High power mode (AMPCHA = L) This mode maximizes the LCD drive current supply capacity in the op amp for the LCD driver level power supply. * Normal mode (AMPCHA = H) This mode uses a lower LCD drive current supply capacity in the op amp for the LCD driver level power supply, which is suitable for charging the capacitor used to stabilize the external level. Caution For either mode, be sure to connect a level stabilization capacitor (rated from about 0.1 to 1.0 F) for the VLC1 to VLC5 pins. Poorer display quality results when these capacitors are not connected. Figure 4-4. Reference Voltage Circuit
AMPOUT VLC1 + - R VLC2 Output to SEG and COM
+ - R Output to SEG and COM
VLC3
+ - Output to SEG and COM
VLCBS1 Op amp for level driver R VLCBS2 R VLCBS3
2R VLC4
+ - R Output to SEG and COM
VLC5
+ - R Output to SEG and COM
VSS
Output to SEG and COM
Data Sheet S14207EJ2V0DS00
11
PD16681A
4.5 Bias Value Settings The bias value can be set as 1/6 bias, 1/7 bias, or 1/8 bias by selecting an internal bias for the (PD16681A and by connecting externally from the IC among VLCBS1, VLCBS2, and VLCBS3 pins.
Bias Value 1/8 bias 1/7 bias
Connected Pin VLCBS1, VLCBS2, and VLCBS3 leave open Between VLCBS1 and VLCBS2 or between VLCBS2 and VLCBS3
1/6 bias
Between VLCBS1 and VLCBS3 and VLCBS2 leave open
4.6 Power Supply Circuit Use Example
Figure 4-5. Using Internal Power Supply and Normal Mode
A) 4x boost (D/A converter is not used.) B) 3x boost
To VDD VDD AMP(+) VLCD + C2 AMPOUT VLC1 + C1
+
+
VDD
AMP(-)
R2
Rth (thermistor)
+
VLCD R1 C2
C1+ + C1 C1 + C2 + C1
-
VLC2 +
+
C1 C1 open
-
VLC3 +
C2 + C2-
VLC4 C2 + C3 + C1 + C3
- -
+ VLC5 + C1 C3+ open VDD AMPCHA C3
-
VCHA VEXT VSS
VEXT VSS
Remarks 1. C1 = 1.0 F, C2 = 1.0 F 2. Leave C2 and C3- pins open during 3x boost.
+
3. Leave AMP(+) open when using the D/A converter.
12
Data Sheet S14207EJ2V0DS00
PD16681A
Figure 4-6. Using External Power Supply Circuit
A) Use 1/8 bias
VDD
AMP(+)
AMP(-) To external drive supply AMPOUT open
VLCD C1+ VLC1
R C1 C2
- +
VLC2
R open VLC3 C2
-
C3+
4R
VLC4
-
C3
R
VLC5 VDD VEXT R
VSS
Remark
Fix all open input pins high or low.
Data Sheet S14207EJ2V0DS00
13
PD16681A
5. LCD DISPLAY DRIVER
Either a 1/52 duty driver or a 1/39 duty driver can be selected for the PD16681A. Both drivers output a drive waveform using the two-frame AC drive method.
5.1 1/52 Duty Driver When the 1/52 duty driver is selected for the PD16681A, a select signal is output once per frame from the dot block's common outputs (COM1 to COM51) and from the pictograph block's common outputs (same signal output from PCOM1 and PCOM2). Figure 5-1. 1/52 Duty Driver
1Frame 12345678 VLC1 VLC2 VLC3 SEG1 VLC4 VLC5 VSS 50 51 52 1 2 3 4 5 6 7 8 50 51 52
VLC1 VLC2 VLC3 COM1 VLC4 VLC5 VSS
VLC1 VLC2 VLC3 COM2 VLC4 VLC5 VSS
PCOM1 PCOM2
VLC1 VLC2 VLC3 VLC4 VLC5 VSS
14
Data Sheet S14207EJ2V0DS00
PD16681A
5.2 1/39 Duty Driver When the 1/39 duty driver is selected for the PD16681A, a select signal is output once per frame from the dot block's common outputs (COM1 to COM19, COM27 to COM45) and from the pictograph block's common outputs (same signal output from PCOM1 and PCOM2). Figure 5-2 1/39 Duty Driver
1Frame 12345678 VLC1 VLC2 VLC3 SEG1 VLC4 VLC5 VSS 37 38 39 1 2 3 4 5 6 7 8 37 38 39
VLC1 VLC2 VLC3 COM1 VLC4 VLC5 VSS
VLC1 VLC2 VLC3 COM2 VLC4 VLC5 VSS
PCOM1 PCOM2
VLC1 VLC2 VLC3 VLC4 VLC5 VSS
Data Sheet S14207EJ2V0DS00
15
PD16681A
6. DESCRIPTION OF BLOCKS
6.1 Display Data RAM (DDRAM) DDRAM is RAM that contains display data consisting of a 16-bit character code plus a character attribute code. The RAM capacity is 16 x 72 bits, which means that up to 72 characters can be stored in RAM. The following table shows correspondences between DDRAM addresses and LCD display positions. For further description of these correspondences, see the section 7.1 LCD Display and DDRAM Addresses.
1 1st line 2nd line 3rd line 4th line
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
00H 01H 02H 03H 04H 05H 12H 13H 14H 15H 16H 17H
06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H
24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH 40H 41H 42H 43H 44H 45H 46H 47H
6.2 Full Width (11x12 dots) Character Generator ROM (FCGROM) FCGROM generates a total of 7,064 full width character patterns, of which 6,355 are JIS Level 1 + Level 2 kanji, 453 are non-kanji characters and 256 other symbols. These character patterns are displayed in 11 x12 dot font patterns based on 12-bit character codes. The section entitled 7.2.2 Full width(11 x 12 dots) character code setting examples describes the correspondence between the character codes set to DDRAM and this full width font pattern. Also, see the section entitled 7.2 Character Codes for a description of the correspondence between the JIS code and the character code set to DDRAM.
6.3 Half Width(5 x 12 dots) Character Generator ROM (HCGROM) FCGROM generates a total of 192 half width (5 x 12 dots) character patterns, displayed in 5 x 12 dot font patterns. The section entitled 7.2 Character Codes describes the correspondence between the character code set to DDRAM and the half width font patterns.
16
Data Sheet S14207EJ2V0DS00
PD16681A
6.4 Character Generator RAM (CGRAM) CGRAM is RAM to which the user can freely set character patterns. Eight types of 12 x 13 dot character patterns can be defined. To display a character pattern that has been stored in CGRAM, the user specifies a value ranging from "000H" to "007H". The relation between character codes and CGRAM addresses used to access CGRAM is shown below. Figure 6-1. The Relation between Character Codes and CGRAM Addresses
Character code CGRAM Address C12 0000 0 to A0 ="0" CGRAM Data A0 ="1"
C3 C2 C1 C0 A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 000000000000000AA000000AA000000 0001AA011111AA111100 0010AA010000AA000100 0011AA010000AA000100 0100AA010000AA000100 0101AA010000AA000100 0110AA011111AA111100 0111AA010000AA000100 1000AA010000AA000100 1001AA010000AA000100 1010AA010000AA000100 1011AA011111AA111100 1100AA000000AA000000
0000
0
000000010010000AA000001AA000000 0001AA000001AA000000 0010AA111111AA111110 0011AA000011AA100000 0100AA000101AA010000 0101AA000101AA010000 0110AA001001AA001000 0111AA001001AA001000 1000AA010001AA000100 1001AA010111AA110100 1010AA100001AA000010 1011AA000001AA000000 1100AA000000AA000000 * * * * * * * * * * * * * * * * * * * * * * * * * * * AA AA AA AA AA AA AA AA AA AA AA AA AA * * *
0000
0
000001111110000AA 0001AA 0010AA 0011AA 0100AA 0101AA 0110AA 0111AA 1000AA 1001AA 1010AA 1011AA 1100AA
Data Sheet S14207EJ2V0DS00
17
PD16681A
Remarks 1. CGRAM is selected when the high-order nine bits (C11 to C3) of a character code are all zeros. At that time, the low-order three bits (C2 to C0) corresponds to CGRAM addresses 7 to 5 (A7 to A5). (Three bits: eight types.) 2. Display ON is selected when the CGRAM data value is "1". Display OFF is selected when this data value is "0". 3. The CGRAM address 0 (A0) corresponds to the left and right sides of the character pattern. 4. The high-order two bits of CGRAM are used to control the display attributes of the pattern corresponding to the low-order six bits. In such cases, any display attribute specification made for DDRAM is ignored. When the value of the high-order two bits is "00", CGRAM's pattern is displayed. 5. CGRAM addresses 4 to 1 (A4 to A1) corresponds to the line position of the character pattern. (Four bits : 13 lines) The ORed result with the cursor is taken and displayed on the 12th line.
6.5 Pictograph Display RAM (PDRAM) PDRAM is the RAM that contains pictograph display data that has been assigned to PCOM1 and PCOM2. The data display function is ON when the data value is "1" and OFF when the data value is "0". After data is written, the address counter is automatically incremented (by one), and the value after 0FH is 00H. The correspondence between output from various segments and PDRAM addresses is shown below. PCOM1,PCOM2
Address b7 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH X X X X X X X X X X X X X X X X b6 X X X X X X X X X X X X X X X X b5 6 12 18 24 30 36 42 48 54 60 66 72 78 84 90 96 Segment Output No. b4 5 11 17 23 29 35 41 47 53 59 65 71 77 83 89 95 b3 4 10 16 22 28 34 40 46 52 58 64 70 76 82 88 94 b2 3 9 15 21 27 33 39 45 51 57 63 69 75 81 87 93 b1 2 8 14 20 26 32 38 44 50 56 62 68 74 80 86 92 b0 1 7 13 19 25 31 37 43 49 55 61 67 73 79 85 91
Remark
X : Don't care
18
Data Sheet S14207EJ2V0DS00
PD16681A
6.6 Pictograph Blink Data RAM (PBRAM) PBRAM is the RAM that contains pictograph blink data that has been assigned to PCOM1 and PCOM2. A data value of "1" is written to the address of the pictograph to be set for a blink display. After data is written, the address counter is automatically incremented (by one), and the value after 0FH is 00H. The correspondence between output from various segments and PBRAM addresses is shown below. PCOM1,PCOM2
Address b7 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH X X X X X X X X X X X X X X X X b6 X X X X X X X X X X X X X X X X b5 6 12 18 24 30 36 42 48 54 60 66 72 78 84 90 96 Segment Output No. b4 5 11 17 23 29 35 41 47 53 59 65 71 77 83 89 95 b3 4 10 16 22 28 34 40 46 52 58 64 70 76 82 88 94 b2 3 9 15 21 27 33 39 45 51 57 63 69 75 81 87 93 b1 2 8 14 20 26 32 38 44 50 56 62 68 74 80 86 92 b0 1 7 13 19 25 31 37 43 49 55 61 67 73 79 85 91
Remark
X : Don't care
6.7 Relation between Addresses and Various ROM and RAM Devices The PD16681A assigned FCGROM addresses as shown below to HCGROM, CGRAM, and user-defined ROM.
Type JIS kanji Non-JIS kanji Half width alphanumeric characters User defined CGRAM
No. of Characters 6355 453 192
Address Range Same as kanji ROM IC Same as kanji ROM IC Uses addresses 0080H to 039FH in the kanji ROM IC
256 8
Uses addresses 1000H to 101FH in the kanji ROM IC Uses addresses 0000H to 0007H in the kanji ROM IC
Data Sheet S14207EJ2V0DS00
19
PD16681A
7. LCD DISPLAY
The PD16681A's LCD display can display four lines containing up to 8 characters (11 x 12 dots) or 16 characters (5x12 dots) and 96 pictographs.
SEG 2 1 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 85 86 87 88 89 90 91 92 93 94 95 96
PCOM1
COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 COM16 COM17 COM18 COM19
COM47 COM48 COM49 COM50 COM51
PCOM2
Remark
The same select signal is output from PCOM1 and PCOM2.
20
Data Sheet S14207EJ2V0DS00
PD16681A
7.1 LCD Display and DDRAM Addresses The character code used in the PD16681A contains 16 bits (character code + character attribute code). When data is stored to an address in DDRAM, a combination of full width (11 x 12 dots) and half width (5 x 12 dots) characters can be displayed on the LCD. The relation between the DDRAM's character area and the actual LCD display when displaying a combination of full width and half width characters is shown below. Figure 7-1. The Relation between The DDRAM's Character Area and The Actual LCD Display LCD display:
"" : Half width(5 x 12 dots) space DDRAM:
1 1st line 2nd line 3rd line 4th line 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
00H 01H 02H 03H 04H 05H 12H 13H 14H 15H 16H 17H
06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H
24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH 40H 41H 42H 43H 44H 45H 46H 47H
Remark
Shaded areas indicate addresses. Address characters that are not displayed are used as data for character scrolling.
7.2 Character Codes The PD16681A is able to combine full width characters (11 x 12 dots) and half width characters (5 x 12 dots) in the same display. The character data that is stored in DDRAM is displayed starting from the top left corner of the LCD screen. A one-dot character interval is added to the left of each character font. Both full width (11 x 12 dots) and half width (5 x 12 dots) characters are handled using 16-bit code lengths and are stored in DDRAM. The 16-bit code format uses the low-order 13 bits as the character code. The remaining 3 bits are the high-order 3 bits, which specify the character width (full or half) and the display attribute. The MSB is the select bit indicating full width or half width character code: "0" specifies full width characters and "1" specifies half width characters. The character attribute code is assigned to the next two bits, and can specify attributes such as blinking for individual characters. (See the section 7.3 Display Attributes.)
7.2.1 Code format
D15 F/H D14 A1 D13 A0 D12 C12 D11 C11 D10 C10 D9 C9 D8 C8 D7 C7 D6 C6 D5 C5 D4 C4 D3 C3 D2 C2 D1 C1 D0 C0
High-order character code Display attribute codes Full width(11 x 12 dots) character/ Half width(5 x 12 dots) character specification
Data Sheet S14207EJ2V0DS00
Low-order character code
21
PD16681A
7.2.2 Full width (11 x 12 dots) character code setting examples The following shows the correspondence between 16-bit JIS code and the PD16681A's 13-bit character code. This correspondence varies according to the values of the high-order 3 bits (b17, b16, and b15) in the first byte of the JIS code. Convert JIS code as shown below to generate character code for the PD16681A. (1) JIS level 1 kanji and non-kanji characters Table 7-1. When (b17, b16, b15) = (0, 1, 0)
JIS C 6226 b17 Character code b16 b15 First byte b14 b13 C9 b12 C8 b11 C7 b27 C6 b26 C5 Second byte b25 C4 b24 C3 b23 C2 b22 C1 b21 C0
Remark
C12 = C6 = C5 = 0 Table 7-2. When (b17, b16, b15) = (0, 1, 1) or (1, 0, 0)
JIS C 6226 b17 Character code C11 b16 b15
First byte b14 C10 b13 C9 b12 C8 b11 C7 b27 C6 b26 C5
Second byte b25 C4 b24 C3 b23 C2 b22 C1 b21 C0
Remark
C12 = 0
(2) JIS level 2 kanji and non-kanji characters Table 7-3. When (b17, b16, b15) = (1, 1, 1)
JIS C 6226 b17 Character code b16 b15 First byte b14 b13 C9 b12 C8 b11 C7 b27 C11 b26 C10 Second byte b25 C4 b24 C3 b23 C2 b22 C1 b21 C0
Remark
C12 = 1, C6 = C5 = 0 Table 7-4. When (b17, b16, b15) = (1, 0, 1) or (1, 1, 0)
JIS C 6226 b17 Character code b16 C11 b15
First byte b14 C10 b13 C9 b12 C8 b11 C7 b27 C6 b26 C5
Second byte b25 C4 b24 C3 b23 C2 b22 C1 b21 C0
Remark
C12 = 1
(3) CGRAM
D15 0 D14 X D13 X D12 0 D11 0 D10 0 D9 0 D8 0 D7 0 D6 0 D5 0 D4 0 D3 0 D2 u2 D1 u1 D0 u0
Remark
CGRAM addresses for user font: u2 to u0
22
Data Sheet S14207EJ2V0DS00
PD16681A
7.3 Display Attributes In the PD16681A, the character code is assigned to 12 bits of the 16-bit data that is specified as full width (11 x 12 dots) characters or half width (5 x 12 dots) characters and the display attribute code is assigned to two of the remaining four bits. Normal display or blink display mode can be specified for each character unit. The blink cycle for blink display mode is 64 frames, so that display blinks on or off once every 32 frames.
7.3.1 Character code format
D15 F/H D14 A1 D13 A0 D12 C12 D11 C11 D10 C10 D9 C9 D8 C8 D7 C7 D6 C6 D5 C5 D4 C4 D3 C3 D2 C2 D1 C1 D0 C0
High-order character code Display attribute codes Full width(11 x 12 dots) character/ Half width(5 x 12 dots) character specification
Low-order character code
7.3.2 Display attribute specifications
A1 0 0 1 1 A0 0 1 0 1 Display mode Normal display Reverse display Character blink Reverse character blink
7.3.3 Display examples
(1) Normal display
(2) Reverse display
Data Sheet S14207EJ2V0DS00
23
PD16681A
(3) Blink display
Display alternates once every 32 frames
(4) Reverse blink display
Display alternates once every 32 frames
24
Data Sheet S14207EJ2V0DS00
PD16681A
8. COMMANDS
8.1 Basic format
Command register (CR) Command register (CR) Address register (AR) Command register (CR) Note + Extended selection register (ESR) + RAM Address register (RAD) + DATA 1(DT1) +***
Note
The command (1 or 2 bytes) immediately follows the falling edge of the STB signal, and whatever is sent after that is recognized as data. Table 8-1. Command List
Command b7 b6 0 0 0 0 0 0 0 1 1 0 0 b5 1 0 0 0 0 1 1 0 0 1 1 Register Contents b4 0 0 1 1 1 0 1 0 0 1 0 b3 0 1 0 1 1 1 b3 0 1 0 b3 b2 4 b2 b2 0 1 0 b2 0 0 b2 b2 b1 1 b1 b1 b1 b1 0 b1 b1 b1 b1 b1 b0 1 b0 b0 b0 b0 0 b0 b0 b0 b0 b0 Description
Reset Display ON/OFF Standby Duty setting Cursor control D/A converter setting Scroll control Blink setting Address register Data R/W mode Test mode
0 0 0 0 0 0 0 0 0 1 1
Data Sheet S14207EJ2V0DS00
25
PD16681A
8.1.1 Reset This command resets all of the commands in the PD16681A.
MSB 0 0 1 0 0 0 1 LSB 1
8.1.2 Display ON/OFF This command controls the display's ON/OFF status.
MSB 0 0 0 0 1 LSB b2 b1 b0
Selection 000 : LCD OFF (SEGn, COMn, PCOMn = VSS) 001 : LCD OFF (SEGn, COMn, PCOMn = non-select waveform) 111 : LCD ON
8.1.3 Standby This command stops the DC/DC converter, which reduces the supply current. The display is set to OFF mode (SEGn, COMn = VSS).
MSB 0 0 0 1 0 LSB b2 b1 b0
Selection 000 : Normal operation 001 : Standby (stop DC/DC converter, fulll display off Note,stop OSC)
Note SEGn, COMn, PCOMn = VEE
8.1.4 Duty setting This command specifies the duty setting.
MSB 0 0 0 1 1 0 LSB b1 b0
Selection 00 : 1/52 duty 01 : 1/39 duty Note
Note Use COM1 to COM19 and COM27 to COM45, leave COM20 to COM26 and COM46 to COM51 open when setting 1/39 duty. 26
Data Sheet S14207EJ2V0DS00
PD16681A
8.1.5 Cursor control This command controls the cursor's ON/OFF status.
MSB 0 0 0 1 1 1 LSB b1 b0
Selection 00 : Cursor OFF Note1 10 : Cursor ON (no blink) Note2 11 : Cursor ON (blink) Note3
Notes 1. 00 : Sets cursor to OFF mode. 2. 10 : Sets cursor to ON mode (cursor is displayed). The cursor is displayed at the character which occupies the display position of the currently specified DDRAM address. The "address register" + "data R/W command" combination is used to set data to DDRAM addresses. When accessing RAM, the address counter in RAM is automatically incremented (+1) or decremented (-1), and the cursor is moved accordingly. 3. 11 : This sets the cursor to ON mode and causes the cursor to blink. The blink cycle is 64 frames. The correspondence between the cursor and the RAM address is the same as when the cursor is blinking. Remark The cursor display function is valid only when the display attribute specifies "normal display" (A0 = 0, A1 = 0).
8.1.6 D/A converter set 1 The D/A converter's output for the LCD driver is set in 64 steps from V DD to 1/2 VDD.
MSB 0 0 1 0 1 0 0 LSB 0 + MSB 0 0 LSB b5 b4 b3 b2 b1 b0
Extended selection D/A output selection 00H(MIN.) to 3FH(MAX.)
Remark
This value is set to 20H after a reset.
Data Sheet S14207EJ2V0DS00
27
PD16681A
8.1.7 Scroll control This controls scrolling of displayed characters. The individual bits in the selection are allocated to their respective display lines. When the data value is "1", scrolling is enabled for that line. The distance of the dots' leftward (horizontal) motion is selected via the extended selection register that is input after the command. The dot move distance varies depending on the current LCD display status and the contents of DDRAM. For details, see the section 8.4 Scrolling.
MSB 0 0 1 1 LSB b3 b2 b1 b0 + MSB 0 LSB b6 b5 b4 b3 b2 b1 b0 Dot move distance selection Selection b0 : Scroll selection on fourth line b1 : Scroll selection on third line b2 : Scroll selection on second line b3 : Scroll selection on first line
8.1.8 Pictograph blink setting This command performs blink control for the pictograph at addresses where the blink (PBRAM) data value is "1".
MSB 0 1 0 0 0 0 LSB b1 b0
Selection 00 : Stop blink (blink frequency = fOSC/319488) 01 : Stop blink (blink frequency = fBR1Note /2) 10 : Start blink (blink frequency = fOSC/319488) 11 : Start blink (blink frequency = fBR1Note/2)
Note This refers to the frequency of the external clock that is input from the OSCBR1 pin.
28
Data Sheet S14207EJ2V0DS00
PD16681A
8.1.9 Data R/W command This command performs data read/write operations.
MSB 1 0 1 1 0 LSB b2 b1 b0 + MSB LSB +***
b7 b6 b5 b4 b3 b2 b1 b0
Selection 1 00 : Increments up from the current address Note 1 01 : Retains current address 10 : Decrements down from the current address Note 1 Selection 2 0 : Data write 1 : Data read Note 2
Notes 1. During increment mode, when the current address is the last address the next address becomes 00H. During decrement mode, when the current address is 00H, the next address becomes the last address. 2. Data read mode is cancelled at the rising edge of the STB signal (mode is switched to command/data write mode). Caution During a serial data transfer, write data in 8-bit or 16-bit segments. If the rising edge of STB occurs during the data transfer operation, the operation is not guaranteed.
8.1.10 Test mode This command sets the test mode. The test mode is only for confirming the IC's operation. Regular or continuous use while in test mode is not guaranteed.
MSB 1 0 1 0 LSB b3 b2 b1 b0
Selection 0000 : Normal operation 0001 to 1111 : Test mode
Data Sheet S14207EJ2V0DS00
29
PD16681A
8.2 Address Register This command selects the address type and specifies addresses.
MSB 0 1 0 0 1 0 LSB b1 b0 + MSB LSB
b7 b6 b5 b4 b3 b2 b1 b0
Selection 1 00 : DDRAM address 01 : PDRAM address 10 : PBRAM address 11 : CGRAM address
Selection 2 DDRAM address : 00H to 47H PDRAM address : 00H to 0FH PBRAM address : 00H to 0FH CGRAM address : 00H to F9H
Caution
Operation is not guaranteed if an invalid address is set.
8.3 Reset The contents of the various registers appear as shown below after a reset (command reset or hardware [pin] reset).
Command b7 Display ON/OFF 0 b6 0 b5 0
Register Contents b4 0 b3 1 b2 0 b1 0 b0 0 LCD OFF
Description
(SEGn, COMn, PCOMn, = VSS) Standby Duty setting Cursor control D/A converter setting Scroll control Blink setting Address register Data R/W mode Test mode 0 0 0 0 0 0 0 1 1 0 0 0 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 1 1 1 0 1 0 0 1 0 0 1 1 1 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Normal operation 1/52 duty Cursor OFF Set to 20H No specified scroll line Blink stop DDRAM is specified Data write/increment (+1) Normal operation
30
Data Sheet S14207EJ2V0DS00
PD16681A
8.4 Scrolling Character scrolling is controlled by inputting scroll control commands (8 bits) plus scroll dot count data (8 bits). The line to be scrolled is specified by the scroll control command and the scroll dot count data sets the number of dots to be scrolled. When this command is input, the characters on the specified line are shifted leftward by the specified number of dots. The number of dots that can be scrolled differs according to the contents of the data stored in DDRAM (see 8.4.1 Scrollable number of dots and 8.4.2 Display and scrollable number of dots). Consequently, if scrolling is specified for an amount of data that exceeds the scrollable data, the character data, only the scrollable data is shifted and overwritten, and scrolling must be performed again. Caution For character scrolling, be sure to input a scroll control command (8 bits) plus the amount of scrolled data (8 bits).
8.4.1 Scrollable number of dots Scroll amount = (12 dots x number of non-displayed full width characters that are stored in DDRAM) + (6 dots x number of non-displayed half width characters that are stored in DDRAM)
8.4.2 Display and scrollable number of dots LCD display:
DDRAM status :
1 1st line 2nd line 3rd line 4th line 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
00H 01H 02H 03H 04H 05H 12H 13H 14H 15H 16H 17H
06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H
24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH 40H 41H 42H 43H 44H 45H 46H 47H
Remark
Shaded areas indicate addresses. Address characters that are not displayed are used as data for character scrolling.
Data Sheet S14207EJ2V0DS00
31
PD16681A
Character memory contents :
Remarks 1. Shaded areas indicate addresses. 2. First line : Second line : (10 full width (11 x 12 dots) characters) (6 full width (11 x 12 dots) characters),
"484"(4 half width (5 x 12 dots) characters) Third line : "PB"(2 half width (5 x 12 dots) characters) Fourth line : (2 full width (5 x 12 dots) characters) Scrollable dot counts; First line : (12 dots x 10 characters) + (6 dots x 0 characters) = 120 dots Second line : (12 dots x 6 characters) + (6 dots x 4 characters) = 96 dots Third line : (12 dots x 0 characters) + (6 dots x 2 characters) = 12 dots Fourth line : (12 dots x 2 characters) + (6 dots x 0 characters) = 24 dots If scroll count data that exceeds the scrollable number of dots is entered using the scroll control command, all dots that are in the area that goes beyond the DDRAM addresses are output as OFF data.
32
Data Sheet S14207EJ2V0DS00
PD16681A
8.5 Serial Communication Format (1) Reception 1 (command write, 1 byte)
STB
DATA
b7
b6
b5
b2
b1
b0
SCK
1
2
3
6
7
8
(2) Reception 2 (command/data write, 2 bytes or more)
STB
DATA
b7
b6
b5
b2
b1
b0
b7
b6
b5
b4
b3
SCK
1
2
3
6
7
8
1
2
3
4
5
Command 1
Wait time tWAIT
Command 1/Data
(3) Transmission (command/data read)
STB
DATA
b7
b6
b5
b2
b1
b0
b7
b6
b5
b4
b3
SCK
1
2
3
6
7
8
1
2
3
4
5
6
Data read command setting
Wait time tWAIT
Data read
Data Sheet S14207EJ2V0DS00
33
PD16681A
8.6 Parallel Communication Format (1) 8-bit parallel interface
STB
D0 - D7
E
34
Data Sheet S14207EJ2V0DS00
PD16681A
9. COMMAND EXAMPLES
Table 9-1. Initial Setting (1/39 duty) + Data Input
STB D7 D6 D5 D4 D3 D2 D1 D0 Status
Hard Reset H L H L X 0 X 0 0 H L X 1 D15 D7 D15 D7 D15 D7 H L H L L X 0 0 X 1 X X X H L X 0 0 H L X 1 X X X H L H X 0 X X 0 X 1 0 X 0 D14 D6 D14 D6 D14 D6 X 1 0 X 0 X X X X 1 0 X 0 X X X X 0 X X 0 X 0 0 X 1 D13 D5 D13 D5 D13 D5 X 0 0 X 1 D D D X 0 0 X 1 D D D X 0 X X 1 X 0 0 X 1 D12 D4 D12 D4 : D12 D4 X 0 0 X 1 D D : D X 0 0 X 1 D D : D X 0 X D X 1 X D X 1 X D X 1 X D X 1 X Display ON PBRAM: data at 0FH D X 1 0 X 0 D D D X 0 0 X 0 D D D X 1 0 X 0 D D D X 0 0 X 0 D D Data write, address is incremented starting from current address PBRAM: data at 00H PBRAM: data at 01H Address register (PBRAM address selection) PBRAM address : 00H PDRAM: data at 0FH D11 D3 X 1 0 X 0 D D D10 D2 X 0 0 X 0 D D D9 D1 X 0 0 X 0 D D D8 D0 X 1 0 X 0 D D Data write, address is incremented starting from current address PDRAM: data at 00H PDRAM: data at 01H Address register (PDRAM address selection) PDRAM address: 00H Data for 54th character X 1 X 1 0 X 0 D11 D3 D11 D3 X 0 X 0 0 X 0 D10 D2 D10 D2 X 0 X 0 0 X 0 D9 D1 D9 D1 X 1 X 0 0 X 0 D8 D0 D8 D0 Data for second character Data write, address is incremented starting from current address Data for first character Address register (DDRAM address selection) DDRAM address: 00H Duty setting (1/39 duty)
To next processing
Remark
X : Don't care
Data Sheet S14207EJ2V0DS00
35
PD16681A
Table 9-2. CGRAM Data Write
STB D7 D6 D5 D4 Start H L X 0 0 H L X 1 A A A A A A H X X 1 0 X 0 A A A A A A X X 0 0 X 1 D5 D5 D5 D5 D5 D5 X X 0 0 X 1 D4 D4 D4 D4 : D4 D4 X D3 D3 X D2 D2 X D1 D1 X D0 D0 X Data for Xth character (at 00mH) Data in nth line of pattern X 1 0 X 0 D3 D3 D3 D3 X 0 0 X 0 D2 D2 D2 D2 X 1 0 X 0 D1 D1 D1 D1 X 1 0 X 0 D0 D0 D0 D0 Data write, address is incremented starting from current address Data for first character (at 000H) Data in first line of pattern Data for first character (at 000H) Data in second line of pattern Address register (CGRAM address selection) CGRAM address: 00H D3 D2 D1 D0 Status
To next processing
Remark
X : Don't care
36
Data Sheet S14207EJ2V0DS00
PD16681A
10. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25 C, VSS = 0 V)
Parameter Supply voltage (4x boost) Supply voltage (3x boost) Driver supply voltage Driver reference supply input voltage Logic system input voltage Logic system output voltage Logic system input/output voltage Driver system input voltage Driver system output voltage Operating ambient temperature Storage temperature Symbol VDD VDD VLCD VLC1-VLC5 VIN1 VOUT1 VI/O1 VIN2 VOUT2 TA Tstg Rating -0.3 to +3.75 -0.3 to +5.0 -0.3 to +15.0, VDD VLCD -0.3 to VLCD+0.3 -0.3 to VDD+0.3 -0.3 to VDD+0.3 -0.3 to VDD+0.3 -0.3 to VLCD+0.3 -0.3 to VLCD+0.3 -40 to +85 -55 to +150 Unit V V V V V V V V V C C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the product within the range of the absolute maximum ratings.
Recommended Operating Range
Parameter Supply voltage (4x boost) Supply voltage (3x boost) Driver supply voltage Logic system input voltage Driver system input voltage Symbol VDD VDD VLCD VIN VLC1-VLC5 MIN. 2.0 2.0 5.0 0 0 10 TYP. MAX. 3.0 4.0 12 VDD VLCD Unit V V V V V
Remarks 1. When using an external power supply, be sure to maintain these relations: VSS < VLC5 < VLC4 < VLC3 < VLC2 < VLC1 VLCD 2. Maintain VDD VLCD when turning the power on or off. 3. Keep voltage input to the AMPIN(+) pin between 1.0 V and VDD when using an internal power supply but not using the D/A converter.
Data Sheet S14207EJ2V0DS00
37
PD16681A
Electrical characteristics (unless otherwise specified, TA = -40 to +85 C, VDD = 2.0 to 3.0 V during 4x boost mode or 2.0 to 4.0 V during 3x boost mode)
Parameter Symbol Condition MIN. TYP. MAX. Unit
High-level input voltage Low-level input voltage High-level input current Low-level input current High-level output voltage Low-level output voltage High-level leakage current Low-level leakage current Common output ON resistance Segment output ON resistance Driver voltage (boost voltage)
VIH VIL IIH1 IIL1 VOH VOL ILOH ILOL RCOM RSEG VLCD Except for D0/DATA and D1 to D7 Except for D0/DATA and D1 to D7 IOUT = -1.0 mA, except OSCOUT IOUT = 2.0 mA, except OSCOUT D0/DATA and D1 to D7, VIN/OUT = VDD D0/DATA and D1 to D7, VIN/OUT = VSS VLCn COMn, VLCD 3VDD, ILOL = 50 A VLCn SEGn, VLCD 3VDD, ILOL = 50 A During 3x boost During 4x boost
0.8VDD 0.2VDD 1 -1
VDD-0.5
V V
A A
V
0.5 10 -10 2 4 2.7VDD 3.6VDD 100 3.0VDD 4.0VDD 180
V
A A
k k V V
Current consumption (normal mode)
IDD11
fOSC = 375 kHz, all display OFF data output, VDD = 3.0 V during 3x boost mode fOSC = 375 kHz, all display OFF data output, VDD = 3.0 V during 4x boost mode
A A A A A
135
210
Current consumption (high-power mode)
IDD12
fOSC = 375 kHz, all display OFF data output, VDD = 3.0 V during 3x boost mode fOSC = 375 kHz, all display OFF data output, VDD = 3.0 V during 4x boost mode
150
280
200
340
Driver system current consumption (VDD) (Standby)
IDD21
VDD = 3.0 V
1
10
Remark
The TYP. value is a reference value when TA = 25 C
Test Circuit
DACHA
D/A Converter Reference supply circuit + VEXT
VDD AMPIN(+)
-
AMPIN(-)
AMPOUT VLC1
VLC2
VLC3
VLC4
VLC5
VSS
38
Data Sheet S14207EJ2V0DS00
PD16681A
Switching characteristics (unless otherwise specified, TA = -40 to +85 C) VDD = 2.0 to 2.7 V
Parameter Oscillation frequency Symbol fOSC Conditions Self-oscillation, oscillation resistance R = 100 k Transfer delay time Transfer delay time tPHL tPLH SCKDATA SCKDATA 150 150 ns ns MIN. 180 TYP. MAX. 500 Unit kHz
Remark
The TYP. value is a reference value when TA = 25 C
VDD = 2.7 to 3.3 V
Parameter Oscillation frequency Symbol fOSC Conditions Self-oscillation, oscillation resistance R = 100 k Transfer delay time Transfer delay time tPHL tPLH SCKDATA SCKDATA 60 60 ns ns MIN. 240 TYP. 378 MAX. 560 Unit kHz
Remark
Use the following equation to determine the time per frame. 1 frame = 1/fOSC x 96 x number of duty fOSC = 375 kHz, Given a 1/52 duty, 1 frame = 2.67 s ( 96 x 52 = 13.1 ms 75 Hz)
Data Sheet S14207EJ2V0DS00
39
PD16681A
Required timing conditions (unless otherwise specified, TA = -40 to +85 C) Common (1) (VDD = 2.0 to 2.7 V)
Parameter Clock frequency High-level clock pulse width Low-level clock pulse width High-level clock pulse width Low-level clock pulse width Rise/fall time Reset pulse width Reset cancellation time Symbol fOSC tWHC1 tWLC1 tWHC2 tWLC2 tr,tf tWRE tRRE Conditions OSCIN external clock OSCIN external clock OSCIN external clock OSCBRI external clock OSCBRI external clock OSCBRI external clock /RESET pin /RESET pin 100 100 1000 1000 1000 1000 100 MIN. TYP. 375 MAX. Unit kHz ns ns ns ns ns
s s
Remark
The TYP. value is a reference value when TA = 25 C
Common (2) (VDD = 2.7 to 3.3 V)
Parameter Clock frequency High-level clock pulse width Low-level clock pulse width High-level clock pulse width Low-level clock pulse width Rise/fall time Reset pulse width Reset cancellation time Symbol fOSC tWHC1 tWLC1 tWHC2 tWLC2 tr,tf tWRE tRRE Conditions OSCIN external clock OSCIN external clock OSCIN external clock OSCBRI external clock OSCBRI external clock OSCBRI external clock /RESET pin /RESET pin 50 50 MIN. 240 500 500 400 400 100 TYP. 375 MAX. 560 Unit kHz ns ns ns ns ns
s s
Remark
The TYP. value is a reference value when TA = 25 C
40
Data Sheet S14207EJ2V0DS00
PD16681A
Serial interface (1) (VDD = 2.0 to 2.7 V)
Parameter Shift clock cycle High-level shift clock pulse width Low-level shift clock pulse width Shift clock hold time Data setup time Data hold time STB hold time STB pulse width Symbol tCYK tWHK tWLK tHSTBK tDS1 tDH1 tHKSTB tWSTB tWAIT 8th SCK1st SCK SCK SCK SCK STBSCK DATASCK SCKDATA SCKSTB Conditions MIN. 2000 1000 1000 300 150 150 300 300 1000 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns
5
Wait time
Remarks 1. The TYP. value is a reference value when TA = 25 C 2. T.B.D To be determine Serial interface (2) (VDD = 2.7 to 3.3 V)
Parameter Shift clock cycle High-level shift clock pulse width Low-level shift clock pulse width Shift clock hold time Data setup time Data hold time STB hold time STB pulse width Wait time Symbol tCYK tWHK tWLK tHSTBK tDS1 tDH1 tHKSTB tWSTB tWAIT 8th SCK1st SCK SCK SCK SCK STBSCK DATASCK SCKDATA SCKSTB Conditions MIN. 500 260 210 260 40 40 260 210 260 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns
Remark
The TYP. value is a reference value when TA = 25 C
Data Sheet S14207EJ2V0DS00
41
PD16681A
Parallel interface (1) (VDD = 2.0 to 2.7 V)
Parameter Enable cycle time High-level enable pulse width Low-level enable pulse width STB pulse width STB hold time Enable hold time Data setup time Data hold time Symbol tCYCE tWHE tWLE tWSTB tWKSTB tHSTBK tDS2 tDH2 D0 to D7E D0 to D7E EE E E Conditions MIN. 2000 1000 1000 300 300 300 150 150 TYP. MAX. Unit ns ns ns ns ns ns ns ns
Remark
The TYP. value is a reference value when TA = 25 C
Parallel interface (2) (VDD = 2.7 to 3.3 V)
Parameter Enable cycle time High-level enable pulse width Low-level enable pulse width STB pulse width STB hold time Enable hold time Data setup time Data hold time Symbol tCYCE tWHE tWLE tWSTB tWKSTB tHSTBK tDS2 tDH2 D0 to D7E D0 to D7E EE E E Conditions MIN. 500 260 210 210 260 260 40 40 TYP. MAX. Unit ns ns ns ns ns ns ns ns
Remark
The TYP. value is a reference value when TA = 25 C
42
Data Sheet S14207EJ2V0DS00
PD16681A
AC timing measurement voltages
VIH Input VOH Output VOL VIL
AC characteristics waveforms
OSCIN tWHC1 1/fOSC tf OSCVR1 tWHC2 tWLC2 tr tWLC1
Serial interface (input)
STB tCYK tWLK tWHK tWSTB tHKSTB
tHSTBK SCK
tDS1
tDH1
DATA
Serial interface (output)
SCK tPHL tPLH
DATA
Data Sheet S14207EJ2V0DS00
43
PD16681A
8-bit parallel interface
STB tWSTB tHSTBK tCYCE tWLE tWHE tWKSTB
E tDS2 Dn tDH2
Reset
tRRE
/RESET tWRE Reset time Reset cancellation time
44
Data Sheet S14207EJ2V0DS00
PD16681A
11. CHARACTER CODE TABLES (standard ROM code, PD16681AW/P-001)
The following tables show the correspondences between character codes and characters. Character codes ranging from 0000H to 0007H are assigned to CGRAM and those ranging from 1000H to 1380H are assigned to an area that is defined by the user when establishing custom ROM codes.
Character allocation table (1)
C12 = 0
Data Sheet S14207EJ2V0DS00
45
PD16681A
Character allocation table (2)
C12 = 0
46
Data Sheet S14207EJ2V0DS00
PD16681A
Character allocation table (3)
C12 = 0
Data Sheet S14207EJ2V0DS00
47
PD16681A
Character allocation table (4)
C12 = 0
48
Data Sheet S14207EJ2V0DS00
PD16681A
Character allocation table (5)
C12 = 1
Data Sheet S14207EJ2V0DS00
49
PD16681A
Character allocation table (6)
C12 = 1
50
Data Sheet S14207EJ2V0DS00
PD16681A
Character allocation table (7)
C12 = 1
Data Sheet S14207EJ2V0DS00
51
PD16681A
Character allocation table (8) C12 = 1
52
Data Sheet S14207EJ2V0DS00
PD16681A
[MEMO]
Data Sheet S14207EJ2V0DS00
53
PD16681A
[MEMO]
54
Data Sheet S14207EJ2V0DS00
PD16681A
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
Data Sheet S14207EJ2V0DS00
55
PD16681A
Reference Documents NEC Semiconductor Device Reliability/Quality Control System (C10983E) Semiconductor Device Mounting Technology (C10535E)
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPD16681A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X