Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download UPD16663 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUITS
PD16663
240-OUTPUT LCD COLUMN (SEGMENT) DRIVER WITH BUILT-IN RAM
DESCRIPTION
The PD16663 is a column (segment) driver device with built-in RAM. It is capable of driving a full-dot LCD. There are 240 outputs that, with the 240 x 160 x 4-bit built-in display RAM, enable a 16-gray scale display. The sixteen gray scales can be selected arbitrarily from a 49-stage palette. When combined with the PD16667, this device can drive displays of 240 x 160 to 480 x 320 dots.
FEATURES
* Built-in display RAM: 240 x 160 x 4 bits * Logic voltage: 3.0 to 3.6 V * Duty cycle: 1/160 * Number of outputs: 240 * Gray scales: 16 (selectable from a palette of 49) * Memory management: Packed pixel * Compatible with 8-bit/16-bit data buses
ORDERING INFORMATION
Part number Package TCP (TAB) 2-side standard TCP
PD16663N-xxx
5
PD16663N-051
Remark The TCP's external shape is customized. To order the required shape, please contact an NEC salesperson.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. Date Published Printed in Japan S13392EJ1V0DS00 (1st edition) December 1999 NS CP(K)
The mark 5 shows major revised points.
(c)
1998, 1999
PD16663
BLOCK DIAGRAM
DIR PL0, PL1 TEST
Address input control
Address management circuit
A0 - A16 Control /CS, /OE, /WE, /UBE RDY BMODE D0 - D15
Arbiter RAM 240 x 160 x 4 bits
/REFRH /RESET MS STOP OSC1
CR oscillator
Data bus control
Data latch (1)
Gray scale generation circuit
Data latch (2)
OSC2 /DOFF LCD timing generator 3.3-V operation
PULSE /FRM STB
Internal timing generator Gray scale control Self-diagnostic circuit Level shifter
3.3-V operation
5.0-V operation DEC
5.0-V operation
240 outputs of LCD driver circuit
V0 V1 V2
PULSE
/FRM
STB /DOUT L1
L2
Y1 Y2 Y3
Y240
Remark /xxx indicates active low signal.
2
Data Sheet S13392EJ1V0DS00
PD16663
1. PIN FUNCTIONS
Classification CPU Interface Pin name D0 to D15 A0 to A16 /CS 3.3 V /OE /WE /UBE RDY Control signals PL0 PL1 DIR MS BMODE 3.3 V /REFRH TEST /RESET /DOFF OSC1 OSC2 STB /FRM 5.0 V PULSE L1 L2 /DOUT LCD drive Power supply Y1 to Y240 GND VCC1 VCC2 V0 V1 V2
Note
I/O I/O I I I I I O I I I I I I/O I I I I/O I/O I/O I/O I/O O O Data bus : 16 bits Address bus : 17 bits Chip select Read signal Write signal Upper byte enable
Function
Ready signal issued to CPU ("H" sets ready status) Specifies the LSI placement position (No. 0 to 3) Specifies the LSI placement position (No. 0 to 3) Specifies the direction of the LCD panel placement Selects between master/slave ("H" sets master mode) Selects the data bus bit ("H" sets 8 bits, "L" sets 16 bits) Self-diagnostics reset pin (Wired-OR connection) Test pin ("H" sets test mode, pull-down resistor is built-in) Reset signal Display OFF input signal For external resistor for oscillator For external resistor for oscillator Column driving signal (MS pin "H" sets output, MS pin "L" sets input) Frame signal (MS pin "H" sets output, MS pin "L" sets input) 25-gray-scale pulse modulation clock Row driver driving level select signal (line 1) Row driver driving level select signal (line 2) Display OFF output signal LCD drive output Ground (x 2 for 5 V, x 3 for 3.3 V) 5-V power supply 3.3-V power supply LCD drive analog power supply LCD drive analog power supply LCD drive analog power supply
Note
3.3-V pins : D0 to D15, A0 to A16, /CS, /OE, /WE, /UBE, RDY, BMODE, PL0, PL1, DIR, OSC1, OSC2, /RESET, /DOFF, TEST, MS 5-V pins :STB, /FRM, L1, L2, /DOUT, PULSE
Remark N.C. = Non-connection
Data Sheet S13392EJ1V0DS00
3
PD16663
2. BLOCK FUNCTION
(1) Address management circuit Converts an address transferred from the system via A0 to A16 to an address that corresponds to the onchip RAM memory map. This function enables address management for a display size of up to 480 x 320 dots using four PD16663 LSIs, thus facilitating the configuration of LCD systems. The allocation of addresses 1FFF80H to 1FFFEH (even addresses only) to the gray scale palette register also allows the user to select any 16 gray scales from a palette of 49.
(2) Arbiter Resolves a conflict between a RAM access from the system and a RAM read on the LCD drive side.
(3) RAM 240 x 160 x 4 bits of static RAM (single port).
(4) Data bus control Controls the direction in which data is transferred according to whether the system is reading or writing. The bus width can also be switched between 8 and 16 bits with the BMODE pin.
(5) Gray scale generation circuit Culls frames and modulates the pulse width to realize 49 gray scales.
(6) Internal timing generator Generates the internal timing for each block from the /FRM and STB signals.
(7) CR oscillator In master mode, this oscillator generates the clock referenced for the frame frequency. The frame frequency is determined by dividing this clock by 2592. To obtain a frame frequency of 70 Hz, therefore, an oscillation frequency of 181.44 kHz is required. Because the CR oscillator is on chip, adjust the oscillation frequency using an external resistor. Oscillation is stopped in slave mode.
(8) LCD timing generator In master mode, this generator generates /FRM (the frame signal), STB (the column driver signal strobe), and PULSE (the 49-gray-scale pulse modulation clock).
(9) Gray scale control This is a circuit for realizing a 16-gray-scale display.
4
Data Sheet S13392EJ1V0DS00
PD16663
(10) Data latch (1) Latches 240-pixel data read from RAM.
(11) Data latch (2) Latches 240-pixel data in synchronization with the STB signal.
(12) Level shifter Converts the internal circuit operating voltage (3.3 V) to the voltage required by the LCD driver and row driver interface (5 V).
(13) DEC Decodes the gray scale display data into the corresponding LCD drive voltages V0, V1, and V2.
(14) LCD driver circuit Creates the voltage to be applied to the LCD by selecting one of LCD drive power supplies V0, V1, or V2, according to the gray scale data and display off signal (/DOFF).
(15) Self-diagnostic circuit Automatically detects any mismatch between the operation timings of the master and slave chips cause by noise, etc., and issues a refresh signal to all the column drivers.
* Address Map Image (Half VGA Size)
Column direction specified with A7 to A0 Y1 Y240 L1 Line direction specified with A16 to A8 L160 L1 Address increases in this direction L160 Y240 No. 1 Y1 Y240 No. 3 Y1 Address increases in this direction No. 0 No. 2 Y1 Y240
Data Sheet S13392EJ1V0DS00
5
PD16663
3. DATA BUS
The byte data ordering on the data bus is little endian, which is the format commonly used in most NEC and Intel products.
(1) 16-bit data bus (BMODE = L) Byte access
D0 to D7 00000H Address increases as shown 00002H 00004H : : D8 to D15 00001H 00003H 00005H : :
Word access
D0 to D7 00000H Address increases as shown 00002H 00004H : : D8 to D15
In the same way as access from the system can be performed in word (16-bit) and byte (8-bit) units, valid data is indicated by D0 to D7 and/or D8 to D15, by means of the /UBE signal (higher byte enable) and A0.
I/O /CS H L x L /OE x H /WE x L L H L H L L L H L L H x H x x H /UBE x L H L L H L x H Output Disable Write A0 MODE D0 to D7 Not Selected Read Hi-z Dout Hi-z Dout Din x Din Hi-z Hi-z D8 to D15 Hi-z Dout Dout Hi-z Din Din x Hi-z Hi-z
Remark x= Don't Care, Hi-z= High impedance
6
Data Sheet S13392EJ1V0DS00
PD16663
(2) 8-bit data bus (BMODE = H)
D0 to D7 00000H Address increases as shown 00001H 00002H : :
I/O /CS H L L L x L H H /OE x H L H /WE MODE D0 to D7 Not Selected Read Write Output Disable Hi-z Dout Din Hi-z D8 to D15 Note Note Note Note
Note When BMODE = H, D8 to D15 can be either left open or connected to GND because they and /UBE are pulled down internally. Remark x= Don't Care, Hi-z= High impedance
Data Sheet S13392EJ1V0DS00
7
PD16663
4. RELATIONSHIP BETWEEN DATA BITS AND PIXELS
16-gray scale display consists of 4 bits per pixel. In the packed pixel format, RAM is configured with 2 pixels (4 pixels per word). (1) BMODE = L Byte (8-bit) access
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
Pixel 1
Pixel 2
Pixel 3
Pixel 4
00000H
00001H
LCD panel
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel 1 2 3 4 1 2 3 4 1 2 3 4 1 2 3 4 00000H 00001H 00002H 00003H 00004H 00005H 00006H 00007H
Word (16-bit) access
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
Pixel 1
Pixel 2
Pixel 3
Pixel 4
00000H
LCD panel
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel 1 2 3 4 1 2 3 4 1 2 3 4 1 2 3 4 00000H 00002H 00004H 00006H
(2) BMODE = H
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
Pixel 1
Pixel 2
Pixel 3
Pixel 4
00000H
00001H
LCD panel
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel 1 2 3 4 1 2 3 4 1 2 3 4 1 2 3 4 00000H 00001H 00002H 00003H 00004H 00005H 00006H 00007H
8
Data Sheet S13392EJ1V0DS00
PD16663
5. GRAY SCALE CONTROL
Gray scale control in the PD16663 realizes a palette of 49 gray scales, generated by culling frames and modulating the pulse width. From these 49 gray scales, 16 can be selected and recorded in the gray scale palette register.
5.1 Gray Scale Palette Register The gray scale palette register is used to preselect 16 gray scales from a palette of 49. This register is allocated to addresses 1FF80H to 1FFFEH (even addresses only) and has the following relationship with gray scale data. The gray scale palette register can be set according to the mapping positions of column drivers 0 to 3, as determined by PL0 and PL1.
Data Sheet S13392EJ1V0DS00
9
PD16663
5 Gray Scale Palette Register (1/2)
Gray scale data (Display data) Initial value D3/D7 0 0 0 0 0 0 0 0 No. 0 1FF90 H 1FF92 H 1FF94 H 1FF96 H 1FF98 H 1FF9A H 1FF9C H 1FF9E H 1FFA0 H 1FFA2 H 1FFA4 H 1FFA6 H 1FFA8 H 1FFAA H 1FFAC H 1FFAE H No. 1 1FFB0 H 1FFB2 H 1FFB4 H 1FFB6 H 1FFB8 H 1FFBA H 1FFBC H 1FFBE H 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Gray scale 25 Gray scale 27 Gray scale 29 Gray scale 32 Gray scale 36 Gray scale 40 Gray scale 44 Gray scale 48 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Gray scale 25 Gray scale 27 Gray scale 29 Gray scale 32 Gray scale 36 Gray scale 40 Gray scale 44 Gray scale 48 Gray scale 0 Gray scale 4 Gray scale 8 Gray scale 12 Gray scale 16 Gray scale 19 Gray scale 21 Gray scale 23 D2/D6 0 0 0 0 1 1 1 1 D1/D5 0 0 1 1 0 0 1 1 D0/D4 0 1 0 1 0 1 0 1 Gray scale 0 Gray scale 4 Gray scale 8 Gray scale 12 Gray scale 16 Gray scale 19 Gray scale 21 Gray scale 23
Address 1FF80 H 1FF82 H 1FF84 H 1FF86 H 1FF88 H 1FF8A H 1FF8C H 1FF8E H
LSI placement position No.
Remark The gray scale palette register is initialized by the /RESET signal.
10
Data Sheet S13392EJ1V0DS00
PD16663
5 Gray Scale Palette Register (2/2)
Gray scale data (Display data) Initial value D3/D7 0 0 0 0 0 0 0 0 No. 2 1FFD0 H 1FFD2 H 1FFD4 H 1FFD6 H 1FFD8 H 1FFDA H 1FFDC H 1FFDE H 1FFE0 H 1FFE2 H 1FFE4 H 1FFE6 H 1FFE8 H 1FFEA H 1FFEC H 1FFEE H No. 3 1FFF0 H 1FFF2 H 1FFF4 H 1FFF6 H 1FFF8 H 1FFFA H 1FFFC H 1FFFE H 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Gray scale 25 Gray scale 27 Gray scale 29 Gray scale 32 Gray scale 36 Gray scale 40 Gray scale 44 Gray scale 48 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Gray scale 25 Gray scale 27 Gray scale 29 Gray scale 32 Gray scale 36 Gray scale 40 Gray scale 44 Gray scale 48 Gray scale 0 Gray scale 4 Gray scale 8 Gray scale 12 Gray scale 16 Gray scale 19 Gray scale 21 Gray scale 23 D2/D6 0 0 0 0 1 1 1 1 D1/D5 0 0 1 1 0 0 1 1 D0/D4 0 1 0 1 0 1 0 1 Gray scale 0 Gray scale 4 Gray scale 8 Gray scale 12 Gray scale 16 Gray scale 19 Gray scale 21 Gray scale 23
Address 1FFC0 H 1FFC2 H 1FFC4 H 1FFC6 H 1FFC8 H 1FFCA H 1FFCC H 1FFCE H
LSI placement position No.
Remark The gray scale palette register is initialized by the /RESET signal.
Data Sheet S13392EJ1V0DS00
11
PD16663
5.2 Relationship Between Gray Scales and Gray Scale Palette Data The relationship between the gray scales and gray scale palette data set with the gray scale palette register is shown in the table below. Gray Scale Palette Data (1/2)
Gray scale palette data PMODE D5 Gray scale 0 Gray scale 1 Gray scale 2 Gray scale 3 Gray scale 4 Gray scale 5 Gray scale 6 Gray scale 7 Gray scale 8 Gray scale 9 Gray scale 10 Gray scale 11 Gray scale 12 Gray scale 13 Gray scale 14 Gray scale 15 Gray scale 16 Gray scale 17 Gray scale 18 Gray scale 19 Gray scale 20 Gray scale 21 Gray scale 22 Gray scale 23 Gray scale 24 Gray scale 25 Gray scale 26 Gray scale 27 Gray scale 28 Gray scale 29 Gray scale 30 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 OFF Remark
12
Data Sheet S13392EJ1V0DS00
PD16663
Gray Scale Palette Data (2/2)
Gray scale palette data PMODE D5 Gray scale 31 Gray scale 32 Gray scale 33 Gray scale 34 Gray scale 35 Gray scale 36 Gray scale 37 Gray scale 38 Gray scale 39 Gray scale 40 Gray scale 41 Gray scale 42 Gray scale 43 Gray scale 44 Gray scale 45 Gray scale 46 Gray scale 47 Gray scale 48 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D4 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 D3 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 D2 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 D1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 D0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 ON Remark
Data Sheet S13392EJ1V0DS00
13
PD16663
6. LSI MAPPING AND ADDRESS MANAGEMENT
Addresses can be managed when using up to four PD16663 LSIs, which enables the configuration of a half VGA size LCD (320 x 480 dots). In this case, the data bus and /CS, /WE, and /OE pins can be used commonly. The system can handle each LCD screen as a single area in memory, eliminating the need to decode multiple
PD16663 LSIs.
The LSI No. and layout are specified by the PL0 and PL1 pins, and the DIR pin is used to determine the direction of the LCD contents (height, width).
PL1 0 0 1 1
PL0 0 1 0 1
LSI placement position No. No. 0 No. 1 No. 2 No. 3
14
Data Sheet S13392EJ1V0DS00
PD16663
6.1 Addresses for Half-VGA Size Horizontal Rectangle DIR = "0"
Specified with A7 to A0
PD16663
Y1 Y240 Y1
PD16663
Y240
Specified with A16 to A8
X1 00000
00002
00074
00076 00176
00078 00178
0007A
000EC 000EE 001EE No.2
00100
PD16667
No.0 09E00
X160
09E76 09F02 0A002 09F74 0A074 09F76 0A076 0A176 No.1
09E78 09F78 0A078 0A178 No.3 09F7A 0A07A 09FEC
09EEE 09FEE 0A1EE 0A0EC 0A0EE
09F00 0A100
X1 0A000
PD16667
13E00
X160
13E76 13F02 13F74 13F76
Y1
13E78 13F78
Y240
13EEE 13F7A 13FEC 13FEE
Y5
13F00
Y240
PD16663
PD16663
Data Sheet S13392EJ1V0DS00
15
16
Specified with A7 to A0
PD16663 PD16663
Y1 0007A 00178 00176 00078 00076 00074 00002 00000 00100
Y240
Y1
Y240 X160
000EE
000EC
001EE
6.2 Addresses for Half-VGA Size Vertical Rectangle
Specified with A16 to A8
PD16667
No.2
No.0
09EEE 09F7A 0A07A 0A178 0A176 0A078 0A076 0A074 09F78 09F76 09F74
09E78
09E76 09F02 0A002
09E00 09F00 0A000 0A100 X1 X160
09FEE
09FEC
Data Sheet S13392EJ1V0DS00
0A0EE
0A0EC
DIR = "1"
0A1EE
PD16667
No.3
No.1
13EEE 13F7A 13F78 Y1
13E78
13E76 13F76 Y240 13F74 13F02
13E00 13F00 Y1 X1
13FEE
13FEC
Y240
PD16663
PD16663
PD16663
PD16663
7. CPU INTERFACE
7.1 RDY (Ready) Pin Functions Single port RAM is used as the on-chip RAM in the PD16663. The RDY pin is used to make the CPU wait, in order to prevent contention between a CPU access and a read on the LCD side.
7.1.1 Timing
A0 to A16,/UBE
/CS
/OE,/WE Hi-z RDY Hi-z
Wait
Ready
Wait
7.1.2 RDY pin connection The RDY pin uses a 3-state buffer. Connect an external pull-up resistor to the RDY pin. When more than one
PD16663 LSI is being used, use a wired-OR connection for the RDY pin of each LSI.
VCC2
CPU Ready input
Pull-up resistor RDY Column driver
RDY
Column driver
Data Sheet S13392EJ1V0DS00
17
PD16663
7.2 Access Timing (1) Display data read timing
A16 to A0
/UBE /CS
/OE Hi-z Hi-z Dout Hi-z
RDY
D15 to D0
Hi-z
(2) Display data write timing
A0 to A16
/UBE /CS
/WE Hi-z Hi-z
RDY
D15 to D0
Din
(3) Gray scale palette data write timing
A0 to A16
/UBE /CS
/WE Hi-z
RDY
D5 to D0
Din
Data Sheet S13392EJ1V0DS00
18
PD16663
5
8. INITIALIZATION FUNCTION
Two initialization functions are available in the PD16663.
8.1 Initialization by /RESET /RESET is used for forcible external initialization of the LSI. When /RESET = L, the internal statuses of the
PD16663 are as follows.
iOscillation stopped iLCD timing generator initialized iInternal timing generator initialized iSelf-diagnostic circuit initialized iGray scale palette register initialized iDisplay off
The display remains off for 4 frame cycles after /RESET release, even if the /DOFF pin is H.
/RESET 1 /FRM 2 3 4 5 6
/DOUT
Internal status Display off Display on
Be sure to initialize the LSI by /RESET when turning on the power.
8.2 Initialization by /REFRH /REFRH is a pin used by the internal self-diagnostic circuit to initialize the LSI when there are mismatches in the timing of the column drivers due to external noise, etc. When /REFRH = L, the internal statuses of the PD16663 are as follows. iOscillation stopped iLCD timing generator initialized iInternal timing generator initialized iDisplay off
Data Sheet S13392EJ1V0DS00
19
PD16663
The display remains off for 4 frame cycles after /REFRH release, even if the /DOFF pin is H.
/REFRH 1 /FRM 2 3 4 5 6
/DOUT
Internal status Display off Display on
5 9. DISPLAY OFF FUNCTION When /DOFF = L, the column driver outputs (Yn) are all at the V1 level. Moreover, because the /DOUT output is also L, the /DOFF' signal of the row driver becomes L, causing all the row driver outputs (Xn) to also be at the V1 level. The display is therefore forcibly put in the off status, regardless of the display data.
Remark /DOFF' is the row driver input pin.
20
Data Sheet S13392EJ1V0DS00
PD16663
10. LCD TIMING GENERATOR CIRCUIT
If master mode is entered by setting MS to H, /FRM and STB are generated at a timing that is 1/160 of the duty ratio, and driver voltage selection signals L1 and L2 are generated for the row driver. /FRM is generated twice per frame, STB 81 times per 1/2 frame or 162 times per frame.
(1) /FRM, STB signal generation
OSC1 PULSE STB 1 2
/FRM
STB 81 1 2 81 1 2 81 1 2
Frame
(2) L1, L2 signal generation
STB L1 L2 1 1 1 2 1 0 3 1 1 4 1 0 ... ... ... 1 1 0 2 1 1 3 1 0 4 1 1 ... ... ... 1 0 0 2 0 1 3 0 0 4 0 1 ... ... ... 1 0 1 2 0 0 3 0 1 4 0 0 ... ... ...
Data Sheet S13392EJ1V0DS00
21
PD16663
11. SELF-DIAGNOSTIC FUNCTION
This function is provided to monitor whether there are any mismatches in the timing of the column drivers due to factors such as external noise. The slave chip compares L1 and L2 of the master chip with its own internally generated L1 and L2, and if a mismatch is detected, it issues a refresh signal to all the column drivers. Upon the receipt of a refresh signal, an internal reset is instigated, and the timing is initialized. At this time, the display remains off for a period equal to 4 frame cycles plus the time /REFRH is L. Monitoring for an L1, L2 mismatch takes place every 1/2 frame at the rising edge of /FRM.
L1 (Master) Mismatch L2 (Master) L1 (Slave) L2 (Slave) Mismatch
/REFRH Initialization Initialization
Block Configuration (Slave)
/RESET
Internal reset
/REFRH Self-diagnostic circuit
L1 L2
Internal L1 signal Internal L2 signal
22
Data Sheet S13392EJ1V0DS00
PD16663
12. EXAMPLE SYSTEM CONFIGURATION
The following example shows the configuration of a system using four PD16663 LSIs and two row drivers to drive a half VGA size (480 x 320 dots, landscape) LCD panel. iThe LSI No. is set for each column driver using the PL0 and PL1 pins. iThe DIR pin on each column driver is set to low. iOne of the column drivers is specified as the master; the remaining are all slaves. The master column driver supplies signals to the slave column drivers and the row drivers. iAn oscillator resistor is attached across the OSC1 and OSC2 pins of the master, while those of the slaves are left open. iThe signals issued by the system (D0 to D15, A0 to A16, /CS, /OE, /WE, /UBE, RDY, /RESET, /DOFF) are connected in parallel to all the column drivers. A pull-up resistor is connected to the RDY signal. iThe TEST pin is used for testing the LSI, so either leave it open or connect it to GND when configuring the system.
VCC2
PULSE STB /FRM , /DOUT,/DOFF L1 L2 /REFRH Y1
RDY /DOFF /RESET D0 to D15 A0 to A16 Control /CS, /OE, /WE, /UBE
OSC1
Master No.0
OSC2
Slave No.2 Y1 Y240
Y240
Scan direction
Row driver
160
160
Y240 Slave No.1
Y1 Y240 Slave No.3
Scan direction
Row driver
Y1
Remark The /DOFF' pin is an input pin of row driver.
Data Sheet S13392EJ1V0DS00
23
PD16663
13. CHIPSET POWER APPLICATION
It is recommended that the power be applied to the chipset in the following order. VCC2 VCC1 CPU interface VDD, VEE V1, V2 The LCD drive power supplies V1 and V2 must be applied last.
ON VCC2 OFF ON 4.5 V
VCC1
OFF 0 s or more 0V
CPU InterfaceNote 1 (A0 to A16, /CS, /OE, /WE, /UBE, D0 to D15, /DOFF) /RESET
3.3 V
3.3 V 0V 100 ns or more 0.3VCC2 0 s or more ON
VDDNote 2
OFF OFF
VEE
Note 2
ON 0 s or more ON
V1
OFF
ON V2 OFF
Notes1. The select signals (PL0, PL1, DIR, MS, and BMODE) can be input at the same time as VCC2. 2. VDD and VEE do not have to be ON at the same time. VDD and VEE are the row driver LCD power supplies. Caution Turn off the power of the chipset in the reverse order to the one above.
24
Data Sheet S13392EJ1V0DS00
PD16663
14. EXAMPLE OF SCHOTTKY BARRIER DIODE LAYOUT FOR POWER SUPPLY PROTECTION WITHIN THE MODULE
(Use Schottky barrier diodes that are Vf = 0.5 V or less.)
VDDNote
VCC1
V2
V1
V0
VSS
VEENote
Those diodes within the dotted line must be placed when V0 is 0 V (GND) or less.
Note VDD and VEE are the row driver LCD power supplies.
Data Sheet S13392EJ1V0DS00
25
PD16663
15. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25C)
Item Power supply voltage (1) Power supply voltage (2) Input/output voltage (1) Input/output voltage (2) Input/output voltage (3)
Note 1
Symbol VCC1 VCC2 VI/O1 VI/O2 VI/O3 TA Tstg
Rating -0.5 to +6.5 -0.5 to +4.5 -0.5 to VCC1 + 0.5 -0.5 to VCC2 + 0.5 -0.5 to VCC1 + 0.5 -20 to +70 -40 to +125
Units V V V V V C C
Note 2
Note 1
Note 2
Note 3,4
Operating ambient temperature Storage temperature
Notes 1. 2. 3. 4.
5-V signals (/FRM, STB, /DOUT, L1, L2, PULSE) 3.3-V signals (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH) LCD driver power supply (V0, V1, V2, Y1 to Y240) Ensure that V0 < V1 < V2.
Caution If the absolute maximum rating of even one of the above parameters is exceeded even momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the product within the range of the absolute maximum ratings. Recommended Operating Ranges (TA = -20C to +70C, V0 = 0 V)
Item Power supply voltage (1) Power supply voltage (2) Input voltage (1) Input voltage (2) V1 input voltage V2 input voltage OSC external resistor
Note 1
Symbol VCC1 VCC2 VI1 VI2 V1 V2 ROSC
MIN. 4.5 3.0 0 0 V0 V1 30
TYP. 5.0 3.3
MAX. 5.5 3.6 VCC1 VCC2 V2 VCC1
Units V V V V V V k
Note 2
62
90
Notes 1. 2.
5-V signals (/FRM, STB, L1, L2, PULSE) 3.3-V signals (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH)
26
Data Sheet S13392EJ1V0DS00
PD16663
DC Characteristics (Unless Specified Otherwise, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20C to +70C)
Item High-level input voltage (1) for VCC1 Low-level input voltage (1) for VCC1
Note 1
Symbol VIH1 VIL1 VIH2 VIL2 VIH3 VIL3 VOH1 VOL1 VOH2 VOL2 VOH3 VOL3 II1
Conditions
MIN. 0.7VCC1
TYP.
MAX.
Units V
Note 1
0.3VCC1 0.7VCC2 0.3VCC2 0.8VCC2 0.2VCC2 IOH = -1 mA IOL = 2 mA IOH = -2 mA IOL = 4 mA IOH = -1 mA IOL = 2 mA For other than TEST pin, VI = VCC2 or GND Pull-down (TEST pin) VI = VCC2 Master, for VCC1 Master, for VCC2 Slave, for VCC1 Slave, for VCC2
Note 6
V V V V V V
High-level input voltage (2) for VCC2 Low-level input voltage (2) for VCC2
Note 2
Note 2
High-level input voltage (2) for VCC2 Low-level input voltage (2) for VCC2
Note 4
Note 4
High-level output voltage (1) for VCC1 Low-level output voltage (1) for VCC1
Note 3
VCC1 - 0.4 0.4 VCC1 - 0.4 0.4 VCC2 - 0.4 0.4 10
Note 3
V V V V V
High-level output voltage (2) for VCC1 Low-level output voltage (2) for VCC1 High-level input voltage (3) for VCC2
Note 1
Note 1, 4
Note 5
Low-level output voltage (3) for VCC2 Input leakage current (1)
Note 5
A A A A A A
k
Input leakage current (2)
II2
10
40
100
Display current drain (1) Display current drain (2) Display current drain (3) Display current drain (4) LCD driver output ON resistance
Note 7
IMAS1 IMAS2 ISLV1 ISLV2 RON
150 350 100 250 1 2
Note 6
Note 6
Note 6
Notes 1.
5-V signals (/FRM, STB, L1, L2, PULSE) BMODE)
2. 3.3-V signals (MS, DIR, PL0, PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, /DOFF, TEST, 3. 4. 5. 6. 7. /DOUT pin /REFRH pin D0 to D15, RDY, OSC2 pins Frame frequency 70 Hz, no-load output, CPU not being accessed (D0 to D15, A0 to A16, /UBE = GND, /CS, /OE, /WE = VCC2) Resistance across Y pin and V pin (V0, V1, or V2) when a load current (ION = 100 A) is flowing through any one of pins Y1 to Y240.
Data Sheet S13392EJ1V0DS00
27
PD16663
AC Characteristics 1 Display Data Send Timing (1) Master mode (Unless specified otherwise, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20C to +70C, frame frequency 70 Hz (fOSC = 181.44 kHz), output load: 100 pF)
Item STB clock cycle time STB high level width STB low level width STB rise time STB fall time STB-/FRM delay /FRM-STB delay Symbol tCYC tCWH tCWL tR tF tPSF tPFS 20 20 Conditions MIN. 87 43 43 TYP. 16/fOSC 8/fOSC 8/fOSC 100 100 MAX. Units
s s s
ns ns
s s
tCYC tCWL STB (Output) tF tCWH tR
0.9VCC1 0.1VCC1 tPSF /FRM (Output) tPFS tPSF tPFS 0.9VCC1 0.1VCC1
28
Data Sheet S13392EJ1V0DS00
PD16663
(2) Slave mode (Unless specified otherwise, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20C to +70C)
Item STB clock cycle time STB high level width STB low level width STB rise time STB fall time /FRM setup time /FRM hold time Symbol tCYC tCWH tCWL tR tF tSFR tHFR 1 1 Conditions MIN. 10 4 4 150 150 TYP. MAX. Units
s s s
ns ns
s s
tCYC tCWL STB (Input) tF tCWH tR
0.7VCC1 0.3VCC1 tSFR /FRM (Input) tHFR tSFR tHFR 0.7VCC1 0.3VCC1
Data Sheet S13392EJ1V0DS00
29
PD16663
(3) Items common to both master and slaves (Unless specified otherwise, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20C to +70C)
Item Output delay (L1, L2, /DOUT) Output delay (Y1 to Y240) Symbol tDOUT1 tDOUT2 Conditions No-load output No-load output MIN. TYP. 50 90 MAX. 100 150 Units ns ns
STB (Output)
0.9VCC1
tDOUT1 L1, L2 /DOUT
tDOUT1
0.9VCC1
tDOUT2 0.9V2
tDOUT2
0.1V2 Y1 to Y240 0.9V2 0.1V2
30
Data Sheet S13392EJ1V0DS00
PD16663
AC Characteristics 2 Drawing Access Timing (Unless specified otherwise, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20C to +70C, tr = tf = 5 ns)
Item /OE//WE recovery time Address setup time Address hold time RDY output delay time RDY float time
Note 3
Symbol tRY tAS tAH tRYR tRYZ tRYW
Note 1
Conditions
MIN. 30 10 20
TYP.
MAX.
Units ns ns ns
CL = 15 pF
30 30 35 60 650 100 1,200 100 40 10 20 50 50 20 20 10 20 100 Note 4 Note 4
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns -
Wait status time
Note 1
Ready status time (no contention) Ready status time (contention) Data access time (read cycle) Data float time (read cycle) /CS-/OE time (read cycle) /OE-/CS time (read cycle)
tRYF1 tRYF2 tACS tHZ tCSOE tOECS
Note 1
Note 2
Note 3
Write pulse width 1 (write cycle 1) Write pulse width 2 (write cycle 2) Data setup time (write cycle 1, 2) Data hold time (write cycle 1, 2) /CS-/WE time (write cycle 1, 2) /WE-/CS time (write cycle 1, 2) Reset pulse width RDY-/OE time RDY-/WE time
Note 1
tWP1 tWP2 tDW tDH tCSWE tWECS tWRES tRDOE tRDWE
Note 1
Notes 1. Load circuit
VCC2 1.8 k
1.0 k
60 pF
2. Load circuit
VCC2 1.8 k
1.0 k
100 pF
Data Sheet S13392EJ1V0DS00
31
PD16663
3. Load circuit
VCC2 1.8 k
1.0 k
5 pF
4. If the time from the rising edge of RDY to /OE or /WE is long, the display may be adversely affected. It is therefore recommended that tRDOE and tRDWE be set to a value not exceeding 1000 ns.
/OE, /WE Recovery Time
tRY /OE,/WE 0.7 VCC2
Read Cycle
A16 to A0 /UBE tAS tAH
0.7 VCC2 0.3 VCC2
/CS
0.3 VCC2
tOECS tCSOE /OE tRYR RDY Hi-Z 0.1VCC2 tACS tHZ tRYF tRDOE
0.7 VCC2 0.3 VCC2
tRYW
tRYZ
0.1 VCC2
D15 to D0
OUT
0.9 VCC2 0.1 VCC2
32
Data Sheet S13392EJ1V0DS00
PD16663
Write Cycle 1 (Display Data Write)
A16 to A0 /UBE tAS tAH 0.7 VCC2 0.3 VCC2
/CS 0.3 VCC2
tCSWE /WE
tRDWE
tWECS
0.7 VCC2 0.3 VCC2
tRYR RDY Hi-Z 0.1 VCC2
tRYF
tRYW
tRYZ
0.1 VCC2 tWP1
D15 to D0
IN
0.7 VCC2 0.3 VCC2
tDW
tDH
Write Cycle 2 (Gray Scale Palette Data Write)
A16 to A0 /UBE tAS tAH 0.7VCC2 0.3VCC2
/CS 0.3VCC2
tCSWE /WE
tWECS 0.7VCC2 0.3VCC2 tWP2
RDY Hi-Z
D15 to D0
IN
0.7VCC2 0.3VCC2 tDH
tDW
Data Sheet S13392EJ1V0DS00
33
PD16663
Reset Pulse Width
/RESET 0.3VCC2 tWRES
AC Characteristics 3 CR Oscillator (VCC2 = 3.0 to 3.6 V, TA = -20C to +70C)
Item Oscillation frequency Frame frequency Symbol fOSC Conditions External resistor (62 k) External resistor (62 k) MIN. 160 61.7 TYP. 190 73.3 MAX. 220 84.9 Units kHz Hz
Relationship between oscillation frequency and frame frequency / STB frequency The relationship between the oscillation frequency and the frame frequency / STB frequency is as follows. Frame frequency = 1 162 x 2 x 8 x oscillation frequency
STB frequency =
1 2x8
x oscillation frequency
34
Data Sheet S13392EJ1V0DS00
PD16663
16. PACKAGE DRAWINGS
Standard TCP Package Drawings (PD16663N-051) (1/3)
Data Sheet S13392EJ1V0DS00
35
PD16663
Standard TCP Package Drawings (PD16663N-051) (2/3) Test pad details
0.6 0.015 0.4 0.015
From PC 0.95 0.24 0.35
26.5 P0.2 0.35 0.3 0.15 0.3 0.15 0.3 0.15
From PC
Alignment details
Right and Left 0.3 0.05 0.05 0.02
0.05 0.02
16.25 16.25
Center 0.6 0.05 0.05 0.02
0.05 0.02
Output lead The Cu pattern side is the underside of the tape.
TCP tape winding direction
0.6 0.05
Wind-up direction
36
Data Sheet S13392EJ1V0DS00
0.6 0.05
PD16663
Standard TCP Package Drawings (PD16663N-051) (3/3) Pin connection diagram
N.C. N.C. N.C. Y1 Y2 Y3 No.1 No.2 No.3 No.4 No.5 No.6
No.1 No.2 No.3 No.4 No.5 No.6 No.7 No.8 No.9 No.10 No.11 No.12 No.13 No.14 No.15 No.16 No.17 No.18 No.19 No.20 No.21 No.22 No.23 No.24 No.25 No.26 No.27 No.28 No.29 No.30 No.31 No.32 No.33 No.34 No.35 No.36 No.37 No.38 No.39 No.40 No.41 No.42 No.43 No.44 No.45 No.46 No.47 No.48 No.49 No.50 No.51 No.52 No.53 No.54 No.55 No.56 No.57 No.58 No.59 No.60 No.61 No.62 No.63 No.64 No.65 No.66 No.67 No.68 No.69 No.70 No.71 No.72 No.73
N.C. V0 V1 V2 GND VCC1 L1 L2 /DOUT STB /FRM PULSE GND VCC2 MS BMODE TEST /DOFF RDY /WE /OE /CS /UBE /RESET /REFRH PL1 PL0 DIR GND OSC2 OSC1 VCC2 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 GND VCC2 GND VCC1 V2 V1 V0 N.C.
DIE : FACE DOWN
Y118 Y119 Y120 N.C. N.C. N.C. N.C. Y121 Y122 Y123
No.121 No.122 No.123 No.124 No.125 No.126 No.127 No.128 No.129 No.130
Y238 Y239 Y240 N.C. N.C. N.C.
Data Sheet S13392EJ1V0DS00
No.245 No.246 No.247 No.248 No.249 No.250
37
PD16663
[MEMO]
38
Data Sheet S13392EJ1V0DS00
PD16663
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it.
2 HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices.
3 STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
Data Sheet S13392EJ1V0DS00
39
PD16663
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPD16663

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X