Part Number Hot Search : 
TD62803 GU040 PWW6MS 2SK61 IN74AC10 KA9259ED 74HCT40 DS24B33
Product Description
Full Text Search
 

To Download UPD16662 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD16662
240 OUTPUT LCD COLUMN (SEGMENT) DRIVER WITH BUILT-IN RAM
The PD16662 is a column (segment) driver which contains a RAM capable of full dot LCD drive. With 240 outputs, this driver has a display RAM of 240 x 160 x 2 bits built in, and 4 gray scales of display are possible. Any 4 gray scales can be selected from 25 levels of the gray scale pallet. The driver can be combined with the PD16667 to display from 240 x 160 dots to 480 x 320 dots.
Features
* Display RAM incorporated: 240 x 160 x 2 bits * Logic voltage: 3.0V to 3.6V * Duty: 1/160 * Output count: 240 outputs * Capable of gray scale display: 4 gray scales (can be selected from 25 levels of the gray scale pallet) * Memory management: packed pixel system * 8/16-bit data base
Ordering Information
Part number Package TCP(TAB) Standard TCP (OLB: 0.2 mm pitch; folding)
PD16662N -xxx
*
PD16662N - 051
The TCP's external shape is custom-ordered. Therefore, if you have a shape in mind, please contact an NEC salesperson.
The information in this document is subject to change without notice.
Document No. S12738EJ3V0DS00 (3rd edition) Date Published November 1998 NS CP (K) Printed in Japan
The mark * shows major revised points.
(c)
1998
PD16662
Pin name
Classification CPU I/F Voltage 3.3 V Pin Name D0 to D15 A0 to A16 /CS /OE /WE /UBE RDY Control signals 3.3 V PL0 PL1 DIR
Note
I/O I/O I I I I I O I I I Data bus 16 Address bus 17 Chip select Read signal Write signal High byte enable
Function
Ready signal to CPU (Ready state at H) Specifies the LSI allocation locations (No. 0 to 3). Specifies the LSI allocation locations (No. 0 to 3). Specifies the liquid-crystal panel allocation direction (longitudinal; lateral)
MS BMODE /REFRH TEST /RESET /DOFF OSC1 OSC2 5.0 V STB
I I I/O I I I I/O
Master/slave switching (Master mode at H) Data bus bit select pin ("H" = 8bit, "L" = 16bit) Self diagnostic reset pin (Wired OR connection) Test pin (Test mode at H, using the pull-down buffer) Reset Display OFF signal input Oscillator pin Oscillator pin Column driving signal strobe (MS signal "H" = output, MS signal "L" = input )
/FRM PULSE L1 L2 /DOUT Liquid-crystal drive Powers Y1 to Y240 GND VCC1 VCC2 V0 V1 V2
I/O I/O I/O I/O O O -
Frame signal(MS pin "H" = output , MS pin "L" = input ) 25-gray level pulse modulation clock Row driver drive level selection signal (1st line) Row driver drive level selection signal (2nd line) Display OFF signal output Liquid-crystal drive output Ground (two 5-V pins; three 3-V pins) 5-V power level 3.3-V power level Liquid-crystal drive analog power Liquid-crystal drive analog power Liquid-crystal drive analog power
Remark /xxx indicates active low signal. Note 3.3-V power pins : D0 - D15, A0 - A16, /CS, /OE, /WE, /UBE, RDY, BMODE, PL0, PL1, DIR, OSC1, OSC2, /RESET, /DOFF, TEST, MS 5-V power pins : STB, /FRM, L1, L2, /DOUT, PULSE
2
PD16662
Block Diagram
DIR PL0, PL1 TEST Address input control Address management control Arbiter RAM 240 x 160 x 2 bit
A0 - A16 Control /CS, /OE, /WE, /UBE RDY BMODE D0 - D15
Data bus control
/REFRH /RESET MS STOP OSC1 CR oscillator OSC2 /DOFF Liquid crystal timing generation 3.3 V operation PULSE /FRM STB
Data latch (1)
Gray scale generation circuit
Data latch (2)
Internal timing generation Gray level control
Self-diagnosis circuit Level shifter
3.3 V operation
5.0 V operation DEC
5.0 V operation
Liquid crystal drive circuit 240 outputs
V0 V1 V2
PULSE
/FRM
STB /DOUT L1
L2
Y1 Y2 Y3
Y240
3
PD16662
Block Functions
(1) Address management circuit The address management circuit converts addresses transferred from the system through A0 to A16 into addresses compatible with the memory map of the built-in RAM. This function can be used to address up to 480 x 320 dots with four of these LSIs, thus making it possible to configure a liquid crystal display system without difficulty. Moreover, addresses 1FFF0H to 1FFFFH are allocated to the gray scale pallet register, making it possible to choose any 4 gray scales from the 25-level pallet. (2) Arbiter The arbiter adjusts the contention between the RAM access from the system and the RAM read on the liquid-crystal drive side. (3) RAM Static RAM (single port) of 240 by 160 by 2 bits (4) Data bus control This circuit controls the data transfer directions through the read/write from the system. It also performs an 8/16-bit switch via the BMODE pin.
(5) Gray scale generation circuit This circuit realizes the 25 levels by frame thinning out and pulse width modulation. (6) Internal timing generation Internal timing to each block is generated from /FRM and STB signals. (7) CR oscillator The CR oscillator generates the clock which will become a criterion of the frame frequency in master mode. 1/2592 of this oscillation becomes the frame frequency. For example, if the frame frequency is 70 Hz, the required oscillation frequency is 181.44 kHz. As the CR oscillator has a built-in capacitor, adjust the required oscillation frequency with an external resistor. In slave mode, the oscillation is stopped.
(8) Liquid crystal timing generation In master mode, /FRM (frame signal), STB (column drive signal strobe), and PULSE (25-gray-scale pallet pulse modulation clock) are generated.
(9) Gray scale control This circuit realizes a four-gray scale display. (10) Data latch (1) Reads and latches 240-pixel data from the RAM. (11) Data latch (2) Latches 240-pixel data synchronously with the STB signal.
4
PD16662
(12) Level shifter The level shifter converts from the operating voltage (3.3 V) of the internal circuit to the liquid-crystal drive circuit and low driver interface voltage (5 V). (13) DEC Decodes the gray scale display data to make it compatible with the liquid-crystal drive voltages V0, V1 and V2 . (14) Liquid crystal drive circuit This circuit selects one of the liquid-crystal drive powers V0, V1, and V2, which are compatible with the gray scale display data and the display OFF signal (/DOFF), to generate the liquid crystal applied voltage.
(15) Self diagnostic circuit If the operation timing of the master chip and slave chip has deviated due to external noise, this circuit will detect the problem and generate a total column/driver refresh signal.
Address map image diagram (Example of VGA-half size configuration)
Column direction specified with A7 to A0 Y1 L1 Address progress direction Row direction specified with A16 to A8 No.0 No.2 Y240 Y1 Y240
L160 L1
Address progress direction No.1 Y240 Y1 Y240 No.3 Y1
L160
5
PD16662
Data bus
The byte data lined up on the data bus is based on the Little Endian - an NEC/Intel-series bus. 1. 16 bit data bus (BMODE = L) * Bytes (8 bytes) access
D0 to D7 00000H D8 to D15 00001H 00003H 00005H : : :
Addresses proceed as shown on right.
00002H 00004H : : :
* Words (16 bits) access
D0 to D7 00000H D8 to D15
Addresses proceed as shown on right.
00002H 00004H : : :
For the access from the system to be performed in units of words (16 bits), or of bytes (8 bytes), the /UBE (high byte enable) and A0 are used to show whether valid data are in the bytes of either (or both) of D0 to D7 and D8 to D15.
/CS /OE /WE /UBE A0 MODE D0 to D7 H L X L X H X L L H L H L L L H L L H X H X X H X L H L L H L X H Output disable Write Not Selected Read Hi-Z Dout Hi-Z Dout Din X Din Hi-Z Hi-Z I/O D8 to D15 Hi-Z Dout Dout Hi-Z Din Din X Hi-Z Hi-Z
Remark
X
: Don't Care
Hi-Z : High impedance
6
PD16662
2. 8 bit data bus (BMODE = H)
D0 to D7 00000H
Addresses proceed as shown on right.
00001H 00002H : : :
/CS
/OE
/WE
MODE D0 to D7
I/ O D8 to D15 Note Note Note Note
H L L L
X L H H
X H L H
Not Selected Read Write Output disable
Hi-Z Dout Din Hi-Z
Remark
X
: Don't Care
Hi-Z : High impedance Note Use D8 - D15 and /UBE to open or connect to the GND because they are internally pulled down when BMODE = H.
7
PD16662
Relationship between data bits and pixels
As the display is in four gray scales, each pixel consists of two bits. The RAM is configured with four pixels (8 pixels per word) using the packed pixel system. (1) BMODE = L Bytes (8 bits) access
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
1 Pixel
2 Pixel 00000H
3 Pixel
4 Pixel
5 Pixel
6 Pixel 00001H
7 Pixel
8 Pixel
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel
Liquid-Crystal panel
00000H 00001H 00002H 00003H
Words (16 bits) access
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
1 Pixel
2 Pixel
3 Pixel
4 Pixel
5 Pixel
6 Pixel
7 Pixel
8 Pixel
00000H
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel
Liquid-Crystal panel
00000H 00002H
(2) BMODE = H
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
1 Pixel
2 Pixel
3 Pixel
4 Pixel
5 Pixel
6 Pixel
7 Pixel
8 Pixel
00000H
00001H
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel Pixel
Liquid-Crystal panel
00000H 00001H 00002H 00003H
8
PD16662
Gray scale control
The PD16662 gray scale control realizes 25 levels of the gray scale pallet through frame thinning and pulse width modulation. It chooses four gray scales and records them in the gray scale pallet register before use.
Gray scale pallet register
Through the use of the gray scale pallet register, four gray scales are pre-selected from 25 levels. The gray scale pallet register is allocated in addresses 1FFF0H to 1FFFFH, and the relationship between the register and the gray scale data is shown in the following table. The initial values are also allocated as below. The gray scale pallet register can set each column/driver configuration position (No.0 to 3) decided by PL0 and PL1.
Address Configuration position No. 1FFF0H 1FFF1H 1FFF2H 1FFF3H 1FFF4H 1FFF5H 1FFF6H 1FFF7H 1FFF8H 1FFF9H 1FFFAH 1FFFBH 1FFFCH 1FFFDH 1FFFEH 1FFFFH No.3 No.2 No.1 No.0 Gray scale data (Display data) Dn+1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
Note
Initial value
Dn
Note
0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
00000B 01000B 10000B 11000B 00000B 01000B 10000B 11000B 00000B 01000B 10000B 11000B 00000B 01000B 10000B 11000B
Note n = 0, 2, 4, 6
9
PD16662
Relationship between gray scale and gray scale pallet data
The relationship between the gray scale and the gray scale pallet data that is set by the gray scale pallet register is as follows.
PMODE D4 Pixel 0 Pixel 1 Pixel 2 Pixel 3 Pixel 4 Pixel 5 Pixel 6 Pixel 7 Pixel 8 Pixel 9 Pixel 10 Pixel 11 Pixel 12 Pixel 13 Pixel 14 Pixel 15 Pixel 16 Pixel 17 Pixel 18 Pixel 19 Pixel 20 Pixel 21 Pixel 22 Pixel 23 Pixel 24 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 Gray scale palette data D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 ON 2/3 1/3 OFF Remark
10
PD16662
LSI arrangement and address management
Addresses can be managed to allow up to four of these LSIs to be used to configure a liquid-crystal display of up to half VGA size (320 x 480 dots). Up to four of these LSIs can be connected on the same bus sharing the /CS, /WE, and /OE pins. On the system side, one screen of the liquid crystal display can be treated as one memory area, and it is not necessary to decode for more than one PD16662. The PL0 and PL1 pins are used to specify LSI No. and to determine the LSI arrangement. The DIR pins are used to determine the directions (vertical, horizontal) of the liquidcrystal display.
PL1 0 0 1 1 PL0 0 1 0 1 LSI No. No. 0 No. 1 No. 2 No. 3
1. Addresses of the VGA half-size horizontally (DIR = "0")
Specified with A7 to A0 Column Specified with A16 to A8 Row 09E00 X160 09F00 X1 0A000 0A100 Row 13E00 X160 13F00 Y240 Column 13F02 13F38 No.1 13E3A 13F3A 13E3C 13F3C 13F3E Column 13F74 09F02 0A002 09F38 0A038 Y1 X1 00000 00100 No.0 09E3A 09F3A 0A03A 0A13A 09E3C 09F3C 0A03C 0A13C No.3 13E76 13F76 Y1 09F3E 0A03E 09F74 0A074 00002 00038 Y240 Y1 0003A 0013A 0003C 0013C No.2 09E76 09F76 0A076 0A176 0003E 00074 Column Y240 00076 00176
Y1 Y240
11
12
Specified with A7 to A0
Column
Column
Y1 0003E 0003A 0013A 00100 00038 0013C 0003C 00002 00000
Y240 Y1
Y240 X160
00076
00074
00176
No.2
No.0
Row
Specified with A16 to A8
09E76 09F3E 0A03E 0A13C 0A13A 0A03C 0A03A 0A038 09F3C 09F3A 09F38
09E3C
09E3A 09F02 0A002
09E00 09F00 0A000 0A100 X1 X160
2. Addresses of the VGA half-size horizontally (DIR = "1")
09F76
09F74
0A076
0A074
0A176
No.3
No.1
Row
13E76 13F3E 13F3C
13E3C
13E3A 13F3A 13F38 13F02
13E00 13F00 Y1 X1
13F76
13F74
Y240
Y1 Y240
Column
Column
PD16662
PD16662
CPU Interface
1. Function of the RDY (Ready) pin The built-in RAM is a single-port RAM. To prevent contention between the access from the CPU side and the reading by the liquid-crystal drive side, the RDY pin performs a Wait operation on the CPU.
*
* Timing
A0 - A16, /UBE
/CS
/OE, /WE Hi-Z Hi-Z
RDY
Wait
Ready
Wait
* Connection of the RDY pin The RDY pin uses a three-state buffer. The RDY pin should be connected to an external pull-up resister. If more than one LSI are used, the RDY pins of each LSI are wired together.
VCC2
CPU Ready input
Pull-up resister RDY Column driver
RDY
Column driver
13
PD16662
*
2. Access Timing (1) Display data read timing
A16 - A0
/UBE
/CS
/OE Hi-Z Hi-Z
RDY
D15 - D0
Hi-Z
Dout
Hi-Z
(2) Display data write timing
A16 - A0
/UBE
/CS
/OE RDY Hi-Z Hi-Z
D15 - D0
Din
(3) Gray scale pallet data write timing
A16 - A0
/UBE
/CS
/OE Hi-Z
RDY
D4 - D0
Din
14
PD16662
Liquid-Crystal Timing Generation
1. Reset State If the circuit is placed in the reset state, the internal counter is zero-cleared. After cancelling the reset, the display OFF function operates during the 4-frame cycle even when the /DOFF pin is at H.
/RESET 1 /FRM 2 3 4 5 6
/DOUT
Internal State Display OFF Display ON
15
PD16662
2. Liquid-Crystal Timing Generating Circuit If the circuit is set to Master mode when MS = H, the /FRM and STB signals are generated timed with a duty ratio 1/160. Generates the driver drive voltage selection signals L1 and L2 for the row driver. The /FRM is generated twice per frame. The STB is generated 81 times per half a frame; and 162 times per frame. * Generation of /FRM and STB signals
OSC1 PLUSE STB 1 2
/FRM
STB 81 1 2 81 1 Frame 2 81 1 2
* Generation of L1 and L2 signals STB L1 L2 1 1 1 2 1 0 3 1 1 4 1 0 ... ... ... 1 1 0 2 1 1 3 1 0 4 1 1 ... ... ... 1 0 0 2 0 1 3 0 0 4 0 1 ... ... ... 1 0 1 2 0 0 3 0 1 4 0 0 ... ... ...
16
PD16662
Self diagnostic function
This is a function to check whether the timing of each column/driver has deviated due to external noise. The slave chip compares the L1 and L2 generated internally with the L1 and L2 of the master chip, and when there is discordance, it sends a total column/driver refresh signal. When a refresh signal is received, the internal reset is activated and timing is initialized. In this case, the /REFRH = L time and the four frame interval display are turned OFF. The L1, L2 discordance will be monitored at the rising edge of the FRM once every 1/2 frame.
L1 (Master) discrepancy L2 (Master) L1 (Slave) L2 (Slave)
discrepancy
/REFRH initialization initialization
* Block configuration drawing (slave side)
/RESET Internal reset
/REFRH Self-diagnosis circuit
L1 L2
Internal L1 signal Internal L2 signal
17
PD16662
System Configuration Example
An example of configuring a liquid-crystal panel of VGA half-size (480 x 320 dots lengthwise) by using four LSIs and two row drivers. * Each column driver sets the LSI No. with PL0, PL1 pins. * The DIR pins of each column driver are all set to low level. * Only one of the column drivers is set to the master; all the others are set to the slave. Signals are supplied from the master column driver to the slave column driver and to the row driver. * Connect a resistor for the oscillator to the OSC1 and OSC2 pins of the master. Leave the OSC1 and OSC2 pins of the slave open. * The signals from the system (D0 through D15, A0 through A16, /CS, /OE, /WE, /UBE, RDY, /RESET, and /DOFF) are connected to all the column drivers in parallel. Connect a pull-up resistor to the RDY signal. * The TEST pin is used to test the LSI. Open or connect this pin to GND when the system is configured.
VCC2 RDY /DOFF /RESET D0 - D15 A0 - A16 Control (/CS, /OE, /WE, /UBE)
OSC1
PULSE STB /FRM /DOUT, /DOFF ' L1 L2 /REFRH Y1
Master No.1
OSC2
Slave No.1 Y240 Y1 Y240
Row driver
160
Scanning direction
Row driver
160
Scanning direction
Y240 Slave No.1
Y1 Y240 Slave No.1
Y1
Remark The /DOFF' pin is an input pin of PD16667.
18
PD16662
Chip set power-ON sequence
It is recommended to turn on power in the following sequence: VCC2 VCC1 input VDD, VEE V1, V2 Be sure to turn on LCD driving power supplies V1 and V2 last.
ON VCC2 OFF ON 4.5 V
VCC1
OFF 0 s MIN. 0V
CPU I/F Note1 (A0 - A16, /CS, /OE, /WE, /UBE, D0 - D15, /DOFF) /RESET
3.3 V
3.3 V 0V 0.3 VCC2 0 s MIN. 100 ns MIN. ON VDD Note2 OFF OFF VEE Note2 ON 0 s MIN. V1 OFF ON V2 OFF ON
Notes 1. It is possible to input the selected pins (Pl0, PL1, DIR, MS, and BMODE) at the same time as VCC2. 2. It is not necessary to have VDD and VEE ON at the same time. VDD and VEE are the liquid crystal power supply of row driver. Caution Turn off power to the chip set in the reverse sequence to the turn-on sequence.
19
PD16662
Example of layout of internal Schottky barrier diode of module to reinforce power supply protection
(Use a Schottky barrier diode with Vf = 0.5 V MAX.)
VDD
VCC1
V2
V1
V0
VSS
VEE
Include the diodes enclosed in the dotted line in the above figure when V0 is not 0 V (GND).
Note VDD and VEE are the liquid crystal power supply of row driver.
20
PD16662
Electrical specifications
1. Absolute Maximum Ratings (TA = +25 C)
Parameter Supply voltage (1) Supply voltage (2) Input/Output voltage (1) Input/Output voltage (2) Input/Output voltage (3) Operating temperature Storage temperature Symbol VCC1 VCC2 VI/O1 VI/O2 VI/O3 TA Tstg. -0.5 to +6.5 -0.5 to +4.5 -0.5 to VCC1 +0.5 -0.5 to VCC2 +0.5 -0.5 to VCC1 +0.5 -20 to +70 -40 to +125 Rating Unit V V V V V C C Notes 1 2 1 2 3, 4
Notes 1. 5 V power signal (/FRM, STB, /DOUT, L1, L2, PULSE) 2. 3.3 V power signal (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH) 3. Liquid-crystal drive powers (V0, V1, V2, Y1 to Y240) 4. V0 < V1 < V2 2. Recommended Operating Range (TA = 20 to +70 C, VO = 0 V)
Parameter Supply voltage (1) Supply voltage (2) Input voltage (1) Input voltage (2) V1 Input voltage V2 Input voltage Symbol VCC1 VCC2 VI1 VI2 V1 V2 ROSC MIN. 4.5 3.0 0 0 V0 V1 30 62 TYP. 5.0 3.3 MAX. 5.5 3.6 VCC1 VCC2 V2 VCC1 90 Unit V V V V V V k 1 2 Notes
*
External resistance for OSC
Notes 1. 5 V power signal (/FRM, STB, L1, L2, PULSE) 2. 3.3 V power signal (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH)
21
PD16662
3. DC Characteristics (Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V. V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20 to +70 C)
Parameter High-level input voltage (1) Low-level input voltage (1) High-level input voltage (2) Low-level input voltage (2) High-level output voltage (1) Low-level output voltage (1) High-level output voltage (2) Low-level output voltage (2) High-level output voltage (3) Low-level output voltage (3) High-level output voltage (3) Low-level output voltage (3) Input leakage current (1) VCC2 VCC1 VCC2 VCC1 Symbol VIH1 VIL1 VIH2 VIL2 VIH3 VIL4 VOH1 VOL1 VOH2 VOL3 VOH3 VOL3 II1 VCC2 -0.4 0.4 10 VCC1 -0.4 0.4 VCC1 -0.4 0.4 0.8 VCC2 0.2VCC2 0.7 VCC2 0.3VCC2 MIN. 0.7 VCC1 0.3VCC1 TYP. MAX. Unit V V V V V V V V V V V V IOH = -1 mA IOL = 2 mA IOH = -2 mA IOL = 4 mA IOH = -1 mA IOL = 2 mA Without TEST pin, VI = VCC2 or GND Input leakage current (2) II2 10 40 100 Remark Notes 1 1 2 2 4 4 3 3 1 1, 4 5 5
A A A A A A
Pull down (TEST pin ) VI = VCC2
Current consumption for display operation (1) Current consumption for display operation (2) Current consumption for display operation (3) Current consumption for display operation (4) Liquid crystal drive output on resistance
VCC1
IMAS1
100
master
6
VCC2
IMAS2
250
master
6
VCC1
ISLV1
60
slave
6
VCC2
ISLV2
150
slave
6
RON
1
2
k
7
Notes 1. 5 V signal (/FRM, STB, L1, L2, PULSE) 2. 3.3 V signal (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET, /DOFF, TEST, BMODE) 3. /DOUT pin 4. /REFRH pin 5. D0 to 15, RDY, and OSC2 pins 6. With the frame frequency at 70 Hz without output load and CPU no access (D0 to D15, A0 to A16, /UBE = GND, /CS, /OE, /WE = VCC2) 7. This refers to the resistance value between a Y pin and a V pin (either of V0, V1 and V2) when the load current (ION = 100 A) is passed to a pin of Y1 to Y240.
22
PD16662
4. AC Characteristics 1 Display data transfer timing (1) Master mode (Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V. V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20 to +70 C, frame frequency 70 Hz (fOSC = 181.44 kHz), output load: 100 pF)
Parameter STB clock cycle time STB high-level width STB low-level width STB rise time STB fall time STB -/FRM delay time /FRM -STB delay time Symbol tCYC tCWH tCWL tR tF tPSF tPFS 20 20
tCYC tCWL tF tCWH tR 0.9 VCC1 0.1 VCC1 tPSF /FRM (Output) tPFS tPSF tPFS 0.9 VCC1 0.1 VCC1
MIN. 87 43 43
TYP. 16/fOSC 8/fOSC 8/fOSC
MAX.
Unit
Remark
s s s
100 100 ns ns
s s
STB (Input)
23
PD16662
(2) Slave mode (Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V. V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20 to +70 C)
Parameter STB clock cycle time STB High-level width STB low-level width STB rise time STB fall time /FRM setup time /FRM hold time Symbol tCYC tCWH tCWL tR tF tSFR tHFR 1 1
tCYC tCWL tF tCWH tR 0.7 VCC1 0.3 VCC1 tSFR /FRM (Output) tHFR tSFR tHFR 0.7 VCC1 0.3 VCC1
MIN. 10 4 4
TYP.
MAX.
Unit
Remark
s s s
150 150 ns ns
s s
STB (Input)
24
PD16662
(3) Items common to the master and slaves (Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V. V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20 to +70 C)
Parameter Output delay time (L1, L2, /DOUT) Output delay time (Y1 to Y240) Symbol tDOUT1 tDOUT2 MIN. TYP. 50 90 MAX. 100 150 Unit ns ns Remark Without output load Without output load
STB (Output)
0.9 VCC1
tDOUT1 L1, L2 /DOUT
tDOUT1 0.9 VCC1
tDOUT2 0.9 V2
tDOUT2
0.1 V2 Y1 - Y240 0.9 V2 0.1 V2
25
PD16662
5. AC Characteristics 2 Graphic Access Timing (Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 3.0 to 3.6 V. V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V, TA = -20 to +70 C, tr = tf = 5 ns)
Parameter /OE, /WE recovery time Address setup time Address hold time RDY output delay time Symbol tRY tAS tAH tRYR tRYZ tRYW tRYF1 tRYF2 tACS tHZ tCSOE tOECS tWP1 tWP2 tDW tDH tCSWE tWECS tWRES tRDOE tRDWE 10 20 50 50 20 20 10 20 100 - - 60 650 MIN. 30 10 20 30 30 35 100 1,200 100 40 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns - - 4 4 1 1 CL = 15 pF 3 1 1 1 2 3 Remark Notes
* *
RDY float time Wait state time Ready state time (without contention) Ready state time (with contention) Data access time (Read cycle)
*
Data float time (Read cycle) /CS - /OE time (Read cycle) /OE - /CS time (Read cycle) Write pulse width 1 (Write cycle 1) Write pulse width 2 (Write cycle 2) Data setup time (Write cycle 1, 2) Data hold time (Write cycle 1, 2) /CS - /WE time (Write cycle 1, 2) /WE - /CS time (Write cycle 1, 2) Reset pulse width RDY - /OE time RDY - /WE time
Notes 1. Load circuit
VCC2 1.8 k
2. Load circuit
VCC2 1.8 k
1.0 k
60 pF
1.0 k
100 pF
*
3. Load circuit
VCC2 1.8 k
1.0 k
5 pF
4. The display may be affected if the time from the rising of RDY to /OE or /WE is too long. It is recommended that tRDOE and tRDWE be 1,000 ns MAX.
26
PD16662
/OE, /WE recovery time
tRY 0.7 VCC2 /OE, /WE 0.3 VCC2
*
Read cycle
A16 - D0 /UBE tAS /CS 0.3 VCC2 tOECS /OE tRYR RDY Hi-Z 0.1 VCC2 tACS tHZ OUT 0.9 VCC2 0.1 VCC2 tRYF tRDOE 0.3 VCC2 tRYW 0.9 VCC2 Hi-Z 0.1 VCC2 tOECS 0.7 VCC2 tRYZ tAH 0.7 VCC2 0.3 VCC2
D15 - D0
27
PD16662
*
Write cycle 1 (Display data write)
A16 - A0 /UBE
0.7 VCC2 0.3 VCC2 tAS 0.3 VCC2 tCSWE tRDWE 0.3 VCC2 tRYR tRYF tRYW 0.9 VCC2 0.1 VCC2 tWP 0.7 VCC2 0.3 VCC2 tDH Hi-Z 0.1 VCC2 tWECS 0.7 VCC2 tRYZ tAH
/CS
/WE
RDY
Hi-Z
D15 - D0
IN tDW
Write cycle 2 (Gray scale pallet data write)
A16 - A0 /UBE 0.7 VCC2 0.3 VCC2 tAS tAH
/CS
0.3 VCC2 tCSWE tWECS 0.7 VCC2 0.3 VCC2 tWP2
/WE
RDY
Hi-Z
D15 - D0
IN tDW tDH
0.7 VCC2 0.3 VCC2
28
PD16662
Reset pulse width
/RESET tWRES
0.3 VCC2
6. AC Characteristics 3 CR Oscillator (VCC2 = 3.0 to 3.6 V, TA = -20 to +70 C)
Parameter Oscillation frequency Frame frequency Symbol fOSC - MIN. 160 61.7 TYP. 190 73.3 MAX. 220 84.9 Unit kHz Hz Remark External resistance: 62 k External resistance: 62 k
Relation between oscillation frequency, frame frequency, and STB frequency
The relation between the oscillation frequency, frame frequency, and STB frequency is as follows: 1 Frame frequency = 162 x 2 x 8 1 STB frequency = 2x8 x Oscillation frequency x Oscillation frequency
29
PD16662
* Package drawings
Standard TCP package (PD16662N - 051)(1/3)
30
PD16662
Standard TCP package (PD16662N - 051)(2/3) Detail of output side test pad and alignment mark
From PC 0.95 0.24 0.35 0.35 0.3 0.15 0.3 0.15 0.3 0.15 26.5 P0.2
From PC
Detail of cross mark
Right and Left 0.3 0.05 0.05 0.02
0.05 0.02
16.25 16.25
0.6 0.015 0.4 0.015
Center 0.6 0.05 0.05 0.02
0.05 0.02
Output leads Cu pattern is on the backside of the tape
TCP tape winding direction
0.6 0.05
Unwinding Direction Winding Direction
0.6 0.05
31
PD16662
Standard TCP package (PD16662N - 051) (3/3) Pin connection
NC NC NC Y1 Y2 Y3 Y118 Y119 Y120 NC NC NC NC Y121 Y122 Y123 Y238 Y239 Y240 NC NC NC No.1 No.2 No.3 No.4 No.5 No.6
No.1 No.2 No.3 No.4 No.5 No.6 No.7 No.8 No.9 No.10 No.11 No.12 No.13 No.14 No.15 No.16 No.17 No.18 No.19 No.20 No.21 No.22 No.23 No.24 No.25 No.26 No.27 No.28 No.29 No.30 No.31 No.32 No.33 No.34 No.35 No.36 No.37 No.38 No.39 No.40 No.41 No.42 No.43 No.44 No.45 No.46 No.47 No.48 No.49 No.50 No.51 No.52 No.53 No.54 No.55 No.56 No.57 No.58 No.59 No.60 No.61 No.62 No.63 No.64 No.65 No.66 No.67 No.68 No.69 No.70 No.71 No.72 No.73
NC V0 V1 V2 GND VCC1 L1 L2 /DOUT STB /FRM PULSE GND VCC2 MS BMODE TEST /DOFF RDY /WE /OE /CS /UBE /RESET /REFRH PL1 PL0 DIR GND OSC2 OSC1 VCC2 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 GND VCC2 GND VCC1 V2 V1 V0 NC
DIE : FACE DOWN
No.121 No.122 No.123 No.124 No.125 No.126 No.127 No.128 No.129 No.130
No.245 No.246 No.247 No.248 No.249 No.250
32
PD16662
[MEMO]
33
PD16662
[MEMO]
34
PD16662
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it.
2 HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices.
3 STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
35
PD16662
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPD16662

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X